Part Number Hot Search : 
TDA75 256EI WCB30C2 D1937 RT7237B OP240SL AN8049SH 2SD113
Product Description
Full Text Search
 

To Download TX-5B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TX-5B/rx-5b hangzhou?silan?microelectronics?co.,ltd rev:2.1???????2004.08.03 http : www.silan.com.cn ????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?1?of?10 toy?car?remote?controller?with?nine?functions dip-22 dip-16 sdip-22 description ???the? TX-5B/rx- 5b? are? a? pair? of? cmos? lsis? designed? for? remote controlled? car? applications.? they? have? nine? control? keys? controlling the? motions? (i.e.? forward,? backward,? rightward,? leftward,? trigger? 1-- trigger? 4? functions? and? the? turbo? function)? of? the? remote? controlled car. the?TX-5B?is?housed?in?dip-16?package,?and?the?rx- 5b?is?housed in?dip-22?package. features ?*?wide?operating?voltage?range ????????TX-5B:??(vdd=2.2~12.0v) ????????rx-5b:?(vdd=3.0~12.0v) *?very?low?stand-by?current?for?TX-5B *?auto-power-off?function?for?TX-5B ??*?few?external?components?are?needed ??*?built-in?3.6v?zener?for?rx-5b ??*?9?functions?remote?controller?controlling:?forward,?backward,?right, ????left,??turbo,?trigger?1--?trigger?4?functions ordering?information device package dip-16-300-2.54 dip-22-400-2.54 TX-5B/rx-5b sdip-22-300-2.54 block?diagram oscillator latch circuit encoding ?circuit timing generator logic osci osco right left turbo forward backward pc so sc test gnd v dd f34 14 13 1 16 6 5 4 2 12 10 7 11 3 8 15 9 f1 f2 TX-5B?block?diagram
TX-5B/rx-5b hangzhou?silan?microelectronics?co.,ltd rev:2.1???????2004.08.03 http : www.silan.com.cn ????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?2?of?10 block?diagram (continued) lrtd vt si osco osci gnd 4 5 3 11 10 2 turbo backward forward v dd 14 8 6 16 18 19 control ?logic decoding ?circuit amp timing ?generator pla counter latch circuit vo2 vi2 22 1 vo1 vi1 20 21 oscillator f3 f4 15 17 right left 9 7 f1 f2 13 12 ldb rdb rx-5b?block?diagram absolute?maximum?ratings characteristics symbol value unit dc?supply?voltage v dd 0.3?~?5.0 v input/output?voltage v in ,v out gnd-0.2v?~?v dd +0.2v v operating?temperature t opr -10?~?+60 c storage?temperature t stg -25~+125 c comment never?allow?a?stress?to?exceed?the?values?listed?under?"absolute?maximum?ratings",?otherwise?the?device would?suffer?from?a?permanent?damage.?nor?is?a?stress?at?the?listed?value?be?allowed?to?persist?over?a?period, since?an?extended?exposure?to?the?absolute?maximum?rating?condition?may?also?affect?the?reliability?of?the?device, if?not?causing?a?damage?thereof. electrical?characteristics TX-5B (v dd =9v,?f osc =128khz,?t amb =25 c,?unless?otherwise?specified.) characteristics symbol min. typ. max. unit operating??voltage v dd 2.2 9.0 12.0 v operating??current i dd -- -- 1.5 ma stand-by?current i stb -- 1.0 1000 m a dc?o/p?driving?current(rf) i drive -- 10.0 -- ma ac?o/p?driving?current(ir) i drive -- 6.0 -- ma ac?o/p?frequency f audio -- 500 -- hz
TX-5B/rx-5b hangzhou?silan?microelectronics?co.,ltd rev:2.1???????2004.08.03 http : www.silan.com.cn ????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?3?of?10 rx-5b (v dd =9v,?f osc =128khz,?t amb =25 c,?unless?otherwise?specified.) characteristics symbol min. typ. max. unit operating??voltage v dd 3.0 9.0 12.0 v operating??current i dd -- 30.0 -- ma o/p?driving?current i drive 5.0 -- -- ma o/p?driving?current(f1,f2) i df 5.0 -- -- ma effect?decoding??frequency?variation f tolerance -50% -- 50% -- pin?configuration pin?description TX-5B pin?no. symbol description 1 right the?rightward?function?will?be?selected?when?this?pin?is?connected?to?gnd 2 test this?pin?is?used?for?testing?mode 3 gnd negative?power?supply 4 backward the?backward?function?will?be?selected?when?this?pin?is?connected?to?gnd 5 forward the?forward?function?will?be?selected?when?this?pin?is?connected?to?gnd 6 turbo the?turbo?function?will?be?selected,?if?this?pin?is?connected?to?gnd 7 sc output?pin?of?the?encoding?signal?with?carrier?frequency 8 f34 f3?and?f4?function?select?(sequential?trigger) 9 f2 f2?function?select 10 so output?pin?of?the?encoding?signal?without?carrier?frequency 11 v dd positive?power?supply 12 pc power?control?output?pin 13 osco oscillator?output?pin 14 osci oscillator?input?pin 15 f1 f1?function?select 16 left the?leftward?function?will?be?selected?when?this?pin?is?connected?to?gnd
TX-5B/rx-5b hangzhou?silan?microelectronics?co.,ltd rev:2.1???????2004.08.03 http : www.silan.com.cn ????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?4?of?10 rx-5b pin?no. symbol description 1 vo2 inverter?2?output?pin?for?signal?amplify 2 gnd negative?power?supply 3 si input?pin?of?the?encoding?signal 4 osci oscillator?input?pin 5 osco oscillator?output?pin 6,8,17,15 f1,?f2,f3,f4 f1,f2,f3,f4?function?output?pin 7 right rightward?output?pin 9 left leftward?output?pin 10 vt auto?shut-off?input?pin. if?vt?voltage?exceeds?1.4v,?all?outputs?shut?off?automatically. 11 rdb right?disable?pin. 12 ldb left?disable?pin. 13 lrtd left/right?turbo?disable?pin 14 backward backward?output?pin 16 forward forward?output?pin 18 turbo turbo?output?pin 19 v dd positive?power?supply 20 vi1 inverter?1?input?pin?for?signal?amplify 21 vo1 inverter?1?output?pin?for?signal?amplify 22 vi2 inverter?2?input?pin?for?signal?amplify function?description the?TX-5B/rx-5b?are?a?pair?of?cmos?lsis?designed?for?remote?controlled?car?applications.?the?TX-5B/rx-5b have?nine?control?keys?controlling?the?motions?(i.e.?forward,?backward,?rightward,?leftward,?and?trigger1--trigger4 functions?and?the?turbo?function)?of?the?remote?controlled?car. 1.?over-current?protection an?auto?shut-off?mechanism?is?built-in?according?to?toy?safety?requirement?and?effective?during?over-current situation?in?motor?driver.?the?active?high?input?applying?to?this?auto?shut-off?pin?will?turn?off?the?motor.?(vt?pin, when?unused,?has?to?be?connected?to?ground.?the?transfer?point=1.4v) 2.?data?format f1="1" 500hz,?3/4?duty f0="0" 500hz,?1/4?duty 3.?coding?method 3.1?when?a?trigger?pin?is?triggered,?its?data?code?will?correspond?to?the?data?format?of?"f1",?while?the?remaining pins?will?have?the?data?format?of?"f0". 3.2.?data?string:?start?code?+?data?code?+parity?code?+?end?code ???????start?code?=?f1??f1??f1??f1??f0 ???????data?code?=
TX-5B/rx-5b hangzhou?silan?microelectronics?co.,ltd rev:2.1???????2004.08.03 http : www.silan.com.cn ????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?5?of?10 f b t r l f1? f3? f4? f2 f?=?forward b?=?backward t?=?turbo r?=?right l?=?left f1?=?function1 f2?=?function2 f3?=?function3 f4?=?function4 ???parity?code?=?for?parity?check ???end?code?=?for?(latch?data) ???*?data?code?can?be?any?combination?of?f,b,t,r,l,f1,f2,f3,f4?except?for??f&b,?r&l,?f3&f4. output?tables output?status function f b t r l f1 f2 f3 f4 forward h left+forward h h right+forward h h turbo h turbo+forward h h turbo+left+?forward h h h turbo+right+forward h h h backward h h backward+right h h backward+left h turbo+backward h h h trubo+backward+right h h h turbo+backward?+left h h left h right h function1 h forward+function1 h h forward+turbo+func1 h h h turbo+func1 h h backward+func1 h h backward+turbo+func1 h h h left+forward+func1 h h h right+forward+func1 h h h left+?backward?+func1 h h h right+?backward?+func1 h h h left+function1 h h right+function1 h h note:?(1)??in?the?table,?blank=f0.?rows?from?"function1"?to?"right+function1"?(the?last?row)?are?similar?for function2,?function2,?function2.?thus,?we?can?see?from?the?table?that?we?have?more?than?50 states?of?function?combinations?from?8?control?keys. ???????????(2)??h?=?high?level.
TX-5B/rx-5b hangzhou?silan?microelectronics?co.,ltd rev:2.1???????2004.08.03 http : www.silan.com.cn ????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?6?of?10 ???????????(3)??lrtd?pin?functions?as?an?option?pin?for?left/right?turbo?disable.?please?refer?to?the?following?table. "lrtd" key?selected output?function high?(open) forward+left?(right)+?turbo forward+left?(right)+?turbo low forward+left?(right)+?turbo forward+left?(right) testing?circuit (fosc?for?rx-5b ? 128khz,?fosc?for?TX-5B ? 128khz) TX-5B?output?pin?(so)?has?an?inverted?phase?with rx-5b? input? (si).? if? TX-5B&rx-5b? are? connected without? using? a? rf? module,? an? inverter? has? to? be inserted?between?these?2?pins,?as?shown?below. 11 10 TX-5B so vdd 15 3 rx-5b si vdd vdd v dd connect?directly TX-5B? f34? is? sequential? trigger? pin,? it? controls f3&f4?output?at?the?receiver. f34b (tx?input) f3 (rx?output) f4 (rx?output) rx-5b?r6,?index v dd r6 12 270 w 9 180 w 6 68 w
TX-5B/rx-5b hangzhou?silan?microelectronics?co.,ltd rev:2.1???????2004.08.03 http : www.silan.com.cn ????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?7?of?10 typical?application?circuit transmitter?(TX-5B?fosc ? 128khz) receiver?(rx-5b?fosc ? 128khz) 19 20 18 22 21 c9 220 - f c8 47 - f d1?in4148 r6 ?270 ? r5 ?100 ? r4 ?3.3k ? c7 47 - f c12 500pf r7 ?330 ? c11 0.01 - f r9 ?3.3k ? c10 0.1 - f l1 c4 0.01 - f r2 ?3.3k ? r1 ?5.6k ? c3 47pf c1 10pf c2 15pf t1 r3 ?1.2k ? c5 3.3 - f c6 0.002 - f l2 r10 ?3.9m ? r8 ?3.9m ? rx-5b for- ward turbo v dd vi1 vo1 vi2 17 16 2 1 4 3 5 r13 ?3.3k ? r14?110k ? fosc=128khz c13 0.002 - f vo2 gnd si osci osco f1 6 7 15 12 14 13 vt lrtd back- ward 11 8 10 9 c14 10 - f r15 ?1m ? d2?in4148 r17?330 ? r18?330 ? r16 ?1 ? right f2 left rdb ldb f4 f3 m1 12v sw c15 100 - f r22 100 ? r23 330 ? motor t10 t11 t9 t7 t8 t6 r21 330 ? r11?330 ? r12?330 ? r24 10 ? (1w) r20 ?100 ? r19 220 ? m2 0v motor t2 t5 t3 t4 c17?0.1 - f r25 220 ?
TX-5B/rx-5b hangzhou?silan?microelectronics?co.,ltd rev:2.1???????2004.08.03 http : www.silan.com.cn ????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?8?of?10 package?outline dip-16-300-2.54 unit:?mm dip-22-400-2.54 unit:?mm
TX-5B/rx-5b hangzhou?silan?microelectronics?co.,ltd rev:2.1???????2004.08.03 http : www.silan.com.cn ????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?9?of?10 package?outline?(continued) sdip-22-300-2.54??????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????unit:?mm 6 . 6 0 0 . 2 5 4 . 3 6 m a x 3 . 0 0 m i n 7 . 6 2 0 . 2 5 0 . 0 5 0 . 5 1 m i n handling?mos?devices: electrostatic?charges?can?exist?in?many?things.?all?of?our?mos?devices?are?internally?protected?against electrostatic?discharge?but?they?can?be?damaged?if?the?following?precautions?are?not?taken: persons?at?a?work?bench?should?be?earthed?via?a?wrist?strap. equipment?cases?should?be?earthed. all?tools?used?during?assembly,?including?soldering?tools?and?solder?baths,?must?be?earthed. mos?devices?should?be?packed?for?dispatch?in?antistatic/conductive?containers.


▲Up To Search▲   

 
Price & Availability of TX-5B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X