Part Number Hot Search : 
MAX4530 6M006 C5832 SMDA24C LZ24BP 03140 2SA30 MS05J
Product Description
Full Text Search
 

To Download STP80NF10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  STP80NF10 n - channel 100v - 0.014 w - 80a to-220 low gate charge stripfet ? power mosfet preliminary data n typical r ds(on) = 0.014 w n exceptional dv/dt capability n 100% avalanche tested n application oriented characterization description this mosfet series realized with stmicroelectronics unique stripfet process has specifically been designed to minimize input capacitance and gate charge. it is therefore suitable as primary switch in advanced high-efficiency, high-frequency isolated dc-dc converters for telecom and computer applications. it is also intended for any applications with low gate drive requirements. applications n high-efficiency dc-dc converters n ups and motor control ? internal schematic diagram april 2000 absolute maximum ratings symbol parameter value unit v ds drain-source voltage (v gs = 0) 100 v v dgr drain- gate voltage (r gs =20k w ) 100 v v gs gate-source voltage 20 v i d drain current (continuous) at t c =25 o c80a i d drain current (continuous) at t c = 100 o c50a i dm ( ? ) drain current (pulsed) 320 a p tot total dissipation at t c =25 o c 210 w derating factor 1.4 w/ o c dv/dt( 1 ) peak diode recovery voltage slope 9 v/ns e as ( 2 ) single pulse avalanche energy 245 mj t stg storage temperature -65 to 175 o c t j max. operating junction temperature 175 o c ( ? ) pulse width limited by safe operating area (2) starting tj = 25 o c, i d =80a , v dd = 50v (1) i sd 68 a, di/dt 300a/ms, v dd v (br)dss ,tj t jma type v dss r ds(on) i d STP80NF10 100 v < 0.018 w 80 a 1 2 3 to-220 1/6
thermal data r thj-case r thj-amb t l thermal resistance junction-case max thermal resistance junction-ambient max maximum lead temperature for soldering purpose 0.71 62.5 300 o c/w o c/w o c electrical characteristics (t case =25 o c unless otherwise specified) off symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d =250 m av gs = 0 100 v i dss zero gate voltage drain current (v gs =0) v ds =maxrating v ds =maxrating t c =125 o c 1 10 m a m a i gss gate-body leakage current (v ds =0) v gs = 20 v 100 na on ( * ) symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds =v gs i d = 250 m a 234v r ds(on) static drain-source on resistance v gs =10v i d = 40 a 0.014 0.018 w i d(o n) on state drain current v ds >i d(o n) xr ds(on )ma x v gs =10v 80 a dynamic symbol parameter test conditions min. typ. max. unit g fs ( * )forward transconductance v ds >i d(o n) xr ds(on )ma x i d =40 a 20 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds =25v f=1mhz v gs = 0 4300 600 240 pf pf pf STP80NF10 2/6
electrical characteristics (continued) switching on symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on delay time rise time v dd =50v i d =40a r g =4.7 w v gs =10v (resistive load, see fig. 3) 40 145 ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd =80v i d =80a v gs = 10 v 140 23 51 nc nc nc switching off symbol parameter test conditions min. typ. max. unit t d(off) t f turn-off delay time fall time v dd =27v i d =40a r g =4.7 w v gs =10v (resistive load, see fig. 3) 134 115 ns ns t d(off) t f t c off-voltage rise time fall time cross-over time vclamp = 80 v i d =80a r g =4.7 w v gs =10v (inductive load, see fig. 5) 111 125 185 ns ns ns source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm ( ? ) source-drain current source-drain current (pulsed) 80 320 a a v sd ( * )forwardonvoltage i sd =80a v gs =0 1.5 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 80 a di/dt = 100 a/ m s v dd =50v t j =150 o c (see test circuit, fig. 5) 155 850 11 ns nc a ( * ) pulsed: pulse duration = 300 m s, duty cycle 1.5 % ( ? ) pulse width limited by safe operatingarea STP80NF10 3/6
fig. 1: unclamped inductive load test circuit fig. 3: switching times test circuits for resistive load fig. 2: unclamped inductive waveform fig. 4: gate charge test circuit fig. 5: test circuit for inductive load switching and diode recovery times STP80NF10 4/6
dim. mm inch min. typ. max. min. typ. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 d1 1.27 0.050 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.067 f2 1.14 1.70 0.044 0.067 g 4.95 5.15 0.194 0.203 g1 2.4 2.7 0.094 0.106 h2 10.0 10.40 0.393 0.409 l2 16.4 0.645 l4 13.0 14.0 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.2 6.6 0.244 0.260 l9 3.5 3.93 0.137 0.154 dia. 3.75 3.85 0.147 0.151 l6 a c d e d1 f g l7 l2 dia. f1 l5 l4 h2 l9 f2 g1 to-220 mechanical data p011c STP80NF10 5/6
information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specification mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. the st logo is a trademark of stmicroelectronics ? 2000 stmicroelectronics printed in italy all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - u.s.a. http://www.st.com STP80NF10 6/6


▲Up To Search▲   

 
Price & Availability of STP80NF10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X