Part Number Hot Search : 
111505 T6020 SP706S DS123 F421L CPC1726 DSWM5077 LBS12033
Product Description
Full Text Search
 

To Download SSG4410N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SSG4410N 13 a, 30 v, r ds(on) 13.5 m ? n-ch enhancement mode power mosfet 10-dec-2010 rev. b page 1 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. a h b m d c j k f l e n g description these miniature surface mount mosfets utilize a high cell densit y trench process to provide low r ds(on) and to ensure minimal power loss and heat dissipation. typical applications are dc-dc converters and power management in portable and battery-powered products such as comput ers, printers, pcmcia cards, cellular and cordless telephones. features ? low r ds(on) provides higher efficiency and extends battery life. ? low thermal impedance copper leadframe sop-8 saves board space. ? fast switching speed. ? high performance trench technology. package information package mpq leadersize sop-8 2.5k 13? inch maximum ratings (t a = 25 c unless otherwise specified) parameter symbol ratings unit drain-source voltage v ds 30 v gate-source voltage v gs 20 v i d @ t a = 25c 13 a continuous drain current 1 i d @ t a = 70c 11 a pulsed drain current 2 i dm 50 a continuous source current (diode conduction) 1 i s 2.3 a p d @ t a = 25c 3.1 w total power dissipation 1 p d @ t a = 70c 2.2 w operating junction & stor age temperature range t j , t stg -55 ~ 150 c thermal resistance ratings thermal resistance junction-case (max.) 1 t Q 5 sec r jc 25 c / w thermal resistance junction-ambient (max.) 1 t Q 5 sec r ja 50 c / w notes 1 surface mounted on 1? x 1? fr4 board. 2 pulse width limited by maximum junction temperature. g s s s d d d d sop-8 millimete r millimete r ref. min. max. ref. min. max. a 5.80 6.20 h 0.35 0.49 b 4.80 5.00 j 0.375 ref. c 3.80 4.00 k 45 d0 8 l 1.35 1.75 e 0.40 0.90 m 0.10 0.25 f 0.19 0.25 n 0.25 ref. g 1.27 typ.
elektronische bauelemente SSG4410N 13 a, 30 v, r ds(on) 13.5 m ? n-ch enhancement mode power mosfet 10-dec-2010 rev. b page 2 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics (t a = 25 c unless otherwise specified) parameter symbol min. typ. max. unit teat conditions static gate-threshold voltage v gs(th) 1 - - v v ds = v gs , i d = 250 a gate-body leakage i gss - - 100 na v ds = 0v, v gs = 20v - - 1 a v ds = 24v, v gs = 0v zero gate voltage drain current i dss - - 25 a v ds = 24v, v gs = 0v, t j = 55c on-state drain current 1 i d(on) 20 - - a v ds = 5v, v gs = 10v - - 13.5 v gs = 10v, i d = 10a drain-source on-resistance 1 r ds(on) - - 20 m ? v gs = 4.5v, i d = 8a forward transconductance 1 g fs - 40 - s v ds = 15v, i d = 10a diode forward voltage v sd - 0.7 - v i s = 2.3a, v gs = 0v dynamic 2 total gate charge q g - 12.5 - gate-source charge q gs - 2.6 - gate-drain charge q gd - 4.6 - nc i d = 10a v ds = 15v v gs = 4.5v input capacitance c iss 1191 output capacitance c oss 412 reverse transfer capacitance c rss 160 pf f = 1 mhz v ds = 15v v gs = 0v turn-on delay time t d(on) - 20 - rise time t r - 9 - turn-off delay time t d(off) - 70 - fall time t f - 20 - ns v dd = 25v i d = 1a v gen = 10v r l = 25 ? notes 1 pulse test pw Q 300 s duty cycle Q 2%. 2 guaranteed by design, not s ubject to production testing.
elektronische bauelemente SSG4410N 13 a, 30 v, r ds(on) 13.5 m ? n-ch enhancement mode power mosfet 10-dec-2010 rev. b page 3 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristics curve
elektronische bauelemente SSG4410N 13 a, 30 v, r ds(on) 13.5 m ? n-ch enhancement mode power mosfet 10-dec-2010 rev. b page 4 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristics curve


▲Up To Search▲   

 
Price & Availability of SSG4410N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X