Part Number Hot Search : 
HD74LV2 STT622S MSK163B TSL262 MIP2K3 608X0 AA160 STT622S
Product Description
Full Text Search
 

To Download REC5-1233SRWH1AMSMD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.recom-international.com 1 november 2006 5 watt dip24 & smd single & dual output econoline dc/dc-converter rec5- s_drw/h* series 5w dip package 1kvdc, 2kvdc & 3kvdc isolation options regulated output continuous short circuit protection auto-restarting wide input 2:1 & 4:1 ul94v-0 package material cost effective 100% burned in efficiency to 86% features regulated converters selection guide part input output max. cap. output efficiency number voltage voltage load current dip24 (smd) (vdc) (vdc) (f) (ma) (%) rec5-xx3.3srw/h* 9 - 18, 18 - 36, 36 - 72 3.3 2200 1200 75-77 rec5-xx05srw/h* 9 - 18, 18 - 36, 36 - 72 5 1000 1000 79-81 (see notes) 4.5 - 9v 72 rec5-xx09srw/h* 9 - 18, 18 - 36, 36 - 72 9 470 556 82-83 (see notes) 4.5 - 9v 73 rec5-xx12srw/h* 9 - 18, 18 - 36, 36 - 72 12 220 420 84-85 (see notes) 4.5 - 9v 74 rec5-xx15srw/h* 9 - 18, 18 - 36, 36 - 72 15 120 340 85-86 (see notes) 4.5 - 9v 75 rec5-xx05drw/h* 9 - 18, 18 - 36, 36 - 72 5 470 500 79-81 (see notes) 4.5 - 9v 72 rec5-xx12drw/h* 9 - 18, 18 - 36, 36 - 72 12 100 210 84-85 (see notes) 4.5 - 9v 74 rec5-xx15drw/h* 9 - 18, 18 - 36, 36 - 72 15 68 170 85-86 (see notes) 4.5 - 9v 75 rec5-xx3.3srwz/h* 9 - 36**, 18 - 72 3.3 2200 1200 75-76 rec5-xx05srwz/h* 9 - 36**, 18 - 72 5 1000 1000 81-82 rec5-xx09srwz/h* 9 - 36, 18 - 72 9 470 556 82-83 rec5-xx12srwz/h* 9 - 36, 18 - 72 12 220 420 83-84 rec5-xx15srwz/h* 9 - 36, 18 - 72 15 120 340 84-85 rec5-xx05drwz/h* 9 - 36, 18 - 72 5 470 500 81-82 rec5-xx12drwz/h* 9 - 36, 18 - 72 12 100 210 82-83 rec5-xx15drwz/h* 9 - 36, 18 - 72 15 68 170 84-85 2:1 input 4:1 input (rec5-s/drw/h1) (rec5-s/drwz/h1) xx = 4.5-9vin = 05 xx = 9-36vin = 24 xx = 9-18vin = 12 xx = 18-72vin = 48 xx = 18-36vin = 24 xx = 36-72vin = 48 for all rec5-05xxs_drw series, load = 90% max. when vin=4.5vdc * add suffix / h 1 for 1kvdc isolation, / h 2 for 2kvdc isolation or / h3 for 3kvdc isolation. * / h 2 and / h3 versions are not available in b pinning. * / h3 version is not available in /m/smd combination. * add suffix "/ a ", "/ b " or "/ c " for pinning, see next page * add suffix "/ m " for metal case * add suffix "/ smd " for smd package e.g. rec5-xxxxsrwzh1/am = 1kvdc isol. / pinout "a" / metal case ** 24v 4:1 wide range input types (rec5-24xxs_drwz/h1) should be derated vin= 9 vin : 3.3vout / 1100ma max., 5vout / 900ma max. en-60950-1 certified en-60601-1 certified (suffix h3) ul-60950-1 pending notes:
2 www.recom-international.com november 2006 
          
 

    

  ! " # $  derating-graph (ambient temperature) input voltage range 2:1 & 4:1 output voltage accuracy 2% max. line regulation (hl-ll) 0.3% max. load regulation (for output load current change from 20% to 100%) 0.6% max. output ripple and noise (0,1f capacitor on output, 20mhz bw) 50mvp-p max. operating frequency at full load 2:1 input 120khz typ. (at nominal input voltage) 4:1 input 200khz typ. input filter pi network efficiency at full load see above no load power consumption 300mw max. isolation voltage h1/smd pinout and metal case (tested for 1 second) 1000vdc min. isolation voltage h2/smd pinout and metal case (tested for 1 second) 2000vdc min. rated working voltage (long term isolation) see application notes isolation voltage h1 types (tested for 1 second) 1000vdc min. isolation voltage h2 types (tested for 1 second) 2000vdc min. isolation voltage h3 types (tested for 1 second) 3000vdc min. rated working voltage (long term isolation) see application notes isolation capacitance 60pf typ. isolation resistance 1 g ? min. short circuit protection continuous, auto restart operating temperature (free air convection) -40c to +75c (see graph) storage temperature range -55c to +125c relative humidity 95% rh case material non-conductive plastic thermal impedance natural convection 20c/w for metal case package weight 13g mtbf (+25c) using mil-hdbk 217f 850 x 10 3 hours (+75c) using mil-hdbk 217f 206 x 10 3 hours specifications (core operating area) rec5-s_drw/h* series econoline dc/dc-converter } #% %$ 
   " #   $  # % % % & '%() % #% % %# % recommended footprint details xx.x 0.5 mm xx.xx 0.25 mm package style and pinning (mm) dip 24 , wide input 2:1 & 4:1 package a pin connections pin # single dual 2 Cvin Cvin 3 Cvin Cvin 9 nc com 11 nc Cvout 14 +vout +vout 16 Cvout com 22 +vin +vin 23 +vin +vin nc = no connection detailed information see application notes chapter "mtbf"
www.recom-international.com 3 november 2006 "%" "     #  $   #    #    #% % %" *+  ,% 
 %,% % #% % % %$ %" $%$ % %# +  %# #% $%# % #% #% %$  
      #  #  % % % & '%() % #% % %# % recommended footprint details xx.x 0.5 mm xx.xx 0.25 mm package style and pinning (mm) dip 24 , wide input 2:1 & 4:1 package c mechanical drawings of dip24 smd case rec5-s_drw/h* series econoline dc/dc-converter pin connections pin # single dual 1 +vin +vin 2 +vin +vin 10 nc com 11 nc com 12 Cvout nc 13 +vout Cvout 15 nc +vout 23 Cvin Cvin 24 Cvin Cvin nc = no connection tol.: 0.35 mm length of plastic case is 31,8mm, length of metal case 32.0mm recommended footprint details #% % #% %$  
     #  #    #  % %# % % & '%() % % xx.x 0.5 mm xx.xx 0.25 mm recommended footprint details package b pin connections pin # single dual 1 +vin +vin 2 no pin Cvout 3 no pin com 10 Cvout com 11 +vout +vout 12 Cvin Cvin 13 Cvin Cvin 14 +vout +vout 15 Cvout com 22 no pin com 23 no pin Cvout 24 +vin +vin nc = no connection all unused pins are nc (no connection). smd pin connections follow standard package pinning. see notes for restrictions on /h3 smd versions. / h 1 only


▲Up To Search▲   

 
Price & Availability of REC5-1233SRWH1AMSMD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X