Part Number Hot Search : 
160CA KBPC3 BTS452 Z86E44 Y82222 ULN2824A T0534TL SF801
Product Description
Full Text Search
 

To Download PEH169YD3220MU2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rohs complian t peh 169 85c ? h igh cv -value ? l ong l ife > 10 years at 50 c ? l ow e sr and e sl ? h igh stability, 10 years shelf life ? o ptimized designs available on request a pp lication b asic d e sign smoothing, energy storage, or pulse opera- tion in telecommunication demanding power supplies, process control, ac-motor control, traction, welding and measuring. peh 169 is a long life electrolytic capacitor with outstanding reliability and electrical performance. polarized, all-welded design, heavy duty screw terminals, extended cathode construction, safety vent and plastic insulation. the peh 169 winding is housed in a cylindrical aluminium can with a rein-forced moulded lid incorporating a safety vent. the sealing system is designed for electrolyte leakage free operation and a very low gas- diffusion rate of electrolyte. mechanical contact between the winding and the case allows excellent heat transfer from the winding to the ambient, which means cooler operation. low esr is a result of a low resistive paper/electrolyte system, at least two tabs per foil and all-welded design. s tandards iec 60384-4 long life grade 40/85/56, din 41240, type 1a cecc 30300 din 40040 gpf, din 41248 c e cc cecc 30301-058, corresponding to cecc 30301-803 b ritish t elecom bt no. 4513a c apacitance range 68C470000 f c apacitance tolerance C20 to +20% r ated voltage 10C450 vdc t emperature range C40 to +85c o perational life time 78000 h at +85c (case ? = 90 mm) s helf life 5000 h at 0v +85c, or 10 years at 0v +40c d iameter range 35C90 mm d imensions table pe h 169 (mm) d x l c ase d 1 l 1 l 2 l 3 s s 1 m a b d m* w eight code 1.0 1.0 1.0 1.0 0.5 approx (g) 35 x 51 a 36.6 51.5 54.5 58.9 12 11.0 m8 13.0 8 m5 70 35 x 60 b 36.6 59.5 62.5 66.9 12 11.0 m8 13.0 8 m5 85 35 x 75 c 36.6 73.5 76.5 80.9 12 11.0 m8 13.0 8 m5 105 35 x 95 d 36.6 94.5 97.5 101.9 12 11.0 m8 13.0 8 m5 130 50 x 75 h 51.6 74.5 77.5 82.4 16 15.0 m12 22.0 13 15 m5 180 50 x 95 j 51.6 95.5 98.5 103.4 16 15.0 m12 22.0 13 15 m5 240 50 x 105 k 51.6 103.5 106.5 111.4 16 15.0 m12 22.0 13 15 m5 265 50 x 115 i** 51.6 115.5 118.5 123.4 16 15.0 m12 22.0 13 15 m5 300 65 x 105 o 66.6 106.0 109.2 113.0 16 14.8 m12 28.5 13 15 m5 415 65 x 115 q** 66.6 118.0 121.2 125.0 16 14.8 m12 28.5 13 15 m5 460 65 x 130 s** 66.6 129.0 132.2 136.0 16 14.8 m12 28.5 13 15 m5 520 75 x 78 l 76.6 77.0 80.2 84.0 16 14.8 m12 32.0 13 15 m5 430 75 x 98 p** 76.6 98.0 101.2 105.0 16 14.8 m12 32.0 13 15 m5 530 75 x 105 t 76.6 106.0 109.2 113.0 16 14.8 m12 32.0 13 15 m5 585 75 x 115 u 76.6 118.0 121.2 125.0 16 14.8 m12 32.0 13 15 m5 640 75 x 145 v 76.6 146.0 149.2 153.0 16 14.8 m12 32.0 13 15 m5 800 75 x 220 x 76.6 221.0 224.2 228.0 16 14.8 m12 32.0 13 15 m5 1400 90 x 78 m 91.6 76.5 79.7 83.4 16 14.8 m12 32.0 13 15 m5 750 90 x 98 n 91.6 97.5 100.7 104.4 16 14.8 m12 32.0 13 15 m5 950 90 x 145 y 91.6 145.5 148.7 152.4 16 14.8 m12 32.0 13 15 m5 1400 * m6 and other threads on request. **on request spe cification
 kemet electrolytic capacitors 10000 35 x 51 a 8.6 26.0 16.8 34 28 12 peh169ea510vm-- 15000 35 x 51 a 10.0 28.3 18.9 24 20 12 peh169ea515vm-- 22000 35 x 60 b 11.9 32.3 22.1 18 15 12 peh169eb522vm-- 33000 35 x 75 c 14.6 37.6 27.2 12 10 12 peh169ec533vm-- 47000 35 x 95 d 16.1 38.9 29.0 10 9 12 peh169ed547vm-- 68000 50 x 75 h 17.4 42.3 29.8 9 8 16 peh169eh568vm-- 100000 50 x 95 j 20.1 47.1 34.3 7 6 16 peh169ej610vm-- 150000 50 x105 k 20.7 47.4 34.7 7 7 16 peh169ek615vm-- 220000 65 x 105 o 21.9 48.2 36.0 8 8 16 peh169eo622vm-- 330000 75 x 115 u 31.4 68.1 51.9 5 4 17 peh169eu633vm-- 470000 75 x 145 v 33.6 71.0 55.5 4 4 17 peh169ev647vm-- 10000 35 x 51 a 9.1 27.4 18.3 28 22 12 peh169ga510vm-- 15000 35 x 51 a 10.5 30.8 20.5 19 15 12 peh169ga515vm-- 22000 35 x 75 c 13.2 36.2 25.7 14 11 12 peh169gc522vm-- 33000 35 x 95 d 15.4 39.7 29.4 10 8 12 peh169gd533vm-- 47000 50 x 75 h 17.8 42.6 30.6 10 8 16 peh169gh547vm-- 68000 50 x 95 j 20.2 47.0 34.6 7 7 16 peh169gj568vm-- 100000 65 x 105 o 23.3 52.2 39.6 8 7 16 peh169go610vm-- 150000 75 x 105 t 31.2 68.5 53.0 5 5 17 peh169gt615vm-- 220000 75 x 115 u 31.6 69.2 52.9 5 4 17 peh169gu622vm-- 330000 75 x 145 v 33.5 69.5 55.8 4 4 17 peh169gv633vm-- 6800 35 x 51 a 8.3 27.4 18.3 30 22 12 peh169ha468vm-- 10000 35 x 51 a 9.6 30.7 20.1 24 18 12 peh169ha510vm-- 15000 35 x 75 c 12.3 36.2 25.7 15 11 12 peh169hc515vm-- 22000 35 x 95 d 14.3 39.5 29.3 11 8 12 peh169hd522vm-- 33000 50 x 75 h 16.3 42.4 29.8 10 8 16 peh169hh533vm-- 47000 50 x 95 j 19.0 47.0 34.4 8 7 16 peh169hj547vm-- 68000 65 x 105 o 21.6 49.6 37.3 8 7 16 peh169ho568vm-- 100000 75 x 105 t 30.1 61.2 52.2 5 5 17 peh169ht610vm-- 150000 75 x 115 u 31.1 69.8 53.1 5 4 17 peh169hu615vm-- 220000 75 x 145 v 33.1 71.0 55.9 4 4 17 peh169hv622vm-- 4700 35 x 51 a 7.7 28.3 18.9 32 20 12 peh169ka447vm-- 6800 35 x 60 b 9.0 30.4 21.1 23 15 12 peh169kb468vm-- 10000 35 x 75 c 10.9 33.7 24.5 18 13 12 peh169kc510vm-- 15000 35 x 95 d 13.0 37.5 28.6 11 8 12 peh169kd515vm-- 22000 50 x 75 h 16.3 45.3 32.0 11 8 16 peh169kh522vm-- 33000 50 x 95 j 17.8 46.3 32.9 9 8 16 peh169kj533vm-- 47000 65 x 105 o 21.7 50.7 38.7 8 7 16 peh169ko547vm-- 68000 75 x 105 t 28.8 63.6 51.3 5 5 17 peh169kt568vm-- 100000 75 x 115 u 29.7 68.1 51.6 5 4 17 peh169ku610vm-- 150000 75 x 145 v 32.0 69.5 55.1 4 4 17 peh169kv615vm-- 2200 35 x 51 a 5.9 25.1 17.1 46 24 12 peh169ma422vm-- 3300 35 x 51 a 7.1 31.1 19.4 30 15 12 peh169ma433vm-- 4700 35 x 75 c 8.8 33.2 23.9 23 12 12 peh169mc447vm-- 6800 35 x 95 d 10.1 34.9 27.0 17 9 12 peh169md468vm-- 10000 50 x 75 h 13.3 40.2 29.3 14 9 16 peh169mh510vm-- * maximum values. ** capacitance tolerance: C10 to +30%. *** 2 m/s forced air, studmounted on 3c/w aluminium chassis. a rticl e tabl e pe h 169 (85 c ) c r d x l c ase i rac * i rac * i rac * e sr * e sr * l e sl a rticle code 85 c 50 c 40 c 20 c 20 c a pprox. code *** 100 h z 10 k h z 10 k h z 100 h z 100 k h z f mm a a a m w m w n h pe h 169 85 c 10 vdc ( u r ) 16 vdc ( u r ) 25 vdc ( u r ) 40 vdc ( u r ) 63 vdc ( u r ) u 2 = plain can b 2 = s tud can
15000 50 x 95 j 15.7 44.0 33.5 11 7 16 peh169mj515vm-- 22000 50 x 105 k 17.9 48.2 35.8 9 7 16 peh169mk522vm-- 33000 75 x 105 t 27.5 71.3 54.4 6 5 17 peh169mt533vm-- 47000 75 x 115 u 29.6 73.0 55.9 5 4 17 peh169mu547vm-- 68000 75 x 145 v 30.0 68.8 54.2 5 4 17 peh169mv568vm-- 68000** 75 x 145 v 29.4 65.0 52.6 6 5 17 peh169mv568aq-- 82000** 75 x 145 v 28.2 66.7 49.7 5 4 17 peh169mv582bq-- 1000 35 x 51 a 4.1 16.4 11.1 120 75 12 peh169pa410vm-- 1500 35 x 51 a 5.0 19.5 13.1 80 51 12 peh169pa415vm-- 2200 35 x 75 c 6.1 21.5 15.5 61 41 12 peh169pc422vm-- 3300 35 x 95 d 7.4 24.3 18.3 42 29 12 peh169pd433vm-- 4700 50 x 75 h 10.5 34.4 24.3 31 22 16 peh169ph447vm-- 6800 50 x 95 j 12.6 39.2 28.7 22 15 16 peh169pj468vm-- 10000 50 x 105 k 13.9 38.6 29.1 17 13 16 peh169pk510vm-- 15000 65 x 105 o 18.4 48.5 36.3 13 10 16 peh169po515vm-- 22000 75 x 115 u 25.4 67.3 51.3 8 6 17 peh169pu522vm-- 33000 75 x 145 v 28.5 71.0 55.2 6 5 17 peh169pv533vm-- 33000** 75 x 145 v 27.3 67.3 51.5 7 6 17 peh169pv533aq-- 470 35 x 51 a 2.5 13.6 9.0 240 110 12 peh169qa347vm-- 680 35 x 51 a 3.0 14.3 9.7 190 98 12 peh169qa368vm-- 1000 35 x 75 c 3.9 17.2 12.2 130 66 12 peh169qc410vm-- 1500 35 x 95 d 4.7 19.4 14.7 87 45 12 peh169qd415vm-- 2200 50 x 75 h 6.7 26.5 18.1 59 31 16 peh169qh422vm-- 3300 50 x 95 j 8.2 30.6 22.9 44 24 16 peh169qj433vm-- 4700 65 x 105 o 10.9 35.8 26.8 31 17 16 peh169qo447vm-- 6800 75 x 105 t 14.6 50.2 37.2 21 12 17 peh169qt468vm-- 10000 75 x 115 u 17.0 53.6 41.7 16 10 17 peh169qu510vm-- 15000 75 x 145 v 19.6 58.2 43.4 12 7 17 peh169qv515vm-- 470 35 x 51 a 2.6 13.4 9.2 240 110 12 peh169ra347vm-- 680 35 x 60 b 3.3 15.2 11.1 170 79 12 peh169rb368vm-- 1000 35 x 95 d 4.0 18.9 13.9 110 53 12 peh169rd410vm-- 1500 50 x 75 h 5.8 24.0 18.1 79 40 16 peh169rh415vm-- 2200 50 x 95 j 7.0 28.3 21.5 55 28 16 peh169rj422vm-- 3300 50 x 105 k 8.5 32.1 24.3 39 21 16 peh169rk433vm-- 4700 65 x 105 o 11.0 35.5 27.1 35 22 16 peh169ro447vm-- 6800 75 x 105 t 14.6 48.1 36.2 23 15 17 peh169rt468vm-- 10000 75 x 145 v 17.3 52.0 41.3 17 11 17 peh169rv510vm-- 220 35 x 51 a 1.8 8.4 6.0 500 260 12 peh169sa322vm-- 330 35 x 51 a 2.2 10.6 7.3 340 170 12 peh169sa333vm-- 470 35 x 60 b 2.7 11.9 8.7 240 130 12 peh169sb347vm-- 680 35 x 75 c 3.3 14.8 10.7 170 88 12 peh169sc368vm-- 1000 50 x 75 h 4.9 20.5 14.9 110 61 16 peh169sh410vm-- 1500 50 x 75 h 6.0 24.2 16.7 81 45 16 peh169sh415vm-- 2200 50 x 105 k 7.3 27.3 21.0 55 31 16 peh169sk422vm-- 3300 65 x 105 o 10.0 34.5 26.8 40 23 16 peh169so433vm-- 4700 75 x 105 t 13.3 45.6 34.8 27 16 17 peh169st447vm-- * maximum values. ** capacitance tolerance: C10 to +30%. *** 2 m/s forced air, studmounted on 3c/w aluminium chassis. a rticl e tabl e pe h 169 (85 c ) c r d x l c ase i rac * i rac * i rac * e sr * e sr * l e sl a rticle code 85 c 50 c 40 c 20 c 20 c a pprox. code *** 100 h z 10 k h z 10 k h z 100 h z 100 k h z f mm a a a m w m w n h pe h 169 85 c 63 vdc ( u r ) 100 vdc ( u r ) 160 vdc ( u r ) 200 vdc ( u r ) 250 vdc ( u r ) u 2 = plain can b 2 = s tud can
61 kemet electrolytic capacitors 6800 75 x 145 v 15.8 50.6 40.3 19 11 17 peh169sv468vm-- 6800 ** 75 x 145 v 16.1 53.2 41.9 17 9 17 peh169sv468aq-- 8800 75 x 145 v 17.3 60.6 45.9 15 9 17 peh169sv488am-- 10000 75 x 220 x 17.3 50.7 43.2 14 9 17 peh169sx510vm-- 10000 90 x 145 y 20.5 58.2 47.6 15 10 16 peh169sy510vm-- 150 35 x 51 a 1.6 7.6 5.0 630 340 12 peh169ua315vm-- 220 35 x 51 a 2.0 9.3 6.3 440 240 12 peh169ua322vm-- 330 35 x 75 c 2.5 10.8 7.8 290 160 12 peh169uc333vm-- 470 35 x 95 d 3.0 12.6 9.2 200 110 12 peh169ud347vm-- 680 50 x 75 h 4.4 18.2 13.4 140 80 16 peh169uh368vm-- 1000 50 x 95 j 5.3 20.8 16.1 99 55 16 peh169uj410vm-- 1500 50 x 105 k 6.7 25.5 19.2 68 39 16 peh169uk415vm-- 2200 65 x 105 o 9.2 32.2 24.7 49 29 16 peh169uo422vm-- 3300 75 x 105 t 12.4 42.8 32.8 33 20 17 peh169ut433vm-- 4700 75 x 145 v 14.5 48.0 38.0 23 14 17 peh169uv447vm-- 4700 ** 75 x 145 v 15.1 51.8 40.7 20 11 17 peh169uv447cq-- 6800 75 x 220 x 15.9 47.1 39.2 18 11 17 peh169ux468vm-- 6800 90 x 145 y 18.9 53.7 43.7 19 13 16 peh169uy468vm-- 68 ** 35 x 51 a 1.3 5.8 4.1 1100 500 12 peh169va2680q-- 100 ** 35 x 51 a 1.5 7.2 4.9 740 360 12 peh169va3100q-- 100 35 x 51 a 1.5 7.8 5.3 700 320 12 peh169va310vm-- 150 ** 35 x 60 b 1.8 8.7 6.3 500 240 12 peh169vb3150q-- 150 35 x 51 a 1.8 9.4 6.3 470 220 12 peh169va315vm-- 220 ** 35 x 75 c 2.2 10.1 7.5 350 170 12 peh169vc3220q-- 220 35 x 60 b 2.2 9.8 6.8 370 200 12 peh169vb322vm-- 330 ** 50 x 75 h 3.3 15.1 11.3 230 110 16 peh169vh3330q-- 330 35 x 75 c 2.8 12.2 8.9 250 130 12 peh169vc333vm-- 470 ** 50 x 75 h 4.0 18.9 13.5 160 78 16 peh169vh3470q-- 470 50 x 75 h 4.1 18.7 14.0 150 73 16 peh169vh347vm-- 680 ** 50 x 105 k 4.9 20.3 15.4 120 59 16 peh169vk3680q-- 680 50 x 75 h 4.7 19.5 14.5 120 68 16 peh169vh368vm-- 1000 50 x 105 k 5.8 23.0 17.6 85 47 16 peh169vk410vm-- 1000** 65 x 105 o 6.8 26.9 21.2 79 41 16 peh169vo4100q-- 1500 ** 75 x 105 t 9.2 36.7 28.6 53 27 17 peh169vt4150q-- 1500 65 x 105 o 8.2 30.8 23.8 58 32 16 peh169vo415vm-- 2200 75 x 98 p 11.2 48.4 36.2 35 17 17 peh169vp422am-- 2200 ** 75 x 145 v 11.0 41.8 34.0 36 18 17 peh169vv4220q-- 2200 75 x 105 t 10.9 40.1 31.0 40 23 17 peh169vt422vm-- 3300 ** 75 x 145 v 13.9 50.4 40.7 22 11 17 peh169vv433gq-- 3300 75 x 145 v 13.3 46.0 37.3 27 15 17 peh169vv433vm-- 4400 90 x 98 n 15.5 52.1 33.7 30 22 16 peh169vn4440m-- 4700 75 x 220 x 13.8 38.5 33.8 24 16 17 peh169vx447vm-- 4700 90 x 145 y 16.8 48.1 39.3 25 17 16 peh169vy447vm-- 68 35 x 51 a 1.0 4.5 3.2 1000 500 12 peh169oa2680m-- 100 35 x 60 b 1.2 5.5 4.0 700 340 12 peh169ob3100m-- 150 35 x 75 c 1.5 6.6 5.0 470 230 12 peh169oc3150m-- 220 35 x 95 d 1.8 7.5 5.9 320 160 12 peh169od3220m-- 330 50 x 75 h 2.8 12.7 9.3 210 110 16 peh169oh3330m-- 470 50 x 95 j 3.4 14.4 11.0 150 75 16 peh169oj3470m-- * maximum values. ** capacitance tolerance: C10 to +30%. *** 2 m/s forced air, studmounted on 3c/w aluminium chassis. article t a ble p e h 169 (85 c ) c r d x l c ase i r a c * i r a c * i r a c * e s r * e s r * l e s l article code 85 c 50 c 40 c 20 c 20 c approx. code *** 100 hz 10 khz 10 khz 100 hz 100 khz f mm a a a m ? m ? nh p e h 169 85 c 250 vd c ( u r ) 350 vd c ( u r ) 400 vd c ( u r ) 420 vd c ( u r ) u2 = plain can b 2 = stud can
680 50 x 105 k 4.1 17.5 13.3 110 53 16 peh169ok3680m-- 1000 65 x 105 o 5.8 23.3 17.9 73 38 16 peh169oo4100m-- 1500 75 x 105 t 7.9 31.6 24.1 49 25 17 peh169ot4150m-- 2200 75 x 145 v 9.3 35.2 28.1 34 18 17 peh169ov4220m-- 3300 75 x 220 x 10.0 32.9 28.3 23 12 17 peh169ox4330m-- 3300 90 x 145 y 12.9 44.1 36.0 24 13 16 peh169oy4330m-- 68 35 x 51 a 1.0 3.7 2.9 1140 690 12 peh169ya2680m-- 100 35 x 60 b 1.3 4.4 3.6 800 490 12 peh169yb3100m-- 150 35 x 75 c 1.5 5.5 3.9 630 420 12 peh169yc3150m-- 220 35 x 95 d 1.8 5.1 4.6 440 300 12 peh169yd3220m-- 330 50 x 75 h 3.0 9.9 8.5 230 140 16 peh169yh3330m-- 470 50 x 95 j 3.8 11.8 10.1 170 100 16 peh169yj3470m-- 680 50 x 105 k 4.2 12.2 10.5 140 96 16 peh169yk3680m-- 1000 65 x 105 o 6.4 18.5 16.0 82 52 16 peh169yo4100m-- 1500 75 x 105 t 7.8 21.7 18.7 67 47 17 peh169yt4150m-- 2200 75 x 145 v 9.4 25.4 22.7 45 31 17 peh169yv4220m-- 3300 75 x 220 x 10.2 25.0 23.8 34 24 17 peh169yx4330m-- 3300 90 x 145 y 12.6 30.9 28.3 35 25 16 peh169yy4330m-- a rticl e tabl e pe h 169 (85 c ) c r d x l c ase i rac * i rac * i rac * e sr * e sr * l e sl a rticle code 85 c 50 c 40 c 20 c 20 c a pprox. code *** 100 h z 10 k h z 10 k h z 100 h z 100 k h z f mm a a a m w m w n h pe h 169 85 c 420 vdc ( u r ) 450 vdc ( u r ) t e chnical data * maximum values. ** capacitance tolerance: C10 to +30%. *** 2 m/s forced air, studmounted on 3c/w aluminium chassis. please see page 90 for technical data. u 2 = plain can b 2 = s tud can


▲Up To Search▲   

 
Price & Availability of PEH169YD3220MU2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X