Part Number Hot Search : 
DN6847S ECG2322 93AA86 S29LV4 SL2903 IRGPC30 EM57230 1605000
Product Description
Full Text Search
 

To Download MT6C04AS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MT6C04AS 2003-03-12 1 toshiba transistor silicon npn epitaxial planar type MT6C04AS vhf-uhf band low noise amplifier application vhf-uhf band oscillator application  two devices are built into the ses6 package, which is smaller and thinner than the super-thin and ultra-super mini (6-pin) es6 package. mounted devices q1/q2: ssm (tesm) three pin (ssm/tesm) type part no. mt3s04as (mt3s04at) maximum ratings (ta     25c) characteristics symbol q1/q2 unit collector-base voltage v cbo 10 v collector-emitter voltage v ceo 5 v emitter-base voltage v ebo 2 v collector current i c 40 ma base current i b 10 ma collector power dissipation p c (note 1) 100 mw junction temperature t j 125 c storage temperature range t stg  55~125 c note 1: total power dissipation of q1 and q2 mounted on the circuit board marking pin assignment unit: mm jedec D jeita D toshiba 2-2q1b weight: g (typ.) b1 e2 c1 e1 c2 q1 q2 b2 a l 4 6 3 1 2 5 type name
MT6C04AS 2003-03-12 2 electrical characteristics q1/q2-side (ta     25c) characteristics symbol test condition min typ. max unit collector cut-off current i cbo v cb  5 v, i e  0   0.1  a emitter cut-off current i ebo v eb  1 v, i c  0   1  a dc current gain h fe v ce  1 v, i c  5 ma 80  160  f t (1) v ce  1 v, i c  5 ma 2 4.5  ghz transition frequency f t (2) v ce  3 v, i c  7 ma 5 7  ghz  s 21e  2 (1) v ce  1 v, i c  5 ma, f  1 ghz  8.5  insertion gain  s 21e  2 (2) v ce  3 v, i c  20 ma, f  1 ghz 7.5 11  db  nf (1) v ce  1 v, i c  5 ma, f  1 ghz  1.3 2.2 noise figure nf (2) v ce  3 v, i c  7 ma, f  1 ghz  1.2 2 db reverse transfer capacitance c re v cb  1 v, i e  0, f  1 mhz (note 2)  0.9 1.25 pf note 2: c re is measured by 3 terminal method with capacitance bridge. caution this device is sensitive to electrostatic discharge. please make enough tool and equipment earthed when you handle.
MT6C04AS 2003-03-12 3  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707ea a restrictions on product use


▲Up To Search▲   

 
Price & Availability of MT6C04AS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X