Part Number Hot Search : 
2MBI600 KDR357 3SBP15 LM157 NLVCT HC374 BCPZRL 3055L
Product Description
Full Text Search
 

To Download MLL4134-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  scottsd a l e division in4099ur-1 thru 1n4135ur-1 (or mll4099-1 thru mll4135-1) and 1n4614ur-1 thru 1n 4627ur-1 ( or mll4614-1 thru mll4627-1 ) w w w . mi c r o s e m i . c o m 1n4 099 ur-1 ?1n413 5ur-1 1n4 614 ur-1 ? 1n4 627 ur-1 metallurgically bonded glass surf ace mount 0.5 watt zene rs descripti on appeara n c e the 1n409 9 u r-1 thru 1n4135 ur-1 a n d 1n4 614 ur-1 thru 1n462 7ur-1 seri es of 0.5 watt glass surface mou n t do-21 3 aa zen e r voltage reg u lators provide s a se lection fro m 1 . 8 to 100 volts in stan dard 5% toleran c e s as well as tighter tole ran c e s identif ied by differe nt suffix letters on the pa rt numbe r. these have a n internal -met allurgi c al -bo n d option a s id entified with the ?-1? suffix. this type of internall y bonded ze n e r pa ckage constructio n is also available in jan, jantx, and ja ntxv military qualifi c ation s . microsemi also offers nu mero us oth e r zener p r od u c ts to meet hi gher a nd lo wer po we r appli c ation s . do -213 aa import a n t : f o r the most cur r e n t data, consult mi c r os e m i ? s w e bsite: http:// www .microsemi.com features a p p l i c at ions / be ne fi ts ? surface mou n t equ ival ent to jedec reg i ster ed 1n 40 99 thru 1n4 1 3 5 a nd 1n 46 14 thr u 1n4 6 2 7 serie s ? internal meta ll urgic a l bo nd w i th the ?-1? suffix ? also ava ila bl e i n jan, jant x, and jant xv qua lificati ons p e r mil-pr f - 19 500/4 35 b y a d d in g the jan, jant x, or jant xv prefixes to p a rt nu mbers for desir ed lev e l of screeni ng; (e.g. jant x1n40 99ur- 1, jant xv1n4 1 0 9 cur- 1, etc.) ? non bon de d t y p e s also av ail a b l e w i th out the ?-1? suffix for both the a x i a l an d surface mount pack a g e s ? do-7 or do-35 glass bo d y a x i a l-le ad ed z e n e r equ ival ents als o avai lab l e p e r jedec reg i stration w i t h part numb e rs 1 n 40 99 thru 1 n 413 5 an d 1n4 614 thru 1n4 627 on sep a rate data s h e e ts ? reg u lates v o ltage ov er a bro ad op erati ng c u rrent an d temperatur e ra nge ? exte nsive se le ction from 1.8 to 100 v ? standar d volta ge toler anc es are pl us/minus 5% w i th no suffi x ? t i ght tolerance s avail abl e in p l us or min u s 2 % or 1% w i t h c or d suf f ix respectively ? hermetica ll y s eal ed surfac e mount pack a g e ? nons ensitiv e to esd per mil - st d-750 method 1 0 2 0 ? minima l cap a ci tance (see f i g u re 3) ? inhere n tl y r adi ation h a rd as d e scrib ed in mic r osemi micronote 050 max i mu m rat ing s mechan ic al an d pa ckagin g ? operatin g an d storage temp e r ature: -65 o c to +175 o c ? t hermal resist ance: 10 0 o c/w junction to e nd cap, or 250 o c/w juncti on to ambi ent w h e n mount ed on f r 4 pc boar d (1 oz cu ) w i th rec o mm end ed footpr int (see last pag e) ? stead y-state p o w e r: 0.5 w a tts at end cap te mperatur e t ec < 125 o c or at ambient t a < 50 o c w h en m ounte d on f r 4 pc boar d as descri bed fo r thermal resist ance abov e (see f i g u re 2 for derati ng) ? f o r w a r d vo ltag e @20 0 ma: 1.1 volts ? sold er t e mperatures: 260 o c for 10 s (max ) ? case: herme ticall y se ale d gl ass do-213aa (sod80 or mll3 4) melf style p a cka ge ? t e rminals: end caps tin- le ad pl ated so lde r abl e per mil-st d-750, method 2 0 2 6 ? polarit y : c a thod e in dicate d b y ban d w h e r e dio de is to be op erat ed w i th the ban ded e nd p o sitiv e w i t h respect to the opp osite e nd for z ener reg u l a tion ? marking: ca thode b a n d on l y ? t ape & reel optio n: standa rd per eia-481 -1-a w i t h 12 mm tape, 2 000 p e r 7 inc h reel or 5 0 0 0 pe r 13 inch reel (a dd ?t r? suffix to part n u mber) ? w e igh t : 0.04 grams ? see pack a g e d i mensi ons o n l a st page m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 1 cop y right ? 200 2 11-05- 03 rev c
scottsd a l e division in4099ur-1 thru 1n4135ur-1 (or mll4099-1 thru mll4135-1) and 1n4614ur-1 thru 1n 4627ur-1 ( or mll4614-1 thru mll4627-1 ) w w w . mi c r o s e m i . c o m 1n4 099 ur-1 ?1n413 5ur-1 1n4 614 ur-1 ? 1n4 627 u r - 1 *electric a l ch ara cteri s tic s @ 25 o c nom i n a l zener volta g e v z @ i zt (note 2) zener test current i zt ma x i mu m zener impeda nce z zt (note 3 ) ma x i mu m reverse current i r @ v r ma x i mu m noise densi t y n d @ i zt ma x i mu m zener current i zm typica l tem p . c oeff. of zener volta g e vz i ndustry p a r t num ber (note 1) m i crosem i pa rt num ber (note 1 ) vo lts a ohms a volts v/ hz ma % / o c 1n4614u r-1 1n4615u r-1 1n4616u r-1 mll4614- 1 mll4615- 1 mll4616- 1 1.8 2.0 2.2 250 250 250 1200 1250 1300 3.5 2.5 2.0 1.0 1.0 1.0 1 1 1 120 110 100 -0.075 -0.075 -0.075 1n4617u r-1 1n4618u r-1 1n4619u r-1 1n4620u r-1 mll4617- 1 mll4618- 1 mll4619- 1 mll4620- 1 2.4 2.7 3.0 3.3 250 250 250 250 1400 1500 1600 1650 1.0 0.5 0.4 3.5 1.0 1.0 1.0 1.5 1 1 1 1 95 90 87 85 -0.075 -0.075 -0.075 -0.075 1n4621u r-1 1n4622u r-1 1n4623u r-1 1n4624u r-1 mll4621- 1 mll4622- 1 mll4623- 1 mll4624- 1 3.6 3.9 4.3 4.7 250 250 250 250 1700 1650 1600 1550 3.5 2.5 2.0 5.0 2.0 2.0 2.0 3.0 1 1 1 1 83 80 77 75 -0.065 -0.060 -0.050 -0.040,+0.02 0 1n4625u r-1 1n4626u r-1 1n4627u r-1 1n4099u r-1 mll4625- 1 mll4626- 1 mll4627- 1 mll4099- 1 5.1 5.6 6.2 6.8 250 250 250 250 1500 1400 1200 200 5.0 5.0 5.0 1.0 3.0 4.0 5.0 5.17 2 4 5 40 70 65 61 56 -0.045,+0.03 0 -0.020,+0.04 0 -0.010,+0.05 0 0.040 1n4100u r-1 1n4101u r-1 1n4102u r-1 1n4103u r-1 mll4100- 1 mll4101- 1 mll4102- 1 mll4103- 1 7.5 8.2 8.7 9.1 250 250 250 250 200 200 200 200 1.0 0.5 0.5 0.5 5.70 6.24 6.61 6.92 40 40 40 40 51 46 44 42 0.045 0.048 0.049 0.050 1n4104u r-1 1n4105u r-1 1n4106u r-1 1n4107u r-1 mll4104- 1 mll4105- 1 mll4106- 1 mll4107- 1 10 11 12 13 250 250 250 250 200 200 200 200 0.5 .05 .05 .05 7.60 8.44 9.12 9.87 40 40 40 40 38 35 32 29 0.055 0.060 0.065 0.065 1n4108u r-1 1n4109u r-1 1n4110u r-1 1n4111u r-1 mll4108- 1 mll4109- 1 mll4110- 1 mll4111- 1 14 15 16 17 250 250 250 250 200 100 100 100 .05 .05 .05 .05 10.65 11.40 12.15 12.92 40 40 40 40 27 25 24 22 0.070 0.070 0.070 0.075 1n4112u r-1 1n4113u r-1 1n4114u r-1 1n4115u r-1 mll4112- 1 mll4113- 1 mll4114- 1 mll4115- 1 18 19 20 22 250 250 250 250 100 150 150 150 .05 .05 .01 .01 13.67 14.44 15.20 16.72 40 40 40 40 21 20 19 17 0.075 0.075 0.075 0.080 1n4116u r-1 1n4117u r-1 1n4118u r-1 1n4119u r-1 mll4116- 1 mll4117- 1 mll4118- 1 mll4119- 1 24 25 27 28 250 250 250 250 150 150 150 200 .01 .01 .01 .01 18.25 1900 20.45 21.28 40 40 40 40 16 15 14 14 0.080 0.080 0.085 0.085 1n4120u r-1 1n4121u r-1 1n4122u r-1 1n4123u r-1 mll4120- 1 mll4121- 1 mll4122- 1 mll4123- 1 30 33 36 39 250 250 250 250 200 200 200 200 .01 .01 .01 .01 22.80 25.08 27.38 29.65 40 40 40 40 13 12 11 9.8 0.085 0.085 0.090 0.090 1n4124u r-1 1n4125u r-1 1n4126u r-1 1n4127u r-1 mll4124- 1 mll4125- 1 mll4126- 1 mll4127- 1 43 47 51 56 250 250 250 250 250 250 300 300 .01 .01 .01 .01 32.65 35.75 38.76 42.60 40 40 40 40 8.9 8.1 7.5 6.7 0.090 0.090 0.090 0.090 1n4128u r-1 1n4129u r-1 1n4130u r-1 1n4131u r-1 mll4128- 1 mll4129- 1 mll4130- 1 mll4131- 1 60 62 68 75 250 250 250 250 400 500 700 700 .01 .01 .01 .01 45.60 47.10 51.68 57.00 40 40 40 40 6.4 6.1 5.6 5.1 0.090 0.090 0.095 0.095 1n4132u r-1 1n4133u r-1 1n4134u r-1 1n4135u r-1 mll4132- 1 mll4133- 1 mll4134- 1 mll4135- 1 82 87 91 100 250 250 250 250 800 1000 1200 1500 .01 .01 .01 .01 62.32 66.12 69.16 76.00 40 40 40 40 4.6 4.4 4.2 3.8 0.095 0.095 0.095 0.095 note 1: these ma y be o r de red as either 1n4614 ur-1 th ru 1n 462 7ur-1 a nd 1n4 0 99ur-1 thru 1 n 4 135ur- 1 or ml l 4614-1 th ru mll 4627-1 an d mll4 099-1 th ru mll4 135-1. for military t y pes, add t he jan, jantx, jantxv prefi x for requir ed screenin g to the industry part numbe r. note 2: the j e dec t y pe num bers sho w n abov e have a standar d tolerance of +/- 5 % on the nomin al zener voltage. tighter toler ances are als o available w i th c or d s u ffix for 2 % or 1 % tole rance respectively , e.g. 1 n 4 105cur -1 for 2 % . v z is measured w i th the diod e in ther m a l equilibr i um ( s ti ll air ) at 25 o c fo r end-cap ter m inations. note 3: zener impedance is derived by sup e rimp osing on i zt a 60 hz rms ac curre nt at 10% of i zt . see micronote 202 for z zt variat ion w i th i z . m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 2 cop y right ? 200 2 11-05- 03 rev c
m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 3 cop y right ? 200 2 11-05- 03 rev c w w w . mi c r o s e m i . c o m scottsd a l e division in4099ur-1 thru 1n4135ur-1 (or mll4099-1 thru mll4135-1) and 1n4614ur-1 thru 1n 4627ur-1 ( or mll4614-1 thru mll4627-1 ) 1n4 099 ur-1 ?1n413 5ur-1 1n4 614 ur-1 ? 1n4 627 ur-1 gra p hs a n d ci rcu i t p d rated po wer dissipation (m w ) t ec t a t ec , en d cap te mperatu r e ( o c) o r t a ambient tempera t ure on fr4 pc board figure 2 power de rating curv e capacitance vs. v z curve figure 1 noise density meas urement circuit figure 3 capacitance vs. zener voltage ( t ypical) zener voltag e v z t y pical c apacita n ce in picofarads (pf) noise density , (n d ) is specified in mi crovolt-rms per squre- root-he r tz. actua l measurement is perform ed using a 1 khz to 3 khz freque n c y bandpass filter at a constant z ener test c u rrent (i zt ) at 2 5 o c ambient tem peratur e. n d is calculated from the fo rmula. pac k ag e dim e n s io ns inch e s m i l l i m e t e r s dim m i n m a x m i n m a x a 0. 0 6 3 0 . 0 6 7 1. 6 0 1. 7 0 b 0. 1 3 0 0 . 1 4 6 3. 3 0 3. 7 0 c 0. 0 1 6 0 . 0 2 2 0. 4 1 0. 5 5 pad layout i n c h e s mm a . 2 0 0 5 . 0 8 b . 0 5 5 1 . 4 0 c . 0 8 0 2 . 0 3


▲Up To Search▲   

 
Price & Availability of MLL4134-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X