Part Number Hot Search : 
MBL8243 640431 IRN50 76PSB06S N4007 111X17X OP284FS 6011E
Product Description
Full Text Search
 

To Download K3P9VU4000A-GC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  k3p9v(u)4000a-gc cmos mask rom 128m-bit (8mx16) cmos mask rom the k3p9v(u)4000a-gc is a fully static mask programmable rom organized as 8,388,608 x 16 bit. it is fabricated using sili- con gate cmos process technology. this device includes page read mode function, page read mode allows 8 words of data to read fast in the same page, ce and a 3 ~ a 22 should not be changed. this device operates with 3.0v or 3.3v power supply, and all inputs and outputs are ttl compatible. because of its asynchronous operation, it requires no external clock assuring extremely easy operation. it is suitable for use in program memory of microprocessor, and data memory, character generator. the k3p9v(u)4000a-gc is packaged in a 44-sop. general description features 8,388,608 x 16 bit organization fast access time random access time/page access time 3.3v operation : 100/30ns(max.)@c l =50pf, 120/40ns(max.)@c l =100pf 3.0v operation : 120/40ns(max.)@c l =100pf 8 words / 16 bytes page access supply voltage : single +3.0v/ single +3.3v current consumption operating : 80ma(max.) standby : 30 m a(max.) fully static operation all inputs and outputs ttl compatible three state outputs package k3p9v(u)4000a-gc : 44-sop-600 a 22 x a 0~ a 2 and decoder buffers a 3 y and decoder buffers memory cell sense amp. control logic matrix (8,388,608x16) data out buffers ce oe . . . . . . . . q 0 q 15 . . . pin configuration a 18 a 17 a 7 a 6 a 5 a 4 a 3 a 2 a 1 a 0 ce v ss oe q 0 q 8 q 1 q 9 q 4 q 12 q 5 q 13 q 6 v ss q 14 q 7 q 15 sop k3p9v(u)4000a-gc functional block diagram 1 2 44 43 3 4 42 41 5 6 40 39 7 8 38 37 9 10 36 35 11 12 34 33 13 14 32 31 15 16 30 29 17 18 28 27 19 20 26 25 21 22 24 23 q 2 q 10 q 3 q 11 a 20 a 19 a 8 a 9 a 10 a 11 a 12 a 13 a 14 a 15 a 16 a 22 v cc pin name pin function a 0 - a 2 page address inputs a 3 - a 22 address inputs q 0 - q 15 data outputs ce chip enable oe output enable v cc power v ss ground a 21
k3p9v(u)4000a-gc cmos mask rom absolute maximum ratings note : permanent device damage may occur if "absolute maximum ratings" are exceeded. functional operation should be restricted to t he conditions as detailed in the operational sections of this data sheet. exposure to absolute maximum rating conditions for extend ed periods may affect device reliability. item symbol rating unit voltage on any pin relative to v ss v in -0.3 to +4.5 v temperature under bias t bias -10 to +85 c storage temperature t stg -55 to +150 c recommended operating conditions (voltage reference to v ss , t a =0 to 70 c) item symbol min typ max unit supply voltage v cc 2.7/3.0 3.0/3.3 3.3/3.6 v supply voltage v ss 0 0 0 v mode selection ce oe mode data power h x standby high-z standby l h operating high-z active l l operating dout active capacitance (t a =25 c, f=1.0mhz) note : capacitance is periodically sampled and not 100% tested. item symbol test conditions min max unit output capacitance c out v out =0v - 12 pf input capacitance c in v in =0v - 12 pf dc characteristics note : minimum dc voltage(v il ) is -0.3v an input pins. during transitions, this level may undershoot to -2.0v for periods <20ns. maximum dc voltage on input pins(v ih ) is v cc +0.3v which, during transitions, may overshoot to v cc +2.0v for periods <20ns. parameter symbol test conditions min max unit operating current i cc cycle=5mh z , all outputs open, ce = oe =v il , v in =0.45v to 2.4v (ac test condition) v cc =3.3v 0.3v - 80 ma v cc =3.0v 0.3v - 70 ma standby current(ttl) i sb1 ce =v ih , all outputs open - 500 m a standby current(cmos) i sb2 ce =v cc , all outputs open - 30 m a input leakage current i li v in =0 to v cc - 10 m a output leakage current i lo v out =0 to v cc - 10 m a input high voltage, all inputs v ih 2.0 v cc +0.3 v input low voltage, all inputs v il -0.3 0.6 v output high voltage level v oh i oh =-400 m a 2.4 - v output low voltage level v ol i ol =2.1ma - 0.4 v
k3p9v(u)4000a-gc cmos mask rom test conditions item value input pulse levels 0.45v to 2.4v input rise and fall times 10ns input and output timing levels 1.5v output loads 1 ttl gate and c l =50pf or 100pf ac characteristics (t a =0 c to +70 c, v cc =3.3v/3.0v 0.3v, unless otherwise noted.) read cycle note : page address is determined as a 0 , a 1, a 2 item symbol k3p9v4000a-gc10 (c l =50pf) k3p9v4000a-gc12 (c l =100pf) k3p9u4000a-gc12 (c l =100pf) unit min max min max min max read cycle time t rc 100 120 120 ns chip enable access time t ace 100 120 120 ns address access time t aa 100 120 120 ns page address access time t pa 30 40 40 ns output enable access time t oe 30 40 40 ns output or chip disable to output high-z t df 20 20 20 ns output hold from address change t oh 0 0 0 ns
k3p9v(u)4000a-gc cmos mask rom timing diagram read add ce oe d out a 0 ~a 22 d 0 ~d 15 page read oe add d out ce add a 0, a 1, a 2 a 3 ~a 22 valid data valid data valid data valid data 1 st 2 nd 3 rd t df(*1) add1 add2 valid data valid data t oh t df(*3) t rc t ace t oe t aa notes : *1. t df is defined as the time at which the outputs achieve the open circuit condition and is not referenced to v oh or v ol level. t aa t pa d 0 ~d 15 ? ? ? ? ? ? ? ?


▲Up To Search▲   

 
Price & Availability of K3P9VU4000A-GC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X