Part Number Hot Search : 
M113TCN 1ZC39A ST72T AN5273 SMA16 UN1116 K1CK012W M113TCN
Product Description
Full Text Search
 

To Download HLJC1001G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ?2009 littelfuse, inc. specifcations are subject to change without notice. please refer to www.littelfuse.com for current information. fuseholders specifications maximum voltage rating: 58v maximum current rating: see table below. cable insulation gxl, 125?c operating temperature range: -40?c to +125?c max. fuse insertion force: 49n this product is an in-line fuse holder for use with either standard or low profile jcase? fuses, 20a - 60a. it offers size and weight savings compared to maxi? fuseholders, and has an optional protective cover for splash resistance. standard product will have two 102mm red wire leads. wire length and insulation color can be customized upon request. tinned wires also available upon request. all customizations have minimum order requirements. contact littelfuse sales representative for details. there are two available mounting options: one version with mounting brackets, and one with a mounting hole through the body. part number description cover mounting wire size fuse rating 0fhj1001g standard jcase holder none standard thru-hole 10awg 40 a max 0fhj1002g standard jcase holder none standard thru-hole 8awg 60 a max 0fhj2001g standard jcase holder none mounting bracket 10awg 40 a max 0fhj2002g standard jcase holde none mounting bracket 8awg 60 a max fhjc1001g standard jcase holder yes standard thru-hole 10awg 40 a max fhjc1002g standard jcase holder yes standard thru-hole 8awg 60 a max fhjc2001g standard jcase holder yes mounting bracket 10awg 40 a max fhjc2002g standard jcase holder yes mounting bracket 8awg 60 a max HLJC1001G low profile jcase holder yes standard thru-hole 10awg 40 a max hljc1002g low profile jcase holder yes standard thru-hole 8awg 40 a max hljc2001g low profile jcase holder yes mounting bracket 10awg 40 a max hljc2002g low profile jcase holder yes mounting bracket 8awg 40 a max *note: xxxx1 series includes 4.0mm diameter mounting thru-hole; xxxx2 series includes mounting brackets inline holder for jcase? style fuses
2 ?2009 littelfuse, inc. specifcations are subject to change without notice. please refer to www.littelfuse.com for current information. fuseholders a b c d lead a color lead b color insulation type 102.0 102.0 9.0 9.0 red red gxl (standard) inline holder for jcase? style fuses ?5.5 25 40 25 18 0.8 50 21.3 102 102 13.5 low -profile fuse option 25 st andard jcase fuse option 2.5 18 5.5 12.8 ?4 (st andard mounting hole option) 9 typ . mounting bracket option mounting bracket only included with xxxx1000 series. standard hole only included with xxxx2000 series.


▲Up To Search▲   

 
Price & Availability of HLJC1001G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X