Part Number Hot Search : 
F1002 2560G APC77156 PD610 5KE40 VSC872 44200 GN202K
Product Description
Full Text Search
 

To Download EPC-880-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  photodiode-chip preliminary 11.04.2007 rev. 04/07 wavelength range infrared, selective typ. dimensions (m) description 300 (20) m anode gold alloy, 1.5 m cathode applications gold alloy, 0.5 m miscellaneous parameters t amb = 25c, unless otherwise specified symbol value unit a 0.17 mm2 t amb -40 to +125 c t stg -40 to +125 c optical and electrical characteristics t amb = 25c, unless otherwise specified parameter test conditions symbol min typ max unit dark current v r = 1 v i d 1.0 2.5 na peak sensitivity v r = 0 v p 890 nm spectral range at 50 % v r = 0 v 0.5 820 935 nm spectral bandwidth at 50% v r = 0 v ? 0.5 115 nm responsivity at p 1 v r = 0 v s 0.15 0.25 a/w switching time v r = 1 v t r, t f 15/30 ns 1 measured on bare chip on to-18 header labeling type typ. i d [pa] typ. s [a/w] ep -880-0.5 packing: chips on adhesive film with wire-bond side on top *note: all measurements carried out with epigap equipment lot n quantity type integrated filter epc-880-0.5 electrodes p (anode) up technology algaas/gaas infrared-selective photo- diode with narrow response range (810 - 950 nm) typ. thickness optical communications, safety equipment, light barriers parameter test onditions storage temperature range active area operating temperature range pd-02 300 360 460 epigap optoelektronik gmbh, d-12555 berlin, k?penicker str.325 b, haus 201 tel.: +49-30-6576 2543, fax : +49-30-6576 2545 1 of 2
photodiode-chip preliminary 11.04.2007 rev. 04/07 epc-880-0.5 700 750 800 850 900 950 1000 0,0 0,1 0,2 0,3 0,4 0,5 0,6 wavelength [nm] typical spectral response [a/w] epigap optoelektronik gmbh, d-12555 berlin, k?penicker str.325 b, haus 201 tel.: +49-30-6576 2543, fax : +49-30-6576 2545 2 of 2


▲Up To Search▲   

 
Price & Availability of EPC-880-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X