Part Number Hot Search : 
UN2226 HCTS365D T2907A TMXU392 SMCJ300A 2905A H4001 08226
Product Description
Full Text Search
 

To Download EM8Q-10011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05217.r5 3/11 page 1 05217 em8q-100 lcd em i fi l t er /tvs a rr ay d e s cr i p tion the em8q-100 is a qfn-16, 8 line low pass flter array with integrated tvs diodes. the em8q-100 is designed to suppress unwanted emi/rfi signals and provide esd protecton for high-speed data interfaces such as lcd displays and smart phones. with a desired cutof frequency of 150mhz, the em8q-100 provides good emi/rfi atenuaton beter than 25db in the 800mhz - 3ghz bandwidth. this blocks rf noises from gsm, dcs or bluetooth which can afect the baseband chipset and other blocks. coupled with the integrated tvs diodes, this device is able to meet iec 61000-4-2 (esd) and 61000-4-4 (eft) immunity requirements. fe atu re s ? compatble with iec 61000-4-2 (esd): air - 15kv, contact - 8kv ? compatble with iec 61000-4-4 (eft): 40a - 5/50ns ? esd protecton > 25 kilovolts ? bidirectonal emi filtering/tvs low pass filters ? low inserton loss: -3db roll-of @ 150mhz ? protects up to 8 data lines ? rohs compliant ? reach compliant m ec hani c a l c ha r a c t er isti c s ? molded jedec qfn-16 package ? approximate weight: 7 milligrams ? lead-free pure-tin platng (annealed) ? solder refow temperature: pure-tin - sn, 100: 260-270c ? 12mm tape and reel per eia standard 481 ? flammability ratng ul 94v-0 a ppl i c ations ? smart phones ? lcd display panel ? portable electronics ? smart cards c i rc uit d iag r a m & p in c onfigu r ation q fn -16 p a c kag e r1 d2 pin 3 i/o 1 d1 pin 2 r2 pin 4 i/o 2 pin 1 r3 pin 5 i/o 3 pin 16 r4 pin 6 i/o 4 pin 15 r5 d2 pin 7 i/o 5 d1 pin 14 r6 pin 8 i/o 6 pin 13 r7 pin 9 i/o 7 pin 12 r8 pin 10 i/o 8 pin 11 center tab as the ground 12 l7 11 l8 10 l8 9 l7 1 l2 2 l1 3 l1 4 l2 l3 16 l4 15 l5 14 l6 13 5 l3 6 l4 7 l5 8 l6 3mm x 3mm
only one name means protektion? www.protekdevices.com 05217.r5 3/11 page 2 05217 em8q-100 ty p i c a l de vi ce c ha r a c t er isti c s m a x i m u m r atings @ 25c unless o therwise specifed p a r a me t er sy mb o l va l u e units operatng temperature t a -40 to 85 c storage temperature t stg -55 to 150 c dc power per resistor p 100 mw typical resistance @ 15% r 100 ohms soldering temperature for 10 seconds t l 265 c elec t r i c a l c ha r a c t er isti c s per l in e @ 25c unless o therwise specifed p a r t nu mber r at ed stan d- off vo l tag e v wm vo l ts m ini m u m bre ak d o w n vo l tag e @ 1 m a v (br) vo l ts m a x i m u m le akag e c u rre nt @ 3 v i d a ty p i c a l fo rw a rd vo l tag e @ 10 m a v f vo l ts m ini m u m att e nuation @ 800-3000 mhz db c ut-off f req u e n c y (50 oh m s i/o) z er o b ias fc mhz ty p i c a l c a p a c itan ce per l in e (n ote 1) @2.5 v , 1m h z c p f em8q-100 5.0 6.0 0.1 0.8 25 150 20 n ot es 1. 20% tolerance.
only one name means protektion? www.protekdevices.com 05217.r5 3/11 page 3 05217 em8q-100 ty p i c a l de vi ce c ha r a c t er isti c s figu re 1 ty p i c a l fi l t er per fo rm an ce (t a = 25c, dc bias = 0 v , 50 o hm environment) 1 10 100 1000 10000 f requency - mhz -40 -30 -20 -10 0 inserton loss - db figu re 2 re sistan ce vs t emper atu re (n ormalized to resistance at 25c) -40 -20 0 20 40 60 80 100 t emperature - c 0.90 n ormalized resistance 0.94 0.98 1.02 1.06 1.10
only one name means protektion? www.protekdevices.com 05217.r5 3/11 page 4 05217 em8q-100 q fn-16 p a c kag e info rm ation out l in e d i me nsions d i m m i ll i me t er s in c h e s m in m a x m in m a x a 3.00 sq 0.118 sq b 1.65 1.75 0.065 0.069 c 1.50 bsc 0.059 bsc d 0.50 bsc 0.020 bsc e 0.18 0.28 0.007 0.011 f 0.35 0.45 0.014 0.018 g 0.71 0.81 0.028 0.032 h 0.00 0.05 0.00 0.002 i 0.18 0.23 0.007 0.009 not es 1. controlling dimension: inches. 2. dimensioning and tolerances per ansi y14.m, 1985. 3. decimal tolerances for mountng pad and outline .xxx 0.05mm ( 0.002). 4. package length, width and height does not include protrusions, lead and gate burrs. p a d l ayout d i me nsions d i m m i ll i me t er s in c h e s no m ina l no m ina l a 4.00 0.16 b 0.70 0.028 c 1.00 0.040 d 0.50 0.020 e 0.30 0.012 not e s 1. controlling dimension: millimeters. e d c a b a b c d f cham f er 0.300 x 45 pin 1 e t op view g h i side view pin 1
only one name means protektion? www.protekdevices.com 05217.r5 3/11 page 5 05217 em8q-100 ta pe an d reel o rder ing info rm ation b as e p a r t nu mber le a d f ree suffi x ta pe suffi x q ty /reel reel siz e tu be q ty em8q-100 -lf -t73 3,000 7 n/a em8q-100 -lf -t13 10,000 7 n/a s pec ifi c ations r eel dia. t a pe wi d th a 0 b0 k 0 d e f w p0 p2 p tmax 178mm (7) 12mm 3.30 0.10 3.30 0.10 1.00 0.10 1.50 0.10 1.75 0.10 5.50 0.10 12.00 0.30 4.00 0.10 2.00 0.05 8.00 0.10 0.25 n ot e s 1. dimensions are in millimeters. 2. surface mount product is taped and reeled in accordance with eia-481. 3. sufx - t73 = 7 reel - 3,000 pieces per 12mm tape. 4. sufx - t13 = 13 reel - 10,000 pieces per 12mm tape. 5. marking on part - logo, part number and pin one defned by dot on package. package outline, pad layout and tape specifcatons per document number 06054.r3 3/11. user directon of feed t k0 a0 p d p0 p2 e b0 f w 10 pitches cumulatve tolerance on tape 0.2 pin 1
only one name means protektion? www.protekdevices.com 05217.r5 3/11 page 6 05217 em8q-100 c o mp any info rm ation c omp any pr ofile protek devices, based in tempe, arizona usa, is a manufacturer of transient voltage suppression (tvs) products designed specifcally for the protecton of electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulse (nemp), in - ductve switching and emi/rfi. with over 25 years of engineering and manufacturing experience, protek designs tvs devices that provide applicaton specifc protecton solutons for all electronic equipment/systems. protek devices analog products division, also manufactures analog interface, control, rf and power management products. copyright ? protek devices 2005 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. c onta c t us corporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa by t elephone general: 602-431-8101 sales: 602-414-5109 customer service: 602-414-5114 by f ax general: 602-431-2288 by e-mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com web www.protekdevices.com www.protekanalog.com


▲Up To Search▲   

 
Price & Availability of EM8Q-10011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X