Part Number Hot Search : 
SD335 LB1413 PC1002 IRFP3 MC4053 C3500 100BGC LVC1G32
Product Description
Full Text Search
 

To Download EER25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  switching power transformers electrical characteristics ? applicable to flyback,forward,push pull and bridge circuits ? output power rating up to 500w ? frequency range:15khz to 200 khz ? design to meet ul,csa and vde safety specifications ? heat resistance classi fication : class a (105 ) or class b(130 ) ? flammability retardant rating:ul-0 or 94v-1 ee series shape & dimensions in mm dimensions in mm (inches) part no. terminalpins a b c+/-0.5 d+/-0.5 e+/-0.5 f type ee-8.3 6 8 8 6 4 2.5 8.3 v ee-10 8 11.5 10.2 8 4 2.5 10.2 v ee-13 10 12 12.5 8.5 4 2.5 13 v ee-16-1 6 14.8 13.3 9 4 3 16 v ee-16-2 10 15.4 13 10.5 4 3.2 17.1 v eel-16 10 28.5 16 12.3 4 4.3 21.9 v ee-19-1 8 17.6 16 10 4 5 19 v ee-19-2 10 17.2 16.2 13 4 3.9 20 v eel-19 10 31.5 16 10.5 4 4 21.1 v eel-19-1 10 15.6 30 24.1 4 3.5 21 h ee-25-1 6 20 18.2 12.5 4 6.3 25.2 v ee-25-2 8 21.7 17.5 12.6 4 5 25.2 h ee-25-3 10 22.2 25 15.4 4 5 26.1 h eel-25 8 35.3 17.5 12.5 4 5 25.2 v ee-30 10 21 29.2 25.2 4 5 30 h ee-40 14 27.6 30.5 25.8 4 5 40 h ee-42/15-1 12 33.8 44 35.5 4 5 42 h ee-42/15-2 16 41.3 48 37.7 4 5 42 h ee-42/15-3 18 48.7 32 27.5 4 5 45.1 v ee-42/20-1 12 45 39.8 32.5 4 5 42 v ee-42/20-2 16 44.2 50 37.8 4 5 42.2 h ee-42/20-3 18 44.1 37 27.3 4 5 45.3 v ee-55 20 50 50 45.5 4 5 55 h ee-65 16 55.2 51.8 45 4 5 65 h type : h ->horizontal type v ->vertical type design as customer's re quested specifications
switching power transformers ei series shape & dimensions in mm dimensions in mm (inches) part no. terminalpins a b c+/-0.5 d+/-0.5 e+/-0.5 f type ei-14 6 12 13 10.5 4 3.2 14 v ei-22 10 19.5 15.8 10 4 4 22 v ei-24 6 18.5 20.5 17.5 4 5 24 v ei-28 10 21.5 22.1 17.4 4 5 28 v ei-30 10 26 21.6 17.3 4 5 30 v ei-33 12 31.5 28 22.5 4 5 33 v ei-33-1 18 32 28.1 22.6 4 5 43.7 v ei-40 12 33.5 28 22.5 4 5 40 v ei-40-1 16 35.5 28.5 22.8 4 5 42 v ei-50 12 41 35.5 27.5 4 7.5 50 v ei-60 12 45 45 35 5 7.5 60 v design as customer's re quested specifications eer series
switching power transformers shape & dimensions in mm dimensions in mm (inches) part no. terminalpins a b c+/-0.5 d+/-0.5 e+/-0.5 f type EER25.5 8 19.5 19.7 12.5 4 5 25.5 v eer28 12 30.5 23 17.5 4 5 31 v eer28 12 23.1 28.2 25 4 5 29.1 h eerl28 12 36 27 20 4 5 30 v eerl28 12 26.3 37.1 30 4 5 30.2 h eer33 14 37.5 28 22.5 4 5 36 v eerl35 14 43.5 28 22.5 4 5 35.5 v eerl35 16 29.1 40.3 35.4 4 5 40.3 h eerl39 16 46 31.1 25 4 5 43.1 v eerl39 16 33 41.5 30.85 4 5 42.3 h eer39 18 33 33 25 5 2.5 50 v eer40 16 48 31.1 25 4 5 43.1 v eer4215 14 45.5 30 25 4 5 42 v eer4220 14 44 37.5 36 4 5 42 v design as customer's re quested specifications ef series shape & dimensions in mm dimensions in mm (inches) part no. terminalpins a b c+/-0.5 d+/-0.5 e+/-0.5 f type ef-12.6 6 16 10 7.6 4 3.8 14.4 v ef-12.6 10 9.5 17.7 10.9 4 2.5 13.2 h ef-16 6 18.5 11.5 7.5 4 3.75 16.2 v ef-16 14 13.5 19 15.24 4 2.54 16.9 h ef-20 6 21 13 10 4 5.08 20 v ef-20 10 16.6 21.2 15.24 4 3.8 22 h ef-25 6 26 17.1 12.5 4 5 25 v ef-25 10 27.5 19.4 12.7 4 5 25 v ef-25 8 20 26 20 4 5 25.1 h design as customer's re quested specifications
switching power transformers epc series shape & dimensions in mm dimensions in mm (inches) part no. terminalpins a b c d e f epc10 8 5.5 10.2 11.5+/-0.5 2.0 10.9 10.9 epc13 10 6.8 17.2 20.2+/-0.2 3.0 14 14 epc19 10 9.5 22.5 25 3.5 20 20 epc25 10 11.5 27.6 29.6 3.8 25 25 design as customer's re quested specifications etd series shape & dimensions in mm dimensions in mm (inches) part no. terminalpins a b c+/-0.5 d+/-0.5 e+/-0.5 f type etd-24 12 35.6 21 17.8 4 5.08 36.1 v etd-29 12 40.9 24 20.3 4 5.08 41.8 v etd-29 14 24.9 35.1 25.5 4 5 35.7 h etd-34 16 39.9 31.7 25.5 4 5 42 v etd-34 14 29.8 40 25.5 4 5 39.9 h etd-39 14 35.6 44.2 30.7 4 5 44.6 h etd-44 18 42 32 27.5 4 5 45 v etd-44 18 39.6 51.3 35.7 4 5 49.8 h etd-49 22 57.5 36 27.5 5 5 53.7 v etd-49 20 41.4 57.2 40.7 5 5 54.7 h design as customer's re quested specifications
switching power transformers pq series shape & dimensions in mm dimensions in mm (inches) part no. terminalpins a b c+/-0.5 d+/-0.5 e+/-0.5 f pq-2016 14 18.5 23.2 20.6 4 5 3.8 pq-2020 14 22.3 23 20.3 4 5 3.8 pq-2620 12 20 29.3 25.4 4 7.7 3.8 pq-2625 12 28.5 29.6 25.5 4 7.62 3.8 pq-3220 12 23.5 34.4 30.7 4 7.62 3.8 pq-3230 12 33.5 34.2 30.7 4 7.52 5.08 pq-3535 12 37.5 39.1 35.6 5 10.16 5.08 pq-4040 12 41.5 42 38 5 15 5.08 design as customer's re quested specifications ep series shape & dimensions in mm dimensions in mm (inches) part no. terminalpins a b c+/-0.5 d+/-0.5 e+/-0.5 f type ep-7 6 9.6 7.4 5.08 4 2.54 9.3 h ep-10 8 11.8 11 7.5 4 2.5 11 h ep-13 10 12.7 13.5 10 4 2.5 13.2 h ep-17 8 15.7 19 15 4 5 19 h ep-20 10 19.6 22 17.78 4 5.08 25.1 h design as customer's re quested specifications


▲Up To Search▲   

 
Price & Availability of EER25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X