Part Number Hot Search : 
29050 STA01510 C1004 0E335K8R MAX1197 E003185 4051B NTXV1
Product Description
Full Text Search
 

To Download DSEC16-06AC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2004 ixys all rights reserved hiperfred tm epitaxial diode isoplus220 tm electrically isolated back surface notes: data given for t vj = 25 o c and per diode unless otherwise specified d pulse test: pulse width = 5 ms, duty cycle < 2.0 % e pulse test: pulse width = 300 s, duty cycle < 2.0 % ixys reserves the right to change limits, test conditions and dimensions. features z silicon chip on direct-copper-bond substrate - high power dissipation - isolated mounting surface - 2500v electrical isolation z low cathode to tab capacitance (<15pf) z planar passivated chips z very short recovery time z extremely low switching losses z low i rm -values z soft recovery behaviour z epoxy meets ul 94v-0 applications z antiparallel diode for high frequency switching devices z antisaturation diode z snubber diode z free wheeling diode in converters and motor control circuits z rectifiers in switch mode power supplies (smps) z inductive heating z uninterruptible power supplies (ups) z ultrasonic cleaners and welders advantages z avalanche voltage rated for reliable operation z soft reverse recovery for low emi/rfi z low i rm reduces: - power dissipation within the diode - turn-on loss in the commutating switch i fav = 2x8 a v rrm = 600 v t rr = 35 ns v rsm v rrm type v v 600 600 dsea16-06ac preliminary data sheet dsea16-06ac * patent pending isoplus220 tm 3 2 isolated back surface * 1 symbol conditions maximum ratings i frms 35 a i favm t c = 145c; rectangular, d = 0.5 8 a i fsm t vj = 45c; t p = 10 ms (50 hz), sine 50 a e as t vj = 25c; non-repetitive 0.1 mj i as = 0.9 a; l = 180 h i ar v a = 1.5 v r typ.; f = 10 khz; repetitive 0.1 a t vj -55...+175 c t vjm 175 c t stg -55...+150 c p tot t c = 25c 60 w v isol 50/60 hz rms; i isol 1 ma 2500 v~ f c mounting force 11...65 / 2.4...11 n / lb weight typical 3 g symbol conditions characteristic values typ. max. i r c t vj = 25c v r = v rrm 60 a t vj = 150c v r = v rrm 0.25 ma v f d i f = 10 a; t vj = 125c 1.42 v t vj = 25c 2.50 v r thjc 2.5 k/w r thch 0.6 k/w t rr i f = 1 a; -di/dt = 50 a/s; 35 ns v r = 30 v; t vj = 25c i rm v r = 100 v; i f = 12 a; -di f /dt = 100 a/s 3.5 4.4 a t vj = 100c 3 1 2 ds98831a (2/04) see dsec 16-06a data sheet for characteristic curves
? 2004 ixys all rights reserved dsea16-06ac 200 600 1000 0 400 800 70 80 90 100 110 120 0.00001 0.0001 0.001 0.01 0.1 1 0.001 0.01 0.1 1 10 0 40 80 120 160 0.0 0.5 1.0 1.5 2.0 k f t vj c -di f /dt t s k/w 0 200 400 600 800 1000 0 5 10 15 20 0.0 0.3 0.6 0.9 1.2 v fr di f /dt v 200 600 1000 0 400 800 0 10 20 30 40 100 1000 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0.0 0.5 1.0 1.5 2.0 2.5 0 5 10 15 20 25 30 i rm q r i f a v f -di f /dt -di f /dt a/ s a v nc a/ s a/ s t rr ns t fr z thjc a/ s s dsep 8-06a/dsec16-06a i f = 20a i f = 10a i f = 5a t vj = 100c v r = 300v t vj = 100c i f = 10a fig. 3 peak reverse current i rm versus -di f /dt fig. 2 reverse recovery charge q r versus -di f /dt fig. 1 forward current i f versus v f t vj = 100c v r = 300v t vj = 100c v r = 300v i f = 20a i f = 10a i f = 5a q r i rm fig. 4 dynamic parameters q r , i rm versus t vj fig. 5 recovery time t rr versus -di f /dt fig. 6 peak forward voltage v fr and t fr versus di f /dt i f = 20a i f = 10a i f = 5a t fr v fr fig. 7 transient thermal resistance junction to case constants for z thjc calculation: ir thi (k/w) t i (s) 1 1.449 0.0052 2 0.5578 0.0003 3 0.4931 0.0169 t vj =150c t vj =100c t vj = 25c note: fig. 2 to fig. 6 shows typical values
? 2004 ixys all rights reserved dsea16-06ac isoplus220 outline note: all terminals are solder plated. 1 - cathode 2 - common anode 3 - cathode


▲Up To Search▲   

 
Price & Availability of DSEC16-06AC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X