Part Number Hot Search : 
2A105K KTK5164U AS300DB TB6552F 74HC15 N4002 PAM8905 ST7787
Product Description
Full Text Search
 

To Download 39880-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features and specifications specifica tions these eurostyle terminal blocks are available in 5.08mm (88 series) and 5.00mm (89 series) terminal pitch. series 88 is offered in low, medium and high profiles, while series 89 is offered in low and medium profiles. both series are available in dual- and tri-levels, and since these products are modular with a dovetail feature, they can be locked together to form larger assemblies. dual-levels are available from 4 to 48 circuits. tri-levels are available from 6 to 72 circuits. reference information packaging: box ul file no.: e48521 guide no.: xcrf2 ul for canada file no.: e48521 guide no.: xcrf8 (pending) electrical voltage: 300v cur r ent: low profile C17.5a medium profile C24.0a high profile C32.0a contact resistance: 15 milliohms max.insulation resistance: 5000 megohms min. mechanical rec. tightening torque: 0.60 nm (5.31 in. lbs) operating t emperature: +105 physical housing: polyamide 6.6 ul 94 v-0, black contact: brass scr ews: brass pressure clamp: brass w ir e range: low profile C16 to 30 awg (1.31 to 0.05mm 2 ) medium pr ofile C12 to 30 a wg (3.31 to 0.05mm 2 ) high profile C12 to 30 awg (3.31 to 0.05mm 2 ) features and benefits n integral dovetail feature allows for easy assembly of lar ger cir cuits n rising cage clamp system holds wire for secure, reliable contact n offered in various heights for better space utilization n offset wire entry allows easier access to all wiring points n footprint is inter changeable with all industr y standard parts beau eurostyle multi-level terminal blocks offer more selections 5.00 and 5.08mm (.197 and .200 pitchbeau ? eurostyle ? multi-level, fixed terminal blocks 39880, 39890
applications 5.00 and 5.08mm (.197 and .200 pitchbeau ? eurostyle ? multi-level, fixed terminal blocks 39880, 39890 n process controls n data acquisition n spa controls n factory automation n power supplies n hvac n transmitters/sensors n scales and weighing equipment americas headquarters lisle, illinois 60532 u.s.a. 1-800-78molexamerinfo@molex.com far east north headquarters yamato, kanagawa, japan 81-462-65-2324feninfo@molex.com far east south headquarters jurong, singapore 65-6-268-6868fesinfo@molex.com european headquarters munich, germany 49-89-413092-0eurinfo@molex.com corporate headquarters 2222 wellington ct. lisle, il 60532 u.s.a.630-969-4550 fax:630-969-1352 visit our web site at http://www.molex.com/products/tblocks.html order no. usa-263 printed in usa/5k/ji/ji/2004.09 ?004, molex ordering information for 2-level par ts, replace xx with no. of circuits, 04 to 48. for 3-level par ts, replace xx with no. of circuits, 06 to 72. pitch or der no. profile 2-level 3-level 5.00 (.197) 39890-05xx 39890-08xx low 39890-06xx 39890-09xx medium 5.08 (.200) 39880-05xx 39880-08xx low 39880-06xx 39880-09xx medium 39880-07xx 39880-10xx high


▲Up To Search▲   

 
Price & Availability of 39880-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X