Part Number Hot Search : 
DM8602N MUR30 CEM9430 001547 1512035X APE6800 TMC5041 B59810
Product Description
Full Text Search
 

To Download 2SK1485-T2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 1991, 2001 mos field effect transistor 2sk1485 n-channel mos field effect transistor for switching document no. d15680ej3v0ds00 (3rd edition) (previous no. tc-2349) date published july 2001 ns cp(k) printed in japan data sheet the mark  shows major revised points. the information in this document is subject to change without notice. before using this document, please confirm that this is the latest version. not all devices/types available in every country. please check with local nec representative for availability and additional information. package drawing (unit : mm) 1.5 0.1 0.41 +0.03 ?0.05 0.8 min. 0.42 0.06 1.5 3.0 0.47 0.06 0.42 0.06 2.5 0.1 4.0 0.25 4.5 0.1 1.6 0.2 1 2 3 1.source 2.drain 3.gate mark : nc description the 2sk1485, n-channel vertical type mos fet is a switching device which can be driven directly by the output of ics having a 5 v power source. as the mos fet has low on-state resistance and excellent switching characteristics, it is suitable for driving actuators such as motors, relays, and solenoids. features ? directly driven by ics having a 5 v power source. ? low on-state resistance r ds(on)1 = 1.2 ? max. (v gs = 4.0 v, i d = 0.5 a) r ds(on)2 = 0.8 ? max. (v gs = 10 v, i d = 0.5 a) ? complementary to 2sj199. absolute maximum ratings (t a = 25 c) drain to source voltage (v gs = 0 v) v dss 100 v gate to source voltage (v ds = 0 v) v gss 20 v drain current (dc) (t c = 25c) i d(dc) 1.0 a drain current (pulse) note1 i d(pulse) 2.0 a total power dissipation (t a = 25c) note2 p t 2.0 w channel temperature t ch 150 c storage temperature t stg ? 55 to +150 c notes1. pw 10 ms, duty cycle 50% 2. mounted on ceramic board of 16 cm 2 0.7 mm remark the diode connected between the gate and source of the transistor serves as a protector against esd. when this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device.  equivalent circuit source body diode gate protection diode gate drain
data sheet d15680ej3v0ds 2 2sk1485 electrical characteristics (t a = 25c) characteristics symbol test conditions min. typ. max. unit zero gate voltage drain current i dss v ds = 100 v, v gs = 0 v 10 a gate leakage current i gss v gs = 20 v, v ds = 0 v 10 a gate cut-off voltage v gs(off) v ds = 10 v, i d = 1 ma 0.8 1.2 2.0 v forward transfer admittance | y fs |v ds = 10 v, i d = 0.5 a 0.4 s drain to source on-state resistance r ds(on)1 v gs = 4.0 v, i d = 0.5 a 0.6 1.2 ? r ds(on)2 v gs = 10 v, i d = 0.5 a 0.5 0.8 ? input capacitance c iss v ds = 10 v 230 pf output capacitance c oss v gs = 0 v 80 pf reverse transfer capacitance c rss f = 1 mhz 12 pf turn-on delay time t d(on) v dd = 25 v, i d = 0.5 a 14 ns rise time t r v gs = 10 v 14 ns turn-off delay time t d(off) r g = 10 ? 370 ns fall time t f 65 ns switching time pg. r g 0 v gs d.u.t. r l v dd = 1 s duty cycle 1% v gs wave form i d wave form v gs 10% 90% v gs 10% 0 i d 90% 90% t d(on) t r t d(off) t f 10% i d 0 t on t off
data sheet d15680ej3v0ds 3 2sk1485 typical characteristics (t a = 25c) 20 60 80 40 0 100 derating factor of forward bias safe operating area dt - derating factor - % t c - case temperature - c 0 20 40 60 80 100 120 140 160 forward bias safe operating area 30 100 300 1000 i d - drain current - a 310 1 v ds - drain to source voltage - v pw = 1 m s v dss 4 1 0.3 0.1 0.03 0.01 10 ms t a = 25 c single pulse i d(pulse) i d(dc) 100 m s dc 1.2 1.6 0.8 0.4 0 2.0 total power dissipation vs. ambient temperature 0 30 60 90 120 150 180 2.4 p t - total power dissipation - w t a - ambient temperature - c mounted on ceramic board of 16 cm 0.7 mm 2 3.0 v v gs = 2.0 v 400 200 0 600 500 300 100 drain current vs. drain to source voltage i d - drain current - ma v ds - drain to source voltage - v 0 0.4 0.8 1.2 0.2 0.6 1.0 1.4 2.5 v pulsed 0 1.0 2.0 3.0 1 0.1 0.01 0.001 3 v gs - gate to source voltage - v transfer characteristics i d - drain current - a v ds = 10 v pulsed forward transfer admittance vs. drain current 0.3 1 0.03 0.1 0.004 0.01 2 i d - drain current - a | y fs | - forward transfer admittance - s 8.0 3.0 1.0 0.3 0.1 0.03 v ds = 10 v f = 1mh z
data sheet d15680ej3v0ds 4 2sk1485 drain to source on-state resistance vs. gate to source voltage r ds(on) - drain to source on-state resistance - ? v gs - gate to source voltage - v 048121620 1.1 0.7 0.9 0.5 0.3 0.1 i d = 0.5 a pulsed drain to source on-state resistance vs. drain current 1 0.1 i d - drain current - a r ds(on) - drain to source on-state resistance - ? 0.1 0.3 0.5 0.7 0.9 0.3 3 v gs = 10 v pulsed v gs = 4 v c iss c oss c rss capacitance vs. drain to source voltage 30 100 200 c iss ,c oss ,c rss - capacitance - pf 1310 0.2 v ds - drain to source voltage - v 5 3 10 600 300 100 50 30 v gs = 0 v f = 1 mh z 0.03 0.3 3 10 i d - drain current - a t d(on) ,t r ,t d(off) ,t f - switchig time - ns t d(off) t d(on) t f t r switching characteristics 0.1 1 800 300 100 50 20 10 5 3 v dd = 25 v v gs = 10 v r g = 10 ? source to drain diode forward voltage i sd - source to drain current - a 0.8 0.6 0.4 0.2 0 v sd - source to drain voltage - v 1.0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.2 1.4 v gs = 0 v pulsed
data sheet d15680ej3v0ds 5 2sk1485 [memo]
data sheet d15680ej3v0ds 6 2sk1485 [memo]
data sheet d15680ej3v0ds 7 2sk1485 [memo]
2sk1485 m8e 00. 4 the information in this document is current as of july, 2001. the information is subject to change without notice. for actual design-in, refer to the latest publications of nec's data sheets or data books, etc., for the most up-to-date specifications of nec semiconductor products. not all products and/or types are available in every country. please check with an nec sales representative for availability and additional information. no part of this document may be copied or reproduced in any form or by any means without prior written consent of nec. nec assumes no responsibility for any errors that may appear in this document. nec does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of nec semiconductor products listed in this document or any other liability arising from the use of such products. no license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of nec or others. descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. the incorporation of these circuits, software and information in the design of customer's equipment shall be done under the full responsibility of customer. nec assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. while nec endeavours to enhance the quality, reliability and safety of nec semiconductor products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. to minimize risks of damage to property or injury (including death) to persons arising from defects in nec semiconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. nec semiconductor products are classified into the following three quality grades: "standard", "special" and "specific". the "specific" quality grade applies only to semiconductor products developed based on a customer-designated "quality assurance program" for a specific application. the recommended applications of a semiconductor product depend on its quality grade, as indicated below. customers must check the quality grade of each semiconductor product before using it in a particular application. "standard": computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots "special": transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) "specific": aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. the quality grade of nec semiconductor products is "standard" unless otherwise expressly specified in nec's data sheets or data books, etc. if customers wish to use nec semiconductor products in applications not intended by nec, they must contact an nec sales representative in advance to determine nec's willingness to support a given application. (note) (1) "nec" as used in this statement means nec corporation and also includes its majority-owned subsidiaries. (2) "nec semiconductor products" means any semiconductor product developed or manufactured by or for nec (as defined above). ? ? ? ? ? ?


▲Up To Search▲   

 
Price & Availability of 2SK1485-T2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X