Part Number Hot Search : 
1N4737 DB104G A2183 MOC8021M SE9402 80014 SE9402 0SJETT
Product Description
Full Text Search
 

To Download 0758540505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/14/2010 please check www.molex.com for latest part information part number: 0758540505 status: active overview: gbx_backplane_connector_system description: 1.85mm by 1.85mm (.073" by .073") pitch 4-pair gbx? backplane l-series connector system, open header, 55 circuits, gold (au) 0.76m (30"), pin length 5.55mm (.219") documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-75221-999 (pdf) agency certification ul e29179 general product family backplane connectors series 75854 application backplane application tooling documents tooling manual comments open header component type pcb header overview gbx_backplane_connector_system product name gbx? style n/a physical circuits (loaded) 55 circuits (maximum) 55 color - resin gray durability (mating cycles max) 200 first mate / last break no flammability 94v-0 guide to mating part no keying to mating part none material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of columns 5 number of pairs 4 number of rows 11 orientation vertical pc tail length (in) 0.091 in pc tail length (mm) 2.30 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.063 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.073 in pitch - mating interface (mm) 1.85 mm pitch - term. interface (in) 0.073 in pitch - term. interface (mm) 1.85 mm plating min: mating (in) 30 plating min: mating (m) 0.76 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 75854 series mates with gbx? daughtercard receptacle 75370 , link 75371 application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # gbx? backplane 4 pair by 5 wide l series insertion tool 0622022015
plating min: termination (in) 30 plating min: termination (m) 0.76 polarized to pcb no stackable no surface mount compatible (smc) yes temperature range - operating 105c termination interface: style through hole - compliant pin electrical current - maximum per contact 1a data rate 8.0 gbps real signals (per 25mm) 149 shielded no voltage - maximum 120v ac (rms)/dc material info reference - drawing numbers packaging specification pk-70873-563 product specification ps-75221-999 sales drawing sd-75854-010 gbx is a registered trademark of amphenol corporation. this document was generated on 05/14/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0758540505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X