Part Number Hot Search : 
SPD5806 HMC463 AK2301BX SR205 30KW96CA STUN068 M74HC241 NTE9936
Product Description
Full Text Search
 

To Download 0394260008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/22/2010 please check www.molex.com for latest part information part number: 0394260008 status: active description: 12.00mm (.472") pitch beau? euromax? right angle pcb header, closed ends, 8 circuits, with threaded retention inserts documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) general product family terminal blocks series 39426 application wire-to-board component type pcb header product name euromax?pluggable type euro block physical circuits (loaded) 8 color - resin black entry angle n/a lock to mating part yes material - plating mating tin material - plating termination tin material - resin nylon number of rows 1 orientation right angle pc tail length (in) 0.169 in pc tail length (mm) 4.30 mm pcb retention yes pcb thickness recommended (in) 0.125 in pcb thickness recommended (mm) 3.20 mm panel mount no pitch - mating interface (in) 0.472 in pitch - mating interface (mm) 12.00 mm plating min: mating (in) 150 plating min: mating (m) 3.75 plating min: termination (in) 150 plating min: termination (m) 3.75 polarized to mating part yes shrouded closed ends stackable no temperature range - operating 130c termination interface: style through hole wire size awg n/a electrical current - maximum per contact 85a voltage - maximum 600v material info old part number 425908 reference - drawing numbers sales drawing sd-39426-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 39426 series mates with 39421 plugs
this document was generated on 04/22/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0394260008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X