Part Number Hot Search : 
F24A1 HS2FA TDA7315D FN1A4M PAC06 A5250 24C02B 00209
Product Description
Full Text Search
 

To Download SI1073X-T1-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay siliconix si1073x new product document number: 74285 s-82617-rev. c, 03-nov-08 www.vishay.com 1 p-channel 30-v (d-s) mosfet features ? halogen-free opti on available ?trenchfet ? power mosfet ? 100 % r g and uis tested applications ? load switch product summary v ds (v) r ds(on) ( )i d (a) q g (typ.) - 30 0.173 at v gs = - 10 v - 0.98 a 3.25 0.243 at v gs = - 4.5 v - 0.83 notes: a. based on t c = 25 c. b. surface mounted on 1" x 1" fr4 board. c. t = 5 s. d. maximum under steady state conditions is 650 c/w. absolute maximum ratings t a = 25 c, unless otherwise noted parameter symbol limit unit drain-source voltage v ds - 30 v gate-source voltage v gs 20 continuous drain current (t j = 150 c) a t a = 25 c i d - 0.98 b, c a t a = 70 c - 0.78 b, c pulsed drain current i dm - 8 avalanche current l = 0.1 mh i as - 6 repetitive avalanche energy e as 1.8 mj continuous source-drain diode current t a = 25 c i s 0.2 b, c a maximum power dissipation a t a = 25 c p d 0.236 b, c w t a = 70 c 0.151 b, c operating junction and storage temperature range t j , t stg - 55 to 150 c thermal resistance ratings parameter symbol typical maximum unit maximum junction-to-ambient b, d t 5 s r thja 440 530 c/w steady state 540 650 orderin g information: SI1073X-T1-E3 (lead (p b )-free) si1073x-t1-ge3 (lead (p b )-free and halogen-free) marking code 1 xx lot tracea b ility and date code part # code y y sc-89 (6-leads) 6 4 1 2 3 5 top v ie w d d g d d s s g d p-channel mosfet rohs compliant
www.vishay.com 2 document number: 74285 s-82617-rev. c, 03-nov-08 vishay siliconix si1073x new product notes: a. pulse test; pulse width 300 s, duty cycle 2 %. b. guaranteed by design, not s ubject to production testing. stresses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = - 250 a - 30 v v ds temperature coefficient v ds /t j i d = - 250 a - 30.7 mv/c v gs(th) temperature coefficient v gs(th) /t j 3.78 gate-source threshold voltage v gs(th) v ds = v gs , i d = - 250 a - 1 - 3 v gate-source leakage i gss v ds = 0 v, v gs = 20 v 100 na zero gate voltage drain current i dss v ds = - 30 v, v gs = 0 v - 1 a v ds = - 30 v, v gs = 0 v, t j = 85 c - 10 on-state drain current a i d(on) v ds = 5 v, v gs = - 10 v - 8 a drain-source on-state resistance a r ds(on) v gs = - 10 v, i d = - 0.98 a 0.144 0.173 v gs = - 4.5 v, i d = - 0.83 a 0.202 0.243 forward transconductance g fs v ds = - 15 v, i d = - 0.98 a 3.52 s dynamic b input capacitance c iss v ds = - 15 v, v gs = 0 v, f = 1 mhz 265 pf output capacitance c oss 51 reverse transfer capacitance c rss 39 total gate charge q g v ds = - 15 v, v gs = - 4.5 v, i d = - 0.98 a 3.25 4.88 nc v ds = - 15 v, v gs = - 10 v, i d = - 0.98 a 6.3 9.45 gate-source charge q gs 1.02 gate-drain charge q gd 1.47 gate resistance r g f = 1 mhz 14 21 tu r n - o n d e l ay t i m e t d(on) v dd = - 15 v, r l = 19.2 i d ? - 0.78 a, v gen = - 10 v, r g = 1 69 ns rise time t r 10 15 turn-off delaytime t d(off) 14 21 fall time t f 69 tu r n - o n d e l ay t i m e t d(on) v dd = - 15 v, r l = 22.72 i d ? - 0.66 a, v gen = - 4.5 v, r g = 1 26 39 rise time t r 28 42 turn-off delaytime t d(off) 28 42 fall time t f 12 18 drain-source body diode characteristics pulse diode forward current a i sm 8a body diode voltage v sd i s = - 0.63 a 0.8 1.2 v body diode reverse recovery time t rr i f = - 0.7 a, di/dt = 100 a/s 14.3 21.45 nc body diode reverse recovery charge q rr 12.16 18.25 ns reverse recovery fall time t a 11.1 reverse recovery rise time t b 3.2
document number: 74285 s-82617-rev. c, 03-nov-08 www.vishay.com 3 vishay siliconix si1073x new product typical characteristics t a = 25 c, unless otherwise noted output characteristics on-resistance vs. drain current q g - gate charge 0 2 4 6 8 0.0 0.6 1.2 1. 8 2.4 3.0 v ds - drain-to-so u rce v oltage ( v ) ) a ( t n e r r u c n i a r d - i d v gs = 10 thr u 5 v v gs = 3 v v gs = 4 v 0.00 0.0 8 0.16 0.24 0.32 0 . 40 0246 8 e ( ) c n a t s i s e r - n o - r ds(on) i d - drain c u rrent (a) v gs = 10 v v gs = 4.5 v 0 2 4 6 8 10 01234567 ) v ( e g a t l o v e c r u o s - o t - e t a g - q g - total gate charge (nc) v gs i d = 0.94 a v ds = 15 v v ds = 24 v transfer characteristics curves vs. temp. capacitance on-resistance vs. junction temperature 0 1 2 3 01234 v gs - gate-to-so u rce v oltage ( v ) ) a ( t n e r r u c n i a r d - i d t c = 125 c 25 c t c = - 55 c 0 100 200 300 400 5 00 0 6 12 1 8 24 30 v ds - drain-to-so u rce v oltage ( v ) ) f p ( e c n a t i c a p a c - c c oss c iss c rss 0.6 0. 8 1.0 1.2 1.4 1 . 6 - 50 - 25 0 25 50 75 100 125 15 0 t j - j u nction temperat u re (c) ) d e z i l a m r o n ( ce n a t s i s e r - n o - r ds(on) v gs = 4.5 v i d = 0. 8 3 a v gs = 10 v i d = 0.94 a
www.vishay.com 4 document number: 74285 s-82617-rev. c, 03-nov-08 vishay siliconix si1073x new product typical characteristics t a = 25 c, unless otherwise noted source-drain diode forward voltage threshold voltage 0.01 0.1 1 10 0 0.2 0.6 0. 8 1.0 1.2 1.4 t j = 150 c t j = 25 c 0.4 v sd - so u rce-to-drain v oltage ( v ) ) a ( t n e r r u c e c r u o s - i s 1.4 1.6 1. 8 2.0 2.2 2 . 4 - 50 - 25 0 25 50 75 100 125 150 t j - temperat u re (c) i d = 250 a ) v ( v gs(th) r ds(on) vs. v gs vs. temperature single pulse power 0.0 8 0.12 0.16 0.20 0.24 0246 8 10 v gs - gate-to-so u rce v oltage ( v ) nce ( ) a t s i s e r - n o - r ds(on) i d = 0.94 a t a = 125 c t a = 25 c ) w ( r e w o p time (s) 0 2 4 6 8 10 0.01 0.1 1 10 100 1000 safe operating area, junction-to-ambient 0.001 0.01 0.1 1 10 0.1 1 10 100 b v dss limited t a = 25 c single p u lse limited b y r ds(on) * dc 1 s 10 s 100 ms 10 ms 1 ms 100 s ) a ( t n e r r u c n i a r d - i d v ds - drain-to-so u rce v oltage ( v ) * v gs > minim u m v gs at w hich r ds(on) is specified
document number: 74285 s-82617-rev. c, 03-nov-08 www.vishay.com 5 vishay siliconix si1073x new product typical characteristics t a = 25 c, unless otherwise noted vishay siliconix maintains worldwide manufacturing capability. pr oducts may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?74285. normalized thermal transient im pedance, junction-to-ambient t n e i s n a r t e v i t c e f f e d e z i l a m r o n e c n a d e p m i l a m r e h t 0.0001 0.001 0.01 0.1 10 -3 10 -2 1 10 100 1000 10 -1 10 -4 sq u are w a v e p u lse d u ration (s) single p u lse 0.05 0.1 0.2 d u ty cycle = 0.5 0.02 1. d u ty cycle, d = 2. per unit base = r thja = 540 c/ w 3. t jm - t a = p dm z thja (t) t 1 t 2 t 1 t 2 n otes: 4. s u rface mo u nted p dm 1
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SI1073X-T1-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X