Part Number Hot Search : 
1209S 1209S 4073B C5141 1209S TA9329FB IT610HX IRF1010E
Product Description
Full Text Search
 

To Download SBL2045CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds23015 rev. f-2 1 of 2 sbl2030ct-sbl2060ct www.diodes.com  diodes incorporated sbl2030ct - sbl2060ct 20a schottky barrier rectifier features l m a n p d e k c b g 12 3 j hh pin 1 + pin 3 + pin 2 - case + to-220ab dim min max a 14.22 15.88 b 9.65 10.67 c 2.54 3.43 d 5.84 6.86 e  6.35 g 12.70 14.73 h 2.29 2.79 j 0.51 1.14 k 3.53  4.09  l 3.56 4.83 m 1.14 1.40 n 0.30 0.64 p 2.03 2.92 all dimensions in mm maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified  schottky barrier chip  guard ring die construction for transient protection  low power loss, high efficiency  high surge capability  high current capability and low forward voltage drop  for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications  plastic material: ul flammability classification rating 94v-0 mechanical data single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol sbl 2030ct sbl 2035ct sbl 2040ct sbl 2045ct sbl 2050ct sbl 2060ct unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 30 35 40 45 50 60 v rms reverse voltage v r(rms) 21 24.5 28 31.5 35 42 v average rectified output current (note 1) @ t c = 95  c i o 20 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 250 a forward voltage drop @ i f = 10a, t c = 25  c v fm 0.55 0.75 v peak reverse current @t c = 25  c at rated dc blocking voltage @ t c = 100  c i rm 1.0 50 ma typical junction capacitance (note 2) c j 650 pf typical thermal resistance junction to case (note 1) r  jc 2.8  c/w operating and storage temperature range t j, t stg -65 to +150  c notes: 1. thermal resistance junction to case mounted on heatsink. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v dc.  case: molded plastic  terminals: plated leads solderable per mil-std-202, method 208  polarity: as marked on body  weight: 2.24 grams (approx.)  mounting position: any  marking: type number
ds23015 rev. f-2 2 of 2 sbl2030ct-sbl2060ct www.diodes.com 0.1 1.0 10 4 0 0.1 0.3 0.5 0.7 0.9 1.1 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) f fi g .2 t y pical forward volta g e sbl2030ct - SBL2045CT SBL2045CT - sbl2060ct 0 50 100 150 200 250 300 1 10 100 i , peak forward current (a) fsm number of cycles at 60hz fig. 3 maximum non-repetitive surge current 8.3 ms single half-sine-wave jedec method 100 1000 4 000 0.1 1.0 10 100 c , capacitance (pf) j v , reverse voltage (v) r fi g . 4 t y pical junction capacitance t = 25 c j f = 1.0mhz 0.01 0.1 1.0 10 100 0 40 80 120 i , instantaneous reverse current (ma) r percent of rated peak reverse voltage (%) fi g . 5 t y pical reverse characteristics t = 100c j t = 75c j t = 25c j 0 4 8 12 16 20 0 50 100 150 i , average forward current (a) (av) t , case temperature ( c) c fi g . 1 forward current deratin g curve


▲Up To Search▲   

 
Price & Availability of SBL2045CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X