Part Number Hot Search : 
XBXXX 600ETTT 20001 SN54LS15 SMBJ33A D1556 74LCX CFD1264P
Product Description
Full Text Search
 

To Download S3U1117A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  e l ek tr on isch e b a u e lemen te S3U1117A 1a low dropout positive adjustable or fixed-mode regulator d e s c r i p t i o n the s 3u1117a is a low dropout at positive adjustable or fixed-mode regulator with min. of 1a output current capability. the product is specifically designed to provide well-regulated supply for low voltage ic applications such as high-speed bus termination and low current 3.3v logic supply. s 3u1117a is also well suited for other applications such as vga cards. s 3u1117a is guaranteed to have lower than 1.4v dropout at full load current making it ideal to provide well regulated outputs of 1.25 to 5 with 6.4v to 12v input supply. * 3-terminal adjustable or f ixed 1.5v,1.8v,2.5v,3.3v,5.0v f e a t u r e s * 1.4 v max. dropout full load current * output current limiting * good noise rejection * fast transient response * built-in thermal shutdown 01 -jun-2002 rev. a page 1 of 4 http://www.secosgmbh.com/ any changing of specification will not be informed individual r o h s c o m p l i a n t p r o d u c t typical circuit millimeter ref. min. max. ref. min. max. a 4.40 4.80 c2 1.25 1.45 b 0.76 1.00 b2 1.17 1.47 l4 0.00 0.30 b d 8.6 9.0 c 0.36 0.5 e 2.54 ref. l3 1.50 ref. l 14.6 15.8 l1 2.29 2.79  0? 8? e 9.80 10.4 l2 1.27 ref. millimeter
d c s u p p l y v o l t a g e p o w e r d i s s i p a t i o n s t o r a g e t e m p e r a t u r e r a n g e o p e r a t i n g j u c t i o n t e m p e r a t u r e r a n g e p a r a m e t e r s y m b o l r a t i n g s u n i t v v i n - 0 . 3 t o 1 2 0 ~ + 1 5 0 - 6 5 ~ + 1 5 0 a b s o l u t e m a x i m u m r a t i n g s p d t s t t o p c o c o i n t e r n a l l y l i m i t e d p i n d e s c r i p t i o n s e l e k t r o n i s c h e b a u e l e m e n t e h t t p : / / w w w . s e c o s g m b h . c o m / a n y c h a n g i n g o f s p e c i f i c a t i o n w i l l n o t b e i n f o r m e d i n d i v i d u a l 01-jun-2002 rev. a page 2 of 4 f u n c t i o n pin# i / o n a m e a d j ( g n d ) i 1 a r e si s t o r d i v i d e r f r o m t h i s p i n t o t h e v o u t p i n a n d g r o u n d se t s t h e o u t p u t vo l t a g e ( g r o u n d o n l y f o r f i x e d m o d e ) v o u t o 2 t h e o u t p u t o f t h e r e g u l a t o r . a m i n i m u m o f 1 0 u f ca p a ci t o r m u st b e co n n e ct e d f r o m t h i s p i n t o g r o u n d t o i n su r e st a b i l i t y . v i n i 3 t h e i n p u t p i n o f r e g u l a t o r . t yp i ca l l y a l a r g e s t o r a g e ca p a c i t o r i s co n n e ct e d f r o m t h i s p i n t o g r o u n d t o i n su r e t h a t t h e i n p u t vo l t a g e d o e s n o t sa g b e l o w t h e m i n i m u m d r o p o u t vo l t a g e d u r i n g t h e l o a d t r a n s i e n t r e sp o n se . t h i s p i n m u st a l w a ys b e 1 . 3 v h i g h e r t h a n v o u t i n o r d e r f o r t h e d e vi ce t o r e g u l a t e p r o p e r l y . block diagram s 3u 1117a 1a low dropout positive adjustable or f i xed-mode regulator
01-jun-2002 rev. a page 3 of 4 h t p : / / w w w . s e c o s g m b h . c o m / a n y c h a n g i n g o f s p e c i f i c a t i o n w i l l n o t b e i n f o r m e d i n d i v i d u a l e l e k t r o n i s c h e b a u e l e m e n t e e l e c t r i c a l c h a r a c t e r i s t i c s p a r a m e t e r c o n d i t i o n s m i n t y p m a x u n i t s 3 u 1 1 1 7 a - 1 . 5 i o = 1 0 m a , t j = 2 5  , 3 v  v i n  1 2 v 1 . 4 7 0 1 . 5 0 0 1 . 5 3 0 v s 3 u 1 1 1 7 a - 1 . 8 i o = 1 0 m a , t j = 2 5  , 3 . 3 v  v i n  1 2 v 1 . 7 6 4 1 . 8 0 0 1 . 8 3 6 v s 3 u 1 1 1 7 a - 2 . 5 i o = 1 0 m a , t j = 2 5  , 4 v  v i n  1 2 v 2 . 4 5 0 2 . 5 0 0 2 . 5 5 0 v s 3 u 1 1 1 7 a - 3 . 3 i o = 1 0 m a , t j = 2 5  , 4 . 8 v  v i n  1 2 v 3 . 2 3 5 3 . 3 0 0 3 . 3 6 5 v o u t p u t v o l t a g e s 3 u 1 1 1 7 a - 5 . 0 i o = 1 0 m a , t j = 2 5  , 6 . 5 v  v i n  1 2 v 4 . 9 0 0 5 . 0 0 0 5 . 1 0 0 v l i n e r e g u l a t i o n s 3 u 1 1 1 7 a - x x x i o = 1 0 m a , v o u t + 1 . 5 v < v i n < 1 2 v , t j = 2 5  - - 0 . 2 % s 3 u 1 1 1 7 a a d j v i n = 3 . 3 v , v a d j = 0 , 0 m a < i o < 1 a , t j = 2 5  (n o t e 1 , 2 ) - - 1 % s 3 u 1 1 1 7 a - 1 . 5 v i n = 3 v , 0 m a < i o < 1 a , t j= 2 5  (n o t e 1 , 2 - 1 2 1 5 m v s 3 u 1 1 1 7 a - 1 . 8 v i n = 3 . 3 v , 0 m a < i o < 1 a , t j = 2 5  (n o t e 1 , 2 ) - 1 5 1 8 m v s 3 u 1 1 1 7 a - 2 . 5 v i n = 4 v , 0 m a < i o < 1 a , t j= 2 5  (n o t e 1 , 2 ) - 2 0 2 5 m v s 3 u 1 1 1 7 a - 3 . 3 v i n = 5 v , 0 m a < i o < 1 a , t j= 2 5  (n o t e 1 , 2 ) - 2 6 3 3 m v l o a d r e g u l a t i o n s 3 u 1 1 1 7 a - 5 . 0 v i n = 8 v , 0 m a < i o < 1 a , t j= 2 5  (n o t e 1 , 2 ) - 4 0 5 0 m v d r o p o u t v o l t a g e ( v i n - v o u t ) s 3 u 1 1 1 7 a - x x x i o = 1 a , (  v o u t = 0 . 1 % v o u t ) - 1 . 3 1 . 4 v reference voltage S3U1117Aadj 1.225 1.250 1.275 v i o = 1 0 m a , t j = 2 5  , ( v i n - v o u t ) = 1 . 5 v c u r r e n t l i m i t s 3 u 1 1 1 7 a - x x x v i n - v o u t = 5 v 1 . 1 - - a m i n i m u m l o a d c u r r e n t s 3 u 1 1 1 7 a - x x x 0   t j  1 2 5  - m a t h e r m a l r e g u l a t i o n t a = 2 5  , 3 0 m s p u l se - 0 . 0 0 8 0 . 0 4 % / w f = 1 2 0 h z , c o u t = 2 5 u f t a n t a l u m , i o u t = 1 a r i p p l e r e j e ct i o n s 3 u 1 1 1 7 a - x x x v i n = v o u t + 3 v - 6 0 7 0 d b t e m p e r a t u r e s t a b i l i t y i o = 1 0 m a - 0 . 5 - %  j a t h e r m a l r e si st a n ce ju n ct i o n C t o - a m b i e n t ( n o h e a t s i n k ; n o a i r f l o w ) - 9 1 -  / w  j c t h e r m a l r e si st a n ce ju n ct i o n - t o - c a se c o n t r o l c i r cu i t r y / p o w e r t r a n s i s t o r - 1 0 -  / w n o t e 1 : s e e t h e r m a l r e g u l a t i o n sp e ci f i ca t i o n s f o r ch a n g e s i n o u t p u t vo l t a g e d u e t o h e a t i n g e f f e ct s . l i n e a n d l o a d r e g u l a t i o n a r e m e a su r e d a t a co n st a n t j u n ct i o n t e m p e r a t u r e b y l o w d u t y cyc l e p u l se t e st i n g . l o a d r e g u l a t i o n i s m e a su r e d a t t h e o u t p u t l e a d = 1 / 1 8 f r o m t h e p a cka g e . n o t e 2 : l i n e a n d l o a d r e g u l a t i o n a r e g u a r a n t e e d u p t o t h e m a x i m u m p o w e r d i ss i p a t i o n o f 1 5 w . p o w e r d i ss i p a t i o n i s d e t e r m i n e d b y t h e d i f f e r e n ce b e t w e e n i n p u t a n d o u t p u t a n d t h e o u t p u t cu r r e n t . g u a r a n t e e d m a x i m u m p o w e r d i ss i p a t i o n w i l l n o t b e a va i l a b l e o ve r t h e f u l l i n p u t / o u t p u t r a n g e . n o t e 3 : q u i e sce n t cu r r e n t i s d e f i n e d a s t h e m i n i m u m o u t p u t cu r r e n t r e q u i r e d i n m a i n t a i n i n g r e g u l a t i o n . a t 1 2 v i n p u t / o u t p u t d i f f e r e n t i a l t h e d e vi ce i s g u a r a n t e e d t o r e g u l a t e i f t h e o u t p u t c u r r e n t i s g r e a t e r t h a n 1 0 m a . 5 10 s 3u 1117a 1a low dropout positive adjustable or f i xed-mode regulator
01-jun-2002 rev. a page 4 of 4 h t p : / / w w w . s e c o s g m b h . c o m / a n y c h a n g i n g o f s p e c i f i c a t i o n w i l l n o t b e i n f o r m e d i n d i v i d u a l e l e k t r o n i s c h e b a u e l e m e n t e c h a r a c t e r i s t i c s c u r v e s 3u 1117a 1a low dropout positive adjustable or f i xed-mode regulator


▲Up To Search▲   

 
Price & Availability of S3U1117A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X