Part Number Hot Search : 
375LP3E SA120A 4025R STMP3520 20400 30ME0 E100A V614ME06
Product Description
Full Text Search
 

To Download PSC-100A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification model dc voltage rated current current range rated power output voltage adj. range line regulation load regulation setup, rise time note.5 hold up time (typ.) voltage range frequency range efficiency (typ.) input alarm inrush current (typ.) leakage current safety standards harmonic current ems immunity working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing overload over voltage battery cut off ac ok note.6 battery low ac current (typ.) 2400ms, 30ms/230vac 2400ms, 30ms/115vac at full load 40ms/230vac 16ms/115vac at full load 90 ~ 264vac 127 ~ 370vdc 47 ~ 63hz 86% ch1:28.98 ~ 37.26v 88% 20 1v 2a/115vac 1.2a/230vac cold start 35a/115vac 70a/230vac <1ma / 240vac 105 ~ 150% rated output power ch1:14.49 ~ 18.63v protection type : hiccup mode, recovers automatically after fault co ndition is removed protection type : shut down o/p voltage, re-power on to recover 10 0.5v ul60950-1, tuv en60950-1 approved compliance to en55022 (cispr22) class b compliance to en61000-3-2,-3 compliance to en61000-4-2,3,4,5,6,8,11; env50204, en55024, l ight industry level, criteria a -20 ~ +70 (refer to output load derating curve) 20 ~ 90% rh non-condensing -20 ~ +85 , 10 ~ 95% rh 0.03%/ (0~50 ) on ch1 output 10 ~ 500hz, 2g 10min./1cycle, 60min. each along x, y, z axes 417.6k hrs min. mil-hdbk-217f (25 ) pcb:127*76.2*31mm (l*w*h) ; with optional case:130*85*37mm (l* w*h) pcb:0.23kg; 63pcs/15.5kg/1.35cuft ; with optional case:0.44k g;32pcs/15kg/0.64cuft file name:psc-100-spec 2011-03-03 function battery low voltage : < 11v battery low voltage : < 22v relay contact output, on : ac ok ; off : ac fail ; max. rating : 30v / 1a relay contact output, off : battery ok ; on : battery low ; max. rating : 30v / 1a psc-100b 27.6v ch1 2.4a 0 ~ 3.5a 100.74w 100mvp-p ch1: 24 ~ 29v 1.0% 0.5% 0.5% 27.6v ch2 1.25a -------- -------- -------- -------- -------- 13.8v ch2 2.5a -------- -------- -------- -------- -------- PSC-100A 13.8v 4.75a 0 ~ 7a 100w 100mvp-p ch1: 12 ~ 15v 1.0% 0.5% 0.5% 100w single output with battery charger(ups function) universal ac input / full range 5"x3" compact size protections: short circuit / overload / over voltage battery low protection / relay contact signal output for ac ok and battery low cooling by free air convection 100% full load burn-in test 2 years warranty optional l-bracket and cover (psc-100x-c, x=a,b) battery polarity protection by fuse features : p s c - 1 0 0 s e r i e s ripple & noise (max.) note.2 voltage tolerance note.3 environment protection withstand voltage isolation resistance i/p-o/p:3kvac i/p-fg:1.5kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms / 500vdc / 25 / 70% rh emi conduction & radiation safety & emc (note 4) 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still me ets emc directives. 5. length of set up time is measured at cold first start. turning on/off the powe r supply may lead to increase of the set up time. 6. please refer to suggest application (2) (4) in page 3. 7. heat sink hs2,hs3 can not be shorted. 8. heat sink hs2,hs3 must have safety isolation distance from system case . for guidance on how to perform these emc tests, please refer to ?emi testing of c omponent power supplies.? (as available on http://www.meanwell.com) ch1 output number
mechanical specification mechanical specification unit:mm block diagram circuit circuit detection alarm rl1 rl2 o.l.p. emi filter & rectifier power switching filter & rectifiers +v bat. + battery charger & back up control ac ok -v bat. - bat. low i/p fg control pwm o.v.p. 5.6 115.8 127 3max. cn2 3 cn1 fs1 1 2 18 7 6 4 3 25 cn3 4- 3.8 12 3 4 5.7 64.75 76.2 31max. svr1 ac fuse t3.15a/250v hs2 hs3 dc output connector (cn2) : jst b8p-vh or equivalent pin no. 1,2 3,4 5,6 7,8 assignment -v +v bat+ bat- mating housing jst vhr or equivalent terminal jst svh-21t-p1.1 or equivalent ac input connector (cn1) : jst b3p-vh or equivalent pin no. 12 3 assignment ac/n no pin ac/l mating housing jst vhr jst svh-21t-p1.1 or equivalent or equivalent terminal jst xhp jst sxh-001t-p0.6 alarm output connector(cn3) : jst b4b-xh or equivalent pin no. 13 24 mating housing or equivalent terminal or equivalent assignment ac ok bat. low 1.hs2,hs3 can not be shorted.2.hs2,hs3 must have safety isolation distance from system case. 3.-v and bat- can not be shorted. 100w single output with battery charger(ups function) p s c - 1 0 0 s e r i e s file name:psc-100-spec 2011-03-03 2-m3 l=4 78 130 62 26 17 6-m3 l=4 7.1 2-m3 18 115.8 37 41.7 85 68.6 8.2 optional l-bracket: no. 946a-d optional cover: no. 946b-t mylar film
bat+ +v -v bat- load a : 12v b : 24v battery + + -- suggested application cn3 pin2(pin4) external voltage source (v) and resistor (r) (the max. sink is 1a and 30v) 1.back up connection for ac interruption 2.alarm signal for ac ok and battery low (1) please refer to the fig1.1 for suggested connection. (1) alarm signal is sent out through " ac ok " & " battery low " pins.(relay contac t type) (2) an external voltage source is required for this function. the maxim um applied voltage is 30v and the maximum sink current is 1a. (3) table2.1 explain the alarm function built-in the power supply ac ok (battery low) cn3 pin1(pin3) function output of alarm voltage 30v max.) voltage 30v max.) low or short low or short high or open(external applied high or open(external applied description the signal is "low" when the power supply the signal is "low" when the voltage of the signal is "high" when the voltage of the signal turns to be "high" when the power turns on battery is under a:11v, b:22v battery is above a:11v, b:22v supply turns off ac ok battery low the power supply charge the battery and provide energy to the load in the same ti me when the ac main is ok. the battery start to supply power to the load when the ac main fails. fig 1.1 suggested system connection table 2.1 explanation of alarm signal r v 100w single output with battery charger(ups function) p s c - 1 0 0 s e r i e s file name:psc-100-spec 2011-03-03 output derating vs input voltage input voltage (vac) 60hz 90 100 95 120 115 160 140 200 180 240 220 264 load (%) ta=25 90 100 80 70 60 50 40 output derating ambient temperature ( ) load (%) -20 0 20 10 30 40 20 40 50 80 60 100 60 50 70 (horizontal) pcb only for pcb with l-bracket+cover option for pcb with l-bracket+cover option pcb only (4) rl1 (ac ok)signal will go into hiccup mode when the overload protection i s activating. fig 2.2 internal circuit of ac ok (battery low)


▲Up To Search▲   

 
Price & Availability of PSC-100A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X