slot single board computers all product specifications are subject to change without notice last updated : 19-may-2009 features via mark 533/800 mhz cpu 128 mb memory onboard, supports 1 sodimm socket sdram up to 512 mb 10/100 mbps ethernet low power consumption and fanless ? ? ? ? specifcations processor system cpu via mark max. speed 533/800 mhz l2 cache 64 kb chipset via mark + 686b bios award 4 mbit isa bus front side bus 133 mhz pci - isa 16-bit/gold finger memory technology pc133 sdram max. capacity 512 mb socket 144-pin sdram sodimm x 1 graphics controller chipset integrated vga controller vga mode:1920 x 1440 @ 75 hz lcd mode:1600 x 1200 vram shared with system memory up to 8/16/32 mb lvds 36-bit lvds ttl 36-bit ttl lcd dual display vga+lvds or vga+ttl ethernet interface 10/100 mbps controller rtl8100c connector rj-45 eide mode ata 100/66/33 channel 2 sata (150mb/s) ports - i/o interface usb max. 4 (usb 1.1 compliant) serial 1 (rs-232)/1 (rs-232/rs-422/rs-485) parallel 1 fdd 1 ps/2 1 (for mouse and keyboard, y-cable included) watchdog timer output interrupt, system reset interval programmable, 0 ~ 62 sec. miscellaneous audio output ac97 audio interface (requires an audio extension module p/n: pcm-231a-00a1e) solid state disk compactflash socket (type i/ii) power requirement typical via mark 533 mhz with 256 mb sdram +12 v (0.04 a) +5 v (2.2 a) max via mark 533 mhz with 256 mb sdram +12 v (0.01 a) +5 v (1.64 a) environment temperature operating non-operating (storage) 0 ~ 60 c (32 ~ 140 f) (operation humidity: 40 c @ 85% rh non-condensing) -40 c ~ 85 c and 60 c @ 95% rh non-condensing physical dimensions 185 mm (l) x 122 mm (w) (7.3" x 4.8") pca-6775 via mark isa half-size sbc, with vga/lvds/ttl/lan/ssd/usb 1.1
www.advantech.com/products online download board diagram pca-6775 isa gold finger sdram sdram onboard up to 128 mb via mark corefusion 533/800 crt port fpd conn 36-bit ttl fpd conn 2-ch 18-bit lvds 66/100/133 sodimm up to 512 mb via 686b cpu south bridge ide connector 40-pin p-ide bus s-ide bus flash rom isa bus 62 level cpld watch dog timer realtek lan1 controller 8100c realtek lan2 controller 8100c realtek lan3 controller 8100c pci bus lan connector ide connector 44-pin/cfc usb ports x 4 fdd connector lpt connector ac97 audio kb/mouse pca9554 8-bit dio com port rs-232/422/485 ordering information part number cpu onboard memory fe lan pcaflae a mar m mb lc pcafqae a mar m lc pcafqae a mar m lc pcaflae a mar m lc bracket view packing list part number description quantity cable or ps eyboard ps mouse ede dd cable mm pitc sde dd cable mm pitc fdd cable parallel port cable usb cable wit ports com port cable s power cable umper pac startup manual utility cd accessories part number description pcbpe slot cassis w power supply pcsbbe slot cassis w power supply usb cable wit ports mm pitc pcmaae audio module wit linein lineout mic pcasaapae desaa adapter or cpu cards pca-6775f-l0a1e pca-6775f-q0a1e pca-67753f-l0a1e PCA-67753F-Q0A1E
|