Part Number Hot Search : 
40128 SWSS0 SEL5755C SWSS0 30252 E008393 SIL40C AEFVBF15
Product Description
Full Text Search
 

To Download MMBZ20VAL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30306 rev. 6 - 2 1 of 4 mmbz5v6al - mmbz33val www.diodes.com  diodes incorporated mmbz5v6al - mmbz33val 24w and 40w peak power dual surface mount tvs  dual tvs in common anode configuration  24w/40w peak power dissipation rating @ 1.0ms (unidirectional)  225 mw power dissipation  ideally suited for automatic insertion  low leakage features characteristic symbol value unit power dissipation (note 1) p d 225 mw peak power dissipation (note 2) mmbz5v6al - mmbz10val p pk 24 w peak power dissipation (note 2) mmbz15val - mmbz33val p pk 40 w thermal resistance, junction to ambient air (note 1) r  ja 556 c/w operating and storage temperature range t j ,t stg ?65 to +150 c maximum ratings @t a = 25c unless otherwise specified  case: sot-23, molded plastic  case material - ul flammability rating classification 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  polarity: see diagram  marking: marking code & date code, see page 2  marking code: see table below and page 2  weight: 0.008 grams (approx.)  ordering information: see page 2  esd rating exceeding 16kv per the human body model (note 4) mechanical data a e j l top view m b c h g d k t c u d o r p w e n @t a = 25c unless otherwise specified electrical characteristics type number marking code v rwm i r @ v rwm breakdown voltage v c @i pp (note 2) typical temperature coefficient v br (note 3) (v) @ i t v c i pp volts  a min nom max ma v a tc (mv/  c) mmbz5v6al k9a 3 5.0 5.32 5.6 5.88 20 8.0 3.0 1.8 24 watt (v f = 0.9v max @ i f = 10ma) note: 1. device mounted on fr-5 pcb 1.0 x 0.75 x 0.062 inch pad layout as shown on diodes inc. suggested pad layout ap02001, whi ch can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 200mw per element must not be exceeded. 2. non-repetitive current pulse per figure 2 and derate above t a = 25  c per figure 1. 3. short duration pulse test used to minimize self-heating effect. 4. mmbz5v6al and mmbz15val exceed 16kv esd rating, all other voltages exceed 8kv esd rating. type number marking code v rwm i r @ v rwm breakdown voltage v c @i pp (note 2) typical temperature coefficient v br (note 3) (v) @ i t v c i pp volts  a min nom max ma v a tc (%/  c) mmbz6v8al k9c 4.5 0.5 6.46 6.8 7.14 1.0 9.6 2.5 +0.045 mmbz9v1al k9d 6.0 0.3 8.65 9.1 9.56 1.0 14 1.7 +0.065 mmbz10val k9e 6.5 0.3 9.50 10 10.5 1.0 14.2 1.7 +0.065 24 watt (v f = 1.1v max @ i f = 200ma) sot-23 dim min max a 0.37 0.51 b 1.20 1.40 c 2.30 2.50 d 0.89 1.03 e 0.45 0.60 g 1.78 2.05 h 2.80 3.00 j 0.013 0.10 k 0.903 1.10 l 0.45 0.61 m 0.085 0.180  0  8  all dimensions in mm
ds30306 rev. 6 - 2 2 of 4 mmbz5v6al - mmbz33val www.diodes.com t c u d o r p w e n 012 3 100 50 0 i , peak pulse current (%i ) ppp peak value i pp half value i /2 pp 10 x 1000 waveform as defined by r.e.a. t p t, time (ms) fi g . 2 pulse waveform 10 x 1000 waveform as defined by r.e.a. 0 25 50 75 100 125 150 175 200 100 75 50 25 0 t , ambient temperature ( c) a fi g . 1 pulse deratin g curve peak pulse derating in % of peak power or current ordering information month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2001 2002 2003 2004 2005 2006 2007 2008 code mnprst uv date code key xxx = product type marking code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september xxx ym marking information (note 5) device packaging shipping (type number)-7* sot-23 3000/tape & reel * example: 5.6v type = mmbz5v6al-7. notes: 5. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. type number marking code v rwm i r @ v rwm breakdown voltage v c @i pp (note 2) typical temperature coefficient v br (note 3) (v) @ i t v c i pp volts na min nom max ma v a tc (%/  c) mmbz15val k9k 12 50 14.25 15 15.75 1.0 21 1.9 +0.080 mmbz18val k9l 14.5 50 17.10 18 18.90 1.0 25 1.6 +0.090 MMBZ20VAL k9n 17 50 19.00 20 21.00 1.0 28 1.4 +0.090 mmbz27val k9q 22 50 25.65 27 28.35 1.0 40 1.0 +0.090 mmbz33val k9t 26 50 31.35 33 34.65 1.0 46 0.87 +0.090 40 watt (v f = 1.1v max @ i f = 200ma)
ds30306 rev. 6 - 2 3 of 4 mmbz5v6al - mmbz33val www.diodes.com 012 3 320 0 40 80 120 160 200 240 280 c, capacitance (pf) bias (v) fig. 3 typical capacitance vs. bias voltage (lower curve is bidirectional mode, upper curve is unidirectional mode ) mmbz5v6al f=1mhz 012 3 80 0 10 20 30 40 50 60 70 c, capacitance (pf) bias (v) fig. 4 typical capacitance vs. bias voltage (lower curve is bidirectional mode, upper curve is unidirectional mode ) mmbz15val mmbz27val f=1mhz 0.1 1.0 pulse width (ms) fig. 6 pulse rating curve, p (w) vs. pulse width (ms) pk power is defined as p = v x i p kc pp 0.1 10 100 1.0 10 1000 10000 t=25 c j p , peak pulse power (w) pk 100 non repetitive pulse waveform (rectangular) unidirectional bidirectional t c u d o r p w e n 0 50 100 200 150 250 300 0 25 50 75 100 125 150 175 p , power dissipation (mw) d t , ambient temperature a fi g .5 stead y state power deratin g curve fr-5 board
ds30306 rev. 6 - 2 4 of 4 mmbz5v6al - mmbz33val www.diodes.com 0.1 1.0 pulse width (ms) fig. 7 pulse rating curve, p (w) vs. pulse width (ms) pk (nom) power is defined as p = v x i pk(nom) z(nom) pp where v is the nominal zener voltage z(nom) measured at the low test current used for volta g e classification 0.1 10 100 1.0 10 1000 10000 t=25 c j p , peak pulse power (w) pk (nom) 100 non repetitive pulse waveform (rectangular) unidirectional bidirectional t c u d o r p w e n


▲Up To Search▲   

 
Price & Availability of MMBZ20VAL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X