Part Number Hot Search : 
11021 TSH10 HIP6020 P6SMB 11017 20M22X 3000L 6333A
Product Description
Full Text Search
 

To Download MBR1070CT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30028 rev. 2 - 2 1 of 2 mbr1070ct-mbr10100ct www.diodes.com  diodes incorporated mbr1070ct - mbr10100ct 10a high voltage schottky barrier rectifier features l m a n p d e k c b g 12 3 j hh pin 1 pin 3 pin 2 case maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified  schottky barrier chip  guard ring die construction for transient protection  low power loss, high efficiency  high surge capability  high current capability and low forward voltage drop  for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications  lead free finish, rohs compliant (note 3) mechanical data  case: to-220ab  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  polarity: as marked on body  terminals: finish ? bright tin. solderable per mil-std-202, method 208  mounting position: any  marking: type number  weight: 2.24 grams (approx) single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol mbr 1070ct mbr 1080ct mbr 1090ct mbr 10100ct unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 70 80 90 100 v rms reverse voltage v r(rms) 49 56 63 70 v average rectified output current (note 1) @ t c = 100  c i o 10 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 120 a forward voltage drop @ i f = 5.0a, t c = 125  c @ i f = 5.0a, t c = 25  c @ i f = 10a, t c = 125  c @ i f = 10a, t c = 25  c v fm 0.75 0.85 0.85 0.95 v peak reverse current @ t c = 25  c at rated dc blocking voltage @ t c = 125  c i rm 0.1 50 ma typical junction capacitance (note 2) c j 300 pf typical thermal resistance junction to case (note 1) r  jc 3.0 k/w voltage rate of change dv/dt 10,000 v/  s operating and storage temperature range t j, t stg -65 to +150  c notes: 1. thermal resistance junction to case mounted on heatsink. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 3. rohs revision 13.2.2003. glass and high temperature solder exemptions applied, see eu directive annex notes 5 and 7. to-220ab dim min max a 14.48 15.75 b 10.00 10.40 c 2.54 3.43 d 5.90 6.40 e 2.80 3.93 g 12.70 14.27 h 2.40 2.70 j 0.69 0.93 k 3.54 3.78 l 4.07 4.82 m 1.15 1.39 n 0.30 0.50 p 2.04 2.79 all dimensions in mm
ds30028 rev. 2 - 2 2 of 2 mbr1070ct-mbr10100ct www.diodes.com 0.1 1.0 10 100 0 0.2 0.4 0.6 0.8 1.0 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fi g .2 t y pical forward characteristics f 0 50 100 150 200 250 300 1 10 100 i , peak forward surge current (a) fsm number of cycles at 60hz fi g . 3 max non-repetitive sur g e current 100 1000 4 000 0.1 1.0 10 100 c , capacitance (pf) j v , reverse voltage (v) fi g .4 t y pical junction capacitance r t=25c j f = 1.0mhz 0 2 4 6 8 10 0 50 100 150 i , average fwd current (a) (av) t , case temperature ( c) fi g . 1 forward current deratin g curve c * xx = device type, e.g. mbr1080ct notes: 4. for packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf. device packaging shipping mbr10xxct* to-220ab 50/tube (note 4) ordering information


▲Up To Search▲   

 
Price & Availability of MBR1070CT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X