series* kmdg - kycon right angle pcb mount mini-din kmdght - reflow compatible version** number of contacts 3, 4, 5, 6, 7, 8, 9 contact type s - receptacle shielding options n - non-shielded as - sides and back shielded bs - fully shielded plating option gold flash over nickel on contacts. tin/lead over nickel on soldertails 30 30 " gold over nickel on mating end of contacts. tin/lead over nickel on soldertails.** *kmdg-geo-7s-bs also available (see page 86) ** minimum quantities may apply kmdg series 6 number of contacts shielding options s contact type bs plating options lr78160 for dimensions and pcb layout please see page 86 and 87 electrical characteristics contact current rating 2 amp at 12v dc insulation resistance 500 megohms min at 500v dc contact resistance before durability t est plug to terminals: 30 milliohms max after durability t est plug to terminals: 60 milliohms max. dielectric withstanding voltage 500v ac for 1 minute operating temperature -25?c to +85?c standard features ? audio, video, computer, and digital equipment applications ? pc99 colors available ? shielded options available for good conductivity, grounding and emi/rfi protection ? mates with standard and snap and lock plugs ? visual and mechanical polarization for plug insertion ? gold plated contacts ? reflow compatible design available ? csa/nrtl certified file no. lr78160 performance specifications body kmdg - pbt thermoplastic, black, purple, green or yellow color, ul94v-0 rated kmdght - high temperature thermoplastic, black color, ul94v-0 rated contacts phosphor bronze, gold plated shield standard: brass, nickel plated ht: brass, nickel plated mechanical characteristics insertion force 4.5 kg max. extraction force 0.4 kg - 3.5 kg durability 500 cycles minimum with test plug ordering information kmdg series right angle mini-din gold plated kycon 2002 kycon, inc. ? tel: +1 408-494-0330 ? us: 1-888-kycon-22 ? fax: +1 408-494-0325 ? www.kycon.com kmdg series mini-dins / circular dins 84
-n option (non-shielded) -as option (4 side shielded) -bs option (fully shielded) -bsc option (fully shielded crimped side tabs) kmdg-9s-bs (9 position, fully shielded) 14.00 14.00 12.80 6.50 2.60 6.80 4.70 5.50 8.50 2.60 6.80 13.50 12.80 1 4 2 3 5 6 7 8 1 4 2 3 5 6 7 8 1 4 2 3 5 6 7 8 1 4 2 3 5 6 7 9 8 1 4 2 3 5 6 7 8 9 8 74 6 5 3 kmdg-geo-7s-bs (7 position, geo port) 14.00 13.00 6.50 3.50 13.70 13.00 max. 4.70 5.50 8.50 2.50 4.70 5.50 13.50 3-?2.20 7-?0.95 11.00 8.50 0.90 1.30 6.80 2.00 6.80 2.00 0.90 1.30 3.18 0.30 4 3 5 9 6 7 8 3.50 4.70 8.50 2.50 3.18 0.30 14.00 13.00 6.50 2.00 6.80 13.70 14.50 for 9-pin 12.80 4.70 5.50 8.50 11.00 2.20 3.18 0.30 14.00 12.80 13.00 6.50 6.50 12.80 3.50 3.50 2.00 2.50 2.60 6.80 13.70 14.50 for 9-pin 12.80 4.70 5.50 8.50 11.00 3.18 0.30 14.00 13.00 6.50 3.50 4.00 8.00 14.50 12.80 2.00 4.70 5.50 8.50 2.50 2.20 9 6 8 2 4 5 1 7 3 3-?2.20 9-?0.95 5.50 8.50 8.00 4.00 0.70 1.30 2.50 14.50 4.70 kmdg & kfmdg series dimensions dimensions in mm (bottom view) recommended pcb layout (bottom view) recommended pcb layout kycon 2002 kycon, inc. ? tel: +1 408-494-0330 ? us: 1-888-kycon-22 ? fax: +1 408-494-0325 ? www.kycon.com mini-dins / circular dins kmdg & kfmdg series 86
5 8 1 3 6 7 5 3 5 3 7 2 5 8 1 3 7 6 shielded only 3-?2.20 3-?1.20 4-?1.20 6-?1.20 8-?1.20 5-?1.20 7-?1.20 6 8 7 3 shielded only 5 2 1 3-?2.20 13.50 5.50 0.90 6.80 2.60 4.70 2.50 8.50 5 8 1 3 6 shielded only 3-?2.20 13.50 5.50 1.30 6.80 4.70 2.50 8.50 13.50 5.50 0.90 6.80 4.70 2.50 8.50 3 position 5 position 7 position 2 5 8 8 8 5 8 6 3 2 1 5 1 3 6 6 3 5 3 6 8 7 46 shielded only 52 1 3 5 2 4 8 7 1 3 6 shielded only shielded only 3-?2.20 3-?2.20 13.50 6.80 0.90 5.50 4.70 2.60 2.50 8.50 6.80 5.50 4.70 2.60 2.50 8.50 13.50 6.80 5.50 4.70 2.50 8.50 13.50 3-?2.20 8 position 6 position 4 position kmdg & kfmdg series socket configurations and recommended pcb layout dimensions in mm (bottom view) recommended pcb layout (bottom view) recommended pcb layout (bottom view) recommended pcb layout (bottom view) recommended pcb layout (bottom view) recommended pcb layout (bottom view) recommended pcb layout kycon 2002 kycon, inc. ? tel: +1 408-494-0330 ? us: 1-888-kycon-22 ? fax: +1 408-494-0325 ? www.kycon.com mini-dins / circular dins kmdg & kfmdg series 87
|