Part Number Hot Search : 
MC158 NX8565LE KTA1268 MHF2815D E5210 100R2 CM1688 MBI20F
Product Description
Full Text Search
 

To Download BCM56514 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BCM56514 ? 24-port gbe multilayer switch with four 10 gbe/higig+? ports 24-port gigabit ethernet multilayer switch ? fifth generation of strataswitch ? and strataxgs ? product line  24 10/100/1000 mbps ethernet ports supporting sgmii and serdes interfaces for both copper and fiber connections  the BCM56514 device, is a powerful, highly-integrated member of the scalable strataxgs iii product family  2.5 gbps, 3 gbps, 10 gbps or 12 gbps higig+ stacking ports  four 10-gbe switching ports with cx4 support  line-rate switching for all packet sizes and conditions  on-chip data packet memory and table memory  ipv6 routing and tunneling  advanced contentaware? classification filtering processors (fp)  advanced security features in hardware  port-trunking and mirroring supported across stack  advanced packet flow control:  head-of-line blocking prevention  back pressure support  eight qos queues per port with hierarchical minimum/ maximum shaping per classes of service (cos) per queue per port  standard compliant 802.1ad provider bridging  compatible with bcm5708s, the industry's first 2.5-gbps serdes-based toe solution.  highly scalable broadscale? architecture evolved from five generations of switching experience provides rich features, scalability, and future proof solutions.  optimized for secure-switching and convergence of wired and wireless applications and services in networks  virtual chassis support with industry-leading high performance and feature rich stacking capabilities.  system vendors can build scalable high-performance, high-port density gbe lan switches in several form factors.  multiple cos and low latency enable the support of voip and triple play services.  built-in high-speed serial interfaces with broadcom-unique serdes technology ease and accelerate system design, while reducing cost and conserving board space.  broadcom switch api compatibility enables software reuse and faster time-to-market.  small package and low power enables cost-effective and high- performance system design. features summary of benefits contentaware fp security l2/ipv4/ipv6 pci packet buffer mmu 24 x gbe 10/100/1000 macs higig+ higig+ higig+ higig+
overview ? phone: 949-450-8700 fax: 949-450-8710 e-mail: info@broadcom.com web: www.broadcom.com broadcom corporation 16215 alton parkway, p.o. box 57013 irvine, california 92619-7013 ? 2006 by broadcom corporation. all rights reserved. 56514-pb00-r 06/14/06 broadcom ? , the pulse logo, connecting everything ? , strataswitch ? , strataxgs ? , contentaware tm , broadscale tm , higig+ tm , and broadsafe tm are trademarks of broadcom corporation and/or its affiliates in the united states, certain other countries and/or the eu. any other trademarks or trade names mentioned are the property of their respective owners. the BCM56514 is the fifth generation of the highly-integrated and cost- effective strataswitch and strataxgs product line. the BCM56514 is a single-chip solution with 24-gbe ports and four 10-gbe/higig+ uplink ports. the BCM56514 incorporates 24-gbe ports that can operate at 10/100/ 1000 mbps. the uplink ports can operate in two modes: 10-gbe switching mode and higig+ uplink mode. the integrated 10-gbe switching ports are cx-4 compliant xaui? interfaces. the higig+ uplink interface is used to connect to other strataxgs devices in a larger stacking system or to the bcm 56700/bcm5675 switch fabric via a backplane in a multi-slot redundant chassis system. with high integration and high-port density, the BCM56514 family is ideal for enterprise applications in standalone, stackable, and chassis configurations applicable in the edge, aggregation, and core areas of the enterprise. the BCM56514 is also ideal for embedded switch applications like blade server switch, atca chassis, ipdslam, 3g wireless base station, and others. the BCM56514 integrates sophisticated advanced l3 switching features for cost-effective highly manageable enterprise networks. the BCM56514 performs ipv6 routing and transition services in hardware, allowing it managers to deploy l3 switches that are future-proof, highly manageable l3 networks to enable cost-effective transition from ipv4 to ipv6. the contentaware classification feature of the strataswitch and strataxgs has been further enhanced in the BCM56514 with unmatched flexibility and programmability. the contentaware engine can be used for applications such as policy-based routing, access control list, and dynamic adaptation to changes in virus threats. the BCM56514 has dedicated contentaware classifica tion processors to provide both classification and filtering. the BCM56514 has built-in security functions for highly-secure enterprise networks including broadshield tm . utilizing hardware-based identity management and authentication coupled with key management software that directs and manages clients, broadshield security provides exceptionally strong network security without impacting network performance. the BCM56514 integrates sophisticated metering, statistics, and traffic management features, optimizing the qos in the enterprise networks for voice, video, and data convergence. the BCM56514 also provides rate- adjustable, hardware-based sflow implementation and flexible multiple- session remote port-mirroring functionality for efficient network management. the BCM56514 switch supports an i 2 c controller for communicating with external devices such as serial eeprom, flash prom memories, and parallel port devices. the BCM56514 also supports a serial interface for the mii management of physical layer devices. the BCM56514 switch interfaces to a host cpu via a 32-bit pci bus running at up to 66 mhz. bus ma stering and advanced dma is supported for efficient exchange of packet data between cpu memory and the BCM56514 switch. bcm5464r bcm5464r bcm5464r bcm5464r bcm5464r bcm5464r bcm5464r bcm5464r bcm5464r bcm5464r bcm5464r bcm5464r bcm5836p BCM56514 BCM56514 bcm5464r bcm5836p BCM56514 bcm5464r bcm5464r bcm5464r bcm5464r bcm5464r 24 10/100/1000 + two 10 gbe + two higig+ stackable 48 10/100/1000 + two 10 gbe + two higig+ stackable


▲Up To Search▲   

 
Price & Availability of BCM56514

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X