Part Number Hot Search : 
H6NA80 LM317CM AQ90B CRK32F5 2180Q1 10A10 00007 AM29F400
Product Description
Full Text Search
 

To Download ASSFLP-240000MHZ-R-C16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  | | | | | | | | | | | | | | | assflp series ? laptop computer ? pda ? lcd ? digital camera ? wireless lan ? mobile phone ? printer ? flat tv ? spread spectrum low emi oscillator ? 5.0 x 3.2 x 1.3mm ceramic package ? tri-state function ? suitable for rohs reflow profile ? seam sealed ceramic package assures high reliability. 5.0 x 3.2 x 1.3 m m pb rohs compliant applications: features: standard specifications: 2.5v / 3.3vdc programmable spread spectrum low emi clock oscillator p arameters 3033 2 espe r anza, ran c ho santa m a r g a r ita, califo r nia 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w .ab r acon.co m revised: 07.30.10 visit www.abracon.com for terms & conditions of sale abracon p/n frequency range: spread type (typical): emi reduction -7dbc min. 100mhz at c02 (reduction is applied to the entire -9dbc min. 100mhz at c04 frequency spectrum) -15dbc min. 100mhz at c12 with respect to the db level when no modulation. operating temperature: storage temperature: -55c to + 125c frequency stability: supply voltage (vdd): start-up time: 2ms typ. 10ms max. rise time / fall time see table 1 or 2 below load: current consumption: see table 1 or 2 below duty cycle: 50% 5% (c l = 15pf at 50% v dd ) output type: aging (first year) output voltage "high" ; "1": 2.0v min.; 3.2v typ (at 90% v dd ) output voltage "low" ; "0": 0.8v max. ; 0.2v typ (at 10% v dd ) modulation carrier frequency (dither rate): programmable dependant ( 15khz to 120khz ) tri-state function : * frequency stability includes initial tolerance, temperature characteristics, load variation, and supply voltage variation,. -40c to + 85c 50ppm (see options) * cmos 3ppm max.; ta=+25c assflp series 13.000000mhz - 160.000000mhz center spread: 0.125% to 2.00% down spread: -0.25% to -4.00% (see table 3 for options) 2.5 v 5%, or 3.3 v 5% (see options) 15pf max. logic "1" or open: oscillation logic "0" (vil < 0.8 vdc) : hi z table 1: 2.5v typica l ma x typical 1 0 2 0 2.0 1 5 2 0 2.0 2 0 2 5 1.5 2 5 3 0 1.5 table 2: 3.3v typica l ma x typical 1 5 2 0 3.0 2 0 2 5 2.5 2 5 3 0 2.0 3 0 4 0 1.5 0 . 4 z h m 0 6 1 o t 0 0 1 0 . 8 z h m 9 9 . 9 7 o t 0 5 0 . 5 z h m 9 9 . 9 9 o t 0 8 x a m y c n e u q e r f 0 . 0 1 z h m 9 9 . 9 4 o t 3 1 3.0 0 . 3 z h m 0 6 1 o t 0 0 1 current consumption (ma) tr/tf (nsec) current consumption (ma) tr/tf (nsec) 0 . 5 z h m 9 9 . 9 4 o t 3 1 0 . 4 z h m 9 9 . 9 7 o t 0 5 80 to 99.99mhz x a m y c n e u q e r f quick turn delivery! <5 days for small quantities! ce r tified abracon is ce r tified abracon is iso9001:2008 ce r tified
| | | | | | | | | | | | | | | pb rohs compliant options & part identification: (left blank if standard) 3033 2 espe r anza, ran c ho santa m a r g a r ita, califo r nia 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w .ab r acon.co m revised: 07.30.10 visit www.abracon.com for terms & conditions of sale assflp series 2.5v / 3.3vdc programmable spread spectrum low emi clock oscillator blan k 3.3v 5 % blank 50ppm 1 2.5v 5 % r 25ppm please contact abracon for special tighter stability. c01 0.125 d01 -0.25 c02 0.250 d02 -0.50 c03 0.375 d03 -0.75 c04 0.50 d04 -1.00 c05 0.625 d05 -1.25 c06 0.750 d06 -1.50 c07 0.875 d07 -1.75 c08 1.000 d08 -2.00 c09 1.125 d09 -2.25 c10 1.250 d10 -2.50 c11 1.375 d11 -2.75 c12 1.500 d12 -3.00 c13 1.625 d13 -3.25 c14 1.750 d14 -3.50 c15 1.875 d15 -3.75 c16 2.000 d16 -4.00 frequency xx.xxxx mhz ssbw (typical) c or d see table below assflp - frequency - - - g n i g a k c a p y t i l i b a t s . q e r f e g a t l o v y l p p u s spread spectrum band width table 3: spread spectrum bandwidth selection table spread spectrum band width options center spread (% ) down spread (%) tape and reel (1000pcs) blan k bulk t ssbw: 5.0 x 3.2 x 1.3 m m (typical value) ce r tified abracon is ce r tified abracon is iso9001:2008 ce r tified
| | | | | | | | | | | | | | | pb rohs compliant 3033 2 espe r anza, ran c ho santa m a r g a r ita, califo r nia 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w .ab r acon.co m revised: 07.30.10 visit www.abracon.com for terms & conditions of sale tape & reel: tape and reel 1,000pcs/reel outline drawing: dimensions: inches (mm) dimensions: mm assflp series 2.5v / 3.3vdc programmable spread spectrum low emi clock oscillator 5.0 x 3.2 x 1.3 m m reflow profile pin 1 2 3 4 function tri-state gnd output vdd ce r tified abracon is ce r tified abracon is iso9001:2008 ce r tified attention: abracon corporation?s products are cots ? commercial-off-the-shelf products; suitable for commercial, industrial and, where designated, automo - tive applications. abracon?s products are not specifically designed for military, aviation, aerospace, life-dependant medical applications or any application requir - ing high reliability where component failure could result in loss of life and/or property. for applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from abracon corporation is required. please contact abracon corporation for more information.


▲Up To Search▲   

 
Price & Availability of ASSFLP-240000MHZ-R-C16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X