Part Number Hot Search : 
88523 FRF9150H 2N5962 T1105 TA1370FG T260XW01 S1500 CDB5321
Product Description
Full Text Search
 

To Download 90147-1303 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/22/2010 please check www.molex.com for latest part information part number: 0901471303 status: active overview: cgrid__sl_products description: 2.54mm (.100") pitch c-grid? pc board connector, single row, vertical, 3 circuits documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 ul e29179 general product family pcb receptacles series 90147 application board-to-board overview cgrid__sl_products product name c-grid? physical circuits (loaded) 3 color - resin black flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part no material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin polyester number of rows 1 orientation vertical pc tail length (in) 0.114 in pc tail length (mm) 2.90 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 30.4 plating min: mating (m) 0.76 plating min: termination (in) 120 plating min: termination (m) 3 polarized to pcb no temperature range - operating -55c to +125c termination interface: style through hole electrical current - maximum per contact 3a grounding to pcb no voltage - maximum 350v solder process data series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 90147 series mates with 90120 , 90121 use with 90120 , 90121
duration at max. process temperature (seconds) 10 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 260 material info reference - drawing numbers sales drawing sda-90147 this document was generated on 05/22/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 90147-1303

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X