Part Number Hot Search : 
555C1H1 AOI478 106K0 125HS 2741G2 MPX100AS A1103EUA A5800723
Product Description
Full Text Search
 

To Download 90136-1209 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/26/2010 please check www.molex.com for latest part information part number: 0901361209 status: active overview: cgrid_iii description: 2.54mm (.100") pitch c-grid iii? header, single row, vertical, shrouded, 9 circuits, 0.38m (15") gold (au) selective plating documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) general product family pcb headers series 90136 application wire-to-board overview cgrid_iii product name c-grid iii? physical breakaway no circuits (loaded) 9 circuits (maximum) 9 color - resin black first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating gold material - plating termination tin material - resin polyester number of rows 1 orientation vertical pc tail length (in) 0.114 in pc tail length (mm) 2.90 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 15.2 plating min: mating (m) 0.38 plating min: termination (in) 120 plating min: termination (m) 3 polarized to pcb no shrouded fully stackable no temperature range - operating -55c to +125c termination interface: style through hole electrical current - maximum per contact 3a voltage - maximum 350v series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 90136 series mates with 90123 c-grid iii? modular crimp housing. 90156 c-grid iii? crimp housing
solder process data lead-free process capability wave capable (th only) material info reference - drawing numbers packaging specification pk-90136-001 sales drawing sda-90136 this document was generated on 05/26/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 90136-1209

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X