Part Number Hot Search : 
S2GJF CMHZ4117 CD7313GS HSBD140 1SS136 00450 RBOX103 KT973
Product Description
Full Text Search
 

To Download 65800001109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  revision: august 3, 2009 fuseholders ?2009 littelfuse speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. compatible fuse sizes 5 x 20 mm materials clip frame: 6580000 1xxx: ul94 v-0 black thermoplastic 65800003xxx: ul94 v-0 black lcp 65800004xxx: ul94 v-0 black lcp clip terminals: 6580000 1xxx: tin (sn) plated copper alloy 65800003xxx: tin (sn) plated copper alloy 65800004xxx: gold (au) plated copper alloy electrical data rated voltage: 250v rated current: 10a rated power acceptance (at ambient air temp 23oc) : - 4w without cover - 4w with 660 cover - 2.5w with 659 cover mounting surface mounting; suitable for re?ow and vapor-phase soldering operating temperature -40oc to +85oc (consider de-rating) climatic test gpf according to din 40040 stock conditions +10oc to +60oc relative humidity 75% yearly average, without dew, maximum value for 30 days - 95% vibration resistance frequency range 10-500 hz, crossover frequency 60 hz < 60 hz constant amplitude of 0.75mm > 60 hz constant acceleration of 10g contact resistance 5m dielectric strength > 3kv, 50 hz, 1 min. impulse withstand voltage ?1.2/50: > 12 kv between live parts of different potentials insulation resistance (500 v dc/1 min): >10 m solderability 235c / 2s, acc. to iec 60068-2-58 test td soldering pro?le jedec j-std-020c: - 6580000 1xxx: 240(+/-5)c / 20-40s - 65800003xxx: 260(+/-5)c / 20-40s - 65800004xxx: 260(+/-5)c / 20-40s soldering heat resistance 260c/10s, acc to iec60068-2-20 test tb minimum cross section conducting path - 0.2mm 2 658 series holder and covers product characteristics dimensions (milimeter) (transparent) (opaque - suitable for infrared re?ow soldering processes) 658 series holder 660 cover 659 cover pb 12 13.2 22.7 10.8 25 9.6 11 6 6 max dimension for removal of cover soldering pad layout derating curves admissible power acceptance in watt 0 20406080100 1.5 1.0 0.5 0.0 i = < < i n i = 0.7 i n i = 1.0 i n 2.5 2.0 ambient air temperature ta c admissible power acceptance in watt ambient air temperature ta c 0 20 40 60 80 100 i = < < i n i = 0.7 i n i = 1.0 i n 0.5 0.0 4.0 1.5 1.0 2.0 3.0 2.5 3.5 with 659 cover (transparent): without cover or with 660 cover (opaque): 65800001009 fuse holder - thermoplastic / tin terminals (100 pcs bulk) 65800001109 fuse holder - thermoplastic / tin terminals (400 pcs tape & reel) 65800003009 fuse holder - lcp plastic / tin terminals (100 pcs bulk) 65800003109 fuse holder - lcp plastic / tin terminals (400 pcs tape & reel) 65800004009 fuse holder - lcp plastic / gold terminals (100 pcs bulk) 65800004109 fuse holder - lcp plastic / gold terminals (400 pcs tape & reel) 65900000009 fuse holder cover - transparent plastic (100 pcs bulk) 66000001009 fuse holder cover - opaque plastic, suitable for infrared (ir) re?ow soldering processes (100 pcs bulk) part numbers and descriptions


▲Up To Search▲   

 
Price & Availability of 65800001109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X