this document was generated on 06/02/2010 please check www.molex.com for latest part information part number: 0556385019 status: contact molex overview: qf50 description: 2.54mm (.100") pitch qf-50? flat ribbon cable header, dual row, right angle, shrouded header with eject levers, 50 circuits, side matingkeys, lead-free documents: 3d model product specification ps-54559-005 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 55638 application wire-to-board overview qf50 product name qf-50? physical breakaway no circuits (loaded) 50 circuits (maximum) 50 color - resin black durability (mating cycles max) 500 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating gold material - plating termination tin material - resin polyester number of rows 2 orientation right angle pc tail length (in) 0.118 in pc tail length (mm) 3.00 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 12 plating min: mating (m) 0.3 plating min: termination (in) 40 plating min: termination (m) 1 polarized to mating part yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +85c termination interface: style through hole electrical current - maximum per contact 1a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 55638 series mates with 54559 qf-50? flat cable receptacle housing
voltage - maximum 300v material info reference - drawing numbers product specification ps-54559-005, rps-54559-017 sales drawing sd-55638-003 this document was generated on 06/02/2010 please check www.molex.com for latest part information
|