Part Number Hot Search : 
2SC52 BU9262FS CM6504IP DTC115 100E1 4HCT37 182A934 CF5034AB
Product Description
Full Text Search
 

To Download 53748-0808 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/26/2010 please check www.molex.com for latest part information part number: 0537480808 status: active overview: slimstack_050mm_020_pitch description: 0.50mm (.020") pitch slimstack? plug, surface mount, dual row, vertical, 3.00mm (.118") stack height, 80 circuits, without vacuum pick-up tape documents: 3d model product specification ps-52991-003 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 53748 application board-to-board overview slimstack_050mm_020_pitch product name slimstack? physical breakaway no circuits (loaded) 80 circuits (maximum) 80 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none mated height (in) 0.118 in mated height (mm) 3.00 mm material - metal brass material - plating mating gold material - plating termination gold number of rows 2 orientation vertical pcb locator no pcb retention none packaging type embossed tape on reel pitch - mating interface (in) 0.020 in pitch - mating interface (mm) 0.50 mm plating min: mating (in) 4 plating min: mating (m) 0.1 polarized to pcb no shrouded fully stackable no temperature range - operating -40c to +105c termination interface: style surface mount electrical current - maximum per contact 0.5a voltage - maximum 50v material info reference - drawing numbers packaging specification spk-53748-001 product specification ps-52991-003, rps-52991-010, rps-52991-013, rps-52991-019 sales drawing sd-53748-002, sd-53748-005 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 53748 series mates with slimstack? receptacle 52991 , 54167
this document was generated on 05/26/2010 please check www.molex.com for latest part information








▲Up To Search▲   

 
Price & Availability of 53748-0808

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X