this document was generated on 03/15/2010 please check www.molex.com for latest part information part number: 0510361500 status: active description: 4.00mm (.158") pitch board-in housing, 15 circuits documents: 3d model product specification ps-51036-003 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-51036-002 (pdf) agency certification csa lr19980 tuv r72090224 ul e29179 general product family crimp housings series 51036 product name board-in physical circuits (maximum) 15 color - resin natural flammability 94v-0 gender male glow-wire compliant no material - resin nylon number of rows 1 packaging type bag panel mount no pitch - mating interface (in) 0.157 in pitch - mating interface (mm) 4.00 mm stackable yes temperature range - operating -40c to +105c material info reference - drawing numbers product specification ps-51036-002, ps-51036-003, rps-51036-001, rps-51036-002, rps-51036-003 sales drawing sd-51036-**00 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 51036 series use with 50098 this document was generated on 03/15/2010 please check www.molex.com for latest part information
|