this document was generated on 05/19/2010 please check www.molex.com for latest part information part number: 0039012025 status: active overview: minifit_jr description: 4.20mm (.165") pitch mini-fit jr.? receptacle housing, dual row, ul 94v-0, 2 circuits documents: 3d model product specification ps-5556-001 (pdf) test summary (pdf) rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 tuv r72081037 ul e29179 general product family crimp housings series 5557 comments current = 13a max. per circuit when header is mated to a receptacle loaded with 45750 series terminals crimped to 16 awg wire. . see molex product specification ps-45750-001 for additional current de- rating information. overview minifit_jr product name mini-fit jr.? physical breakaway no circuits (maximum) 2 color - resin ivory flammability 94v-0 gender female glow-wire compliant no material - resin nylon number of rows 2 packaging type bag panel mount no pitch - mating interface (in) 0.165 in pitch - mating interface (mm) 4.20 mm pitch - term. interface (in) 0.165 in pitch - term. interface (mm) 4.20 mm polarized to mating part yes stackable no temperature range - operating -40c to +105c electrical current - maximum per contact 13a material info old part number 5557-02r-210 reference - drawing numbers packaging specification spk-5557-001 product specification ps-5556-001, rps-5557-004, rps-5557-008, rps-5557-024, rps-5557-031, rps-5557-036, series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 5557 series mates with 5559d , 5566vw , 5566vwo , 5569rdf , 5569rdp , 43810a , 43810b , 43810c , 43810d , 44068a , 44068b , 44068c , 44068d , 44281 , 44472dw , 44472dwo , 87427, 87427r, 87427rf, 42404 , 44474 , 42440 , 43879 , 42475 use with 5556 , 44476 , 44485 , 41995
rps-5557-048, rps-5557-050, rps-5557-054, rps-5557-058 sales drawing sd-5557-003 this document was generated on 05/19/2010 please check www.molex.com for latest part information
|