Part Number Hot Search : 
MAX2160 SG30SC6M EPB025A M67723 FS100 HA12211 A7812 AD835
Product Description
Full Text Search
 

To Download 39-01-2020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/08/2010 please check www.molex.com for latest part information part number: 0039012020 status: active overview: minifit_jr description: 4.20mm (.165") pitch mini-fit jr.? receptacle housing, dual row, ul 94v-2, 2 circuits documents: 3d model product specification ps-5556-001 (pdf) test summary (pdf) rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 tuv r72081037 ul e29179 general product family crimp housings series 5557 comments current = 13a max. per circuit when header is mated to a receptacle loaded with 45750 series terminals crimped to 16 awg wire. . see molex product specification ps-45750-001 for additional current de- rating information.. glow wire equivalent part number 50361673 molexkits yes overview minifit_jr product name mini-fit jr.? physical breakaway no circuits (maximum) 2 color - resin natural flammability 94v-2 gender female glow-wire compliant no material - resin nylon number of rows 2 packaging type bag panel mount no pitch - mating interface (in) 0.165 in pitch - mating interface (mm) 4.20 mm pitch - term. interface (in) 0.165 in pitch - term. interface (mm) 4.20 mm polarized to mating part yes stackable no temperature range - operating -40c to +105c electrical current - maximum per contact 13a material info old part number 5557-02r reference - drawing numbers packaging specification spk-5557-001 product specification ps-5556-001, rps-5557-046 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 5557 series mates with 5559d , 5566vw , 5566vwo , 5569rdf , 5569rdp , 43810a , 43810b , 43810c , 43810d , 44068a , 44068b , 44068c , 44068d , 44281 , 44472dw , 44472dwo , 87427, 87427r, 87427rf, 42404 , 44474 , 42440 , 43879 , 42475 use with 5556 , 44476 , 44485 , 41995
sales drawing sd-5557-003 this document was generated on 06/08/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 39-01-2020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X