Part Number Hot Search : 
NCP5111 110K1 NJW41 MX536AJC BZW03C91 EPSA1 7GZITE1 SIS85
Product Description
Full Text Search
 

To Download TSC87C51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TSC87C51/52 1 ma tra mhs rev. a 10 september 1997 introduction the microcontroller market is moving very fast, surprisingly the otp market is even faster due to the following reasons: time to market for new systems is the key answer to be on the leading edge and to continue to grow. late orders coming from end customers or need for customized versions to better serve the market. that's why the otp market represents already more than 15% of the total volume. now temic introduces brand new products completing its existing of fering to better serve your needs. y ou can have access to the TSC87C51 and tsc87c52 onetimeprogrammable c51 microcontrollers and speed up your market penetration while preserving a low system cost. these products have been qualified in order to be compatible with the industry standard from intel as temic is one of the three major intel licensed manufacturer. temic will continue to expand its global of fering with also the compatible mask rom products which are still being supported with new improvements. these product always guarantee full compatibility with c51 intel architecture. therefore, it is easy qualify temic products in your existing or new applications. thank you to get access to the temic c51 otp family through all the documentation and support like this design guide which is providing all the information on the products the way to implement them in the application and how to program them. temic microcontrollers overview in the 8bit microcontroller market, the 80c51 architecture has become an industry standard in embedded applications. introduced in the early's 1980's by temic/matra mhs under intel license, the 80c51 is still a market leader. for over 15 years, temic has been a leading provider of 80c51 microcontrollers to major embedded markets. t oday, temic is ranked number 3 in worldwide sales of 80c51 devices, representing over 20% market share. this unsurpassed experience is at the service of temic customers in every application. temic now enlar ges its product range by adding one time programmable (otp) versions of standard products and the highly increased number of product derivatives for applications mainly targeted in the communication and computer area. also the market is in need for a more powerful solution to meet the requirements of increasingly sophisticated embedded applications. high growth markets, including applications in communication, automotive and personal computing are driving these requirements. therefore temic has introduced in 1996 the first two products of the intellicensed tsc80251 8bit extended architecture. introduction to TSC87C51/c52 otp microcontrollers
TSC87C51/52 2 matra mhs rev. a 10 september 1997 c51 standard microcontrollers selection table device rom (byte) ram (byte) max speed (mhz) i/0 serial interfaces 16bit timers wd other features general purpose microcontrollers 5 volt tsc80c31 128 44 32 uart 2 sr, st tsc80c51 4 k 128 44 32 uart 2 sr, st TSC87C51 4 k otp 128 44 32 uart 2 sr, st 80c32 256 44 32 uart 3 sr, st 80c52 8 k 256 36 32 uart 3 sr, st tsc87c52 8 k otp 256 36 32 uart 3 sr, st 80c154 256 36 32 uart 3 sr, st 83c154 16 k 256 36 32 uart 3 sr, st 83c154d 32 k 256 36 32 uart 3 sr, st general purpose low voltage: 3 volt, up to 20 mhz ! tsc80c31l 128 20 32 uart 2 sr, st tsc80c51l 4 k 128 20 32 uart 2 sr, st TSC87C51l 4 k otp 128 16 32 uart 2 sr, st 80c32l 256 16 32 uart 3 sr, st 80c52...l 8 k 256 16 32 uart 3 sr, st tsc87c52l 8 k otp 256 16 32 uart 3 sr, st 80c154l 256 16 32 uart 3 (wd) sr, st 83c154...l 16 k 256 16 32 uart 3 (wd) sr, st 83c154d...l 32 k 256 16 32 uart 3 (wd) sr, st general purpose very low voltage: 1.8 volt tsc80cl31 128 4 32 uart 2 sr, st tsc80cl51 4 k 128 4 32 uart 2 sr, st wd: w atchdog timer sr: secret romencrypted rom option to secure the rom against piracy. st: secr et t ag a 64bit identifier can be customized in order to serialize each microcontroller with a unique number. c51 otp product features by supplier in this chapter you will find the benchmark between the temic products and other suppliers on the market of c51 otp microcontrollers. this will help you to ensure the compatibility of the temic product in your application after you have exactly listed the features which are being used. you can note that the standard features are not listed in this table
TSC87C51/52 3 ma tra mhs rev. a 10 september 1997 87c51 otp product features by supplier feature temic tsc80c51 temic TSC87C51 intel 87c51 philips 87c51 lg gms80c7004 atmel at89c51 windbond w87e51 power off flag no yes yes no no no no uart : automatic address recognition no no yes no no no no uart : framing er- ror detection no yes yes no no no no powerdown output using external inter- rupt no no yes no no no no ale disabling yes yes yes no no no no once mode no yes yes no no yes no eprom lock bits na yes 2 yes yes yes yes yes four levels priority interrupt no no yes no no no no full static design (frequency down to 0 mhz) yes yes no no yes yes yes supply voltage 5 v yes yes yes yes yes yes yes 3 v yes yes 2 no no no yes no speed 12/16 mhz yes yes yes yes yes yes yes 24 mhz yes yes yes yes yes yes yes 33 mhz yes yes yes no no no yes 40 mhz yes yes 2 no no no no yes range 0 c to 70 c yes yes yes yes yes yes yes 40 c to 85 c yes yes yes 3 yes yes yes no package pdil 40 yes yes yes yes yes yes yes plcc 44 yes yes yes yes yes yes yes pqfp 44 yes yes yes no no yes no tqfp 44 yes yes no no no yes no power consumption (max., 5v) (at 16 mhz) (at 16 mhz) (at 16 mhz) (at 16 mhz) (at 12 mhz) (at 12 mhz) (at 20 mhz) active (ma) 25 25 38 32 21 25 50 idle (ma) 6.5 8.5 9.5 5 18 6.5 7 pd ( m a) 30 50 75 50 50 100 50 1 no clock out generation 2 under study, no yet available. 3 except 33 mhz na: not available
TSC87C51/52 4 matra mhs rev. a 10 september 1997 87c52 otp product features by supplier feature temic 80c52 temic tsc87c52 intel 87c52 philips 87c52 siemens c5011e lg gms80c701 atmel at89c52 windbond w87e52 power off flag no yes yes no no no no enhanced timer 2 no yes yes no yes 1 yes no uart : automatic address recogni- tion no no yes no no no no uart : framing er- ror detection no yes yes no no no no powerdown output using external inter- rupt no no yes no no no no ale disabling yes yes yes no no no no once mode no yes yes no no yes no eprom lock bits na yes 2 yes yes yes yes yes full static design (frequency down to 0 mhz) yes yes no no yes yes yes supply voltage 5 v yes yes yes yes yes yes yes 3 v yes yes 2 no no no yes no speed 12/16 mhz yes yes yes yes yes yes yes 24 mhz yes yes yes yes yes yes yes 33 mhz yes yes yes no no no yes 40 mhz yes yes 2 no no no no yes range 0 c to 70 c yes yes yes yes yes yes yes 40 c to 85 c yes yes yes 3 yes yes yes no package pdil 40 yes yes yes yes yes yes yes plcc 44 yes yes yes yes yes yes yes pqfp 44 yes yes yes no no yes no tqfp 44 yes yes no no no yes no power consumption (max., 5v) (at 16 mhz) (at 16 mhz) (at 16 mhz) (at 16 mhz) (at 12 mhz) (at 12 mhz) (at 20 mhz) active (ma) 25 25 38 32 21 25 50 idle (ma) 8.5 8.5 9.5 5 18 6.5 7 pd ( m a) 50 50 75 50 50 100 50 1 no clock out generation 2 under study, no yet available. 3 except 33 mhz na: not available
TSC87C51/52 5 matra mhs rev. a 10 september 1997 glossary power off flag this flag is used by the software to make the dif ference between a power on reset and a reset exiting from power down. in the power down mode, the crystal is stopped and the microcontroller power consumption is closed to zero. this flag is useful for low power application using the power down mode. enhanced timer 2 two new features are added to the timer 2 : configuration as an up/down counter clock out generation uart : automatic address recognition two new features are added to the uar t. these features lower the software task during multi mode operation : automatic address recognition ; in this mode the address recognition is done by hardware rather than by software. framing error detection; a new bit warn the software that one stop bit is missing. powerdown output using external interrupt with this feature an external interrupt can cause a recover from power down mode ; otherwise, only a reset can restart the microcontroller. this feature provides more flexibility for low power systems. ale disabling the aaddress latch enableo is activated at a constant rate of 1/6 the oscillator frequency , except during an external data memory access at which one ale pulse is skipped. when no external ram and rom access is required, the ale is not necessary and can generated noise and emi. with the ale disable, this signal is only generated under software when it is required. once mode the oncircuit emulation (once) mode facilitates testing and debugging of the system using the microcontroller without having to remove the device from the circuit. in this mode, the device is placed on an inactive state and an emulator or test cpu can be used to drive the circuit. eprom lock bits the program lock bits protect the program memory from software piracy. four levels interrupt priority the initial 8051 architecture has two levels interrupt priority. a second interrupt priority register has been added, increasing the number of priority levels to four. this feature provides more flexibility to real time systems. full static design this allows to reduce the system power consumption by bringing the clock frequency down to any value, even 0 mhz (dc), without loss of data.
TSC87C51/52 6 ma tra mhs rev. a 10 september 1997 cross reference list h ere under is a short version of the cross reference list of the main products available. uptaded version with mor e r eferences is available on our web site at http://www.temic.de/semi partnumbers given for commercial temperature range (0 to 70 c) temic intel philips atmel siemens freq (mhz) package TSC87C5112ca p87c52bh sc87c51ccn40 at89c5112pc not available 12 dip40 87c51 TSC87C5112cb s87c52bh sc87c51cca44 at89c5112jc not available 12 plcc44 87c51 TSC87C5116ca p87c52bh1 sc87c51cgn40 at89c5116pc not available 16 dip40 TSC87C5116cb s87c52bh1 sc87c51cga44 at89c5116jc not available 16 plcc44 tsc87c5212ca p87c52bh sc87c52ccn40 at89c5212pc sabc501g1ep 12 dip40 87c52 tsc87c5212cb s87c52bh sc87c52cca44 at89c5212jc sabc501g1en 12 plcc44 87c52 tsc87c5216ca p87c52bh1 sc87c52cgn40 at89c5216pc not available 16 dip40 tsc87c5216cb s87c52bh1 sc87c52cga44 at89c5216jc not available 16 plcc44


▲Up To Search▲   

 
Price & Availability of TSC87C51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X