Part Number Hot Search : 
MRF158 R20100 FC138 AHF2812D H5RE29AC ISPLSI CEF09N7A TC4211
Product Description
Full Text Search
 

To Download TDA9806 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet preliminary speci?cation file under integrated circuits, ic02 1995 sep 05 integrated circuits TDA9806 multistandard vif-pll and fm-pll demodulator
1995 sep 05 2 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 features 5 v supply voltage gain controlled wide band vif-amplifier (ac-coupled) true synchronous demodulation with active carrier regeneration (very linear demodulation, good intermodulation figures, reduced harmonics, excellent pulse response) separate video amplifier for sound trap buffering with high video bandwidth vif agc detector for gain control, operating as peak sync detector for b/g tuner agc with adjustable takeover point (top) afc detector without extra reference circuit ac-coupled limiter amplifier for sound intercarrier signal alignment-free fm-pll demodulator with high linearity, switchable de-emphasis for fm stabilizer circuit for ripple rejection and to achieve constant output signals. general description the TDA9806 is an integrated circuit for multistandard vision if signal processing and fm sound demodulation in tv and vcr sets. ordering information type number package name description version TDA9806 sdip32 plastic shrink dual in-line package; 32 leads (400 mil) sot232-1
1995 sep 05 3 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 quick reference data symbol parameter conditions min. typ. max. unit v p supply voltage 4.5 5 5.5 v i p supply current 82 96 110 ma v i vif(rms) vision if input signal voltage sensitivity (rms value) - 1 db video at output - 60 100 m v v o cvbs (p-p) cvbs output signal voltage (peak-to-peak value) 1.7 2.0 2.3 v b - 3 - 3 db video bandwidth on pin cvbs b/g standard; c l < 20 pf; r l > 1k w ; ac load 78 - mhz s/n (w) weighted signal-to-noise ratio for video 56 60 - db im a 1.1 intermodulation attenuation at blue f = 1.1 mhz 58 64 - db im a 3.3 intermodulation attenuation at blue f = 3.3 mhz 58 64 - db a h(sup) suppression of harmonics in video signal 35 40 - db v o(rms) audio output signal voltage for fm (rms value) b/g standard; 54% modulation - 0.5 - v thd total harmonic distortion for fm 54% modulation - 0.15 0.5 % s/n (w) weighted signal-to-noise ratio for fm 54% modulation - 60 - db
1995 sep 05 4 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 block diagram h andbook, full pagewidth intercarrier mixer vco twd afc detector tuner and vif-agc fpll video demodulator and amplifier internal voltage stabilizer fm detector (pll) af amplifier vif amplifier vif TDA9806 29 27 26 9 10 21 22 15 12 23 24 25 7 19 28 6 3 2 1 32 31 5 v v p 1/2 11 20 17 5.5 sif 14 13 16 n.c. n.c. n.c. 8 n.c. af de-emphasis video buffer cvbs 2 v (p-p) video 1 v (p-p) afc 2 x f pc tuner agc loop filter n.c. 4 n.c. 5 n.c. 18 n.c. 30 n.c. n.c. n.c. top c agc mha054 v i(vid) fig.1 block diagram.
1995 sep 05 5 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 pinning symbol pin description v i vif1 1 vif differential input signal voltage 1 v i vif2 2 vif differential input signal voltage 2 n.c. 3 not connected n.c. 4 not connected n.c. 5 not connected tadj 6 tuner agc takeover adjust (top) t pll 7 pll loop ?lter n.c. 8 not connected n.c. 9 not connected v o cvbs 10 cvbs output signal voltage n.c. 11 not connected v oaf 12 audio voltage frequency output deem i 13 de-emphasis input deem o 14 de-emphasis output c dec 15 decoupling capacitor n.c. 16 not connected v ifm 17 sound intercarrier input voltage n.c. 18 not connected tagc 19 tuner agc output v o(int) 20 sound intercarrier output voltage v o(vid) 21 composite video output voltage v i(vid) 22 video buffer input voltage afc 23 afc output vco1 24 vco1 reference circuit for 2f pc vco2 25 vco2 reference circuit for 2f pc c ref 26 1 2 v p reference capacitor gnd 27 ground c vagc 28 vif agc capacitor v p 29 supply voltage n.c. 30 not connected n.c. 31 not connected n.c. 32 not connected fig.2 pin configuration. handbook, halfpage TDA9806 mha053 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 v v tadj t v v n.c. n.c. n.c. n.c. n.c. n.c. n.c. v c gnd n.c. n.c. n.c. c vco2 vco1 afc v v v tagc n.c. o af deem i deem o c dec o cvbs pll i vif2 i vif1 p vagc ref v i fm o(int) o(vid) i(vid)
1995 sep 05 6 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 functional description vision if ampli?er the vision if amplifier consists of three ac-coupled differential amplifier stages. each differential stage comprises a feedback network controlled by emitter degeneration. tuner and vif agc the agc capacitor voltage is transferred to an internal if control signal, and is fed to the tuner agc to generate the tuner agc output current (open-collector output). the tuner agc takeover point can be adjusted. this allows the tuner and the swif filter to be matched to achieve the optimum if input level. the agc detector charges/discharges the agc capacitor to the required voltage for setting of vif and tuner gain in order to keep the video signal at a constant level. therefore for negative video modulation the sync level of the video signal is detected. frequency phase locked loop detector (fpll) the vif-amplifier output signal is fed into a frequency detector and into a phase detector via a limiting amplifier. during acquisition the frequency detector produces a dc current proportional to the frequency difference between the input and the vco signal. after frequency lock-in the phase detector produces a dc current proportional to the phase difference between the vco and the input signal. the dc current of either frequency detector or phase detector is converted into a dc voltage via the loop filter, which controls the vco frequency. vco, travelling wave divider and afc the vco operates with a resonance circuit (with l and c in parallel) at double the pc frequency. the vco is controlled by two integrated variable capacitors. the control voltage required to tune the vco from its free-running frequency to actually double the pc frequency is generated by the frequency-phase detector and fed via the loop filter to the first variable capacitor (fpll). this control voltage is amplified and additionally converted into a current which represents the afc output signal. at centre frequency the afc output current is equal to zero. the oscillator signal is divided-by-two with a travelling wave divider (twd) which generates two differential output signals with a 90 degree phase difference independent of the frequency. video demodulator and ampli?er the video demodulator is realized by a multiplier which is designed for low distortion and large bandwidth. the vision if input signal is multiplied with the in-phase signal of the travelling wave divider output. the demodulator output signal is fed via an integrated low-pass filter for attenuation of the carrier harmonics to the video amplifier. the video amplifier is realized by an operational amplifier with internal feedback and high bandwidth. a low-pass filter is integrated to achieve an attenuation of the carrier harmonics. the video output signal is 1 v (p-p) for nominal vision if modulation. video buffer for an easy adaption of the sound traps an operational amplifier with internal feedback is used. this amplifier is featured with a high bandwidth and 7 db gain. the input impedance is adapted for operating in combination with ceramic sound traps. the output stage delivers a nominal 2 v (p-p) positive video signal. noise clipping is provided. intercarrier mixer the intercarrier mixer is realized by a multiplier. the vif amplifier output signal is fed to the intercarrier mixer and converted to intercarrier frequency by the regenerated picture carrier (vco). the mixer output signal is fed via a high-pass for attenuation of the video signal components.
1995 sep 05 7 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 fm detector the fm detector consists of a limiter, an fm-pll and an af amplifier. the limiter provides the amplification and limitation of the fm sound intercarrier signal before demodulation. the result is high sensitivity and am suppression. the amplifier consists of 7 stages which are internally ac-coupled in order to minimize the dc offset and to save pins for dc decoupling. the fm-pll consists of an integrated relaxation oscillator, an integrated loop filter and a phase detector. the oscillator is locked to the fm intercarrier signal, output from the limiter. as a result of locking, the oscillator frequency tracks with the modulation of the input signal and the oscillator control voltage is superimposed by the af voltage. the fm-pll operates as an fm-demodulator. the af amplifier consists of two parts: 1. the af preamplifier for fm sound is an operational amplifier with internal feedback, high gain and high common mode rejection. the af voltage from the pll demodulator, by principle a small output signal, is amplified by approximately 33 db. the low-pass characteristic of the amplifier reduces the harmonics of the intercarrier signal at the sound output terminal, at which the de-emphasis network for fm sound is applied. an additional dc control circuit is implemented to keep the dc level constant, independent of process spread. 2. the af output amplifier (10 db) provides the required output level by a rail-to-rail output stage. this amplifier makes use of an input selector for switching to fm de-emphasis or mute state, controlled by the mute switching voltage. internal voltage stabilizer and 1 2 v p -reference the bandgap circuit internally generates a voltage of approximately 1.25 v, independent of supply voltage and temperature. a voltage regulator circuit, connected to this voltage, produces a constant voltage of 3.6 v which is used as an internal reference voltage. for all audio output signals the constant reference voltage cannot be used because large output signals are required. therefore these signals refer to half the supply voltage to achieve a symmetrical headroom, especially for the rail-to-rail output stage. for ripple and noise attenuation the 1 2 v p voltage has to be filtered via a low-pass filter by using an external capacitor together with an integrated resistor (f g = 5 hz). for a fast setting to 1 2 v p an internal start-up circuit is added.
1995 sep 05 8 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 limiting values in accordance with the absolute maximum rating system (iec 134). notes 1. i p = 110 ma; t amb =70 c; r th j-a = 60 k/w. 2. charge device model class b: equivalent to discharging a 200 pf capacitor via a 0 w series resistor. thermal characteristics symbol parameter conditions min. max. unit v p supply voltage (pin 29) maximum chip temperature of 120 c; note 1 0 5.5 v v i voltage at pins 1 to 7, 12 to 19, 22, 23, 28 and 29 0v p v t s(max) maximum short-circuit time - 10 s v 19 tuner agc output voltage 0 13.2 v t stg storage temperature - 25 +150 c t amb operating ambient temperature - 20 +70 c v es electrostatic handling voltage note 2 - 300 + 300 v symbol parameter value unit r th j-a thermal resistance from junction to ambient in free air 60 k/w
1995 sep 05 9 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 characteristics v p =5v; t amb = 25 c; see table 1 for input frequencies and level; input level v i if 1, 2 = 10 mv rms value (sync-level for b/g); video modulation dsb; residual carrier b/g: 10%; video signal in accordance with ccir, line 17 ; measurements taken in fig.10; unless otherwise speci?ed. symbol parameter conditions min. typ. max. unit supply (pin 29) v p supply voltage note 1 4.5 5 5.5 v i p supply current 82 96 110 ma vision if ampli?er (pins 1 and 2) v i vif(rms) input signal voltage sensitivity (rms value) b/g standard; - 1 db video at output - 60 100 m v v i max(rms) maximum input signal voltage (rms value) b/g standard; +1 db video at output 120 200 - mv d v o(int) internal if amplitude difference between picture and sound carrier within agc range; b/g standard; d f = 5.5 mhz - 0.7 1 db g ifcr if gain control range see fig.3 65 70 - db r i(diff) differential input resistance note 2 1.7 2.2 2.7 k w c i(diff) differential input capacitance note 2 1.2 1.7 2.5 pf v 1,2 dc input voltage - 3.4 - v true synchronous video demodulator; note 3 f vco(max) maximum oscillator frequency for carrier regeneration f=2f pc 125 130 - mhz d f osc / d t oscillator drift as a function of temperature oscillator is free-running; i afc = 0; note 4 -- 20 ppm/k v 0 ref(rms) oscillator voltage swing at pins 24 and 25 (rms value) b/g standard 70 100 130 mv f pccr picture carrier capture range b/g standard 1.5 2.0 - mhz t acq acquisition time bl = 60 khz; note 5 -- 30 ms v i vif(rms) vif input signal voltage sensitivity for pll to be locked (rms value; pins 1 and 2) maximum if gain; note 6 - 30 70 m v i fpll(offset) fpll offset current at pin 7 note 7 -- 4.5 m a
1995 sep 05 10 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 composite video ampli?er (pin 21; sound carrier off) v o video(p-p) output signal voltage (peak-to-peak value) see fig.7 0.88 1.0 1.12 v v 21(sync) sync voltage level b/g standard - 1.5 - v v 21(clu) upper video clipping voltage level v p - 1.1 v p - 1 - v v 21(cll) lower video clipping voltage level - 0.3 0.4 v r o,21 output resistance note 2 -- 10 w i int 21 internal dc bias current for emitter-follower 1.6 2.0 - ma i 21 max(sink) maximum ac and dc output sink current 1.0 -- ma i 21 max(source) maximum ac and dc output source current 2.0 -- ma b - 1 - 1 db video bandwidth b/g standard; c l < 50 pf; r l > 1k w; ac load 56 - mhz b - 3 - 3 db video bandwidth b/g standard; c l < 50 pf; r l > 1k w; ac load 78 - mhz a h suppression of video signal harmonics c l < 50 pf; r l > 1k w; ac load; note 8a 35 40 - db psrr power supply ripple rejection at pin 21 video signal; grey level; b/g standard; see fig.8 32 35 - db cvbs buffer ampli?er (only) and noise clipper (pins 10 and 22) r i,22 input resistance note 2 2.6 3.3 4.0 k w c i,22 input capacitance note 2 1.4 2 3.0 pf v i,22 dc input voltage 1.5 1.8 2.1 v g v voltage gain b/g standard; note 9 6.5 7 7.5 db v 10(clu) upper video clipping voltage level 3.9 4.0 - v v 10(cll) lower video clipping voltage level - 1.0 1.1 v r o,10 output resistance note 2 -- 10 w i int 10 dc internal bias current for emitter-follower 2.0 2.5 - ma i o,10 max(sink) maximum ac and dc output sink current 1.4 -- ma i o,10 max(source) maximum ac and dc output source current 2.4 -- ma b - 1 - 1 db video bandwidth b/g standard; c l < 20 pf; r l > 1k w; ac load 8.4 11 - mhz b - 3 - 3 db video bandwidth b/g standard; c l < 20 pf; r l > 1k w; ac load 11 14 - mhz symbol parameter conditions min. typ. max. unit
1995 sep 05 11 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 measurements from if input to cvbs output (pin 10; 330 w between pins 21 and 22, sound carrier off) v o cvbs(p-p) cvbs output signal voltage on pin 10 (peak-to-peak value) note 9 1.7 2.0 2.3 v v o cvbs(sync) sync voltage level b/g standard - 1.35 - v d v o deviation of cvbs output signal voltage at b/g 50 db gain control -- 0.5 db 30 db gain control -- 0.1 db d v o(blbg) black level tilt in b/g standard gain variation; note 10 -- 1% g diff differential gain ccir, line 330 - 25% j diff differential phase ccir, line 330 - 1 2 deg b - 1 - 1 db video bandwidth b/g standard; c l < 20 pf; r l > 1k w; ac load 56 - mhz b - 3 - 3 db video bandwidth b/g standard; c l < 20 pf; r l > 1k w; ac load 78 - mhz s/n (w) weighted signal-to-noise ratio see fig.4 and note 11 56 60 - db s/n unweighted signal-to-noise ratio see fig.4 and note 11 49 53 - db im a 1.1 intermodulation attenuation at blue f = 1.1 mhz; see fig.5 and note 12 58 64 - db intermodulation attenuation at yellow f = 1.1 mhz; see fig.5 and note 12 60 66 - db im a 3.3 intermodulation attenuation at blue f = 3.3 mhz; see fig.5 and note 12 58 64 - db intermodulation attenuation at yellow f = 3.3 mhz; see fig.5 and note 12 59 65 - db a c(rms) residual vision carrier (rms value) b/g standard; fundamental wave and harmonics - 25mv a h(sup) suppression of video signal harmonics note 8a 35 40 - db a h(spur) spurious elements note 8b 40 -- db psrr power supply ripple rejection at pin 10 video signal; grey level; b/g standard; see fig.8 25 28 - db vif-afc detector (pin 28) i 28 charging current b/g standard; note 10 0.75 1 1.25 ma discharging current b/g standard 15 20 25 m a t resp agc response to an increasing vif step b/g standard; note 13 - 0.05 0.1 ms/db agc response to a decreasing vif step b/g standard - 2.2 3.5 ms/db symbol parameter conditions min. typ. max. unit
1995 sep 05 12 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 tuner agc (pin 19) v i(rms) if input signal voltage for minimum starting point of tuner takeover (rms value) input at pins 1 and 2; r top =22k w; i 19 = 0.4 ma - 25mv if input signal voltage for maximum starting point of tuner takeover (rms value) input at pins 1 and 2; r top =0 w; i 19 = 0.4 ma 50 100 5 mv v o,19 permissible output voltage from external source; note 2 -- 13.2 v v sat,19 saturation voltage i 19 = 1.5 ma -- 0.2 v d v top,19 / d t variation of takeover point by temperature i 19 = 0.4 ma - 0.03 0.07 db/k i 19(sink) sink current no tuner gain reduction; see fig.3 v 19 =12v -- 2.5 m a v 19 = 13.2 v -- 5 m a maximum tuner gain reduction 1.5 2 2.6 ma d g if if slip by automatic gain control tuner gain current from 20 to 80% - 68db afc circuit (pin 23); see fig.6 and note 14 s control steepness d i 23 / d f note 15 0.5 0.72 1.0 m a/khz d f if / d t frequency variation by temperature i afc = 0; note 5 -- 20 ppm/k v o,23 output voltage upper limit see fig.6 v p - 0.6 v p - 0.3 - v output voltage lower limit see fig.6 - 0.3 0.6 v i o,23(source) output source current 150 200 250 m a i o,23(sink) output sink current 150 200 250 m a d i 23(p-p) residual video modulation current (peak-to-peak value) b/g standard - 20 30 m a symbol parameter conditions min. typ. max. unit
1995 sep 05 13 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 intercarrier mixer (b/g standard; pin 20) v o(rms) if intercarrier level (rms value) sc - note 16 - mv b - 3 - 3 db intercarrier bandwidth upper limit 7.5 9 - mhz a c(rms) residual sound carrier (rms value) fundamental wave and harmonics - 2 - mv r o,20 output resistance note 2 -- 25 w v o,20 dc output voltage - 2.0 - v i int 20 dc internal bias current for emitter-follower 1.5 1.9 - ma i 20 max(sink) maximum ac and dc output sink current 1.1 1.5 - ma i 20 max(source) maximum ac and dc output source current 3.0 3.5 - ma limiter ampli?er (pin 17); note 17 v i fm(rms) input signal voltage for lock-in (rms value) -- 100 m v v i fm(rms) input signal voltage (rms value) - 300 400 m v allowed input signal voltage (rms value) 200 -- mv r i,17 input resistance note 2 480 600 720 w v i,17 dc input voltage - 2.8 - v fm-pll detector f i fm(catch) catching range of pll upper limit 7.0 -- mhz lower limit -- 4.0 mhz f i fm(hold) holding range of pll upper limit 9.0 -- mhz lower limit -- 3.5 mhz t acq acquisition time -- 4 m s symbol parameter conditions min. typ. max. unit sn + n -------------- ? ?? 40 db =
1995 sep 05 14 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 fm operation (b/g standard; pin 12); notes 17 and 17a v o af12(rms) af output signal voltage (rms value) without de-emphasis; short-circuit from pin 13 to pin 14; 27 khz (54% fm deviation); see fig.10 and note 18 r x = 470 w 200 250 300 mv r x =0 w 400 500 600 mv v o af12(cl) af output clipping signal voltage level thd < 1.5% 1.3 1.4 - v d f af frequency deviation thd < 1.5%; note 18 -- 53 khz d v o / d t temperature drift of af output signal voltage - 3 10 - 3 7 10 - 3 db/k v 15 dc voltage at decoupling capacitor voltage dependent on vco frequency; note 19 1.2 - 3.0 v r 12 output resistance note 2 -- 100 w v 12 dc output voltage tracked with supply voltage - 1 2 v p - v i 12 max(sink) maximum ac and dc output sink current -- 1.1 ma i 12 max(source) maximum ac and dc output source current -- 1.1 ma b - 3 - 3 db video bandwidth without de-emphasis; short-circuit from pin 13 to pin 14 100 125 - khz thd total harmonic distortion - 0.15 0.5 % s/n (w) weighted signal-to-noise ratio fm-pll only; with 50 m s de-emphasis; 27 khz (54% fm deviation); ccir 468-4 55 60 - db a c(rms) residual sound carrier (rms value) fundamental wave and harmonics -- 75 mv a am am suppression 50 m s de-emphasis; am: f = 1 khz; m = 0.3 refer to 27 khz (54% fm deviation) 46 50 - db a 12 mute attenuation of af signal b/g standard 70 75 - db d v 12 dc jump voltage of af output terminal for switching af output to mute state and vice versa fm-pll in lock mode - 50 150 mv psrr power supply ripple rejection at pin 12 r x = 470 w ; see fig.8 26 30 - db symbol parameter conditions min. typ. max. unit
1995 sep 05 15 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 notes 1. values of video and sound parameters are decreased at v p = 4.5 v. 2. this parameter is not tested during production and is only given as application information for designing the television receiver. 3. loop bandwidth bl = 60 khz (natural frequency f n = 15 khz; damping factor d = 2; calculated with sync level within gain control range). resonance circuit of vco: q 0 > 50; c ext = 8.2 pf 0.25 pf; c int ? 8.5 pf (loop voltage approximately 2.7 v). 4. temperature coefficient of external lc-circuit is equal to zero. 5. v iif = 10 mv (rms); d f = 1 mhz (vco frequency offset related to picture carrier frequency); white picture video modulation. 6. v iif signal for nominal video signal. 7. offset current measured between pin 7 and half of supply voltage (v p = 2.5 v) under the following conditions: no input signal at vif input (pins 1 and 2) and vif amplifier gain at minimum (v 28 =v p ). 8. measurements taken with saw filter g1962 (sound shelf: 20 db); loop bandwidth bl = 60 khz: a) modulation vsb; sound carrier off ; f video > 0.5 mhz. b) sound carrier on ; f video = 10 khz to 10 mhz. 9. the 7 db buffer gain accounts for 1 db loss in the sound trap. buffer output signal is typical 2 v (p-p), in event of cvbs video amplifier output typical 1 v (p-p). if no sound trap is applied a 330 w resistor must be connected from output to input (from pin 21 to pin 22). 10. the leakage current of the agc capacitor should not exceed 1 m a at b/g standard. larger currents will increase the tilt. 11. s/n is the ratio of black-to-white amplitude to the black level noise voltage (rms value, pin 10). b = 5 mhz weighted in accordance with ccir 567 . 12. the intermodulation figures are defined: ; a 1.1 value at 1.1 mhz referenced to black/white signal; ; a 3.3 value at 3.3 mhz referenced to colour carrier. 13. response speed valid for a vif input level range of 200 m vupto70mv. af performance for fm operation (b/g standard); notes 20, 21 and 22; see table 1 s/n (w) weighted signal-to-noise ratio pc/sc ratio at pins 1 and 2; 27 khz (54% fm deviation); ccir 468-4 27 -- db black picture 45 51 - db white picture 45 51 - db 6 khz sine wave (black to white modulation) 40 46 - db sound carrier subharmonics; f = 2.75 mhz 3 khz 35 40 - db symbol parameter conditions min. typ. max. unit a 1.1 20 v 0 at 4.4 mhz v 0 at 1.1 mhz ------------------------------------- - ? ? ?? 3.6db + log = a 3.3 20 v 0 at 4.4 mhz v 0 at 3.3 mhz ------------------------------------- - ? ? ?? log =
1995 sep 05 16 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 14. to match the afc output signal to different tuning systems a current source output is provided. the test circuit is given in fig.6. the afc-steepness can be changed by the resistors at pin 23. 15. depending on the ratio d c/c 0 of the lc resonant circuit of vco (q 0 > 50; see note 3; c 0 =c int +c ext ). 16. the intercarrier output signal at pin 20 can be calculated by the following formula taking into account the video output signal at pin 21 (v o video(p-p) = 1 v typical) as a reference: with = correction term for rms value, = sound-to-picture carrier ratio at vif input (pins 1 and 2) in db, 6 db = correction term of internal circuitry and 3 db = tolerance of video output and intercarrier output amplitude v o(rms) . example: saw filter g1962 (sound shelf: 20 db) tt v o(rms) = 32 mv typical. 17. input level for second if from an external generator with 50 w source impedance. ac-coupled with 10 nf capacitor, f mod = 1 khz, 27 khz (54% fm deviation) of audio references. a vif input signal is not permitted. pin 28 has to be connected to positive supply voltage for minimum if gain. s/n and thd measurements are taken at 50 m s de-emphasis. a) second if input level 10 mv rms. 18. measured with an fm deviation of 27 khz the typical af output signal is 500 mv (rms) (r x =0 w ; see fig.10). by using r x = 470 w the af output signal is attenuated by 6 db (250 mv rms). for handling an fm deviation of more than 53 khz the af output signal has to be reduced by using r x in order to avoid clipping (thd < 1.5%). for an fm deviation up to 100 khz an attenuation of 6 db is recommended with r x = 470 w . 19. the leakage current of the decoupling capacitor (2.2 m f) should not exceed 1 m a. 20. for all s/n measurements the used vision if modulator has to meet the following specifications: a) incidental phase modulation for black-to-white jump less than 0.5 degrees. b) picture-to-sound carrier ratio; pc/sc = 13 db (transmitter). c) sound shelf of vif saw filter: minimum 20 db. 21. measurements taken with saw filter k6256 (siemens) for vision and sound if (sound shelf: 20 db). input level v i sif = 10 mv (rms), 27 khz (54% fm deviation). 22. the pc/sc ratio at pins 1 and 2 is calculated as the addition of tv transmitter pc/sc ratio and saw filter pc/sc ratio. this pc/sc ratio is necessary to achieve the s/n (w) values as noted. a different pc/sc ratio will change these values. table 1 input frequencies and carrier ratios description symbol b/g standard unit picture carrier f pc 38.9 mhz sound carrier f sc 33.4 mhz picture-to-sound carrier ratio sc 13 db v o rms () 1v p p C () 1 22 ---------- - 10 v isc v ipc ----------- - db () 6db 3d b + 20 -------------------------------------------------------------- - = 1 22 ---------- - v isc v ipc ----------- - db () v isc v ipc ----------- - 27 db C =
1995 sep 05 17 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 fig.3 typical vif and tuner agc characteristic. a ndbook, full pagewidth 4.5 70 1.0 2.5 2 1.5 3 3.5 4 v 28 (v) mha061 50 60 0.06 40 0 1.0 2.0 0.6 30 20 6 10 0 60 - 10 gain (db) i tuner (ma) vif input (1,2) (mv rms) (1) (2) (3) (4) (1) i tuner ; r top =22k w . (2) gain. (3) i tuner ; r top =11k w . (4) i tuner ; r top =0 w . fig.4 typical signal-to-noise ratio as a function of if input voltage. handbook, halfpage - 60 - 40 - 20 20 80 60 40 20 0 0 0.06 0.6 6 600 60 med684 s/n (db) v i (vif)(rms) (db) v i (vif)(rms) (mv) 10 fig.5 input signal conditions. h andbook, halfpage sc cc pc sc cc pc blue yellow 27 db 13.2 db 3.2 db 27 db 13.2 db 10 db med685 - 1 sc = sound carrier, with respect to sync level. cc = chrominance carrier, with respect to sync level. pc = picture carrier, with respect to sync level. the sound carrier levels are taking into account a sound shelf attenuation of 20 db (swif g1962).
1995 sep 05 18 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 fig.6 measurement conditions and typical afc characteristic. handbook, full pagewidth v = 5 v p v p 200 100 0 200 100 ( a) 38.5 38.9 39.3 f (mhz) (source current) (sink current) v 23 i 23 (v) 4.5 3.5 2.5 1.5 0.5 TDA9806 23 i 23 22 k w 22 k w mha055 fig.7 typical video signal levels on output pin 21 (sound carrier off ). handbook, halfpage 1.5 v 1.8 v 2.5 v white level 2.6 v zero carrier level black level sync level b/g standard mha056 fig.8 ripple rejection condition. handbook, full pagewidth TDA9806 v p = 5 v t v p = 5 v 100 mv ripple (f = 70 khz) mha057
1995 sep 05 19 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 internal pin configuration handbook, full pagewidth mha060 TDA9806 + 20 1.9 ma 10 k w 0.5 pf 1.6 k w + 21 2.0 ma + 1.7 pf 1.7 pf 9 k w + 22 2.2 3.3 2 k w + 23 1 k w 1 k w 200 m a + + 2.8 v 420 w 420 24 25 10 k w 10 k w + + 650 w + 20 k w 20 k w + 70 k w 26 27 gnd + 28 1 ma + + + 29 v p + 30 n.c. 16 n.c. + 17 640 w 40 k w 40 k w 10 pf 3.9 k w 3.6 v 10 k w 3.6 v 19 18 n.c. 2.5 ma + 9 k w 20 k w 3.6 v 67 m a + 23 m a vco 3 5 46 7 8 9 + 10 2.5 ma + 11 + 12 120 w 14.7 k w 25 pf + + 2.3 ma + 13 650 w 300 m a 4.2 k w 10 pf + + 14 + 15 n.c. n.c. 32 31 3.6 v + 2 1.1 k w 1.1 k w + 1 0.6 m a k w k w w n.c. n.c. n.c. n.c. n.c. n.c. fig.9 internal circuitry.
1995 sep 05 20 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 test and application information handbook, full pagewidth q 0 50 8.2 pf 2.2 m f c ref gnd 2.2 m f vif agc 22 k w 100 nf 10 nf 22 k w afc v p video output intercarrier output 330 w n.c. tuner agc 10 nf sft 5.5 mhz 560 w 5.6 k w fm mute switch 1 2 5 4 3 1:1 50 w vif input 32 1 TDA9806 n.c. n.c. n.c. n.c. n.c. n.c. top 22 k w 390 w loop filter 220 nf cvbs af output 5.6 k w 10 nf r 22 m f n.c. n.c. n.c. n.c. c dec x (1) 31 2 30 3 29 4 28 5 27 6 26 7 25 8 24 9 23 10 22 11 21 12 20 13 19 14 18 15 17 16 mha058 (1) see note 18 of chapter characteristics. fig.10 test circuit.
1995 sep 05 21 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 handbook, full pagewidth 8.2 pf 2.2 m f c ref gnd 2.2 m f vif agc 22 k w 100 nf 10 nf 22 k w afc v p video output intercarrier output 330 w n.c. tuner agc 10 nf 5.5 mhz 560 w 5.6 k w fm mute switch 50 w if input 32 1 TDA9806 n.c. n.c. n.c. n.c. n.c. n.c. n.c. n.c. n.c. top 22 k w 390 w loop filter 220 nf cvbs af output 5.6 k w 10 nf r 22 m f n.c. c dec x (2) 31 2 30 3 29 4 28 5 27 6 26 7 25 8 24 9 23 10 22 11 21 12 20 13 19 14 18 15 17 16 15 m h (1) swif g1962 mha059 fig.11 application circuit. (1) depends on standard. (2) see note 18 of chapter characteristics.
1995 sep 05 22 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 package outline unit b 1 cee m h l references outline version european projection issue date iec jedec eiaj mm dimensions (mm are the original dimensions) sot232-1 92-11-17 95-02-04 b max. w m e e 1 1.3 0.8 0.53 0.40 0.32 0.23 29.4 28.5 9.1 8.7 3.2 2.8 0.18 1.778 10.16 10.7 10.2 12.2 10.5 1.6 4.7 0.51 3.8 m h c (e ) 1 m e a l seating plane a 1 w m b 1 e d a 2 z 32 1 17 16 b e pin 1 index 0 5 10 mm scale note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. (1) (1) d (1) z a max. 12 a min. a max. sdip32: plastic shrink dual in-line package; 32 leads (400 mil) sot232-1
1995 sep 05 23 philips semiconductors preliminary speci?cation multistandard vif-pll and fm-pll demodulator TDA9806 soldering introduction there is no soldering method that is ideal for all ic packages. wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. however, wave soldering is not always suitable for surface mounted ics, or for printed-circuits with high population densities. in these situations reflow soldering is often used. this text gives a very brief insight to a complex technology. a more in-depth account of soldering ics can be found in our ic package databook (order code 9398 652 90011). soldering by dipping or by wave the maximum permissible temperature of the solder is 260 c; solder at this temperature must not be in contact with the joint for more than 5 seconds. the total contact time of successive solder waves must not exceed 5 seconds. the device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (t stg max ). if the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. repairing soldered joints apply a low voltage soldering iron (less than 24 v) to the lead(s) of the package, below the seating plane or not more than 2 mm above it. if the temperature of the soldering iron bit is less than 300 c it may remain in contact for up to 10 seconds. if the bit temperature is between 300 and 400 c, contact may be up to 5 seconds. definitions life support applications these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips for any damages resulting from such improper use or sale. data sheet status objective speci?cation this data sheet contains target or goal speci?cations for product development. preliminary speci?cation this data sheet contains preliminary data; supplementary data may be published later. product speci?cation this data sheet contains ?nal product speci?cations. limiting values limiting values given are in accordance with the absolute maximum rating system (iec 134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information where application information is given, it is advisory and does not form part of the speci?cation.
philips semiconductors C a worldwide company argentina: ierod, av. juramento 1992 - 14.b, (1428) buenos aires, tel. (541)786 7633, fax. (541)786 9367 australia: 34 waterloo road, north ryde, nsw 2113, tel. (02)805 4455, fax. (02)805 4466 austria: triester str. 64, a-1101 wien, p.o. box 213, tel. (01)60 101-1236, fax. (01)60 101-1211 belgium: postbus 90050, 5600 pb eindhoven, the netherlands, tel. (31)40 783 749, fax. (31)40 788 399 brazil: rua do rocio 220 - 5 th floor, suite 51, cep: 04552-903-s?o paulo-sp, brazil. p.o. box 7383 (01064-970), tel. (011)821-2333, fax. (011)829-1849 canada: philips semiconductors/components: tel. (800) 234-7381, fax. (708) 296-8556 chile: av. santa maria 0760, santiago, tel. (02)773 816, fax. (02)777 6730 china/hong kong: 501 hong kong industrial technology centre, 72 tat chee avenue, kowloon tong, hong kong, tel. (852)2319 7888, fax. (852)2319 7700 colombia: iprelenso ltda, carrera 21 no. 56-17, 77621 bogota, tel. (571)249 7624/(571)217 4609, fax. (571)217 4549 denmark: prags boulevard 80, pb 1919, dk-2300 copenhagen s, tel. (032)88 2636, fax. (031)57 1949 finland: sinikalliontie 3, fin-02630 espoo, tel. (358)0-615 800, fax. (358)0-61580 920 france: 4 rue du port-aux-vins, bp317, 92156 suresnes cedex, tel. (01)4099 6161, fax. (01)4099 6427 germany: p.o. box 10 63 23, 20043 hamburg, tel. (040)3296-0, fax. (040)3296 213. greece: no. 15, 25th march street, gr 17778 tavros, tel. (01)4894 339/4894 911, fax. (01)4814 240 india: philips india ltd, shivsagar estate, a block, dr. annie besant rd. worli, bombay 400 018 tel. (022)4938 541, fax. (022)4938 722 indonesia: philips house, jalan h.r. rasuna said kav. 3-4, p.o. box 4252, jakarta 12950, tel. (021)5201 122, fax. (021)5205 189 ireland: newstead, clonskeagh, dublin 14, tel. (01)7640 000, fax. (01)7640 200 italy: philips semiconductors s.r.l., piazza iv novembre 3, 20124 milano, tel. (0039)2 6752 2531, fax. (0039)2 6752 2557 japan: philips bldg 13-37, kohnan 2 -chome, minato-ku, tokyo 108, tel. (03)3740 5130, fax. (03)3740 5077 korea: philips house, 260-199 itaewon-dong, yongsan-ku, seoul, tel. (02)709-1412, fax. (02)709-1415 malaysia: no. 76 jalan universiti, 46200 petaling jaya, selangor, tel. (03)750 5214, fax. (03)757 4880 mexico: 5900 gateway east, suite 200, el paso, tx 79905, tel. 9-5(800)234-7381, fax. (708)296-8556 netherlands: postbus 90050, 5600 pb eindhoven, bldg. vb, tel. (040)783749, fax. (040)788399 (from 10-10-1995: tel. (040)2783749, fax. (040)2788399) new zealand: 2 wagener place, c.p.o. box 1041, auckland, tel. (09)849-4160, fax. (09)849-7811 norway: box 1, manglerud 0612, oslo, tel. (022)74 8000, fax. (022)74 8341 pakistan: philips electrical industries of pakistan ltd., exchange bldg. st-2/a, block 9, kda scheme 5, clifton, karachi 75600, tel. (021)587 4641-49, fax. (021)577035/5874546 philippines: philips semiconductors philippines inc, 106 valero st. salcedo village, p.o. box 2108 mcc, makati, metro manila, tel. (02)810 0161, fax. (02)817 3474 portugal: philips portuguesa, s.a., rua dr. antnio loureiro borges 5, arquiparque - miraflores, apartado 300, 2795 linda-a-velha, tel. (01)4163160/4163333, fax. (01)4163174/4163366 singapore: lorong 1, toa payoh, singapore 1231, tel. (65)350 2000, fax. (65)251 6500 south africa: s.a. philips pty ltd., 195-215 main road martindale, 2092 johannesburg, p.o. box 7430, johannesburg 2000, tel. (011)470-5911, fax. (011)470-5494. spain: balmes 22, 08007 barcelona, tel. (03)301 6312, fax. (03)301 42 43 sweden: kottbygatan 7, akalla. s-164 85 stockholm, tel. (0)8-632 2000, fax. (0)8-632 2745 switzerland: allmendstrasse 140, ch-8027 zrich, tel. (01)488 2211, fax. (01)481 77 30 taiwan: philips taiwan ltd., 23-30f, 66, chung hsiao west road, sec. 1. taipeh, taiwan roc, p.o. box 22978, taipei 100, tel. (02)388 7666, fax. (02)382 4382 thailand: philips electronics (thailand) ltd., 209/2 sanpavuth-bangna road prakanong, bangkok 10260, thailand, tel. (662)398-0141, fax. (662)398-3319 turkey: talatpasa cad. no. 5, 80640 gltepe/istanbul, tel. (0 212)279 27 70, fax. (0212)282 67 07 united kingdom: philips semiconductors ltd., 276 bath road, hayes, middlesex ub3 5bx, tel. (0181)730-5000, fax. (0181)754-8421 united states: 811 east arques avenue, sunnyvale, ca 94088-3409, tel. (800)234-7381, fax. (708)296-8556 uruguay: coronel mora 433, montevideo, tel. (02)70-4044, fax. (02)92 0601 internet: http://www.semiconductors.philips.com/ps/ for all other countries apply to: philips semiconductors, international marketing and sales, building be-p, p.o. box 218, 5600 md eindhoven, the netherlands, telex 35000 phtcnl, fax. +31-40-724825 (from 10-10-1995: +31-40-2724825) scd41 ? philips electronics n.v. 1995 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. printed in the netherlands 533061/1500/01/pp24 date of release: 1995 sep 05 document order number: 9397 750 00307


▲Up To Search▲   

 
Price & Availability of TDA9806

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X