Part Number Hot Search : 
PIC16F RF107 2SD1246 107AF SD230 IONAL 8F400S UPD44
Product Description
Full Text Search
 

To Download TDA7261 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TDA7261 25w mono amplifier with mute/st-by wide supply voltage range (up to 50v abs max.) split supply high output power: 25w @ thd =10%, r l = 8 w , v s = +20v no pop at turn-on/off mute (pop free) stand-by feature (low i q ) few external components short circuit protection thermal overload protection description the TDA7261 is class ab audio power amplifier assembled in the multiwatt package, specially de- signed for high quality sound application in mono tv chassis. february 1997 multiwatt 8 ordering number: TDA7261 +5v 18k 15k in 1 m f 15k 1 m f mute/ st-by gnd 4.7 w 100nf out 1000 m f 1000 m f +v s 2 4 6 7 5 3 + - d94au088 rl +v s -v s m p figure 1: typical application circuit 1/9
absolute maximum ratings symbol parameter value unit v s dc supply voltage 50 v i o output peak current (internally limited) 4.5 a p tot power dissipation t case = 70 c30w t stg , t j storage and junction temperature -40 to +150 c 1 2 3 4 5 6 7 d94au090 8 n.c. gnd in -v s mute/st-by output +v s n.c. tab connected to pin 5 pin connection (top view) thermal data symbol description value unit r th j-case thermal resistance junction-case max 2.5 c/w TDA7261 2/9
electrical characteristics (refer to the test circuit, v s + 20v; r l = 8 w ; r s =50 w ; f = 1khz; t amb = 25 c, unless otherwise specified.) symbol parameter test condition min. typ. max. unit v s supply range +5 +22.5 v i q total quiescent current 30 ma p o music output power (*) thd = 10%; r l = 8 w ; v s + 28.5v; 32 w p o output power thd = 10% r l = 8 w ; v s + 16v; r l = 4 w 20 25 25 w w thd = 1% r l = 8 w ; v s + 16v; r l = 4 w 20 20 w w thd total harmonic distortion r l = 8 w ; p o = 1w; f = 1khz 0.02 % r l = 8 w ; p o = 0.1 to 15w; f = 100hz to 15khz 0.5 % r l = 4 w ; p o = 1w; f = 1khz 0.03 % r l = 4 w ; v s + 16v; p o = 0.1 to 12w; f = 100hz to 15khz 1% sr slew rate 10 v/ m s g v closed loop voltage gain 29 30 31 db d g v voltage gain matching 0.2 db e n total input noise a curve f = 20hz to 22khz 2.5 3.5 8 m v m v r i input resistance 15 20 k w svr supply voltage rejection fr = 100hz; vripple = 0.5v rms 60 db t j thermal shut-down junction temperature 145 c mute function [ref: +v s ] vt mute mute / play threshold -7 -6 -5 v a m mute attenuation 60 90 db stand-by function [ref: +v s ] vt st-by stand-by / mute threshold -3.5 -2.5 -1.5 v a st-by stand-by attenuation 110 db i q st-by quiescent current @ stand-by 3 ma note : (*) full power up to . v s = 22.5v with r l = 8 w and v s = 16v with r l = 4 w music power is the maximal power which the amplifier is capable of producing across the rated load resistance (regardless of non linearity) 1 sec after the application of a sinusoidal input signal of frequency 1khz. TDA7261 3/9
components recommended value purpose larger than recommended value smaller than recommended value r1 10k w mute circuit increase of dz biasing current r2 15k w mute circuit v pin # 4 shifted downward v pin # 4 shifted upward r3 18k w mute circuit v pin # 4 shifted upward v pin # 4 shifted downward r4 15k w mute circuit v pin # 4 shifted upward v pin # 4 shifted downward r5 4.7 w frequency stability danger of oscillations danger of oscillations c1 1 m f input dc decoupling higher low frequency cutoff c2 1 m f st-by/mute time constant larger on/off time smaller on/of time c3, c5 1000 m f supply voltage bypass danger of oscillations c4, c6 0.1 m f supply voltage bypass danger of oscillations c7 0.1 m f frequency stability dz 5.1v mute circuit q1 bc107 mute circuit applications suggestion (demo board schematic) the recommended values of the external compo- nents are those shown on the demo board sche- matic. different values can be used: the following table can help the designer. mute, stand-by truth table sw1 sw2 a a stand-by a b stand-by b b mute b a play TDA7261 4/9
r3 18k in c1 1 m f mute/ st-by gnd r5 4.7 w c7 100nf out c5 1000 m f c3 1000 m f +v s 2 4 6 7 5 3 + - d94au089a rl +v s -v s sw1 r1 dz q1 r4 15k r2 15k c2 1 m f sw2 c4 100nf c6 100nf st-by mute figure 2: demo board schematic figure 3: p.c. board and component layout of the demo board schematic (1:1 scale) TDA7261 5/9
figure 7: supply voltage rejection vs. fequency figure 6: distortion vs. output power figure 4: quiescent current vs. supply voltage figure 5: output power vs supply voltage figure 8: attenuation & total quiescent current vs. vpin4 voltage figure 9: power dissipation vs. output power TDA7261 6/9
mute stand-by function the pin 4 (mute/stand-by) controls the ampli- fier status by two different theresholds, referred to +v s . - when v pin4 higher than = +v s - 2.5v the amplifier is in stand-by mode and the final stage generators are off. - when v pin4 is between +v s - 2.5v and +v s - 6v the final stage current generators are switched on and the amplifier is in mute mode. - when v pin4 is lower than +v s - 6v the am- plifier is play mode. t off stdby mute mute mute mute play stdby play off stdby 20 +v s (v) -20 -v s v in (mv) vpin4 (v) v s v s -2.5 v s- 6 v s -10 i q (ma) 0 vout (v) d94au084 figure 10 TDA7261 7/9
multiwatt8 package mechanical data dim. mm inch min. typ. max. min. typ. max. a 5 0.197 b 2.65 0.104 c 1.6 0.063 e 0.49 0.55 0.019 0.022 f 0.78 0.85 0.030 0.033 g 2.40 2.54 2.68 0.094 0.10 0.105 g1 17.64 17.78 17.92 0.69 0.70 0.71 h1 19.6 0.772 h2 20.2 0.795 l 20.35 20.65 0.80 0.81 l1 15.7 0.62 l2 17.05 17.20 17.35 0.67 0.68 0.68 l3 17.25 17.5 17.75 0.679 0.689 0.699 l4 10.3 10.7 10.9 0.406 0.421 0.429 l7 2.65 2.9 0.104 0.114 s 1.9 2.6 0.075 0.102 s1 1.9 2.6 0.075 0.102 u 0.40 0.55 0.015 0.022 z 0.70 0.85 0.028 0.034 dia1 3.65 3.85 0.144 0.152 TDA7261 8/9
information furnished is believed to be accurate and reliable. however, sgs-thomson microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of sgs-thomson microelectronics. specification mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously s upplied. sgs- thomson microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of sgs-thomson microelectronics. ? 1997 sgs-thomson microelectronics C printed in italy C all rights reserved sgs-thomson microelectronics group of companies australia - brazil - canada - china - france - germany - hong kong - italy - japan - korea - malaysia - malta - morocco - the n etherlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a. TDA7261 9/9


▲Up To Search▲   

 
Price & Availability of TDA7261

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X