Part Number Hot Search : 
V400B 35N08 BTB1184 01140 NE559 MC79M12 SB2510M LTC372
Product Description
Full Text Search
 

To Download SR160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sr120 thru sr1100 do-41 lead(pb) - f r ee p b axial lead general purpose plastic rectifier weitron http://www.weitron.com.tw do-41 outline dimensions axial device (th r ough-hole) featu r es: * low forward voltage drop. * high current capability. * high reliability. * high surge current capability. * epitaxial construction. * case: molded plastic. * epoxy: ul 94v-0 rate ?ame retardant. * lead: axial leads, solderable per mil-std-202, method 208 guranteed. * polarity: color band denotes cathode end. * mounting position: any. * weight: 0.34 grams. mechanical data: genera l purpose rectifiers 1.0 amperes 20-100 v o l ts 1/3 22-sep-06
maximum rating characteristic v rrm v rms v dc i a v i fsm t j t s t g r ja 50 20 14 20 30 21 30 40 28 50 50 35 50 1.0 30 -65 to +150 0.55 0.70 0.85 1.0 10 -65 to +125 -65 to +150 60 42 60 80 56 80 100 70 100 v v v uuits a a c/w characteristic electrical characteristic m aximum dc r e v erse c u r r e n t r a t ed dc blocking v oltag e , t a =25c r a t ed dc blocking v oltag e , t a =100c maximum instanatneous forward voltage i f =1.0a t ypical jun c tion c apacitan c e v r =4.0 v , f=1.0m h z v f i r c p v ma pf 110 symbol weitron sr120 sr130 sr140 sr150 SR160 sr180 sr1100 sr120 sr130 sr140 sr150 SR160 sr180 sr1100 uuits symbol http://ww w .weitron.com.tw sr120 thru sr1100 2/3 22-sep-06 m aximum r epetiti v e peak r e v erse v oltage m aximum rms v oltage m aximum dc bloc k ing v oltage m aximum a v e r age f o r w a r d r e c ti?ed cu r r e n t t ypical the r mal r esistan c e 1 ope r a ting jun c tion t empe r a tu r e r ange s t o r age t empe r a tu r e r ange no t es 1. thermal resistance junction to ambient vertical pc board mounting 0.5(12.7mm) lead length. c c peak forward surge current 8.3ms single half sine-wave superimposedonrated load
weitron http://ww w .weitron.com.tw ratings and characteristics curves 3/3 22-sep-06 sr120 thru sr1100 0.1 1.0 .01 10 50 fig.1-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) fig.4-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) pulse width 300us 1% duty cycle 0.2 0.4 0.6 0.8 1.0 1.2 350 300 250 200 150 100 50 0 .01 .05 .1 .5 1 5 10 50 100 .1 .3 .5 .7 .9 1.1 1.3 1.5 3.0 .1 1.0 10 100 fig.5 - typical reverse characteristics r e v e r s e l e a k a g e c u r r e n t , ( m a ) 0 20 40 60 80 100 120 140 .01 tj=75 c s r 1 2 0 ~ s r 1 4 0 s r 1 5 0 ~ s r 1 1 0 0 s r 5 1 ~ 0 s r 6 1 0 r s 8 1 ~ 0 r s 1 1 0 0 s r 2 1 ~ 0 s r 4 1 0 tj=25 c tj=25 c ambient temperature,( c) 0 0 20 40 60 80 100 120 140 160 180 200 fig.2-typical forward characteristics percent of rated peak reverse vol tage,(%) fig.3-maximum non-repetitive forward surge current 0 12 6 18 30 24 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method p e a k f o r w a r d s u r g e c u r r e n t , ( a )


▲Up To Search▲   

 
Price & Availability of SR160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X