this document was generated on 05/24/2010 please check www.molex.com for latest part information part number: 5031481290 status: active description: 1.50mm (.059") pitch clik-mate? wire-to-board pcb receptacle, dual row, right angle, 12 circuits documents: 3d model product specification ps-503148-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb receptacles series 503148 application wire-to-board product name clik-mate? physical circuits (loaded) 12 color - resin beige durability (mating cycles max) 30 glow-wire compliant no keying to mating part yes lock to mating part yes mated height (in) 0.362 in mated height (mm) 9.20 mm material - metal copper alloy material - plating mating tin number of rows 2 orientation right angle pcb locator no pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.059 in pitch - mating interface (mm) 1.50 mm polarized to mating part yes polarized to pcb yes stackable no temperature range - operating -25c to +85c termination interface: style surface mount electrical current - maximum per contact 1a voltage - maximum 100v material info reference - drawing numbers application specification as-503149-001 product specification ps-503148-001, rps-503148-001 sales drawing SD-503148-001, sd-503148-002 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 503148 series mates with 503149 crimp housing . 502579 crimp terminal this document was generated on 05/24/2010 please check www.molex.com for latest part information
|