Part Number Hot Search : 
TXV1N 2SK3279 000BD M51523AL BA232 TXV1N LM5164 30U3945
Product Description
Full Text Search
 

To Download SCW03A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mean well switching power supply iso - 9001 certified manufacturer SCW03A series .2:1 wide input range .short circuit protection .regulated dc output .100% burn - in test .1000vdc i/o isolation .high reliability / low cost .input pi network filter .1 year warranty .industry standard package .mtbf:350,000 hours model specification SCW03A - 05 SCW03A - 12 SCW03A - 15 dc output voltage 5v 12v 15v output voltage accuracy 2% output rated current 600ma 250ma 200ma output current range 0 - 600ma 0 - 250ma 0 - 200ma ripple & noise 100mvp - p (max.) line regulation 0.5% load regulation 1% dc output power 3w efficiency 74% 80% 80% switching frequency 25khz min. input voltage range 9 - 18vdc input current 338ma max. short circuit protection continuous over voltage protection ---------- temp. coefficient 0.03% / o c (0 ~ 50 o c) isolation voltage i/p - o/p:1kvdc min. isolation resistance i/p - o/p:500vdc / 100m ohms min. isolation capacitance 80pf max. working temp., humidity - 15 o c~+60 o c, 20%~90% rh (no derating); 80% load @71 o c storage temp., humidity - 25 o c ~ +85 o c, 10% ~ 95% rh dimension 1.25" * 0.8" * 0.48" weight 15g case meterial five - sided shield metal case mechanism and pin configuration pin no. output 2 & 3 - vin 9 n.c. 10 & 15 n.c. 11 n.c. 14 +vout 16 ground 22 & 23 +vin note : 1.all parameters are specified at rated input, rated load, 25 o c 70% rh. ambient. 2.ripple & noise are measured at 20mhz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor. 3.line regulation is measured from low line to high line at rated load. 4.load regulation is measured from 20% to 100% rated load. 1999 - 09 - 20
mean well switching power supply iso - 9001 certified manufacturer scw03b series .2:1 wide input range .short circuit protection .regulated dc output .100% burn - in test .1000vdc i/o isolation .high reliability / low cost .input pi network filter .1 year warranty .industry standard package .mtbf:350,000 hours model specification scw03b - 05 scw03b - 12 scw03b - 15 dc output voltage 5v 12v 15v output voltage accuracy 2% output rated current 600ma 250ma 200ma output current range 0 - 600ma 0 - 250ma 0 - 200ma ripple & noise 100mvp - p (max.) line regulation 0.5% load regulation 1% dc output power 3w efficiency 75% 80% 80% switching frequency 25khz min. input voltage range 18 - 36vdc input current 167ma max. short circuit protection continuous over voltage protection ---------- temp. coefficient 0.03% / o c (0 ~ 50 o c) isolation voltage i/p - o/p:1kvdc min. isolation resistance i/p - o/p:500vdc / 100m ohms min. isolation capacitance 80pf max. working temp., humidity - 15 o c~+60 o c, 20%~90% rh (no derating); 80% load @71 o c storage temp., humidity - 25 o c ~ +85 o c, 10% ~ 95% rh dimension 1.25" * 0.8" * 0.48" weight 15g case meterial five - sided shield metal case mechanism and pin configuration pin no. output 2 & 3 - vin 9 n.c. 10 & 15 n.c. 11 n.c. 14 +vout 16 ground 22 & 23 +vin note : 1.all parameters are specified at rated input, rated load, 25 o c 70% rh. ambient. 2.ripple & noise are measured at 20mhz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor. 3.line regulation is measured from low line to high line at rated load. 4.load regulation is measured from 20% to 100% rated load. 1999 - 09 - 20
mean well switching power supply iso - 9001 certified manufacturer scw03c series .2:1 wide input range .short circuit protection .regulated dc output .100% burn - in test .1000vdc i/o isolation .high reliability / low cost .input pi network filter .1 year warranty .industry standard package .mtbf:350,000 hours model specification scw03c - 05 scw03c - 12 scw03c - 15 dc output voltage 5v 12v 15v output voltage accuracy 2% output rated current 600ma 250ma 200ma output current range 0 - 600ma 0 - 250ma 0 - 200ma ripple & noise 100mvp - p (max.) line regulation 0.5% load regulation 1% dc output power 3w efficiency 76% 82% 82% switching frequency 25khz min. input voltage range 36 - 72vdc input current 83ma max. short circuit protection continuous over voltage protection ---------- temp. coefficient 0.03% / o c (0 ~ 50 o c) isolation voltage i/p - o/p:1kvdc min. isolation resistance i/p - o/p:500vdc / 100m ohms min. isolation capacitance 80pf max. working temp., humidity - 15 o c~+60 o c, 20%~90% rh (no derating); 80% load @71 o c storage temp., humidity - 25 o c ~ +85 o c, 10% ~ 95% rh dimension 1.25" * 0.8" * 0.48" weight 15g case meterial five - sided shield metal case mechanism and pin configuration pin no. output 2 & 3 - vin 9 n.c. 10 & 15 n.c. 11 n.c. 14 +vout 16 ground 22 & 23 +vin note : 1.all parameters are specified at rated input, rated load, 25 o c 70% rh. ambient. 2.ripple & noise are measured at 20mhz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor. 3.line regulation is measured from low line to high line at rated load. 4.load regulation is measured from 20% to 100% rated load. 1999 - 09 - 20


▲Up To Search▲   

 
Price & Availability of SCW03A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X