Part Number Hot Search : 
MAX208EC 58004 58004 74LS641 TSOP4156 MJ1000 H4580UR 58004
Product Description
Full Text Search
 

To Download MIC2043-2YM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  january 2005 1 m0512-112603 mic2042/2043 micrel mic2042/2043 single channel, high current, low voltage, protected power distribution switch general description the mic2042 and mic2043 are high-side mosfet switches optimized for general purpose power distribution applications which require circuit protection. the devices switch up to 5.5v and as low as 0.8v while offering both programmable current limiting and thermal shutdown to protect the device and the load. a fault status output is provided in order to detect overcurrent and thermal shutdown fault conditions. both devices employ soft-start circuitry to minimize the inrush current in applications that employ highly capacitive loads. additionally, for tighter control over inrush current during start-up, the output slew-rate may be adjusted by an external capacitor. the mic2043 features a auto-reset circuit breaker mode that latches the output off upon detecting an overcurrent condition lasting more than 28ms. the output is reset by removing or reducing the load. all support documentation can be found on micrel? web site at www.micrel.com. t ypical application features 60m ? max. on-resistance 0.8v to 5.5v operating range adjustable current limit power-good detection up to 3a continuous output current short-circuit protection with thermal shutdown adjustable slew-rate control circuit breaker mode (mic2043) fault status flag undervoltage lockout output mosfet reverse current flow block when disabled very fast reaction to short-circuits low quiescent current applications docking stations notebook pcs pdas hot swap board insertions raid controllers usb hosts acpi power distribution micrel, inc. ? 1849 fortune drive ? san jose, ca 95131 ? usa ? tel + 1 (408) 944-0800 ? fax + 1 (408) 944-0970 ? http://www.mic rel.com 8, 12 7 2 3 6 9 13 10,11,14 1 4 r set 200 ? note: all v in pins (8, 12) must be externally tied together. all v out pins (10, 11, 14) must be externally tied together. i limit ? 2a. output power-good = 3.0v. *c4 is optional. see "applications information." c4* 0.022 f c1 0.1 f logic controller on/off overcurrent in 5 mic2042-1bts mic39100-2.5bs vbias vin en /fault ilim slew 2.5v vout pgref pwrgd uvloin gnd +3.3v power supply r1 20k ? r4 20k ? r2 294k ?  1% r3 24.3k ?  1% en in gnd out c load 33 f (open) v out 3.3v@ 1.5a out1 out2 c2 0.1 f c3 4.7 f
mic2042/2043 micrel m0512-112603 2 january 2005 pin configuration 1 en /fault gnd ilim 8 vout vin vout vin 7 6 5 2 3 4 8-pin sop (m) ordering information part number standard pb-free enable circuit breaker v bias v in range package mic2042-1bm mic2042-1ym active high 1.6v to 5.5v 8-pin sop mic2042-2bm mic2042-2ym active low 1.6v to 5.5v 8-pin sop mic2043-1bm mic2043-1ym active high x 1.6v to 5.5v 8-pin sop mic2043-2bm MIC2043-2YM active low x 1.6v to 5.5v 8-pin sop mic2042-1bts mic2042-1yts active high x 0.8v to 5.5v 14-pin tssop mic2042-2bts mic2042-2yts active low x 0.8v to 5.5v 14-pin tssop mic2043-1bts mic2043-1yts active high x x 0.8v to 5.5v 14-pin tssop mic2043-2bts mic2043-2yts active low x x 0.8v to 5.5v 14-pin tssop 1 pwrgd en /fault uvloin gnd ilim vbias 14 vout pgref vin vout vout slew vin 13 12 11 10 9 8 2 3 4 5 6 7 14-pin tssop (ts)
january 2005 3 m0512-112603 mic2042/2043 micrel pin description pin number pin number pin name pin function 8-pin sop 14-pin tssop 12 en switch enable input: gate control pin of the output mosfet available as an active high (?) or active low (?) input signal. 23 /fault fault status output: open-drain n-channel device, active low. this pin indicates an overcurrent or thermal shutdown condition. for an overcurrent event, /fault is asserted if the duration of the overcurrent condition lasts longer than 28ms. 35 gnd ground connection: tie to analog ground. n/a 9 slew slew-rate control input: a capacitor connected between this pin and ground will reduce (slow) the output slew-rate. the output turn-on time must be less than the nominal flag delay of 28ms in order to avoid nuisance tripping of the /fault output since v out must be ?ully on?(i.e., within 200mv of the voltage at the input) before the /fault signal delay elapses. the capacitor requires a 16v rating, or greater, 25v is recommended. see applications information, output slew-rate adjustment for further detail. 46 ilim current limit set: a resistor, r set , connected to this pin sets the current limit threshold as clf/r set , where clf is the current limit factor specified in the electrical characteristics table. for the mic2042/43, the continuous output current range is 0.5a to 3a. 5,7 8,12 vin switch input supply: the drain of the output mosfet. the range of input for the switch is 0.8v to 5.5v. these pins must be externally connected together to achieve rated performance. 6,8 10,11,14 vout switch output: the source of the output mosfet. these pins must be externally connected together to achieve rated performance. n/a 7 vbi as bias supply input: this input pin supplies power to operate the switch and internal circuitry. the input range for v bias is 1.6v to 5.5v. when switched voltage (v in ) is between 1.6v to 5.5v and the use of a single supply is desired, connect vbias to vin externally. n/a 13 pgref power-good threshold (input): analog reference used to specify the pwrgd threshold. when the voltage at this pin exceeds its threshold, v th , pwrgd is asserted high. an external resistive divider network is used to determine the output voltage level at which v th is exceeded. see functional description for further detail. when the pwrgd signal is not utilized, this input should be tied to vout. n/a 1 pwrgd power-good output: active high, open-drain. this pin asserts high when the voltage at pgref exceeds its threshold. n/a 4 uvloin undervoltage lockout adjust input: with this pin left open, the uvlo threshold is internally set to 1.45v. when the switching voltage (v in ) is below 1.6v, connecting an external resistive divider to this input will lower the uvlo threshold. the total resistance of the divider must be less than 200k ? . see applications information for further detail.
mic2042/2043 micrel m0512-112603 4 january 2005 electrical characteristics (4) v in = v bias = 5v; t a = 25 c unless specified otherwise. bold indicates ?0 c to +85 c. symbol parameter condition min typ max units v in switch input voltage v in v bias 14-pin tssop 0.8 5.5 v 8-pin sop 1.6 5.5 v v bias bias supply voltage (14-pin tssop) 1.6 5.5 v i bias vbias supply current - switch off no load 0.1 5 a vbias supply current - switch on no load 300 400 a note 5 v en enable input voltage v il (max) 2.4 1.5 v v ih (min) 3.5 2.5 v v enhyst enable input threshold hysteresis 100 mv i en enable input current v en = 0v to 5.5v C1 .01 1 a r ds(on) switch resistance v in = v bias = 3v, 5v 40 60 m ? i out = 500ma i leak output leakage current output off 10 a clf current limit factor (2) v in = 5v, 0.5v v out < 0.5v in 310 395 485 a ? 0.5a i out 3a v in = 3v, 0.5v v out < 0.5v in 320 385 450 a ? 0.5a i out 3a v th pgref and uvloin threshold v in = v bias = 1.6v to 5.5v 205 225 245 mv (14-pin tssop) v latch output reset threshold v in = 0.8v to 5.5v v in ?0.2 v v out rising (mic2043) i latch latched output off current output latched off (mic2043) 1 3 5 ma v ol output low voltage i ol (/fault) = 15ma 0.4 v (/fault, pwrgd) i ol (pwrgd) = 5ma i off /fault, pwrgd off current v fault = v pwrgd = 5v 1 a v uv undervoltage lockout threshold v in rising 1.30 1.45 1.58 v v in falling 1.20 1.35 1.50 v v uvhyst undervoltage lockout 100 mv threshold hysteresis v uvinth uvlo adjust pin threshold voltage v in rising 205 225 245 mv v in falling 185 205 225 mv v uvinhyst uvlo adjust pin threshold hysteresis 20 mv overtemperature threshold t j increasing 140 c t j decreasing 120 c absolute maximum ratings (1) supply voltage v in and v bias ............................................................................. 6v /fault, pwrgd output voltage ................................... 6v /fault, pwrgd output current .............................. 25ma junction temperature (t j ) ...................... internally limited esd rating (3) human body model ................................................... 3kv machine model ........................................................ 200v operating ratings (2) supply voltage v in ............................................................... 0.8v to 5.5v v bias ........................................................... 1.6v to 5.5v continuous output current ................................ 0.5a to 3a ambient temperature (t a ) ........................... ?0 c to 85 c package thermal resistance sop ( ja ) .......................................................... 160 c/w tssop ( ja ) ....................................................... 85 c/w
january 2005 5 m0512-112603 mic2042/2043 micrel symbol parameter condition min typ max units t flag flag response delay v in = v bias = 3v, 5v 21 28 35 ms t on output turn-on delay r load = 10 ? , c load = 1 f 600 800 1000 s t r output turn-on rise time r load = 10 ? , c load = 1 f1 1.5 2 ms t off output turn-off delay r load = 10 ? , c load = 1 f15 s t f output turn-off fall time r load = 10 ? , c load = 1 f24 s notes: 1. exceeding the absolute maximum rating may damage the device. 2. the device is not guaranteed to function outside its operating rating. 3. devices are esd sensitive. handling precautions recommended. human body model, 1.5k in series with 100pf. 4. specification for packaged product only. 5. off is v en < 1.0v for mic2042/mic2043-1 and v en > 4.0v for mic2042/mic2043-2. on is v en > 4.0v for mic2042/mic2043-1 and v en < 1.0v for mic2042/mic2043-2. 6. the current limit is determined as follows: i lim = clf/r set . t iming diagrams 50% (a) mic2042/43-1 (b) mic2042/43-2 10% 90% 0 v en t on t off 0 v out 50% 10% 90% 0 v en t on t off 0 v out figure 1. turn-on/turn-off delay 0 v en i limit 0 v out 0 i out 0 /fault t flag v in 0.2v increase the load figure 2. overcurrent fault response mic2042-2
mic2042/2043 micrel m0512-112603 6 january 2005 t est circuit        
   
          !"# "$   
%  & ' 
()*+ (*, , -&+. .(/*,  (/. 01 & 0 12 **3 1,2  
4   
4  ' 
4  4   /+2   & ( /. * /+2  
4   
 & 
%  & ( *, ( 22  '4   4 
january 2005 7 m0512-112603 mic2042/2043 micrel t ypical characteristics 100 150 200 250 300 350 400 450 500 -40 -20 0 20 40 60 80 100 supply current ( a) temperature ( c) supply current vs. temperature v in =v bias =1.6v v in =v bias = 5.5v v in =v bias = 3v 0 0.5 1 1.5 2 2.5 3 3.5 -40 -20 0 20 40 60 80 100 v en (v) temperature ( c) enable input threshold (falling) vs. temperature v bias = 5.5v v bias = 3v v bias = 1.6v 0 0.5 1 1.5 2 2.5 3 3.5 -40 -20 0 20 40 60 80 100 v en (v) temperature ( c) enable input threshold (rising) vs. temperature v bias 5.5v v bias 3v v bias 1.6v 0 100 200 300 400 500 600 -40 -20 0 20 40 60 80 100 output leaage (na) temperature ( c) output leakage current vs. temperature v bias = 5.5v v bias = 3v v bias = 1.6v 210 215 220 225 230 -40 -20 0 20 40 60 80 100 v th (mv) temperature ( c) power-good reference threshold vs. temperature v th @ 1.6v to 5.5v 1.2 1.25 1.3 1.35 1.4 1.45 1.5 1.55 -40 -20 0 20 40 60 80 100 uvlo (v) temperature ( c) uvlo threshold vs. temperature uvlo+ uvlo 200 205 210 215 220 225 230 235 240 245 250 -40 -20 0 20 40 60 80 100 uvlo (v) temperature ( c) uvlo adjust pinthreshold vs. temperature uvlo+ uvlo 0 10 20 30 40 50 60 70 80 -40 -20 0 20 40 60 80 100 rds(on) temperature ( c) on resistance vs. temperature v in =v bias = 5v v in =v bias = 3v v in =v bias = 1.6v 20 25 30 35 40 45 50 -40 -20 0 20 40 60 80 100 t flag (ms) temperature ( c) flag response delay vs. temperature t flag 3v t flag 5v 500 550 600 650 700 750 800 850 900 -40 -20 0 20 40 60 80 100 turn on dela ( s) temperature ( c) turn-on delay vs. temperature v in =v bias = 5.5v v in =v bias = 3v v in =v bias = 1.6v 0 2 4 6 8 10 12 14 16 18 20 2 2.5 3 3.5 4 4.5 5 5.5 6 i r (ma) v out (v) v bias reverse current flow vs. output volta g e v in = gnd v bias = 1.6v 0 5 10 15 20 25 -40 -20 0 20 40 60 80 100 slew voltage (v) temperature ( c) slew voltage vs. temperature v in =v bias = 5v v in =v bias = 3v v in =v bias = 1.6v
mic2042/2043 micrel m0512-112603 8 january 2005 functional characteristics   
 
  
 
                    !"#
$   
 
  
 
              
    !
"   
 
 
 
             

    
    
                   !    
"#" 

    $ %  &   
 
 
             !  
 "# $
%    
   
 
  
             
      

january 2005 9 m0512-112603 mic2042/2043 micrel    
                       
     
 
       !    
                      
 
     
mic2042/2043 micrel m0512-112603 10 january 2005 functional diagram

              ! 
"    # $%& '&  ( ) '*''*'  " + # ,*' ")  -#. $  -
 / /! #  0 1 #  2- '  /
.   .!
3 4,56 20-. '  / !
/  2/78 5   /  
9 46 9
  2 )9
! 9 /7 2/78 5 mic2042/43 block diagram
january 2005 11 m0512-112603 mic2042/2043 micrel functional description the mic2042 and mic2043 are high-side n-channel switches equipped with programmable current limit up to 3a for use in general purpose power distribution applications. the switches, available with active-high or active-low enable inputs, provide output slew-rate control and circuit protection via thermal shutdown and an optional output latch during overcurrent conditions. input and output v bias supplies power to the internal circuitry of the switch and must be present for the switch to operate. v in is connected to the drain of the output mosfet and sources power to the switched load. v in must be less than or equal to v bias . v out is the source terminal of the output mosfet and attaches to the load. in a typical circuit, current flows from v in to v out toward the load. if v out is greater than v in , current will flow from v out to v in since the switch is bi-directional when the device is enabled. when disabled (off), the switch will block current flow from either direction. enable input enable, the on/off control for the output switch, is a digital input available as an active-high (?) or active-low (?) signal. the en pin, referenced to approximately 0.5 vbias, must be driven to a clearly defined logic high or logic low. failure to observe this requirement, or allowing en to float, will cause the mic2042/43 to exhibit unpredictable behavior. en should not be allowed to go negative with respect to ground, nor allowed to exceed vbias. failure to adhere to these conditions may result in damage to the device. undervoltage lockout when the switch is enabled, undervoltage lockout (uvlo) monitors the input voltage, v in , and prevents the output mosfet from turning on until v in exceeds a predetermined level, nominally set at 1.45v. the uvlo threshold is adjust- able and can be varied by applying an external resistor divider to the uvloin pin from vin to gnd. the resistive divider network is required when the input voltage is below 1.5v. the uvlo threshold is internally preset to 1.45v if the uvloin pin is left open. see applications information section. programmable current limit the mic2042/43 is designed to prevent damage to the external load by limiting the maximum amount of current it can draw. the current limit is programmed by an external resistor (r set ) connected from ilim to ground and becomes active when the output voltage is at least 200mv below the voltage at the input to the device. the limiting current value is defined by the current limit factor (clf) divided by r set , and the mic2042/43 will limit from 0.5a to 3a with a set point accuracy of 22%. in programming the nominal current limit, the value of r set is determined using the following equation: r clf i 390a i set limit limit == ? () (1) and given the 22% tolerance of the current limit factor (clf), the external resistor is bound by: 103 ? r set 970 ? (2) the graphs below (figure 3) display the current limit factor characteristic over the full temperature range at the indicated voltage. these curves can be used as a point of reference in determining the maximum variation in the device? current limit over the full temperature range. for example: with v in = v bias = 3.0v and a nominal 2a current limit (r set = 192 ? ), the low and high current limit settings for the mic2042/43 would be 1.66a and 2.34a, respectively, as shown on the 3v graph using the 192 ? reference point. when current limiting occurs, the mic2042 and mic2043 respond differently. upon first reaching the limiting current both devices restrict current flow, allowing the load voltage to drop below v in . if the vin-to-vout differential voltage ex- ceeds 200mv, then a fault condition is declared and the fault delay timer is started. if the fault condition persists longer than the delay period, typically 28ms, then the /fault output asserts low. at this point, the mic2042 will continue to supply current to the load at the limiting value (i limit ), whereas the mic2043 will latch off its output. 0 0.5 1 1.5 2 2.5 3 3.5 4 0 120 240 360 480 600 720 840 960 i lim (a) r set ( ? ) current limit vs. r set ?0 c to +85 c v in =v bias = 5v clf (lo) clf (hi) 0 0.5 1 1.5 2 2.5 3 3.5 4 0 120 240 360 480 600 720 840 960 i lim (a) r set ( ? ) current limit vs. r set ?0 c to +85 c v in =v bias = 3v clf (lo) clf (hi) 0 0.5 1 1.5 2 2.5 3 3.5 4 0 120 240 360 480 600 720 840 960 i lim (a) r set ( ? ) current limit vs. r set ?0 c to +85 c v in =v bias = 1.6v clf (lo) clf (hi) figure 3. current limit factor
mic2042/2043 micrel m0512-112603 12 january 2005 /fault the /fault signal is an n-channel, open-drain mosfet output. an external pull-up resistor tied to a maximum 6v rail is required for the /fault pin. the /fault pin is asserted (active-low) when either an overcurrent or thermal shutdown condition occurs. during a hot insert of a pcb or when turning on into a highly capacitive load, the resulting high transient inrush current may exceed the current limit threshold of the mic2042/43. in the case where an overcurrent condition occurs, /fault will assert only after the flag delay time has elapsed, typically 28ms. this ensures that /fault is as- serted only upon valid overcurrent conditions and that nui- sance error reporting is prevented. thermal shutdown for the mic2042, thermal shutdown is employed to protect the device from damage should the die temperature exceed safe margins due to a short circuit or an excessive load. thermal shutdown shuts off the output mosfet and asserts the /fault output if the die temperature exceeds 140 c. the mic2042 automatically resets its output and resumes supply- ing current to the load when the die temperature drops to 120 c. if the fault is still present, the mic2042 will quickly re- heat and shut down again. this process of turning on-off-on is called thermal cycling and will continue as long as the power switch is enabled while the fault or excessive load is present. depending on pcb layout (including thermal considerations such as heat sinking), package, and ambient temperature, it may take several hundred milliseconds from the incidence of the fault to the output mosfet being shut off. circuit breaker function (mic2043) the mic2043 is designed to shut off all power to the load when a fault condition occurs, just as a circuit breaker would do. a fault condition is deemed to be anytime the output current exceeds the current limit for more than the flag delay period, nominally 28ms. once the output shuts off, it remains off until either the fault load is removed from vout or the en input is cycled on-off-on. if the fault is still present after en has been cycled, the mic2043 will again shut off all power to the load after 28ms. once the fault has been removed, then normal operation will resume. open load detection the mic2043 will automatically reset its output when the fault load is cleared. this is accomplished by applying a small current to vout and watching for the voltage at vout to rise to within 200mv of vin. this current is supplied by an internal resistor connected to vin and is connected to vout when mic2043 latches off. power-good detection the mic2042/43 can detect when the output voltage is above or below a preset threshold that is monitored by a comparator at the pgref input. the pwrgd signal is an n-channel open-drain mosfet output and an external pull-up resistor up to a 6v maximum rail is required for the pwrgd pin. whenever the voltage at the pgref pin exceeds its thresh- old (v th ), typically 230mv, the pwrgd output is asserted. using the typical applications circuit from page 1 that switches 3.3v as an example, the output voltage threshold determin- ing ?ower is good?is calculated by the following equation: vv1 r2 r3 out(good) th =+ ? ? ? ? ? ? (3) in substituting the resistor values of the circuit and the typical pgref threshold, the resulting v out(good) is calculated as 3.0v for this 3.3v switching application. slew the mic2042/43? output rise time is controlled at turn-on to a minimum of 1.5ms and is controlled by an internal slew-rate limiting circuit. a slew-rate adjustment control pin is available for applications requiring slower rise times. by placing a capacitor between slew and ground, longer rise times can be achieved. for further detail, see the applications informa- tion section.
january 2005 13 m0512-112603 mic2042/2043 micrel applications information input and output supply bypass filtering the need for input supply bypass is necessary due to several factors, most notably the input/output inductance along the power path, operating current and current limit, and output capacitance. a 0.1 f to 0.47 f bypass capacitor positioned very close to the vin pin to gnd of the device is strongly recommended to filter high frequency oscillations due to inductance. also, a sufficient bypass capacitor positioned close to the input source to the switch is strongly advised in order to suppress supply transient spikes and to limit input voltage droop. inrush current increases with larger output capacitance, thus the minimum value of this capacitor will require experimental determination for the intended applica- tion and design. a good starting point is a capacitor between 4.7 f to 15 f. without these bypass capacitors, an extreme overload condition such as a short circuit, or a large capaci- tive load, may cause either the input supply to exceed the maximum rating of 6v and possibly cause damage to the internal control circuitry or allow the input supply to droop and fall out of regulation and/or below the minimum operating voltage of the device. output capacitance when the mic2042 die exceeds the overtemperature thresh- old of approximately 140 c, the device can enter into a thermal shutdown mode if the die temperature falls below 120 c and then rises above 140 c in a continuous cycle. with the vout and /fault outputs cycling on and off, the mic2042 will reset the /fault while in an overtemperature fault condition if the output voltage is allowed to swing below ground. the inductance present at the output must be neu- tralized by capacitance in order to ensure that the output does not fall below ground. in order to counter the board parasitic inductance and the inductance of relatively short-length power cable ( 1ft., 16 to 20 gauge wire), a minimum output capacitance of 22 f is strongly recommended and should be placed close to the vout pin of the mic2042. for applica- tions that use more than a foot of cable, an additional 10 f/ft. is recommended. reverse current block the mic2042/43 provides reverse current flow block through the output mosfet if the voltage at vout is greater than vin when the device is disabled. the vbias supply pin has a limited reverse current flow if the voltage at vout is pulled above vbias when the device is disabled. a graph of the v bias reverse current flow is shown in the functional char- acteristics plots. the reverse current for v bias can be completely blocked by inserting a schottky diode from the vbias pin (cathode) to the supply (anode). however, the minimum voltage of 1.6v must be supplied to vbias after accounting for the voltage drop across the diode. output slew-rate adjustment the output slew-rate for the mic2042/43 can be slowed down by the capacitor (16v rating, minimum; 25v suggested) between slew and gnd. the slew-rate control circuitry is independent of the load capacitance and exhibits a non- linear response. see the functional characteristics plots. table 1 shows the rise time for various standard capacitor values. additionally, the output turn-on time must be less than the nominal flag delay of 28ms in order to avoid nuisance tripping of the /fault output. this limit is imposed by the current limiting circuitry which monitors the (vin ?vout) differential voltage and concludes a fault condition is present if the differential voltage exceeds 200mv for more than the flag delay period. for the mic2043, the /fault will assert and the output will latch off if the output is not within 200mv of the input before the flag delay times out. when using the active-low (?) option with the en input tied to ground, slew control is functional during initial start-up but does not func- tion upon resetting the input power to the device. in order for the slew control to operate during consecutive system restarts, the en pin must reset (toggle off to on). uvlo threshold setting with low input voltages when the switching voltage is below 1.6v, the device? standard uvlo threshold (1.45v nominal) will hinder the output mosfet in switching vin to vout. in this case, the use of the uvloin pin is required to override the standard uvlo threshold and set a new, lower threshold for the lower input voltage. an external resistive divider network con- nected at the uvloin pin is used to set the new threshold. due to the ratio of the internal components, the total series resistance of the external resistive divider should not exceed 200k ? . the circuit shown in figure 4 illustrates an application that switches 0.8v while the device is powered from a separate 2.5v power supply. the uvlo threshold is set by the following equation: v 0.23v 1 r2 r3 uvth =+ ? ? ? ? ? ? (4) in substituting the resistor values from figure 4, the resulting uvlo threshold (v uvth ) is calculated as 0.6v for this 0.8v switching application. when using the uvloin pin to set a new uvlo threshold, an optional 0.1 f to 1.0 f capacitor from uvloin to gnd may be used as a glitch filter in order to avoid nuisance tripping of the uvlo threshold. if the uvloin pin is not in use, this pin should be left open (floating). the use of a pull-down resistor to ground will offset the ratio of the internal resistive divider to this pin resulting in a shift in the uvlo threshold. to bypass (disable) uvlo, connect the uvloin pin directly to the vin pin of the mic2042/43. conditions: v in = v bias = 5v/3v; c load = 47 f; i load = 1a c slew ( f) rise time (ms) 5v 3v 0.01 3 4.75 0.033 10.5 15 0.047 14 21 0.1 32 46 table 1. typical output rise time for various c slew
mic2042/2043 micrel m0512-112603 14 january 2005 power dissipation power dissipation depends on several factors such as the load, pcb layout, ambient temperature, and package type. the following equations can be used to calculate power dissipation and die temperature. calculation of power dissipation can be accomplished by the following equation: p d = r ds(on) (i out ) 2 (5) to relate this to junction temperature, the following equation can be used: t j = p d r ja + t a (6) where t j = junction temperature, t a = ambient temperature and r ja is the thermal resistance of the package. printed circuit board hot-plug the mic2042/43 are ideal inrush current limiting power switches suitable for hot-plug applications. due to the inte- grated charge pump, the mic2042/43 present a high imped- ance when in the off state and the device slowly becomes a low impedance as it turns on. this effectively isolates power supplies from highly capacitive loads by reducing inrush current during hot-plug events. this same feature also can be used for soft-start requirements. pcb layout recommendations the mic2042 and mic2043 have very low on-resistance, typically 40m ? , and the switches can provide up to 3a of continuous output current. under such heavy loads, the power consumed by the devices may cause the devices to       
  
        
           !   "   "  # 
"  #         $  "  %&%'() *'+*' %&,()- 
             
"  #
"  # "  .'/0 ))   +%,- 1 2 3*-' 4/ /5'/6,())7 '%/8 '.&/'9/6 ))   +%,- 1   2 3*-' 4/ /5'/6,())7 '%/8 '.&/'9/6 ,8/6:.)'(&/ .;".*' <   *'+*' .=/6>..8 <  figure 4. lower uvlo setting heat up considerably. the following list contains some useful suggestions for pcb layout design of the mic2042/43 in order to prevent the die from overheating under normal operating conditions: 1. supply additional copper area under the device to remove heat away from the ic. see application hint 17 for a general guideline in calculating the suggested area. 2. provide additional pad area on the corner pins of the mic2042/43 ic for heat distribution. 3. tie the common power pins (vin = pins 8 and 12 and vout = pins 10, 11, 14 for the 14-pin tssop, vin = pins 5 and 7 and vout = pins 6 and 8 for the 8-pin sop) together in a manner such that the traces entering and leaving the device have a uniform width sufficient for the application? current requirements plus added margin (25% minimum recommended). ex: for 2a maximum current, design traces for 2.5a capability. 4. for pcb trace width calculation, there are numerous calculator programs available on the internet and elsewhere. as a general rule of thumb, 15-20 mils for every 1a of current when using 1oz. copper. however, the trace width calculators often take into account maximum temperature increase constraints, as well as layer arrangement, in determining the pcb trace widths.
january 2005 15 m0512-112603 mic2042/2043 micrel package information 45 0 ? 0.244 (6.20) 0.228 (5.79) 0.197 (5.0) 0.189 (4.8) seating plane 0.026 (0.65) max ) 0.010 (0.25) 0.007 (0.18) 0.064 (1.63) 0.045 (1.14) 0.0098 (0.249) 0.0040 (0.102) 0.020 (0.51) 0.013 (0.33) 0.157 (3.99) 0.150 (3.81) 0.050 (1.27) typ pin 1 dimensions: inches (mm) 0.050 (1.27) 0.016 (0.40) 8-pin sop (m) 1.10 max (0.043) 0.15 (0.006) 0.05 (0.002) 1.00 (0.039) ref 0.65 bsc (0.026) 8 0 6.4 bsc (0.252) 5.10 (0.200) 4.90 (0.193) 0.20 (0.008) 0.09 (0.003) 0.70 (0.028) 0.50 (0.020) dimensions: mm (inch) 4.50 (0.177) 4.30 (0.169) 0.30 (0.012) 0.19 (0.007) 14-pin tssop (ts) micrel, inc. 1849 fortune drive san jose, ca 95131 usa tel + 1 (408) 944-0800 fax + 1 (408) 944-0970 web http://www.micrel.com the information furnished by micrel in this data sheet is believed to be accurate and reliable. however, no responsibility is a ssumed by micrel for its use. micrel reserves the right to change circuitry and specifications at any time without notification to the customer. micrel products are not designed or authorized for use as components in life support appliances, devices or systems where malfu nction of a product can reasonably be expected to result in personal injury. life support devices or systems are devices or systems that (a) are intend ed for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant inj ury to the user. a purchaser? use or sale of micrel products for use in life support appliances, devices or systems is at purchaser? own risk and purchaser agrees to fully indemnify micrel for any damages resulting from such use or sale. ?2005 micrel, incorporated.


▲Up To Search▲   

 
Price & Availability of MIC2043-2YM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X