|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
? semiconductor components industries, llc, 2000 august, 2000 rev. 4 1 publication order number: mc14022b/d mc14022b octal counter the mc14022b is a fourstage johnson octal counter with builtin code converter. highspeed operation and spikefree outputs are obtained by use of a johnson octal counter design. the eight decoded outputs are normally low, and go high only at their appropriate octal time period. the output changes occur on the positivegoing edge of the clock pulse. this part can be used in frequency division applications as well as octal counter or octal decode display applications. ? fully static operation ? dc clock input circuit allows slow rise times ? carry out output for cascading ? supply voltage range = 3.0 vdc to 18 vdc ? capable of driving two lowpower ttl loads or one lowpower schottky ttl load over the rated temperature range ? pinforpin replacement for cd4022b ? triple diode protection on all inputs maximum ratings (voltages referenced to v ss ) (note 1.) symbol parameter value unit v dd dc supply voltage range 0.5 to +18.0 v v in , v out input or output voltage range (dc or transient) 0.5 to v dd + 0.5 v i in , i out input or output current (dc or transient) per pin 10 ma p d power dissipation, per package (note 2.) 500 mw t a ambient temperature range 55 to +125 c t stg storage temperature range 65 to +150 c t l lead temperature (8second soldering) 260 c 1. maximum ratings are those values beyond which damage to the device may occur. 2. temperature derating: plastic ap and d/dwo packages: 7.0 mw/ c from 65 c to 125 c this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this highimpedance circuit. for proper operation, v in and v out should be constrained to the range v ss (v in or v out ) v dd . unused inputs must always be tied to an appropriate logic voltage level (e.g., either v ss or v dd ). unused outputs must be left open. http://onsemi.com a = assembly location wl, l = wafer lot yy, y = year ww, w = work week device package shipping ordering information mc14022bcp pdip16 2000/box mc14022bd soic16 2400/box mc14022bdr2 soic16 2500/tape & reel marking diagrams 1 16 pdip16 p suffix case 648 mc14022bcp awlyyww soic16 d suffix case 751b 1 16 14022b awlyww
mc14022b http://onsemi.com 2 logic diagram 11 1 5 7 q4 q1 q6 q3 12 14 13 clock clock enable reset 15 v ss v dd q0 q5 q2 q7 24310 carry c c d r q q c c d r q q c c d r q q c c d r q q block diagram functional truth table (positive logic) clock clock enable reset output=n 0x0 n x10 n 0 0 n+1 x0 n 1 0 n+1 x0n xx1 q0 x = don't care. if n < 4 carry = 1, otherwise = 0. 12 10 5 4 11 7 3 1 2 c out q7 q6 q5 q4 q3 q2 q1 q0 14 13 15 clock clock enable reset v dd = pin 16 v ss = pin 8 nc = pin 6, 9 pin assignment 13 14 15 16 9 10 11 12 5 4 3 2 1 8 7 6 c out ce c r v dd nc q7 q4 q5 q2 q0 q1 v ss q3 nc q6 nc = no connection mc14022b http://onsemi.com 3 ????????????????????????????????? ????????????????????????????????? electrical characteristics (voltages referenced to v ss ) ?????????? ?????????? ???? ???? ??? ??? v dd ????? ????? 55 c ????????? ????????? 25 c ????? ????? 125 c ??? ??? ?????????? ?????????? characteristic ???? ???? symbol ??? ??? v dd vdc ??? ??? min ??? ??? max ???? ???? min ???? ???? typ (3.) ??? ??? max ??? ??? min ??? ??? max ??? ??? unit ?????????? ? ???????? ? ?????????? output voltage a0o level v in = v dd or 0 ???? ? ?? ? ???? v ol ??? ? ? ? ??? 5.0 10 15 ??? ? ? ? ??? e e e ??? ? ? ? ??? 0.05 0.05 0.05 ???? ? ?? ? ???? e e e ???? ? ?? ? ???? 0 0 0 ??? ? ? ? ??? 0.05 0.05 0.05 ??? ? ? ? ??? e e e ??? ? ? ? ??? 0.05 0.05 0.05 ??? ? ? ? ??? vdc ?????????? ? ???????? ? ?????????? a1o level v in = 0 or v dd ???? ? ?? ? ???? v oh ??? ? ? ? ??? 5.0 10 15 ??? ? ? ? ??? 4.95 9.95 14.95 ??? ? ? ? ??? e e e ???? ? ?? ? ???? 4.95 9.95 14.95 ???? ? ?? ? ???? 5.0 10 15 ??? ? ? ? ??? e e e ??? ? ? ? ??? 4.95 9.95 14.95 ??? ? ? ? ??? e e e ??? ? ? ? ??? vdc ?????????? ? ???????? ? ? ???????? ? ?????????? input voltage a0o level (v o = 4.5 or 0.5 vdc) (v o = 9.0 or 1.0 vdc) (v o = 13.5 or 1.5 vdc) ???? ? ?? ? ? ?? ? ???? v il ??? ? ? ? ? ? ? ??? 5.0 10 15 ??? ? ? ? ? ? ? ??? e e e ??? ? ? ? ? ? ? ??? 1.5 3.0 4.0 ???? ? ?? ? ? ?? ? ???? e e e ???? ? ?? ? ? ?? ? ???? 2.25 4.50 6.75 ??? ? ? ? ? ? ? ??? 1.5 3.0 4.0 ??? ? ? ? ? ? ? ??? e e e ??? ? ? ? ? ? ? ??? 1.5 3.0 4.0 ??? ? ? ? ? ? ? ??? vdc ?????????? ? ???????? ? ? ???????? ? ?????????? a1o level (v o = 0.5 or 4.5 vdc) (v o = 1.0 or 9.0 vdc) (v o = 1.5 or 13.5 vdc) ???? ? ?? ? ? ?? ? ???? v ih ??? ? ? ? ? ? ? ??? 5.0 10 15 ??? ? ? ? ? ? ? ??? 3.5 7.0 11 ??? ? ? ? ? ? ? ??? e e e ???? ? ?? ? ? ?? ? ???? 3.5 7.0 11 ???? ? ?? ? ? ?? ? ???? 2.75 5.50 8.25 ??? ? ? ? ? ? ? ??? e e e ??? ? ? ? ? ? ? ??? 3.5 7.0 11 ??? ? ? ? ? ? ? ??? e e e ??? ? ? ? ? ? ? ??? vdc ?????????? ? ???????? ? ? ???????? ? ? ???????? ? ?????????? output drive current (v oh = 2.5 vdc) source (v oh = 4.6 vdc) (v oh = 9.5 vdc) (v oh = 13.5 vdc) ???? ? ?? ? ? ?? ? ? ?? ? ???? i oh ??? ? ? ? ? ? ? ? ? ? ??? 5.0 5.0 10 15 ??? ? ? ? ? ? ? ? ? ? ??? 3.0 0.64 1.6 4.2 ??? ? ? ? ? ? ? ? ? ? ??? e e e e ???? ? ?? ? ? ?? ? ? ?? ? ???? 2.4 0.51 1.3 3.4 ???? ? ?? ? ? ?? ? ? ?? ? ???? 4.2 0.88 2.25 8.8 ??? ? ? ? ? ? ? ? ? ? ??? e e e e ??? ? ? ? ? ? ? ? ? ? ??? 1.7 0.36 0.9 2.4 ??? ? ? ? ? ? ? ? ? ? ??? e e e e ??? ? ? ? ? ? ? ? ? ? ??? madc ?????????? ? ???????? ? ?????????? (v ol = 0.4 vdc) sink (v ol = 0.5 vdc) (v ol = 1.5 vdc) ???? ? ?? ? ???? i ol ??? ? ? ? ??? 5.0 10 15 ??? ? ? ? ??? 0.64 1.6 4.2 ??? ? ? ? ??? e e e ???? ? ?? ? ???? 0.51 1.3 3.4 ???? ? ?? ? ???? 0.88 2.25 8.8 ??? ? ? ? ??? e e e ??? ? ? ? ??? 0.36 0.9 2.4 ??? ? ? ? ??? e e e ??? ? ? ? ??? madc ?????????? ?????????? input current ???? ???? i in ??? ??? 15 ??? ??? e ??? ??? 0.1 ???? ???? e ???? ???? 0.00001 ??? ??? 0.1 ??? ??? e ??? ??? 1.0 ??? ??? m adc ?????????? ? ???????? ? ?????????? input capacitance (v in = 0) ???? ? ?? ? ???? c in ??? ? ? ? ??? e ??? ? ? ? ??? e ??? ? ? ? ??? e ???? ? ?? ? ???? e ???? ? ?? ? ???? 5.0 ??? ? ? ? ??? 7.5 ??? ? ? ? ??? e ??? ? ? ? ??? e ??? ? ? ? ??? pf ?????????? ? ???????? ? ?????????? quiescent current (per package) ???? ? ?? ? ???? i dd ??? ? ? ? ??? 5.0 10 15 ??? ? ? ? ??? e e e ??? ? ? ? ??? 5.0 10 20 ???? ? ?? ? ???? e e e ???? ? ?? ? ???? 0.005 0.010 0.015 ??? ? ? ? ??? 5.0 10 20 ??? ? ? ? ??? e e e ??? ? ? ? ??? 150 300 600 ??? ? ? ? ??? m adc ?????????? ? ???????? ? ? ???????? ? ? ???????? ? ?????????? total supply current (4.) (5.) (dynamic plus quiescent, per package) (c l = 50 pf on all outputs, all buffers switching) ???? ? ?? ? ? ?? ? ? ?? ? ???? i t ??? ? ? ? ? ? ? ? ? ? ??? 5.0 10 15 ????????????????? ? ??????????????? ? ? ??????????????? ? ? ??????????????? ? ????????????????? i t = (0.28 m a/khz)f + i dd i t = (0.56 m a/khz)f + i dd i t = (0.85 m a/khz)f + i dd ??? ? ? ? ? ? ? ? ? ? ??? m adc 3. data labelled atypo is not to be used for design purposes but is intended as an indication of the ic's potential performance. 4. the formulas given are for the typical characteristics only at 25 c. 5. to calculate total supply current at loads other than 50 pf: i t (c l ) = i t (50 pf) + (c l 50) vfk where: i t is in m a (per package), c l in pf, v = (v dd v ss ) in volts, f in khz is input frequency, and k = 0.00125. mc14022b http://onsemi.com 4 ????????????????????????????????? ????????????????????????????????? switching characteristics (6.) (c l = 50 pf, t a = 25 c) ??????????????? ? ????????????? ? ??????????????? characteristic ????? ? ??? ? ????? symbol ???? ? ?? ? ???? v dd vdc ???? ? ?? ? ???? min ???? ? ?? ? ???? typ (7.) ???? ? ?? ? ???? max ??? ? ? ? ??? unit ??????????????? ? ????????????? ? ??????????????? output rise and fall time t tlh , t thl = (1.5 ns/pf) c l + 25 ns t tlh , t thl = (0.75 ns/pf) c l + 12.5 ns t tlh , t thl = (0.55 ns/pf) c l + 9.5 ns ????? ? ??? ? ????? t tlh , t thl ???? ? ?? ? ???? 5.0 10 15 ???? ? ?? ? ???? e e e ???? ? ?? ? ???? 100 50 40 ???? ? ?? ? ???? 200 100 80 ??? ? ? ? ??? ns ??????????????? ? ????????????? ? ? ????????????? ? ? ????????????? ? ??????????????? propagation delay time reset to decode output t plh , t phl = (1.7 ns/pf) c l + 415 ns t plh , t phl = (0.66 ns/pf) c l + 197 ns t plh , t phl = (0.5 ns/pf) c l + 150 ns ????? ? ??? ? ? ??? ? ? ??? ? ????? t plh , t phl ???? ? ?? ? ? ?? ? ? ?? ? ???? 5.0 10 15 ???? ? ?? ? ? ?? ? ? ?? ? ???? e e e ???? ? ?? ? ? ?? ? ? ?? ? ???? 500 230 175 ???? ? ?? ? ? ?? ? ? ?? ? ???? 1000 460 350 ??? ? ? ? ? ? ? ? ? ? ??? ns ??????????????? ? ????????????? ? ? ????????????? ? ? ????????????? ? ??????????????? propagation delay time clock to c out t plh , t phl = (1.7 ns/pf) c l + 315 ns t plh , t phl = (0.66 ns/pf) c l + 142 ns t plh , t phl = (0.5 ns/pf) c l + 100 ns ????? ? ??? ? ? ??? ? ? ??? ? ????? t plh , t phl ???? ? ?? ? ? ?? ? ? ?? ? ???? 5.0 10 15 ???? ? ?? ? ? ?? ? ? ?? ? ???? e e e ???? ? ?? ? ? ?? ? ? ?? ? ???? 400 175 125 ???? ? ?? ? ? ?? ? ? ?? ? ???? 800 350 250 ??? ? ? ? ? ? ? ? ? ? ??? ns ??????????????? ? ????????????? ? ? ????????????? ? ??????????????? propagation delay time clock to decode output t plh , t phl = (1.7 ns/pf) c l + 415 ns t plh , t phl = (0.66 ns/pf) c l + 197 ns t plh , t phl = (0.5 ns/pf) c l + 150 ns ????? ? ??? ? ? ??? ? ????? t plh , t phl ???? ? ?? ? ? ?? ? ???? 5.0 10 15 ???? ? ?? ? ? ?? ? ???? e e e ???? ? ?? ? ? ?? ? ???? 275 125 95 ???? ? ?? ? ? ?? ? ???? 1000 460 350 ??? ? ? ? ? ? ? ??? ns ??????????????? ? ????????????? ? ? ????????????? ? ? ????????????? ? ??????????????? turnoff delay time reset to c out t plh = (1.7 ns/pf) c l + 315 ns t plh = (0.66 ns/pf) c l + 142 ns t plh = (0.5 ns/pf) c l + 100 ns ????? ? ??? ? ? ??? ? ? ??? ? ????? t plh ???? ? ?? ? ? ?? ? ? ?? ? ???? 5.0 10 15 ???? ? ?? ? ? ?? ? ? ?? ? ???? e e e ???? ? ?? ? ? ?? ? ? ?? ? ???? 400 175 125 ???? ? ?? ? ? ?? ? ? ?? ? ???? 800 350 250 ??? ? ? ? ? ? ? ? ? ? ??? ns ??????????????? ? ????????????? ? ??????????????? clock pulse width ????? ? ??? ? ????? t wh ???? ? ?? ? ???? 5.0 10 15 ???? ? ?? ? ???? 250 100 75 ???? ? ?? ? ???? 125 50 35 ???? ? ?? ? ???? e e e ??? ? ? ? ??? ns ??????????????? ? ????????????? ? ? ????????????? ? ??????????????? clock frequency ????? ? ??? ? ? ??? ? ????? f cl ???? ? ?? ? ? ?? ? ???? 5.0 10 15 ???? ? ?? ? ? ?? ? ???? e e e ???? ? ?? ? ? ?? ? ???? 5.0 12 16 ???? ? ?? ? ? ?? ? ???? 2.0 5.0 6.7 ??? ? ? ? ? ? ? ??? mhz ??????????????? ? ????????????? ? ??????????????? reset pulse width ????? ? ??? ? ????? t wh ???? ? ?? ? ???? 5.0 10 15 ???? ? ?? ? ???? 500 250 190 ???? ? ?? ? ???? 250 125 95 ???? ? ?? ? ???? e e e ??? ? ? ? ??? ns ??????????????? ? ????????????? ? ??????????????? reset removal time ????? ? ??? ? ????? t rem ???? ? ?? ? ???? 5.0 10 15 ???? ? ?? ? ???? 750 275 210 ???? ? ?? ? ???? 375 135 105 ???? ? ?? ? ???? e e e ??? ? ? ? ??? ns ??????????????? ? ????????????? ? ? ????????????? ? ??????????????? clock input rise and fall time ????? ? ??? ? ? ??? ? ????? t tlh , t thl ???? ? ?? ? ? ?? ? ???? 5.0 10 15 ?????????? ? ???????? ? ? ???????? ? ?????????? no limit ??? ? ? ? ? ? ? ??? e ??????????????? ? ????????????? ? ??????????????? clock enable setup time ????? ? ??? ? ????? t su ???? ? ?? ? ???? 5.0 10 15 ???? ? ?? ? ???? 350 150 115 ???? ? ?? ? ???? 175 75 52 ???? ? ?? ? ???? e e e ??? ? ? ? ??? ns ??????????????? ? ????????????? ? ??????????????? clock enable removal time ????? ? ??? ? ????? t rem ???? ? ?? ? ???? 5.0 10 15 ???? ? ?? ? ???? 420 200 140 ???? ? ?? ? ???? 260 100 70 ???? ? ?? ? ???? e e e ??? ? ? ? ??? ns 6. the formulas given are for the typical characteristics only at 25 c. 7. data labelled atypo is not to be used for design purposes but is intended as an indication of the ic's potential performance. mc14022b http://onsemi.com 5 figure 1. typical output source and output sink characteristics test circuit v dd v ss v ss v dd v ss a b s1 c out q7 q6 q5 q4 q3 q2 q1 q0 clock clock enable reset v out i d external power supply output sink drive output source drive outputs clock to desired output (s1 to b) (s1 to a) carry clock to q5 thru q7 (s1 to b) s1 to a v gs = v dd v dd v ds =v out v dd v out figure 2. typical power dissipation test circuit v dd v ss c out q7 q6 q5 q4 q3 q2 q1 q0 clock clock enable reset i d pulse generator 500 m f 0.01 m f ceramic f c c l c l c l c l c l c l c l c l c l applications information figure 3 shows a technique for extending the number of decoded output states for the mc14022b. decoded outputs are sequential within each stage and from stage to stage, with no dead time (except propagation delay). figure 3. counter expansion r c ce mc14022b q0 q1 q6 q7 ??? 7 decoded outputs clock first stage intermediate stages last stage r c ce mc14022b q0 q1 q6 q7 ??? r c ce mc14022b q1 q6 q7 ??? 6 decoded outputs 6 decoded outputs mc14022b http://onsemi.com 6 figure 4. ac measurement definition and functional waveforms clock clock enable reset q0 q1 q2 q3 q4 q5 q6 q7 c out t wh t wl t rem t phl t plh t plh t plh t plh t plh t tlh t plh t plh t phl t phl t phl t phl t phl t phl t thl t phl t phl t tlh t phl t thl t rel t su 20 ns 20 ns 20 ns 20 ns 20 ns t plh t thl t plh 50% 90% 50% 10% t tlh t tlh t tlh t tlh t phl t tlh t thl t thl t tlh t plh 90% 50% 10% v dd v ss v ss v ss v ol v ol v ol v ol v ol v ol v ol v ol v ol v oh v oh v oh v oh v oh v oh v oh v oh v oh v dd v dd mc14022b http://onsemi.com 7 package dimensions pdip16 p suffix plastic dip package case 64808 issue r notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. a b f c s h g d j l m 16 pl seating 18 9 16 k plane t m a m 0.25 (0.010) t dim min max min max millimeters inches a 0.740 0.770 18.80 19.55 b 0.250 0.270 6.35 6.85 c 0.145 0.175 3.69 4.44 d 0.015 0.021 0.39 0.53 f 0.040 0.70 1.02 1.77 g 0.100 bsc 2.54 bsc h 0.050 bsc 1.27 bsc j 0.008 0.015 0.21 0.38 k 0.110 0.130 2.80 3.30 l 0.295 0.305 7.50 7.74 m 0 10 0 10 s 0.020 0.040 0.51 1.01 soic16 d suffix plastic soic package case 751b05 issue j notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 18 16 9 seating plane f j m r x 45 g 8 pl p b a m 0.25 (0.010) b s t d k c 16 pl s b m 0.25 (0.010) a s t dim min max min max inches millimeters a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019 mc14022b http://onsemi.com 8 package dimensions h e a 1 dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.18 0.27 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 0.78 --- 0.031 a 1 h e q 1 l e 10 0 10 l e q 1 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). m l detail p view p c a b e m 0.13 (0.005) 0.10 (0.004) 1 16 9 8 d z e a b c d e e l m z soeiaj16 f suffix plastic eiaj soic package case 96601 issue o on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com asia/pacific : ldc for on semiconductor asia support phone : 3036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402745 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc14022b/d north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (monfri 2:30pm to 7:00pm cet) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (monfri 2:00pm to 7:00pm cet) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (monfri 12:00pm to 5:00pm gmt) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, uk |
Price & Availability of MC14022B-D |