Part Number Hot Search : 
JANTXV2 LM320S MMBT2222 ELECTRON 1N5398GP 1N5937 A627308X XCR3128
Product Description
Full Text Search
 

To Download LMBT3904DW1T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. 1 2 3 4 5 6 sot-363 LMBT3904DW1T1 devicepackageshipping ordering information LMBT3904DW1T1 sot3633000 units/reel the LMBT3904DW1T1 device is a spinoff of our popular sot23/sot323 threeleaded device. it is designed for general purpose amplifier applications and is housed in the sot363 sixleaded surface mount package. by putting two discrete devices in one package, this device is ideal for lowpower surface mount applications where board space is at a premium. ? h fe , 100300 ? low v ce(sat) , 0.4 v ? simplifies circuit design ? reduces board space ? reduces component count ? available in 8 mm, 7inch/3,000 unit tape and reel ? device marking:LMBT3904DW1T1 = ma symbol value unit collectoremitter voltage v ceo 40 vdc collectorbase voltage v cbo 60 vdc emitterbase voltage v ebo 6.0 vdc collector current continuous i c 200 madc electrostatic discharge esd hbm>16000, mm>2000 v thermal characteristics characteristic symbol max unit total package dissipation (1) t a = 25 c p d 150 mw thermal resistance junction to ambient r ja 833 c/w junction and storage temperature range t j , t stg 55 to +150 c 1. device mounted on fr4 glass epoxy printed circuit board using the minimum 1. recommended footprint. rating maximum ratings dual general purpose transistor LMBT3904DW1T1-1/7 q 1 q 2 (1) (2) (3) (4) (5) (6)
leshan radio company, ltd. LMBT3904DW1T1- 2 / 7 l mbt3904dw1t1 electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min max unit off characteristics collectoremitter breakdown voltage (2) (i c = 1.0 madc, i b = 0) v (br)ceo 40 vdc collectorbase breakdown voltage (i c = 10  adc, i e = 0) v (br)cbo 60 vdc emitterbase breakdown voltage (i e = 10  adc, i c = 0) v (br)ebo 6.0 vdc base cutoff current (v ce = 30 vdc, v eb = 3.0 vdc) i bl 50 nadc collector cutoff current (v ce = 30 vdc, v eb = 3.0 vdc) i cex 50 nadc on characteristics (2) dc current gain (i c = 0.1 madc, v ce = 1.0 vdc) (i c = 1.0 madc, v ce = 1.0 vdc) (i c = 10 madc, v ce = 1.0 vdc) (i c = 50 madc, v ce = 1.0 vdc) (i c = 100 madc, v ce = 1.0 vdc) h fe 40 70 100 60 30 300 collectoremitter saturation voltage (i c = 10 madc, i b = 1.0 madc) (i c = 50 madc, i b = 5.0 madc) v ce(sat) 0.2 0.3 vdc baseemitter saturation voltage (i c = 10 madc, i b = 1.0 madc) (i c = 50 madc, i b = 5.0 madc) v be(sat) 0.65 0.85 0.95 vdc smallsignal characteristics currentgain bandwidth product (i c = 10 madc, v ce = 20 vdc, f = 100 mhz) f t 300 mhz output capacitance (v cb = 5.0 vdc, i e = 0, f = 1.0 mhz) c obo 4.0 pf input capacitance (v eb = 0.5 vdc, i c = 0, f = 1.0 mhz) c ibo 8.0 pf 2. pulse test: pulse width 300 m s; duty cycle 2.0%.
leshan radio compan y, ltd. LMBT3904DW1T1 electrical characteristics (t a = 25 5 c unless otherwise noted) (continued) characteristic symbol min max unit input impedance (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) h ie 1.0 2.0 10 12 k w voltage feedback ratio (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) h re 0.5 0.1 8.0 10 x 10 4 smallsignal current gain (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) h fe 100 100 400 400 output admittance (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) h oe 1.0 3.0 40 60  mhos noise figure (v ce = 5.0 vdc, i c = 100  adc, r s = 1.0 k w , f = 1.0 khz) nf 5.0 4.0 db switching characteristics delay time (v cc = 3.0 vdc, v be = 0.5 vdc) t d 35 ns rise time (i c = 10 madc, i b1 = 1.0 madc) t r 35 ns storage time (v cc = 3.0 vdc, i c = 10 madc) t s 200 ns fall time (i b1 = i b2 = 1.0 madc) t f 50 ns figure 1. delay and rise time equivalent test circuit figure 2. storage and fall time equivalent test circuit +3 v 275 10 k 1n916 c s < 4 pf* +3 v 275 10 k c s < 4 pf* < 1 ns -0.5 v +10.9 v 300 ns duty cycle = 2% < 1 ns -9.1 v4 +10.9 v duty cycle = 2% t 1 0 10 < t 1 < 500  s * total shunt capacitance of test jig and connectors LMBT3904DW1T1-3/7
leshan radio company, ltd. LMBT3904DW1T1 typical transient characteristics figure 3. capacitance reverse bias voltage (volts) 2.0 3.0 5.0 7.0 10 1.0 0.1 figure 4. charge data i c , collector current (ma) 5000 1.0 v cc = 40 v i c /i b = 10 q, charge (pc) 3000 2000 1000 500 300 200 700 100 50 70 2.0 3.0 5.0 7.0 10 20 30 50 70 100 200 capacitance (pf) 1.0 2.0 3.0 5.0 7.0 10 20 30 40 0.2 0.3 0.5 0.7 q t q a c ibo c obo t j = 255 c t j = 125 5 c figure 5. turnon time i c , collector current (ma) 70 100 200 300 500 50 figure 6. rise time i c , collector current (ma) time (ns) 1.0 2.0 3.0 10 20 70 5 100 t , rise time (ns) figure 7. storage time i c , collector current (ma) figure 8. fall time i c , collector current (ma) 5.0 7.0 30 50 200 10 30 7 20 70 100 200 300 500 50 1.0 2.0 3.0 10 20 70 5 100 5.0 7.0 30 50 200 10 30 7 20 70 100 200 300 500 50 1.0 2.0 3.0 10 20 70 5 100 5.0 7.0 30 50 200 10 30 7 20 70 100 200 300 500 50 1.0 2.0 3.0 10 20 70 5 100 5.0 7.0 30 50 200 10 30 7 20 r t , fall time (ns) f t , storage time (ns) s 4 v cc = 40 v i c /i b = 10 v cc = 40 v i b1 = i b2 i c /i b = 20 i c /i b = 10 i c /i b = 10 t r @ v cc = 3.0 v t d @ v ob = 0 v 40 v 15 v 2.0 v i c /i b = 10 i c /i b = 20 i c /i b = 10 i c /i b = 20 t 4 s = t s - 1 / 8 t f i b1 = i b2 LMBT3904DW1T1-4/7
leshan radio company, ltd. LMBT3904DW1T1 typical audio smallsignal characteristics noise figure variations (v ce = 5.0 vdc, t a = 25 5 c, bandwidth = 1.0 hz) figure 9. noise figure f, frequency (khz) 4 6 8 10 12 2 0.1 figure 10. noise figure r s , source resistance (k ohms) 0 nf, noise figure (db) 1.0 2.0 4.0 10 20 40 0.2 0.4 0 100 4 6 8 10 12 2 14 0.1 1.0 2.0 4.0 10 20 40 0.2 0.4 100 nf, noise figure (db) f = 1.0 khz i c = 1.0 ma i c = 0.5 ma i c = 50  a i c = 100  a source resistance = 200  i c = 1.0 ma source resistance = 200  i c = 0.5 ma source resistance = 500  i c = 100  a source resistance = 1.0 k i c = 50  a h parameters (v ce = 10 vdc, f = 1.0 khz, t a = 25 5 c) figure 11. current gain i c , collector current (ma) 70 100 200 300 50 figure 12. output admittance i c , collector current (ma) h , current gain h , output admittance ( mhos) figure 13. input impedance i c , collector current (ma) figure 14. voltage feedback ratio i c , collector current (ma) 30 100 50 5 10 20 2.0 3.0 5.0 7.0 10 1.0 0.1 0.2 1.0 2.0 5.0 0.5 10 0.3 0.5 3.0 0.7 2.0 5.0 10 20 1.0 0.2 0.5 oe h , voltage feedback ratio (x 10 ) re h , input impedance (k ohms) ie 0.1 0.2 1.0 2.0 5.0 10 0.3 0.5 3.0 0.1 0.2 1.0 2.0 5.0 10 0.3 0.5 3.0 2 1 0.1 0.2 1.0 2.0 5.0 10 0.3 0.5 3.0 fe  -4 LMBT3904DW1T1-5/7
leshan radio company, ltd. LMBT3904DW1T1 typical static characteristics figure 15. dc current gain i c , collector current (ma) 0.3 0.5 0.7 1.0 2.0 0.2 0.1 h , dc current gain (normalized) 0.5 2.0 3.0 10 50 70 0.2 0.3 0.1 100 1.00.7 200 3020 5.0 7.0 fe v ce = 1.0 v t j = +125 c +25 c -55 c figure 16. collector saturation region i b , base current (ma) 0.4 0.6 0.8 1.0 0.2 0.1 v , collector emitter voltage (volts) 0.5 2.0 3.0 10 0.2 0.3 0 1.00.7 5.0 7.0 ce i c = 1.0 ma t j = 25 c 0.070.05 0.030.02 0.01 10 ma 30 ma 100 ma figure 17. aono voltages i c , collector current (ma) 0.4 0.6 0.8 1.0 1.2 0.2 figure 18. temperature coefficients i c , collector current (ma) v, voltage (volts) 1.0 2.0 5.0 10 20 50 0 100 -0.5 0 0.5 1.0 0 60 80 120 140 160 180 20 40 100 coefficient (mv/ c) 200 -1.0 -1.5 -2.0 200 t j = 25 c v be(sat) @ i c /i b =10 v ce(sat) @ i c /i b =10 v be @ v ce =1.0 v +25 c to +125 c -55 c to +25 c +25 c to +125 c -55 c to +25 c  vc for v ce(sat)  vb for v be(sat) LMBT3904DW1T1-6/7
leshan radio company, ltd. notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. inches millimeters dim min max min max a 0.071 0.087 1.80 2.20 b 0.045 0.053 1.15 1.35 c 0.031 0.043 0.80 1.10 d 0.004 0.012 0.10 0.30 g 0.026 bsc 0.65 bsc h --- 0.004 --- 0.10 j 0.004 0.010 0.10 0.25 k 0.004 0.012 0.10 0.30 n 0.008 ref 0.20 ref s 0.079 0.087 2.00 2.20 pin 1. emitter 2 2. base 2 3. collector 1 4.emitter 1 5. base 1 6.collector 2 b 0.2 (0.008) a g s h c n j k d 6 p l 6 5 4 1 2 3 - b - m m 0.5 mm (min) 0.4 mm (min) 0.65 mm 0.65 mm 1.9 mm sc - 88/sot - 363 LMBT3904DW1T1 LMBT3904DW1T1-7/7


▲Up To Search▲   

 
Price & Availability of LMBT3904DW1T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X