Part Number Hot Search : 
RPMG0524 TYN05G B2024 F547R 200CT 2SD1133 LUWCN7N CA311H
Product Description
Full Text Search
 

To Download KAQY212SE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c 2004 cosmo electronics corporation http://www .cosmo-ic.com 50 features 1. normally open, single pole single throw 2. control 60v ac or dc voltage 3. switch 200ma loads 4. led control current, 2ma 5. low on-resistance 6. dv/dt, >500v/ms 7. isolation test voltage, 1500vacrms ul 1577/ ul 508 (file no.e108430), fi en60950 (file no.fi13698) KAQY212SE high voltage, solid state relay-mosfet output absolute maximum ratings (ta=25 c) emitter ( input ) reverse voltage 5.0v continuous forward current 50ma peak forward current 1a power dissipation 100mw derate linearly from 25 c 1.3mw/ c detector ( output ) output breakdown voltage 60v continuous load current 200ma power dissipation 500m w general characteristics isolation test voltage 1500vacrms isolation resistance v io=500v, t a=25 c t otal power dissipation 550mw derate linearly from 25 c 2.5mw/ c storage temperature range -40 c to +150 c operating temperature range -40 c to +85 c junction temperature 100 c soldering temperature, 2mm from case, 10 sec 260 c KAQY212SE unit : mm to lerance : 0.2mm KAQY212SE unit : mm tole rance : 0.2mm t urn on/ turn off time mos relay schematic and wiring diagrams output t ype schematic configuration load connection wiring diagrams KAQY212SE 1a ac/dc ? electro-optical characteristics (ta=25 c) parameter symbol conditions min. typ. max. unit emitter (input) forward voltage v f i f =10ma 1.2 1.5 v operation input current i fon 2ma recovery input current i foff v l = 20v, i l =100ma, t =10ms 0.2 detector (output) output breakdown voltage v b i b =50ua 60 v output off-state leakage i toff v t =60v , i f =0ma 0.2 1 ua i/o capacitance c iso i f =0, f =1mh z 6pf on resistance r on i l =100ma, i f =10ma 0.83 2.5 t urn-on time t on i f =10ma, v l = 20v 0.2 1.5 ms t urn-off time t off t =10ms, i l = 100ma 0.3 1.5 ms 10 10 v > _ v l =?20v, i l 5ua > _ ma v date code xxx y212se 0.500.3 6.80. 4 4.4 0 +0 0.0 5 2.35max . 2.3 0 2.5 4 0.4 0 4.70 -0.0 5 load in v f i 2 1 i 3 l 4 (a c,dc) v l 3 l i 4 load (a c,dc) l v 2 1 3 4
fig.8 v oltage vs. current characteristics of output at mos fet portion measured portion: across terminals 3 and 4 pin ambient temperature: 25 c load voltage (v) off state leakage current fig.9 off state leakage current across terminals 3 and 4 pin ambient temperature: 25 c led forward current (ma) t urn on time msec fig.11 led forward current vs. turn off time across terminals 3 and 4 pin; load voltage: 60v (dc) ; continuous load current: 130ma (dc); ambient temperature: 25 c applied voltage (v) output capacitance (pf) fig.12 applied voltage vs. output capacitance across terminals 3 and 4 pin frequency: 1mhz ambient temperature: 25 c ambient temperature ta ( c) led operate current (ma) fig.5 led operate vs. ambient temperature load voltage 60v(dc) continuous load current: 130ma(dc) ambient temperature ta ( c) led turn off current (ma) fig.6 led turn off current vs. ambient temperature load voltage 60v(dc) continuous load current: 130ma(dc) ambient temperature ta ( c) load current (ma) fig.1 load current vs. ambient temperature allowable ambient temperature: -40 c to +85 c ambient temperature ta ( c) on resistonce ( ? ) fig.2 on resistance vs. ambient temperature across terminals 3 and 4 pin led current: 5ma continuous load current: 130ma(dc) ambient temperature ta ( c) t urn on time msec fig.3 t urn on time vs. ambient temperature load voltage 60v(dc) led current: 5ma continuous load current: 130ma(dc) ambient temperature ta ( c) t un off time msec fig.4 t urn off time vs. ambient temperature led current: 5ma; load voltage: 60v(dc) continuous load current: 130ma(dc) ambient temperature ta ( c) led dropout voltage (v) fig.7 led dropout voltage vs. ambient temperature led current: 5 to 50ma led forward current (ma) t urn on time msec fig.10 led forward current vs. turn on time across terminals 3 and 4 pin; load voltage: 60v (dc) ; continuous load current: 130ma (dc); ambient temperature: 25 c KAQY212SE c 2004 cosmo electronics corporation http://www .cosmo-ic.com 51 data curve -40 -20 0 20 40 60 8 0 100 100 0 200 300 400 500 600 700 100 200 300 400 500 600 1 2 3 4 5 100 200 300 400 500 600 1 2 3 4 5 3 6 9 12 15 80 60 40 20 0 -20 -40 0 0.2 0.4 0.6 0.8 1.0 20 -20 -40 0 40 60 80 0.6 0.8 1.0 0.4 0.2 0 80 60 40 20 0 -20 -40


▲Up To Search▲   

 
Price & Availability of KAQY212SE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X