|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
parameter max. units v ds drain- source voltage -40 v i d @ t a = 25c continuous drain current, v gs @ -10v -6.0 i d @ t a = 70c continuous drain current, v gs @ -10v -4.7 a i dm pulsed drain current -24 p d @t a = 25c power dissipation 1.5 p d @t a = 70c power dissipation 0.96 linear derating factor 0.012 w/c v gs gate-to-source voltage 20 v t j, t stg junction and storage temperature range -55 to + 150 c 05/15/09 www.irf.com 1 irf7703gpbf hexfet power mosfet parameter max. units r ja maximum junction-to-ambient 83 c/w thermal resistance v dss r ds(on) max (m i d -40v 28@v gs = -10v -6.0a 45@v gs = -4.5v -4.8a description ultra low on-resistance p-channel mosfet very small soic package low profile (< 1.2mm) available in tape & reel lead-free halogen-free hexfet ? power mosfets from international rectifier utilize advanced processing techniques to achieve ex- tremely low on-resistance per silicon area. this benefit, combined with the ruggedized device design, that inter- national rectifier is well known for, provides the de- signer with an extremely efficient and reliable device for battery and load management. the tssop-8 package has 45% less footprint area than the standard so-8. this makes the tssop-8 an ideal device for applications where printed circuit board space is at a premium. the low profile (<1.2mm) allows it to fit easily into extremely thin environments such as portable electronics and pcmcia cards. tssop-8 pd- 96148a 2 www.irf.com parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage -40 ??? ??? v v gs = 0v, i d = -250a ? v (br)dss / ? t j breakdown voltage temp. coefficient ??? 0.030 ??? v/c reference to 25c, i d = -1ma ??? ??? 28 v gs = -10v, i d = -6.0a ??? ??? 45 v gs = -4.5v, i d = -4.8a v gs(th) gate threshold voltage -1.0 ??? -3.0 v v ds = v gs , i d = -250a g fs forward transconductance 10 ??? ??? s v ds = -10v, i d = -6.0a ??? ??? -15 v ds = -32v, v gs = 0v ??? ??? -25 v ds = -32v, v gs = 0v, t j = 70c gate-to-source forward leakage ??? ??? -100 v gs = -20v gate-to-source reverse leakage ??? ??? 100 v gs = 20v q g total gate charge ??? 41 62 i d = -6.0a q gs gate-to-source charge ??? 16 25 nc v ds = -20v q gd gate-to-drain ("miller") charge ??? 16 24 v gs = -4.5v t d(on) turn-on delay time ??? 43 ??? v dd = -20v t r rise time ??? 405 ??? i d = -1.0a t d(off) turn-off delay time ??? 155 ??? r g = 6.0 ? t f fall time ??? 77 ??? v gs = -10v c iss input capacitance ??? 5220 ??? v gs = 0v c oss output capacitance ??? 416 ??? pf v ds = -25v c rss reverse transfer capacitance ??? 337 ??? ? = 1.0khz parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) showing the i sm pulsed source current integral reverse (body diode) p-n junction diode. v sd diode forward voltage ??? ??? -1.2 v t j = 25c, i s = -1.5a, v gs = 0v t rr reverse recovery time ??? 34 51 ns t j = 25c, i f = -1.5a q rr reverse recovery charge ??? 56 84 nc di/dt = -100a/s source-drain ratings and characteristics 24 1.5 s d g repetitive rating; pulse width limited by max. junction temperature. pulse width 400s; duty cycle electrical characteristics @ t j = 25c (unless otherwise specified) m ? r ds(on) static drain-to-source on-resistance i dss drain-to-source leakage current surface mounted on 1 in square cu board www.irf.com 3 fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 0.1 1 10 100 -v ds , drain-to-source voltage (v) 0.001 0.01 0.1 1 10 100 1000 10000 - i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) -2.7v 20s pulse width tj = 25c vgs top -15v -10v -4.5v -3.7v -3.5v -3.3v -3.0v bottom -2.7v 0.1 1 10 100 -v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 - i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) -2.7v 20s pulse width tj = 150c vgs top -15v -10v -4.5v -3.7v -3.5v -3.3v -3.0v bottom -2.7v 0.01 0.1 1 10 100 2.0 2.5 3.0 3.5 4.0 4.5 5.0 v = -15v 20s pulse width ds -v , gate-to-source voltage (v) -i , drain-to-source current (a) gs d t = 25 c j t = 150 c j -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d -10v -6.0a 4 www.irf.com fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 1 10 100 -v ds , drain-to-source voltage (v) 100 1000 10000 100000 c , c a p a c i t a n c e ( p f ) coss crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0.1 1 10 100 0.4 0.6 0.8 1.0 1.2 -v ,source-to-drain voltage (v) -i , reverse drain current (a) sd sd v = 0 v gs t = 150 c j t = 25 c j 0 1 10 100 1000 -v ds , drain-tosource voltage (v) 0.1 1 10 100 - i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 150c single pulse 1msec 10msec operation in this area limited by r ds (on) 100sec 0 30 60 90 120 150 0 4 8 12 16 20 q , total gate charge (nc) -v , gate-to-source voltage (v) g gs i = d -6.0 v = 20v ds v = 32v ds www.irf.com 5 fig 11. maximum effective transient thermal impedance, junction-to-ambient fig 9. maximum drain current vs. case temperature 1 0.1 % + - v ds 90% 10% v gs t d(on) t r t d(off) t f fig 10a. switching time test circuit fig 10b. switching time waveforms 25 50 75 100 125 150 0.0 1.2 2.4 3.6 4.8 6.0 t , case temperature ( c) -i , drain current (a) c d 0.01 0.1 1 10 100 0.00001 0.0001 0.001 0.01 0.1 1 10 100 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) 6 www.irf.com fig 13. typical on-resistance vs. drain current fig 12. typical on-resistance vs. gate voltage fig 14b. gate charge test circuit fig 14a. basic gate charge waveform q g q gs q gd v g charge d.u.t. v ds i d i g -3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - 3.0 5.0 7.0 9.0 11.0 13.0 15.0 -v gs, gate -to -source voltage (v) 0.01 0.02 0.03 0.04 0.05 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( ? ) i d = -6.0a v gs = -10v 0 5 10 15 20 25 -i d , drain current (a) 0.015 0.020 0.025 0.030 0.035 0.040 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( ? ) v gs = -4.5v www.irf.com 7 fig 16 typical power vs. time fig 15. typical threshold voltage vs. junction temperature -75 -50 -25 0 25 50 75 100 125 150 t j , temperature ( c ) 1.0 1.5 2.0 2.5 3.0 - v g s ( t h ) g a t e t h r e s h o l d v o l t a g e ( v ) i d = -250a 0.00 0.01 0.10 time (sec) 10 30 50 70 90 110 130 150 p o w e r ( w ) 8 www.irf.com note: for the most current drawing please refer to ir website at http://www.irf.com/package/ !!! " " " " tssop8 package outline dimensions are shown in milimeters (inches) ! " www.irf.com 9 data and specifications subject to change without notice. this product has been designed and qualified for the consumer market. qualification standards can be found on ir?s web site. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 05/2009 tssop-8 tape and reel information !"# |
Price & Availability of IRF7702GPBF |