Part Number Hot Search : 
ECCM1 KRX204E 5240MTC MIC21 200100 43A300 2SC1213 2C100
Product Description
Full Text Search
 

To Download EUP7965-25VIR1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  eup7965 ds7965 ver1.5 march. 2006 1 150ma low-noise low-dropout linear regulator description the eup7965 is designed for portable and wireless applications with demanding performance and space requirements. the eup7965 is stable with a small 1f 30% ceramic output capacitor. the eup7965?s performance is optimized for battery powered systems to deliver low noise, low dropout voltage, low quiescent current and excellent line and load transient response. an optional external bypass capacitor reduces the output noise further without slowing down the load transient response. power supply rejection is better than 65db at low frequencies. high power supply rejection is maintained down to low input voltage levels common to battery operated circuits. other features include a logic-controlled shutdown mode, short-circuit and thermal-shutdown protection. the eup7965 is available in a sot23-5,sot23-6 package. block diagram features z 2.5 to 5.5v input range z 150ma guaranteed output z 70db psrr at 1khz @ v in =v out +1v z 50vrms output noise (typ) over 10hz to 100khz z 100mv maximum dropout with 150ma load z low 85a no-load supply current z 1.5a shutdown current z fast start-up time. z stable with 1f ceramic capacitors z thermal shutdown and short-circuit protection z preset output voltage 1.5v, 1.8v, 2.5v, 2.8v, 2.85v, 3.0v ,3.3v, 4.8v ,5.0v and adjustable z sot23-5,sot23-6 package z rohs compliant and 100% lead (pb)-free applications z cellular and cordless handsets z bluetooth, wireless lan z pdas and palmtop computers z portable information appliances figure 1.
eup7965 ds7965 ver1.5 march. 2006 2 typical application circuit figure 2. figure 3.
eup7965 ds7965 ver1.5 march. 2006 3 pin configurations part number pin configurations eup7965 sot23-5 eup7965 sot23-6 pin description pin sot23-5 sot23-6 description v in 1 1 input voltage of the ldo gnd 2 2 common ground v en 3 3 enable input logic, enable high bypass 4 4 optional bypass capacitor for noise reduction set 5 output voltage set. not externally connected for the fixed versions. connect to resistor-divider for adjustable output voltage. v out 5 6 output voltage of the ldo
eup7965 ds7965 ver1.5 march. 2006 4 ordering information order number package type marking operating temperature range eup7965-15vir1 sot23-5 g0 ?? ?? -40 c to 85c eup7965-18vir1 sot23-5 g1 ?? ?? -40 c to 85c EUP7965-25VIR1 sot23-5 g2 ?? ?? -40 c to 85c eup7965-28vir1 sot23-5 g6 ?? ?? -40 c to 85c eup7965-285vir1 sot23-5 g8 ?? ?? -40 c to 85c eup7965-30vir1 sot23-5 g5 ?? ?? -40 c to 85c eup7965-33vir1 sot23-5 g3 ?? ?? -40 c to 85c eup7965-48vir1 sot23-5 g7 ?? ?? -40 c to 85c eup7965-50vir1 sot23-5 g4 ?? ?? -40 c to 85c eup7965vir1 sot23-6 ga ?? ?? -40 c to 85c eup7965- ?? ?? ?? ?? ?? ?? ?? lead free code 1: lead free 0: lead packing r: tape & reel operating temperature range i: industry standard package type v: sot-23 output voltage 15: 1.5v 18: 1.8v 25: 2.5v 28: 2.8v 285: 2.85v 30: 3.0v 33: 3.3v 48: 4.8v 50: 5.0v blank: adjustable
eup7965 ds7965 ver1.5 march. 2006 5 absolute maximum ratings ? v in ,v en ------------------------------------------------------------------------------- -0.3 to 6v ? v out ----------------------------------------------------------------- -0.3 to (v in +0.3) 6v ? junction temperature ------------------------------------------------------------------- 150c ? storage temperature ------------------------------------------------------ -65c to +150c ? lead temp ------------------------------------------------------------------------------ 235c ? pad temp ------------------------------------------------------------------------------- 235c ? maximum power dissipation sot23-5 --------------------------------------------- 364mw ? thermal resistance ja (sot23-5) --------------------------------------------------- 220c/w ? esd rating human body model ------------------------------------------------------------------- 2kv operating ratings ? v in -------------------------------------------------------------------------------------- 2.5 to 5.5v ? v en ------------------------------------------------------------------------- 0 to (v in +0.3) 5.5v ? junction temperature ------------------------------------------------------ -40c to +125c electrical characteristics unless otherwise specified, all limits guaranteed for v in = v out(nom) +0.5v, c in =1f, i out =1ma, c out =1f, c bypass =0.01f. typical values and limits app earing in standard typeface are for t j = 25c. eup7965 symbol parameter conditions min typ max. unit output voltage tolerance i out = 1ma -2 2 % of v out(nom) line regulation error v in = (v out(nom) +0.5v) to 5.5v, for 4.8 to 5.0 options for all other options -0.19 -0.1 0.19 0.1 %/v g v out load regulation error i out = 1ma to 150ma 0.0025 0.005 %ma psrr power supply rejection ratio v in =v out(nom) +1v, f = 1khz, i out =50ma *6 70 db v en =1.4v, i out = 0ma for 4.8 to 5.0 options for all other options 100 85 165 150 v en = 1.4v, i out = 0 to 150ma for 4.8 to 5.0 options for all other options 155 140 250 200 i q quiescent current v en = 0.4v 0.06 1.5 a i out = 1ma 0.5 2 i out = 50ma 25 35 i out = 100ma 50 70 dropout voltage i out = 150ma 75 100 mv
eup7965 ds7965 ver1.5 march. 2006 6 electrical characteristics unless otherwise specified, all limits guaranteed for v in = v out(nom) +0.5v, c in =1f, i out =1ma, c out =1f, c bypass =0.01f. typical values and limits app earing in standard typeface are for t j = 25c. eup7965 symbol parameter conditions min typ max. unit i sc short circuit current limit output grounded (steady state) 600 ma t on turn-on time c bypass = 0.01f 150 s e n output noise voltage bw = 10hz to 100khz, c out = 1f 50 vrms i en maximum input current at en v en = 0.4 and v in = 5.5 1 na v il maximum low level input voltage at en v in = 2.5 to 5.5v 0.4 v v ih minimum high level input voltage at en v in = 2.5 to 5.5v 1.4 v thermal shutdown temperature 160 c tsd thermal shutdown hysteresis 20 c
eup7965 ds7965 ver1.5 march. 2006 7 typical operating characteristics unless otherwise specified, c in =c cout =1f ceramic, c bypass =10nf, v in =v out +0.2v, t a =25c, enable pin is tied to v in.
eup7965 ds7965 ver1.5 march. 2006 8
eup7965 ds7965 ver1.5 march. 2006 9
eup7965 ds7965 ver1.5 march. 2006 10
eup7965 ds7965 ver1.5 march. 2006 11
eup7965 ds7965 ver1.5 march. 2006 12 application note external capacitors like any low-dropout regulator, the eup7965 requires external capacitors for regulator stability. the eup7965 is specifically designed for portable applications requiring minimum board space and smallest components. these capacitors must be correctly selected for good performance. input capacitor an input capacitance of 1f is required between the eup7965 input pin and ground (the amount of the capacitance may be increased without limit). this capacitor must be located a distance of not more than 1cm from the input pin and returned to a clean analog ground. any good quality ceramic, tantalum, or film capacitor may be used at the input. if a tantalum capacitor is used at the input, it must be guaranteed by the manufacturer to have a surge current rating sufficient for the application. there are no requirements for the esr on the input capacitor, but tolerance and temperature coefficient must be considered when selecting the capacitor to ensure the capacitance will be 1f over the entire operating temperature range. output capacitor the eup7965 is designed specifically to work with very small ceramic output capacitors. a ceramic capacitor (temperature characteristics x7r, x5r, z5u, or y5v) in 1 to 22f range with 5m ? to 500m ? esr range is suitable in the eup7965 application circuit. the output capacitor must meet the requirement for minimum amount of capacitance and also have an esr (equivalent series resistance) value which is within a stable range (5m ? to 500m ? ) no-load stability the eup7965 will remain stable and in regulation with no external load. this is specially important in cmos ram keep-alive applications. capacitor characteristics the eup7965 is designed to work with ceramic capacitors on the output to take advantage of the benefits they offer: for capacitance values in the range of 1f to 4.7f range, ceramic capacitors are the smallest, least expensive and have the lowest esr values (which makes them best for eliminating high frequency noise). the esr of a typical 1f ceramic capacitor is in the range of 20m ? to 40m ? , which easily meets the esr requirement for stability by the eup7965. the ceramic capacitor?s capacitance can vary with temperature. the capacitor type x7r, which operates over a temperature range of -55c to +125c, will only vary the capacitance to within 15%. most large value ceramic capacitors ( 2.2f) are manufactured with z5u or y5v temperature characteristics. their capacitance can drop by more than 50% as the temperature goes from 25c to 85c. therefore, x7r is recommended over z5u and y5v in applications where the ambient temperature will change significantly above or below 25c. noise bypass capacitor connecting a 0.01f capacitor between the c bypass pin and ground significantly reduces noise on the regulator output. this cap is connect ed directly to a high impedance node in the bandgap reference circuit. any significant loading on this node will cause a change on the regulated output voltage. for this reason, dc leakage current through this pin must be kept as low as possible for best output voltage accuracy. the types of capacitors best suited for the noise bypass capacitor are ceramic and film. unlike many other ldo?s , addition of a noise reduction capacitor does not effect the load transient response of the device. on/off input operation the eup7965 is turned off by pulling the v en pin low, and turned on by pulling it high. if this feature is not used, the v en pin should be tied to v in to keep the regulator output on at all time. to assure proper operation, the signal source used to drive the v en input must be able to swing above and below the specified turn-on/off voltage thresholds listed in the electrical characteristics section under v il and v ih . fast start up the eup7965 output starts up after vref voltage reaches its final value (1.23v nomial). the start-up time is determined by the time constant of the bypass capacitor. the smaller the capacitor value., the shorter the start-up time, but less noise gets reduced. as a result, start-up time and noise reduction need to be taken into design consideration when choosing the value of the bypass capacitor.
eup7965 ds7965 ver1.5 march. 2006 13 adjustable operation the adjustable version of the eup7965 has an output voltage range of 1.25v to 5v. the output voltage of the eup7965 adjustable regulator is programmed using an external resistor divider as shown in figure3. the output voltage is calculated using: ) r r (1 v v 2 1 ref o + = where: vref=1.23v typ. (the internal reference voltage) utilize the following equation for adjusting the output to a particular voltage: ? ? ? ? ? ? ? ? ? = 1 1.23v v r p o 2 i choose r 2 =100k to optimize accuracy, power supply rejection, noise and power consumption. in order to improve the stability of the adjustable version, it is suggested that a small compensation capacitor c 1 be placed between v out and set .
eup7965 ds7965 ver1.5 march. 2006 14 packaging information sot23-5 note: 1. package body sizes exclude mold flash protrusions or gate burrs. 2. tolerance 0.1000mm (4 mil) unless otherwise specified. 3. coplanarity: 0.1000mm 4. dimension l is measured in gage plane. dimension in millimeters symbols min. nom max. a 1.00 1.10 1.30 a1 0.00 ----- 0.10 a2 0.70 0.80 0.90 b 0.35 0.40 0.50 c 0.12 0.15 0.20 d 2.70 2.90 3.10 e 1.50 1.60 1.70 e ----- 1.90(typ.) ----- h 2.6 2.8 3.00 l 0.37 ----- ----- c1 14 5 9
eup7965 ds7965 ver1.5 march. 2006 15 sot23-6 dimensions in millimeters symbols min. nom. max. a ------ ------ 1.45 a1 ------ ------ 0.15 a2 0.90 1.15 1.30 b 0.30 ------ 0.50 c 0.08 ------ 0.22 d 2.90 bsc e 2.80 bsc e1 1.60 bsc e 0.95 bsc e1 1.90 bsc l 0.30 0.45 0.60 l1 0.60 ref l2 0.25 bsc r 0.10 ------ ------ r1 0.10 ------ 0.25 c 0 4 8 c 1 5 10 15


▲Up To Search▲   

 
Price & Availability of EUP7965-25VIR1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X