Part Number Hot Search : 
01922 BU4209F D7684 LVC2G24 LA73076V A8909CLB SSM6N 2SK381
Product Description
Full Text Search
 

To Download CDR01BPXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 kemet size t style code l w min. max. bw cdr01 c0805 2.03 .38 (.080 .015) 1.27 .38 (.050 .015) .56 (.022) 1.40 (.055) .51 0.25 (.020 .010) cdr02 c1805 4.57 .38 (.180 .015) 1.27 .38 (.050 .015) .56 (.022) 1.40 (.055) .51 0.25 (.020 .010) cdr03 c1808 4.57 .38 (.180 .015) 2.03 .38 (.080 .015) .56 (.022) 2.03 (.080) .51 0.25 (.020 .010) cdr04 c1812 4.57 .38 (.180 .015) 3.18 .38 (.125 .015) .56 (.022) 2.03 (.080) .51 0.25 (.020 .010) +.51 +.020 +.51 +.020 cdr05 c1825 4.57 .180 6.35 .250 .51 (.020) 2.03 (.080) .51 0.25 (.020 .010) .38 .015 .38 .015 cdr06 c2225 5.72 .51 (.225 .020) 6.35 .51 (.250 .020) .51 (.020) 2.03 (.080) .51 0.25 (.020 .010) cdr31 c0805 2.00 .20 (.078 .008) 1.25 .20 (.049 .008) 1.30 (.051) .50 0.20 (.020 .008) cdr32 c1206 3.20 .20 (.125 .008) 1.60 .20 (.062 .008) 1.30 (.051) .50 0.20 (.020 .008) cdr33 c1210 3.20 .25 (.125 .010) 2.50 .25 (.098 .010) 1.50 (.059) .50 0.25 (.020 .010) cdr34 c1812 4.50 .25 (.176 .010) 3.20 .25 (.125 .010) 1.50 (.059) .50 0.25 (.020 .010) cdr35 c1825 4.50 .30 (.176 .012) 6.40 .30 (.250 .012) 1.50 (.059) .50 0.30 (.020 .012) () ceramic chip/mil-prf-55681 ceramic size code see table above specification p -mil-prf-55681 = cdr01-cdr06 n-mil-prf-55681 = cdr31-cdr35 capacitance code expressed in picofarads (pf). first two digits represent significant figures. third digit specifies number of zeros. (use 9 for 1.0 thru 9.9 pf. example: 2.2 pf 229) capacitance tolerance bcdfjkm .1 pf .25 pf .5 pf 1% 5% 10% 20% failure rate level (%/1000 hrs.) m 1.0 r 0.01 p 0.1 s 0.001 termination finish s solder coated, final w base metalization (solderguard i) barrier metal tinned u base metalization tin or (tin/lead alloy) barrier metal solder solderguard ii coated (solderguard i) y base metalization barrier metal tinned (100% tin) solderguard ii capacitance tolerance bcdfjkm .1 pf .25 pf .5 pf 1% 5% 10% 20% rated voltage a 50; b 100 end metalization c solderguard ii (100% sn) (military equiv: y, w) h solderguard i (sn60) (military equiv: s, u) failure rate (%/1,000 hrs.) m 1.0 r 0.01 p 0.1 s 0.001 voltage temperature characteristic designated by capacitance change over temperature range g bp (c0g/np0) (30 ppm/ c) x bx (15% without voltage +15% -25% with voltage) voltage 1 100v, 5 50v mil-prf-55681 part number ordering information capacitor outline drawings dimensionsmillimeters and (inches) note: for solderguard i (mil-c55681 s or u endmets), the length, width and thickness positive tolerances (including bandwidth) cited above are allowed to increase by the following amounts: length width/thickness cdr01 0.51mm (.020) 0.38mm (.015) cdr02-06 0.64mm (.025) 0.38mm (.015) cdr31-35 0.60mm (.023) 0.30mm (.012) () cdr01 b p 101 b k s m style & size code style c ceramic d dielectric, fixed chip r established reliability rated temperature 55 c to +125 c dielectrics p 30 ppm/ c with or without voltage x 15% without voltage + 15%, 25% with voltage capacitance expressed in picofarads (pf). first 2 digits represent significant figures and the last digit specifies the number of zeros to follow. (use 9 for 1.0 through 9.9pf. example: 2.2pf = 229) kemet/mil-prf-55681 part number equivalents c 0805 p 101 k 1 g m c* chip dimensions bw w l t solderguard i * solder nickel silver metallization electrodes solderguard ii tinned nickel silver metallization electrodes military designation - ? s ? or ? u ? kemet designation - ? h ? military designation - ? w ? or ? y ? kemet designation - ? c ? * part number example: c0805p101k1gmc (14 digits - no spaces) 87 ceramic surface mount
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 charac- cap. avail. kemet capacitors mil-prf-55681 teristic pf tol. part number 100 volt c1808 size (military cdr03) (contd) 560 j c1808p561j1g(4)c cdr03bp561bjw(4) 680 j,k c1808p681(3)1g(4)c cdr03bp681b(3)w(4) 820 j c1808p821j1g(4)c cdr03bp821bjw(4) 1,000 j,k c1808p102(3)1g(4)c cdr03bp102b(3)w(4) 12,000 k c1808p123k1x(4)c cdr03bx123bkw(4) 15,000 k,m c1808p153(3)1x(4)c cdr03bx153b(3)w(4) 18,000 k c1808p183k1x(4)c cdr03bx183bkw(4) 22,000 k,m c1808p223(3)1x(4)c cdr03bx223b(3)w(4) 27,000 k c1808p273k1x(4)c cdr03bx273bkw(4) 33,000 k,m c1808p333(3)1x(4)c cdr03bx333b(3)w(4) 50 volt c1808 size (military cdr03) 39,000 k c1808p393k5x(4)c cdr03bx393akw(4) 47,000 k,m c1808p473(3)5x(4)c cdr03bx473a(3)w(4) 56,000 k c1808p563k5x(4)c cdr03bx563akw(4) 68,000 k,m c1808p683(3)5x(4)c cdr03bx683a(3)w(4) 100 volt c1812 size (military cdr04) 1,200 j c1812p122j1g(4)c cdr04bp122bjw(4) 1,500 j,k c1812p152(3)1g(4)c cdr04bp152b(3)w(4) 1,800 j c1812p182j1g(4)c cdr04bp182bjw(4) 2,200 j,k c1812p222(3)1g(4)c cdr04bp222b(3)w(4) 2,700 j c1812p272j1g(4)c cdr04bp272bjw(4) 3,300 j,k c1812p332(3)1g(4)c cdr04bp332b(3)w(4) 39,000 k c1812p393k1x(4)c cdr04bx393bkw(4) 47,000 k,m c1812p473(3)1x(4)c cdr04bx473b(3)w(4) 56,000 k c1812p563k1x(4)c cdr04bx563bkw(4) 50 volt c1812 size (military cdr04) 82,000 k c1812p823k5x(4)c cdr04bx823akw(4) 100,000 k,m c1812p104(3)5x(4)c cdr04bx104a(3)w(4) 120,000 k c1812p124k5x(4)c cdr04bx124akw(4) 150,000 k,m c1812p154(3)5x(4)c cdr04bx154a(3)w(4) 180,000 k c1812p184k5x(4)c cdr04bx184akw(4) 100 volt c1825 size (military cdr05) 3,900 j,k c1825p392(3)1g(4)c cdr05bp392b(3)w(4) 4,700 j,k c1825p472(3)1g(4)c cdr05bp472b(3)w(4) 5,600 j,k c1825p562(3 )1g(4 )c cdr05bp562b(3)w(4) 68,000 k,m c1825p683(3)1x(4)c cdr05bx683b(3)w(4) 82,000 k c1825p823k1x(4)c cdr05bx823bkw(4) 100,000 k,m c1825p104(3)1x(4)c cdr05bx104b(3)w(4) 120,000 k c1825p124k1x(4)c cdr05bx124bkw(4) 150,000 k,m c1825p154(3)1x(4)c cdr05bx154b(3)w(4) 50 volt c1825 size (military cdr05) 220,000 k,m c1825p224(3)5x(4)c cdr05bx224a(3)w(4) 270,000 k c1825p274k5x(4)c cdr05bx274akw(4) 330,000 k,m c1825p334(3)5x(4)c cdr05bx334a(3)w(4) 100 volt c2225 size (military cdr06) 6,800 j,k c2225p682(3)1g(4)c cdr06bp682b(3)w(4) 8,200 j,k c2225p822(3)1g(4)c cdr06bp822b(3)w(4) 10,000 j,k c2225p103(3)1g(4)c cdr06bp103b(3)w(4) 50 volt c2225 size (military cdr06) 390,000 k c2225p394k5x(4)c cdr06bx394akw(4) 470,000 k,m c2225p474(3)5x(4)c cdr06bx474a(3)w(4) charac- cap. avail. kemet capacitors mil-prf-55681 teristic pf tol. part number 100 volt c0805 size (military cdr01) 10 j,k c0805p100(3)1g(4)c cdr01bp100b(3)w(4) 12 j c0805p120j1g(4)c cdr01bp120bjw(4) 15 j,k c0805p150(3)1g(4)c cdr01bp150b(3)w(4) 18 j c0805p180j1g(4)c cdr01bp180bjw(4) 22 j,k c0805p220(3)1g(4)c cdr01bp220b(3)w(4) 27 j c0805p270j1g(4)c cdr01bp270bjw(4) 33 j,k c0805p330(3)1g(4)c cdr01bp330b(3)w(4) 39 j c0805p390j1g(4)c cdr01bp390bjw(4) 47 j,k c0805p470(3)1g(4)c cdr01bp470b(3)w(4) 56 j c0805p560j1g(4)c cdr01bp560bjw(4) 68 j,k c0805p680(3)1g(4)c cdr01bp680b(3)w(4) 82 j c0805p820j1g(4)c cdr01bp820bjw(4) 100 j,k c0805p101(3)1g(4)c cdr01bp101b(3)w(4) 120 j,k c0805p121(3)1(2)(4)c cdr01b(1)121b(3)w(4) 150 j,k c0805p151(3)1(2)(4)c cdr01b(1)151b(3)w(4) 180 j,k c0805p181(3)1(2)(4)c cdr01b(1)181b(3)w(4) 220 k,m c0805p221(3)1x(4)c cdr01bx221b(3)w(4) 270 k c0805p271k1x(4)c cdr01bx271bkw(4) 330 k,m c0805p331(3)1x(4)c cdr01bx331b(3)w(4) 390 k c0805p391k1x(4)c cdr01bx391bkw(4) 470 k,m c0805p471(3)1x(4)c cdr01bx471b(3)w(4) 560 k c0805p561k1x(4)c cdr01bx561bkw(4) 680 k,m c0805p681(3)1x(4)c cdr01bx681b(3)w(4) 820 k c0805p821k1x(4)c cdr01bx821bkw(4) 1,000 k,m c0805p102(3)1x(4)c cdr01bx102b(3)w(4) 1,200 k c0805p122k1x(4)c cdr01bx122bkw(4) 1,500 k,m c0805p152(3)1x(4)c cdr01bx152b(3)w(4) 1,800 k c0805p182k1x(4)c cdr01bx182bkw(4) 2,200 k,m c0805p222(3)1x(4)c cdr01bx222b(3)w(4) 2,700 k c0805p272k1x(4)c cdr01bx272bkw(4) 3,300 k,m c0805p332(3)1x(4)c cdr01bx332b(3)w(4) 50 volt c0805 size (military cdr01) 3,900 k c0805p392k5x(4)c cdr01bx392akw(4) 4,700 k,m c0805p472(3)5x(4)c cdr01bx472a(3)w(4) 100 volt c1805 size (military cdr02) 220 j,k c1805p221(3)1g(4)c cdr02bp221b(3)w(4) 270 j c1805p271j1g(4)c cdr02bp271bjw(4) 3,900 k c1805p392k1x(4)c cdr02bx392bkw(4) 4,700 k,m c1805p472(3)1x(4)c cdr02bx472b(3)w(4) 5,600 k c1805p562k1x(4)c cdr02bx562bkw(4) 6,800 k,m c1805p682(3)1x(4)c cdr02bx682b(3)w(4) 8,200 k c1805p822k1x(4)c cdr02bx822bkw(4) 10,000 k,m c1805p103(3)1x(4)c cdr02bx103b(3)w(4) 50 volt c1805 size (military cdr02) 12,000 k c1805p123k5x(4)c cdr02bx123akw(4) 15,000 k,m c1805p153(3)5x(4)c cdr02bx153a(3)w(4) 18,000 k c1805p183k5x(4)c cdr02bx183akw(4) 22,000 k,m c1805p223(3)5x(4)c cdr02bx223a(3)w(4) 100 volt c1808 size (military cdr03) 330 j,k c1808p331(3)1g(4)c cdr03bp331b(3)w(4) 390 j c1808p391j1g(4)c cdr03bp391bjw(4) 470 j,k c1808p471(3)1g(4)c cdr03bp471b(3)w(4) bx bp bx bx bx bp bp bx bx bp bx ceramic chip/mil-prf-55681 established reliability ratings & part number reference bx bp bx bx bp ohw uu=uquuxguu=uuuu uuuuu6 omw uu=uquuxguuuuu6uo uuu k=g uu uuu k6 w opw uu=uqguu:uu#uouwuuuuz?b=?+b00chvuku u86hu+gu:u u86m0u+g xu u860+gu+u uhyguxu u0ygu/u uh8yguu um8y6u note: available tolerances are listed in columns above. o(w uu=uqguu+u?u#vuu h68y.u=u 86hy.u?u 868hy.u#u 688hy6 qv %uz?b=?+b00chuu/wwu=uquuuuuu#uzzuoz?b=?+b00chu .u/wwu : wuub 6uzuz?b=?+b00chu uu # uo/wwu z wuuz?b=?+b00chu uo/ww : wuuguuuu6 bp bp or bx bx 88
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 cap. avail. kemet capacitors mil-prf-55681 pf tol. part number 100 volt bp c0805 size (military cdr31) 91 f,j,k c0805n910(3)1g(4)c cdr31bp910b(3)w(4) 100 f,j,k c0805n101(3)1g(4)c cdr31bp101b(3)w(4) 110 f,j,k c0805n111(3)1g(4)c cdr31bp111b(3)w(4) 120 f,j,k c0805n121(3)1g(4)c cdr31bp121b(3)w(4) 130 f,j,k c0805n131(3)1g(4)c cdr31bp131b(3)w(4) 150 f,j,k c0805n151(3)1g(4)c cdr31bp151b(3)w(4) 160 f,j,k c0805n161(3)1g(4)c cdr31bp161b(3)w(4) 180 f,j,k c0805n181(3)1g(4)c cdr31bp181b(3)w(4) 200 f,j,k c0805n201(3)1g(4)c cdr31bp201b(3)w(4) 220 f,j,k c0805n221(3)1g(4)c cdr31bp221b(3)w(4) 240 f,j,k c0805n241(3)1g(4)c cdr31bp241b(3)w(4) 270 f,j,k c0805n271(3)1g(4)c cdr31bp271b(3)w(4) 300 f,j,k c0805n301(3)1g(4)c cdr31bp301b(3)w(4) 330 f,j,k c0805n331(3)1g(4)c cdr31bp331b(3)w(4) 360 f,j,k c0805n361(3)1g(4)c cdr31bp361b(3)w(4) 390 f,j,k c0805n391(3)1g(4)c cdr31bp391b(3)w(4) 430 f,j,k c0805n431(3)1g(4)c cdr31bp431b(3)w(4) 470 f,j,k c0805n471(3)1g(4)c cdr31bp471b(3)w(4) 50 volt bp c0805 size (military cdr31) 510 f,j,k c0805n511(3)5g(4)c cdr31bp511a(3)w(4) 560 f,j,k c0805n561(3)5g(4)c cdr31bp561a(3)w(4) 620 f,j,k c0805n621(3)5g(4)c cdr31bp621a(3)w(4) 680 f,j,k c0805n681(3)5g(4)c cdr31bp681a(3)w(4) 100 volt bx c0805 size (military cdr31) 470 k,m c0805n471(3)1x(4)c cdr31bx471b(3)w(4) 560 k,m c0805n561(3)1x(4)c cdr31bx561b(3)w(4) 680 k,m c0805n681(3)1x(4)c cdr31bx681b(3)w(4) 820 k,m c0805n821(3)1x(4)c cdr31bx821b(3)w(4) 1,000 k,m c0805n102(3)1x(4)c cdr31bx102b(3)w(4) 1,200 k,m c0805n122(3)1x(4)c cdr31bx122b(3)w(4) 1,500 k,m c0805n152(3)1x(4)c cdr31bx152b(3)w(4) 1,800 k,m c0805n182(3)1x(4)c cdr31bx182b(3)w(4) 2,200 k,m c0805n222(3)1x(4)c cdr31bx222b(3)w(4) 2,700 k,m c0805n272(3)1x(4)c cdr31bx272b(3)w(4) 3,300 k,m c0805n332(3)1x(4)c cdr31bx332b(3)w(4) 3,900 k,m c0805n392(3)1x(4)c cdr31bx392b(3)w(4) 4,700 k,m c0805n472(3)1x(4)c cdr31bx472b(3)w(4) 50 volt bx c0805 size (military cdr31) 5,600 k,m c0805n562(3)5x(4)c cdr31bx562a(3)w(4) 6,800 k,m c0805n682(3)5x(4)c cdr31bx682a(3)w(4) 8,200 k,m c0805n822(3)5x(4)c cdr31bx822a(3)w(4) 10,000 k,m c0805n103(3)5x(4)c cdr31bx103a(3)w(4) 12,000 k,m c0805n123(3)5x(4)c cdr31bx123a(3)w(4) 15,000 k,m c0805n153(3)5x(4)c cdr31bx153a(3)w(4) 18,000 k,m c0805n183(3)5x(4)c cdr31bx183a(3)w(4) cap. avail. kemet capacitors mil-prf-55681 pf tol. part number 100 volt bp c0805 size (military cdr31) 1.0 b,c c0805n109(3)1g(4)c cdr31bp1r0b(3)w(4) 1.1 b,c c0805n119(3)1g(4)c cdr31bp1r1b(3)w(4) 1.2 b,c c0805n129(3)1g(4)c cdr31bp1r2b(3)w(4) 1.3 b,c c0805n139(3)1g(4)c cdr31bp1r3b(3)w(4) 1.5 b,c c0805n159(3)1g(4)c cdr31bp1r5b(3)w(4) 1.6 b,c c0805n169(3)1g(4)c cdr31bp1r6b(3)w(4) 1.8 b,c c0805n189(3)1g(4)c cdr31bp1r8b(3)w(4) 2.0 b,c c0805n209(3)1g(4)c cdr31bp2r0b(3)w(4) 2.2 b,c c0805n229(3)1g(4)c cdr31bp2r2b(3)w(4) 2.4 b,c c0805n249(3)1g(4)c cdr31bp2r4b(3)w(4) 2.7 b,c,d c0805n279(3)1g(4)c cdr31bp2r7b(3)w(4) 3.0 b,c,d c0805n309(3)1g(4)c cdr31bp3r0b(3)w(4) 3.3 b,c,d c0805n339(3)1g(4)c cdr31bp3r3b(3)w(4) 3.6 b,c,d c0805n369(3)1g(4)c cdr31bp3r6b(3)w(4) 3.9 b,c,d c0805n399(3)1g(4)c cdr31bp3r9b(3)w(4) 4.3 b,c,d c0805n439(3)1g(4)c cdr31bp4r3b(3)w(4) 4.7 b,c,d c0805n479(3)1g(4)c cdr31bp4r7b(3)w(4) 5.1 b,c,d c0805n519(3)1g(4)c cdr31bp5r1b(3)w(4) 5.6 b,c,d c0805n569(3)1g(4)c cdr31bp5r6b(3)w(4) 6.2 b,c,d c0805n629(3)1g(4)c cdr31bp6r2b(3)w(4) 6.8 b,c,d c0805n689(3)1g(4)c cdr31bp6r8b(3)w(4) 7.5 b,c,d c0805n759(3)1g(4)c cdr31bp7r5b(3)w(4) 8.2 b,c,d c0805n829(3)1g(4)c cdr31bp8r2b(3)w(4) 9.1 b,c,d c0805n919(3)1g(4)c cdr31bp9r1b(3)w(4) 10 f,j,k c0805n100(3)1g(4)c cdr31bp100b(3)w(4) 11 f,j,k c0805n110(3)1g(4)c cdr31bp110b(3)w(4) 12 f,j,k c0805n120(3)1g(4)c cdr31bp120b(3)w(4) 13 f,j,k c0805n130(3)1g(4)c cdr31bp130b(3)w(4) 15 f,j,k c0805n150(3)1g(4)c cdr31bp150b(3)w(4) 16 f,j,k c0805n160(3)1g(4)c cdr31bp160b(3)w(4) 18 f,j,k c0805n180(3)1g(4)c cdr31bp180b(3)w(4) 20 f,j,k c0805n200(3)1g(4)c cdr31bp200b(3)w(4) 22 f,j,k c0805n220(3)1g(4)c cdr31bp220b(3)w(4) 24 f,j,k c0805n240(3)1g(4)c cdr31bp240b(3)w(4) 27 f,j,k c0805n270(3)1g(4)c cdr31bp270b(3)w(4) 30 f,j,k c0805n300(3)1g(4)c cdr31bp300b(3)w(4) 33 f,j,k c0805n330(3)1g(4)c cdr31bp330b(3)w(4) 36 f,j,k c0805n360(3)1g(4)c cdr31bp360b(3)w(4) 39 f,j,k c0805n390(3)1g(4)c cdr31bp390b(3)w(4) 43 f,j,k c0805n430(3)1g(4)c cdr31bp430b(3)w(4) 47 f,j,k c0805n470(3)1g(4)c cdr31bp470b(3)w(4) 51 f,j,k c0805n510(3)1g(4)c cdr31bp510b(3)w(4) 56 f,j,k c0805n560(3)1g(4)c cdr31bp560b(3)w(4) 62 f,j,k c0805n620(3)1g(4)c cdr31bp620b(3)w(4) 68 f,j,k c0805n680(3)1g(4)c cdr31bp680b(3)w(4) 75 f,j,k c0805n750(3)1g(4)c cdr31bp750b(3)w(4) 82 f,j,k c0805n820(3)1g(4)c cdr31bp820b(3)w(4) ceramic chip/mil-prf-55681 established reliablility ratings & part number reference marking #uuC7 for mil-prf-55681 marking (1) to complete part number for dielectric, insert p or x symbol e as defined by military specification. (2) to complete part number for dielectric, insert g or x symbol. ( g for military bp, or x for military bx. ) (3) to complete part number, insert capacitance tolerance symbol (when applicable) as available in mil-prf-55681: b e 0.1 pf, c e 0.25 pf. d e 0.5pf, f e 1%, j e 5%, k e 10%, m e 20%. note: available tolerances are listed in columns above. o(w uu=uqguu+u?u#vuu h68y.u=u 86hy.u?u 868hy.u#u 688hy6 qv %uz?b=?+b00chuu/wwu=uquuuuuu#uzzuoz?b=?+b00chu .u/wwu : wuub 6uzuz?b=?+b00chu uu # uo/wwu z wuuz?b=?+b00chu uo/ww : wuuguuuu6 89 ceramic surface mount
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 cap. avail. kemet capacitors mil-prf-55681 pf tol. part number 100 volt bp c1206 size (military cdr32) 1.0 b,c c1206n109(3)1g(4)c cdr32bp1r0b(3)w(4) 1.1 b,c c1206n119(3)1g(4)c cdr32bp1r1b(3)w(4) 1.2 b,c c1206n129(3)1g(4)c cdr32bp1r2b(3)w(4) 1.3 b,c c1206n139(3)1g(4)c cdr32bp1r3b(3)w(4) 1.5 b,c c1206n159(3)1g(4)c cdr32bp1r5b(3)w(4) 1.6 b,c c1206n169(3)1g(4)c cdr32bp1r6b(3)w(4) 1.8 b,c c1206n189(3)1g(4)c cdr32bp1r8b(3)w(4) 2.0 b,c c1206n209(3)1g(4)c cdr32bp2r0b(3)w(4) 2.2 b,c c1206n229(3)1g(4)c cdr32bp2r2b(3)w(4) 2.4 b,c c1206n249(3)1g(4)c cdr32bp2r4b(3)w(4) 2.7 b,c,d c1206n279(3)1g(4)c cdr32bp2r7b(3)w(4) 3.0 b,c,d c1206n309(3)1g(4)c cdr32bp3r0b(3)w(4) 3.3 b,c,d c1206n339(3)1g(4)c cdr32bp3r3b(3)w(4) 3.6 b,c,d c1206n369(3)1g(4)c cdr32bp3r6b(3)w(4) 3.9 b,c,d c1206n399(3)1g(4)c cdr32bp3r9b(3)w(4) 4.3 b,c,d c1206n439(3)1g(4)c cdr32bp4r3b(3)w(4) 4.7 b,c,d c1206n479(3)1g(4)c cdr32bp4r7b(3)w(4) 5.1 b,c,d c1206n519(3)1g(4)c cdr32bp5r1b(3)w(4) 5.6 b,c,d c1206n569(3)1g(4)c cdr32bp5r6b(3)w(4) 6.2 b,c,d c1206n629(3)1g(4)c cdr32bp6r2b(3)w(4) 6.8 b,c,d c1206n689(3)1g(4)c cdr32bp6r8b(3)w(4) 7.5 b,c,d c1206n759(3)1g(4)c cdr32bp7r5b(3)w(4) 8.2 b,c,d c1206n829(3)1g(4)c cdr32bp8r2b(3)w(4) 9.1 b,c,d c1206n919(3)1g(4)c cdr32bp9r1b(3)w(4) 10 f,j,k c1206n100(3)1g(4)c cdr32bp100b(3)w(4) 11 f,j,k c1206n110(3)1g(4)c cdr32bp110b(3)w(4) 12 f,j,k c1206n120(3)1g(4)c cdr32bp120b(3)w(4) 13 f,j,k c1206n130(3)1g(4)c cdr32bp130b(3)w(4) 15 f,j,k c1206n150(3)1g(4)c cdr32bp150b(3)w(4) 16 f,j,k c1206n160(3)1g(4)c cdr32bp160b(3)w(4) 18 f,j,k c1206n180(3)1g(4)c cdr32bp180b(3)w(4) 20 f,j,k c1206n200(3)1g(4)c cdr32bp200b(3)w(4) 22 f,j,k c1206n220(3)1g(4)c cdr32bp220b(3)w(4) 24 f,j,k c1206n240(3)1g(4)c cdr32bp240b(3)w(4) 27 f,j,k c1206n270(3)1g(4)c cdr32bp270b(3)w(4) 30 f,j,k c1206n300(3)1g(4)c cdr32bp300b(3)w(4) 33 f,j,k c1206n330(3)1g(4)c cdr32bp330b(3)w(4) 36 f,j,k c1206n360(3)1g(4)c cdr32bp360b(3)w(4) 39 f,j,k c1206n390(3)1g(4)c cdr32bp390b(3)w(4) 43 f,j,k c1206n430(3)1g(4)c cdr32bp430b(3)w(4) 47 f,j,k c1206n470(3)1g(4)c cdr32bp470b(3)w(4) 51 f,j,k c1206n510(3)1g(4)c cdr32bp510b(3)w(4) 56 f,j,k c1206n560(3)1g(4)c cdr32bp560b(3)w(4) 62 f,j,k c1206n620(3)1g(4)c cdr32bp620b(3)w(4) 68 f,j,k c1206n680(3)1g(4)c cdr32bp680b(3)w(4) 75 f,j,k c1206n750(3)1g(4)c cdr32bp750b(3)w(4) 82 f,j,k c1206n820(3)1g(4)c cdr32bp820b(3)w(4) 91 f,j,k c1206n910(3)1g(4)c cdr32bp910b(3)w(4) 100 f,j,k c1206n101(3)1g(4)c cdr32bp101b(3)w(4) cap. avail. kemet capacitors mil-prf-55681 pf tol. part number 100 volt bp c1206 size (military cdr32) 110 f,j,k c1206n111(3)1g(4)c cdr32bp111b(3)w(4) 120 f,j,k c1206n121(3)1g(4)c cdr32bp121b(3)w(4) 130 f,j,k c1206n131(3)1g(4)c cdr32bp131b(3)w(4) 150 f,j,k c1206n151(3)1g(4)c cdr32bp151b(3)w(4) 160 f,j,k c1206n161(3)1g(4)c cdr32bp161b(3)w(4) 180 f,j,k c1206n181(3)1g(4)c cdr32bp181b(3)w(4) 200 f,j,k c1206n201(3)1g(4)c cdr32bp201b(3)w(4) 220 f,j,k c1206n221(3)1g(4)c cdr32bp221b(3)w(4) 240 f,j,k c1206n241(3)1g(4)c cdr32bp241b(3)w(4) 270 f,j,k c1206n271(3)1g(4)c cdr32bp271b(3)w(4) 300 f,j,k c1206n301(3)1g(4)c cdr32bp301b(3)w(4) 330 f,j,k c1206n331(3)1g(4)c cdr32bp331b(3)w(4) 360 f,j,k c1206n361(3)1g(4)c cdr32bp361b(3)w(4) 390 f,j,k c1206n391(3)1g(4)c cdr32bp391b(3)w(4) 430 f,j,k c1206n431(3)1g(4)c cdr32bp431b(3)w(4) 470 f,j,k c1206n471(3)1g(4)c cdr32bp471b(3)w(4) 510 f,j,k c1206n511(3)1g(4)c cdr32bp511b(3)w(4) 560 f,j,k c1206n561(3)1g(4)c cdr32bp561b(3)w(4) 620 f,j,k c1206n621(3)1g(4)c cdr32bp621b(3)w(4) 680 f,j,k c1206n681(3)1g(4)c cdr32bp681b(3)w(4) 750 f,j,k c1206n751(3)1g(4)c cdr32bp751b(3)w(4) 820 f,j,k c1206n821(3)1g(4)c cdr32bp821b(3)w(4) 910 f,j,k c1206n911(3)1g(4)c cdr32bp911b(3)w(4) 1,000 f,j,k c1206n102(3)1g(4)c cdr32bp102b(3)w(4) 50 volt bp c1206 size (military cdr32) 1,100 f,j,k c1206n112(3)5g(4)c cdr32bp112a(3)w(4) 1,200 f,j,k c1206n122(3)5g(4)c cdr32bp122a(3)w(4) 1,300 f,j,k c1206n132(3)5g(4)c cdr32bp132a(3)w(4) 1,500 f,j,k c1206n152(3)5g(4)c cdr32bp152a(3)w(4) 1,600 f,j,k c1206n162(3)5g(4)c cdr32bp162a(3)w(4) 1,800 f,j,k c1206n182(3)5g(4)c cdr32bp182a(3)w(4) 2,000 f,j,k c1206n202(3)5g(4)c cdr32bp202a(3)w(4) 2,200 f,j,k c1206n222(3)5g(4)c cdr32bp222a(3)w(4) 100 volt bx c1206 size (military cdr32) 4,700 k,m c1206n472(3)1x(4)c cdr32bx472b(3)w(4) 5,600 k,m c1206n562(3)1x(4)c cdr32bx562b(3)w(4) 6,800 k,m c1206n682(3)1x(4)c cdr32bx682b(3)w(4) 8,200 k,m c1206n822(3)1x(4)c cdr32bx822b(3)w(4) 10,000 k,m c1206n103(3)1x(4)c cdr32bx103b(3)w(4) 12,000 k,m c1206n123(3)1x(4)c cdr32bx123b(3)w(4) 15,000 k,m c1206n153(3)1x(4)c cdr32bx153b(3)w(4) 50 volt bx c1206 size (military cdr32) 18,000 k,m c1206n183(3)5x(4)c cdr32bx183a(3)w(4) 22,000 k,m c1206n223(3)5x(4)c cdr32bx223a(3)w(4) 27,000 k,m c1206n273(3)5x(4)c cdr32bx273a(3)w(4) 33,000 k,m c1206n333(3)5x(4)c cdr32bx333a(3)w(4) 39,000 k,m c1206n393(3)5x(4)c cdr32bx393a(3)w(4) ceramic chip/mil-prf-55681 established reliability ratings & part number reference ohw uu=uquuxguu=uuuu uuuuu6 omw uu=uquuxguuuuu6uo uuu k=g uu uuu k6 w opw uu=uqguu:uu#uouwuuuuz?b=?+b00chvuku u86hu+gu:u u86m0u+6 xu u860+gu+u uhyguxu u0ygu/u uh8yguu um8y6u note: available tolerances are listed in columns above. o(w uu=uqguu+u?u#vuu h68y.u=u 86hy.u?u 868hy.u#u 688hy6 qv %uz?b=?+b00chuu/wwu=uquuuuuu#uzzuoz?b=?+b00chu .u/wwu : wuub 6 zu z?b=?+b00chu uu # uo/wwu z wuuz?b=?+b00chu uo/ww : wuuguuuu6 90
cap. avail. kemet capacitors mil-prf-55681 pf tol. part number 100 volt bx c1812 size (military cdr34) 27,000 k,m c1812n273(3)1x(4)c cdr34bx273b(3)w(4) 33,000 k,m c1812n333(3)1x(4)c cdr34bx333b(3)w(4) 39,000 k,m c1812n393(3)1x(4)c cdr34bx393b(3)w(4) 47,000 k,m c1812n473(3)1x(4)c cdr34bx473b(3)w(4) 56,000 k,m c1812n563(3)1x(4)c cdr34bx563b(3)w(4) 50 volt bx c1812 size (military cdr34) 100,000 k,m c1812n104(3)5x(4)c cdr34bx104a(3)w(4) 120,000 k,m c1812n124(3)5x(4)c cdr34bx124a(3)w(4) 150,000 k,m c1812n154(3)5x(4)c cdr34bx154a(3)w(4) 180,000 k,m c1812n184(3)5x(4)c cdr34bx184a(3)w(4) 100 volt bp c1825 size (military cdr35) 4,700 f,j,k c1825n472(3)1g(4)c cdr35bp472b(3)w(4) 5,100 f,j,k c1825n512(3)1g(4)c cdr35bp512b(3)w(4) 5,600 f,j,k c1825n562(3)1g(4)c cdr35bp562b(3)w(4) 6,200 f,j,k c1825n622(3)1g(4)c cdr35bp622b(3)w(4) 6,800 f,j,k c1825n682(3)1g(4)c cdr35bp682b(3)w(4) 7,500 f,j,k c1825n752(3)1g(4)c cdr35bp752b(3)w(4) 8,200 f,j,k c1825n822(3)1g(4)c cdr35bp822b(3)w(4) 9,100 f,j,k c1825n912(3)1g(4)c cdr35bp912b(3)w(4) 10,000 f,j,k c1825n103(3)1g(4)c cdr35bp103b(3)w(4) 50 volt bp c1825 size (military cdr35) 11,000 f,j,k c1825n113(3)5g(4)c cdr35bp113a(3)w(4) 12,000 f,j,k c1825n123(3)5g(4)c cdr35bp123a(3)w(4) 13,000 f,j,k c1825n133(3)5g(4)c cdr35bp133a(3)w(4) 15,000 f,j,k c1825n153(3)5g(4)c cdr35bp153a(3)w(4) 16,000 f,j,k c1825n163(3)5g(4)c cdr35bp163a(3)w(4) 18,000 f,j,k c1825n183(3)5g(4)c cdr35bp183a(3)w(4) 20,000 f,j,k c1825n203(3)5g(4)c cdr35bp203a(3)w(4) 22,000 f,j,k c1825n223(3)5g(4)c cdr35bp223a(3)w(4) 100 volt bx c1825 size (military cdr35) 56,000 k,m c1825n563(3)1x(4)c cdr35bx563b(3)w(4) 68,000 k,m c1825n683(3)1x(4)c cdr35bx683b(3)w(4) 82,000 k,m c1825n823(3)1x(4)c cdr35bx823b(3)w(4) 100,000 k,m c1825n104(3)1x(4)c cdr35bx104b(3)w(4) 120,000 k,m c1825n124(3)1x(4)c cdr35bx124b(3)w(4) 150,000 k,m c1825n154(3)1x(4)c cdr35bx154b(3)w(4) 50 volt bx c1825 size (military cdr35) 180,000 k,m c1825n184(3)5x(4)c cdr35bx184a(3)w(4) 220,000 k,m c1825n224(3)5x(4)c cdr35bx224a(3)w(4) 270,000 k,m c1825n274(3)5x(4)c cdr35bx274a(3)w(4) 330,000 k,m c1825n334(3)5x(4)c cdr35bx334a(3)w(4) 390,000 k,m c1825n394(3)5x(4)c cdr35bx394a(3)w(4) 470,000 k,m c1825n474(3)5x(4)c cdr35bx474a(3)w(4) bulk - bulk - chip bulk - anti-static chip bulk - anti-static size reeled std bag bag size reeled std bag bag c0805 2,500 25,000 10,000 c1808 2,500 7,500 3,000 c1206 2,500 25,000 10,000 c1812 1,100 7,500 3,000 c1210 2,500 25,000 10,000 c1825 1,100 7,500 1,000 c1805 2,500 7,500 3,000 c2225 1,100 5,000 1,000 cap. avail. kemet capacitors mil-prf-55681 pf tol. part number 100 volt bp c1210 size (military cdr33) 1,000 f,j,k c1210n102(3)1g(4)c cdr33bp102b(3)w(4) 1,100 f,j,k c1210n112(3)1g(4)c cdr33bp112b(3)w(4) 1,200 f,j,k c1210n122(3)1g(4)c cdr33bp122b(3)w(4) 1,300 f,j,k c1210n132(3)1g(4)c cdr33bp132b(3)w(4) 1,500 f,j,k c1210n152(3)1g(4)c cdr33bp152b(3)w(4) 1,600 f,j,k c1210n162(3)1g(4)c cdr33bp162b(3)w(4) 1,800 f,j,k c1210n182(3)1g(4)c cdr33bp182b(3)w(4) 2,000 f,j,k c1210n202(3)1g(4)c cdr33bp202b(3)w(4) 2,200 f,j,k c1210n222(3)1g(4)c cdr33bp222b(3)w(4) 50 volt bp c1210 size (military cdr33) 2,400 f,j,k c1210n242(3)5g(4)c cdr33bp242a(3)w(4) 2,700 f,j,k c1210n272(3)5g(4)c cdr33bp272a(3)w(4) 3,000 f,j,k c1210n302(3)5g(4)c cdr33bp302a(3)w(4) 3,300 f,j,k c1210n332(3)5g(4)c cdr33bp332a(3)w(4) 100 volt bx c1210 size (military cdr33) 15,000 k,m c1210n153(3)1x(4)c cdr33bx153b(3)w(4) 18,000 k,m c1210n183(3)1x(4)c cdr33bx183b(3)w(4) 22,000 k,m c1210n223(3)1x(4)c cdr33bx223b(3)w(4) 27,000 k,m c1210n273(3)1x(4)c cdr33bx273b(3)w(4) 50 volt bx c1210 size (military cdr33) 39,000 k,m c1210n393(3)5x(4)c cdr33bx393a(3)w(4) 47,000 k,m c1210n473(3)5x(4)c cdr33bx473a(3)w(4) 56,000 k,m c1210n563(3)5x(4)c cdr33bx563a(3)w(4) 68,000 k,m c1210n683(3)5x(4)c cdr33bx683a(3)w(4) 82,000 k,m c1210n823(3)5x(4)c cdr33bx823a(3)w(4) 100,000 k,m c1210n104(3)5x(4)c cdr33bx104a(3)w(4) 100 volt bp c1812 size (military cdr34) 2,200 f,j,k c1812n222(3)1g(4)c cdr34bp222b(3)w(4) 2,400 f,j,k c1812n242(3)1g(4)c cdr34bp242b(3)w(4) 2,700 f,j,k c1812n272(3)1g(4)c cdr34bp272b(3)w(4) 3,000 f,j,k c1812n302(3)1g(4)c cdr34bp302b(3)w(4) 3,300 f,j,k c1812n332(3)1g(4)c cdr34bp332b(3)w(4) 3,600 f,j,k c1812n362(3)1g(4)c cdr34bp362b(3)w(4) 3,900 f,j,k c1812n392(3)1g(4)c cdr34bp392b(3)w(4) 4,300 f,j,k c1812n432(3)1g(4)c cdr34bp432b(3)w(4) 4,700 f,j,k c1812n472(3)1g(4)c cdr34bp472b(3)w(4) 50 volt bp c1812 size (military cdr34) 5,100 f,j,k c1812n512(3)5g(4)c cdr34bp512a(3)w(4) 5,600 f,j,k c1812n562(3)5g(4)c cdr34bp562a(3)w(4) 6,200 f,j,k c1812n622(3)5g(4)c cdr34bp622a(3)w(4) 6,800 f,j,k c1812n682(3)5g(4)c cdr34bp682a(3)w(4) 7,500 f,j,k c1812n752(3)5g(4)c cdr34bp752a(3)w(4) 8,200 f,j,k c1812n822(3)5g(4)c cdr34bp822a(3)w(4) 9,100 f,j,k c1812n912(3)5g(4)c cdr34bp912a(3)w(4) 10,000 f,j,k c1812n103(3)5g(4)c cdr34bp103a(3)w(4) mil-prf-55681 maximum individual packaging quantities ?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 ceramic chip/mil-prf-55681 established reliability ratings & part number reference (1) to complete part number for dielectric, insert p or x symbol e as defined by military specification. (2) to complete part number for dielectric, insert g or x symbol. ( g for military bp, or x for military bx. ) (3) to complete part number, insert capacitance tolerance symbol (when applicable) as available in mil-prf-55681: b e 0.1 pf, c e 0.25 pf, d e 0.5pf, f e 1%, j e 5%, k e 10%, m e 20%. note: available tolerances are listed in columns above. (4) to complete part number, insert failure rate symbol: m e 1.0%; p e 0.1%; r e 0.01%; s e .001%. note: all mil-prf-55681 and kemet part numbers tabulated above assume use of solderguard ii (mil-prf-55681 w ; kemet c ) end metal- ization. if m il-prf-55681 u or s (kemet h ) or mil-prf-55681 y (kemet c ) is required, please change designators accordingly. mil-prf-55681 chips available in 7" reels only. 91 ceramic surface mount
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 kemet offers multilayer ceramic chip capacitors packaged in 8mm and 12mm plastic tape on 7" and 13" reels in accordance with eia standard 481-1: taping of surface mount components for automatic handling. this packaging system is compatible with all tape fed automatic pick and place systems. see page 7 8 for details on reeling quantities for commercial chips and page 87 for mil-prf-55681 chips. ceramic chip capacitors packaging information tape & reel packaging 8mm .30 (.315 .012") or 12mm .30 (.472 .012") 178mm (7.00") or 330mm (13.00") anti-static reel embossed carrier* 0402 and 0603 case sizes available on punched paper only. embossment anti-static cover tape (.10mm (.004") max thickness) chip orientation in pocket (except 1825 commercial, and 1825 & 2225 military) * punched paper carrier used for 0402 and 0603 case size. g handling. this packaging system is compatible with all tape fed automatic pick and place systems. see page 81 for details on reeling quantities for commercial chips and page 90 for mil-prf-55681 chips. kemet ? x c g z y grid placement courtyard z 2.14 2.78 3.30 4.50 4.50 5.90 5.90 7.00 7.00 g 0.28 0.68 0.70 1.50 1.50 2.30 2.30 3.30 3.30 x 0.74 1.08 1.60 2.00 2.90 3.70 6.90 5.50 6.80 y(ref) 0.93 1.05 1.30 1.50 1.50 1.80 1.80 1.85 1.85 c(ref) 1.21 1.73 2.00 3.00 3.00 4.10 4.10 5.15 5.15 z 3.18 3.70 4.90 4.90 g 0.68 0.70 1.50 1.50 x 0.80 1.10 1.40 2.00 y(ref) 1.25 1.50 1.70 1.70 smin 1.93 2.20 3.20 3.20 wave solder reflow solder calculation formula z = lmin + 2jt + tt g = smax - 2jh -th x = wmin + 2js + ts tt, th, ts = combined tolerances 0402 0603 0805 1206 1210 1812 1825 2220 2225 dimension not recommended not recommended    ! "  # $ surface mount land dimensions - ceramic chip capacitors - mm 93 packaging
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 performance notes 1. cover tape break force: 1.0 kg minimum. 2. cover tape peel strength: the total peel strength of the cover tape from the carrier tape shall be: tape width peel strength 8 mm 0.1 newton to 1.0 newton (10g to 100g) 12 mm 0.1 newton to 1.3 newton (10g to 130g) the direction of the pull shall be opposite the direction of the carrier tape travel. the pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. during peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. reel sizes: molded tantalum capacitors are available on either 180 mm (7") reels (standard) or 330 mm (13") reels (with c-7280). note that 13 reels are preferred. 4. labeling: bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. refer to eia-556. embossed carrier tape configuration: figure 1 notes 1. b1 dimension is a reference dimension for tape feeder clearance only. 2. the embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. dimensions of embossment location and hole location shall be applied independent of each other. 3. tape with components shall pass around radius r without damage (see sketch a). the minimum trailer length (fig. 2) may require additional length to provide r min. for 12 mm embossed tape for reels with hub diameters approaching n min. (table 2) 4. the cavity defined by a 0 , b 0 , and k 0 shall be configured to surround the part with sufficient clearance such that the chip does not pro- trude beyond the sealing plane of the cover tape, the chip can be removed from the cavity in a vertical direction without mecha nical restriction, rotation of the chip is limited to 20 degrees maximum in all 3 planes, and lateral movement of the chip is restric ted to 0.5 mm maximum in the pocket (not applicable to vertical clearance.) table 1 embossed tape dimensions (metric will govern) constant dimensions millimeters (inches) tape size d 0 ep 0 p 2 t max t 1 max 8 mm 1.5 1.75 0.10 4.0 0.10 2.0 0.05 0.600 0.100 and +0.10 -0.0 12 mm (0.059 (0.069 0.004) (0.157 0.004) (0.079 0.002) (0.024) (0.004) +0.004, -0.0) variable dimensions millimeters (inches) tape size pitch b 1 max. d 1 min. f p 1 r min. t 2 max w a 0 b 0 k 0 note 1 note 2 note 3 note 4 8 mm single 4.4 1.0 3.5 0.05 4.0 0.10 25.0 2.5 8.0 0.30 (4 mm) (0.173) (0.039) (0.138 0.002) (0.157 0.004) (0.984) (0.098) (.315 0.012) 12 mm double 8.2 1.5 5.5 0.05 8.0 0.10 30.0 4.6 12.0 0.30 (8 mm) (0.323) (0.059) (0.217 0.002) (0.315 0.004) (1.181) (0.181) (0.472 0.012) tantalum, ceramic and aluminum chip capacitors packaging information 94
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 embossed carrier tape configuration (cont.) sketch d: tape camber (top view) allowable camber to be 1 mm/250 mm. 250mm (9.843) 1mm (0.039) max. 1mm (0.039) max. table 2 C reel dimensions (metric will govern) figure 3: reel dimensions (metric dimensions will govern) tape size a max b* min c d* min n min w 1 w 2 max w 3 8 mm 330.0 1.5 13.0 0.20 20.2 50.0 8.4 14.4 7.9 min (12.992) (0.059) (0.512 0.008) (0.795) (1.969) +1.5, -0.0 (0.567) (0.311) see (0.331 10.9 max note 3 +0.059, -0.0) (0.429) 12 mm 330.0 1.5 13.0 0.20 20.2 table 1 12.4 18.4 11.9 min (12.992) (0.059) (0.512 0.008) (0.795) +2.0, -0.0 (0.724) (0.469) (0.488 15.4 max +0.078, -0.0) (0.606) tantalum, ceramic and aluminum chip capacitors packaging information figure 2: tape leader & trailer dimensions (metric dimensions will govern) 400mm (15.75) min. 20 95 packaging
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 20 20 maximum component rotation. typical component center line punched carrier (paper tape) configuration (ceramic chips only): table 1: 8 & 12mm punched tape ( metric dimensions will govern) variable dimensions - millimeters (inches) note: 1. a 0 , b 0 and t determined by the maximum dimensions to the ends of the terminals extending from the body and/or the body dimensions of the component. the clearance between the ends of the terminals or body of the component to the sides and depth of the cavity (a 0 , b 0 and t) must be within 0.05mm (.002) minimum and 0.50mm (.020) maximum. the clearance allowed must also prevent rotation of the component within the cavity of not more than 20 degrees (see sketches a and b). 2. tape with components shall pass around radius "r" without damage. 3. kemet nominal thicknesses are: 0402 = 0.6mm and all others 0.95mm minimum. 8mm and 12mm 1.5 +0.10, -0.0 (.059 +0.004, -0.0) 1.75 0.10 (.069 0.004) 4.0 0.10 (.157 0.004) 2.0 0.05 (.079 0.002) 0.10 (.004) max. 0.75 (.030) min. 0.75 (.030) min. 25 (.984) see note 2 table 1 tape size d 0 p 0 e p 2 t 1 g 1 g 2 r min. 8mm 1/2 pitch 2.0 0.10 (.079 .004) see require- ments section 3.3 (d) 3.5 0.05 (.138 .002) 8.0 0.3 (.315 0.012) see note 1 table 1 1.1mm (.043) max. for paper base tape and 1.6mm (.063) max. for non- paper base compositions. see note 3. tape size p 1 w f a 0 b 0 t 8mm 4.0 0.10 (0.157 .004) 12mm 4.0 0.10 (0.157 .004) 12mm double pitch 8.0 0.10 (0.315 .004) 12.0 0.3 (.472 .012) 5.5 0.05 (.217 .002) table 1: 8 & 12mm punched tape ( metric dimensions will govern) constant dimensions - millimeters (inches) sketch b: max. component rotation - front cross sectional view sketch c: component rotation - top view a 0 b 0 p 1 p 0 p 2 d 0 f e w center lines of cavity 10 pitches cumulative tolerance on tape 0.2 ( 0.008) to p tape cover t user direction of feed t 1 max. cavity size see note 1 table 1 bottom tape cover g 2 r (min.) sketch a: bending radius see note 2 table 1 ceramic chip capacitors packaging information 96
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 ceramic chip capacitors packaging information capacitor marking table (marking optional - not available for 0402 size or y5v dielectric) a b c d e f g h j k l m n p q r s t u v w x y z a b d e f m n t y 0.10 0.11 0.12 0.13 0.15 0.16 0.18 0.20 0.22 0.24 0.27 0.30 0.33 0.36 0.39 0.43 0.47 0.51 0.56 0.62 0.68 0.75 0.82 0.91 0.25 0.35 0.40 0.45 0.50 0.60 0.70 0.80 0.90 1.0 1.1 1.2 1.3 1.5 1.6 1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 2.5 3.5 4.0 4.5 5.0 6.0 7.0 8.0 9.0 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 25 35 40 45 50 60 70 80 90 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 250 350 400 450 500 600 700 800 900 1000 1100 1200 1300 1500 1600 1800 2000 2200 2400 2700 3000 3300 3600 3900 4300 4700 5100 5600 6200 6800 7500 8200 9100 2500 3500 4000 4500 5000 6000 7000 8000 9000 10,000 11,000 12,000 13,000 15,000 16,000 18,000 20,000 22,000 24,000 27,000 30,000 33,000 36,000 39,000 43,000 47,000 51,000 56,000 62,000 68,000 75,000 82,000 91,000 25,000 35,000 40,000 45,000 50,000 60,000 70,000 80,000 90,000 100,000 110,000 120,000 130,000 150,000 160,000 180,000 200,000 220,000 240,000 270,000 300,000 330,000 360,000 390,000 430,000 470,000 510,000 560,000 620,000 680,000 750,000 820,000 910,000 250,000 350,000 400,000 450,000 500,000 600,000 700,000 800,000 900,000 alpha character numeral 9 01 2 3 4 5 capacitance (pf) for various numeral identifiers 1,000,000 1,100,000 1,200,000 1,300,000 1,500,000 1,600,000 1,800,000 2,000,000 2,200,000 2,400,000 2,700,000 3,000,000 3,300,000 3,600,000 3,900,000 4,300,000 4,700,000 5,100,000 5,600,000 6,200,000 6,800,000 7,500,000 8,200,000 9,100,000 2,500,000 3,500,000 4,000,000 4,500,000 5,000,000 6,000,000 7,000,000 8,000,000 9,000,000 7 10,000,000 11,000,000 12,000,000 13,000,000 15,000,000 16,000,000 18,000,000 20,000,000 22,000,000 24,000,000 27,000,000 30,000,000 33,000,000 36,000,000 39,000,000 43,000,000 47,000,000 51,000,000 56,000,000 62,000,000 68,000,000 75,000,000 82,000,000 91,000,000 25,000,000 35,000,000 40,000,000 45,000,000 50,000,000 60,000,000 70,000,000 80,000,000 90,000,000 6 laser marking is available as an extra-cost option for most kemet ceramic chips. such marking is two sided, and includes a k to identify kemet, followed by two characters (per eia-198 - see table below) to identify the capacitance value. note that marking is not available for size 0402 nor for any y5v chip. in addition, the 0603 marking option is limited to the k only. example shown is 1,000 pf capacitor. ka3 table 2 C capacitance values available in bulk cassette packaging 0402 0603 0805 all all c0g x7r y5v all all 109 109 109 221 221 221 221 221 104 104 all all 181 331 102 392 103 273 104 104 224 224 case size dielectric voltage min. cap value max. cap value all all 200 100 50 200 100 50 25 16 25 16 terminations: kemet nickel barrier layer with a tin overplate. 0.3 0.7 0.75 eia size code length l width w thickness t bandwidth b minimum separation s metric size code number of pcs/cassette 50,000 15,000 10,000 0402 0603 0805 1.0 0.05 1.6 0.07 2.0 0.10 0.5 0.05 0.8 0.07 1.25 0.10 0.5 .05 0.8 .07 0.6 .10 0.2 to 0.4 0.2 to 0.5 0.5 to 0.75 1005 1608 2012 table 1 C capacitor dimensions for bulk cassette packaging C millimeters unit: mm * reference 110 0.7 31.5 0 0.2 36 0 0.2 19.0* 5.0* 10* 53.3* 6.8 0.1 8.8 0.1 12.0 0.1 3.0 0 0.2 2.0 0.1 0 1.5 0 0.1 bulk cassette packaging (ceramic chips only) (meets dimensional requirements iec-286-6 and eiaj 7201) 97 packaging


▲Up To Search▲   

 
Price & Availability of CDR01BPXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X