Part Number Hot Search : 
PK70FG40 NCE9926 M100B NTE328 53508 PM200 53508 N4001
Product Description
Full Text Search
 

To Download C32725 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product pro?le 1.1 general description pnp general-purpose transistors. [1] also available in sot54a and sot54 variant packages (see section 2 ). 1.2 features n high current n low voltage 1.3 applications n general-purpose switching and ampli?cation 1.4 quick reference data [1] pulse test: t p 300 m s; d 0.02. bc807; bc807w; bc327 45 v, 500 ma pnp general-purpose transistors rev. 05 21 february 2005 product data sheet table 1: product overview type number package npn complement philips jeita bc807 sot23 - bc817 bc807w sot323 sc-70 bc817w bc327 [1] sot54 (to-92) sc-43a bc337 table 2: quick reference data symbol parameter conditions min typ max unit v ceo collector-emitter voltage open base; i c =10ma -- - 45 v i c collector current (dc) - - - 500 ma i cm peak collector current - - - 1a h fe dc current gain i c = - 100 ma; v ce = - 1v [1] bc807; bc807w; bc327 100 - 600 bc807-16; bc807-16w; bc327-16 100 - 250 bc807-25; bc807-25w; bc327-25 160 - 400 bc807-40; bc807-40w; bc327-40 250 - 600
9397 750 14023 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 05 21 february 2005 2 of 19 philips semiconductors bc807; bc807w; bc327 45 v, 500 ma pnp general-purpose transistors 2. pinning information table 3: pinning pin description simpli?ed outline symbol sot23 1 base 2 emitter 3 collector sot323 1 base 2 emitter 3 collector sot54 1 emitter 2 base 3 collector sot54a 1 emitter 2 base 3 collector sot54 variant 1 emitter 2 base 3 collector 12 3 sym013 3 2 1 3 12 sot323_so sym013 3 2 1 001aab347 1 2 3 006aaa149 3 1 2 001aab348 1 2 3 006aaa149 3 1 2 001aab447 1 2 3 006aaa149 3 1 2
9397 750 14023 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 05 21 february 2005 3 of 19 philips semiconductors bc807; bc807w; bc327 45 v, 500 ma pnp general-purpose transistors 3. ordering information [1] valid for all available selection groups. [2] also available in sot54a and sot54 variant packages (see section 2 and section 9 ). 4. marking [1] * = -: made in hong kong * = p: made in hong kong * = t: made in malaysia * = w: made in china table 4: ordering information type number [1] package name description version bc807 - plastic surface mounted package; 3 leads sot23 bc807w sc-70 plastic surface mounted package; 3 leads sot323 bc327 [2] sc-43a plastic single-ended leaded (through hole) package; 3 leads sot54 table 5: marking codes type number marking code [1] bc807 5d* bc807-16 5a* bc807-25 5b* bc807-40 5c* bc807w 5d* bc807-16w 5a* bc807-25w 5b* bc807-40w 5c* bc327 c327 bc327-16 c32716 bc327-25 C32725 bc327-40 c32740
9397 750 14023 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 05 21 february 2005 4 of 19 philips semiconductors bc807; bc807w; bc327 45 v, 500 ma pnp general-purpose transistors 5. limiting values [1] transistor mounted on an fr4 printed-circuit board, single-sided copper, tin-plated and standard footprint. [2] valid for all available selection groups. 6. thermal characteristics [1] transistor mounted on an fr4 printed-circuit board, single-sided copper, tin-plated and standard footprint. [2] valid for all available selection groups. table 6: limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v cbo collector-base voltage open emitter - - 50 v v ceo collector-emitter voltage open base; i c =10ma - - 45 v v ebo emitter-base voltage open collector - - 5v i c collector current (dc) - - 500 ma i cm peak collector current - - 1a i bm peak base current - - 200 ma p tot total power dissipation bc807 t amb 25 c [1] [2] - 250 mw bc807w t amb 25 c [1] [2] - 200 mw bc327 t amb 25 c [1] [2] - 625 mw t stg storage temperature - 65 +150 c t j junction temperature - 150 c t amb ambient temperature - 65 +150 c table 7: thermal characteristics symbol parameter conditions min typ max unit r th(j-a) thermal resistance from junction to ambient bc807 t amb 25 c [1] [2] - - 500 k/w bc807w t amb 25 c [1] [2] - - 625 k/w bc327 t amb 25 c [1] [2] - - 200 k/w
9397 750 14023 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 05 21 february 2005 5 of 19 philips semiconductors bc807; bc807w; bc327 45 v, 500 ma pnp general-purpose transistors 7. characteristics [1] pulse test: t p 300 m s; d 0.02. [2] v be decreases by approximately 2 mv/k with increasing temperature. table 8: characteristics t amb = 25 c unless otherwise speci?ed. symbol parameter conditions min typ max unit i cbo collector-base cut-off current i e = 0 a; v cb = - 20 v - - - 100 na i e = 0 a; v cb = - 20 v; t j = 150 c -- - 5 m a i ebo emitter-base cut-off current i c = 0 a; v eb = - 5 v - - - 100 na h fe dc current gain i c = - 100 ma; v ce = - 1 v [1] bc807; bc807w; bc327 100 - 600 bc807-16; bc807-16w; bc327-16 100 - 250 bc807-25; bc807-25w; bc327-25 160 - 400 bc807-40; bc807-40w; bc327-40 250 - 600 h fe dc current gain i c = - 500 ma; v ce = - 1 v [1] 40 - - v cesat collector-emitter saturation voltage i c = - 500 ma; i b = - 50 ma [1] -- - 700 mv v be base-emitter voltage i c = - 500 ma; v ce = - 1 v [2] -- - 1.2 v c c collector capacitance i e = i e = 0 a; v cb = - 10 v; f=1mhz -5- pf f t transition frequency i c = - 10 ma; v ce = - 5 v; f = 100 mhz 80 - - mhz
9397 750 14023 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 05 21 february 2005 6 of 19 philips semiconductors bc807; bc807w; bc327 45 v, 500 ma pnp general-purpose transistors v ce = - 1 v. (1) t amb = 150 c. (2) t amb = 25 c. (3) t amb = - 55 c. v ce = - 1 v. (1) t amb = 150 c. (2) t amb = 25 c. (3) t amb = - 55 c. fig 1. selection -16: dc current gain as a function of collector current; typical values. fig 2. selection -25: dc current gain as a function of collector current; typical values. v ce = - 1 v. (1) t amb = 150 c. (2) t amb = 25 c. (3) t amb = - 55 c. fig 3. selection -40: dc current gain as a function of collector current; typical values. 006aaa119 200 100 300 h fe 0 i c (ma) - 10 - 1 - 10 3 - 10 2 - 1 - 10 (1) (2) (3) 006aaa120 400 200 600 h fe 0 i c (ma) - 10 - 1 - 10 3 - 10 2 - 1 - 10 (1) (2) (3) 006aaa121 400 200 600 800 h fe 0 i c (ma) - 10 - 1 - 10 3 - 10 2 - 1 - 10 (1) (2) (3)
9397 750 14023 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 05 21 february 2005 7 of 19 philips semiconductors bc807; bc807w; bc327 45 v, 500 ma pnp general-purpose transistors i c /i b = 10. (1) t amb = - 55 c. (2) t amb = 25 c. (3) t amb = 150 c. i c /i b = 10. (1) t amb = - 55 c. (2) t amb = 25 c. (3) t amb = 150 c. fig 4. selection -16: base-emitter saturation voltage as a function of collector current; typical values. fig 5. selection -25: base-emitter saturation voltage as a function of collector current; typical values. i c /i b = 10. (1) t amb = - 55 c. (2) t amb = 25 c. (3) t amb = 150 c. fig 6. selection -40: base-emitter saturation voltage as a function of collector current; typical values. 006aaa122 i c (ma) - 10 - 1 - 10 3 - 10 2 - 1 - 10 - 1 - 10 v besat (v) - 10 - 1 (1) (2) (3) 006aaa123 i c (ma) - 10 - 1 - 10 3 - 10 2 - 1 - 10 - 1 - 10 v besat (v) - 10 - 1 (1) (2) (3) 006aaa124 i c (ma) - 10 - 1 - 10 3 - 10 2 - 1 - 10 - 1 - 10 v besat (v) - 10 - 1 (1) (2) (3)
9397 750 14023 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 05 21 february 2005 8 of 19 philips semiconductors bc807; bc807w; bc327 45 v, 500 ma pnp general-purpose transistors i c /i b = 10. (1) t amb = 150 c. (2) t amb = 25 c. (3) t amb = - 55 c. i c /i b = 10. (1) t amb = 150 c. (2) t amb = 25 c. (3) t amb = - 55 c. fig 7. selection -16: collector-emitter saturation voltage as a function of collector current; typical values. fig 8. selection- 25: collector-emitter saturation voltage as a function of collector current; typical values. i c /i b = 10. (1) t amb = 150 c. (2) t amb = 25 c. (3) t amb = - 55 c. fig 9. selection -40: collector-emitter saturation voltage as a function of collector current; typical values. 006aaa125 i c (ma) - 10 - 1 - 10 3 - 10 2 - 1 - 10 - 10 - 1 - 1 v cesat (v) - 10 - 2 (1) (2) (3) 006aaa126 - 10 - 1 - 10 - 2 - 1 v cesat (v) - 10 - 3 i c (ma) - 10 - 1 - 10 3 - 10 2 - 1 - 10 (1) (2) (3) 006aaa127 - 10 - 1 - 10 - 2 - 1 v cesat (v) - 10 - 3 i c (ma) - 10 - 1 - 10 3 - 10 2 - 1 - 10 (1) (2) (3)
9397 750 14023 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 05 21 february 2005 9 of 19 philips semiconductors bc807; bc807w; bc327 45 v, 500 ma pnp general-purpose transistors t amb = 25 c. (1) i b = - 16.0 ma. (2) i b = - 14.4 ma. (3) i b = - 12.8 ma. (4) i b = - 11.2 ma. (5) i b = - 9.6 ma. (6) i b = - 8.0 ma. (7) i b = - 6.4 ma. (8) i b = - 4.8 ma. (9) i b = - 3.2 ma. (10) i b = - 1.6 ma. t amb = 25 c. (1) i b = - 13.0 ma. (2) i b = - 11.7 ma. (3) i b = - 10.4 ma. (4) i b = - 9.1 ma. (5) i b = - 7.8 ma. (6) i b = - 6.5 ma. (7) i b = - 5.2 ma. (8) i b = - 3.9 ma. (9) i b = - 2.6 ma. (10) i b = - 1.3 ma. fig 10. selection -16: collector current as a function of collector-emitter voltage; typical values. fig 11. selection -25: collector current as a function of collector-emitter voltage; typical values. v ce (v) 0 - 5 - 4 - 2 - 3 - 1 006aaa128 - 0.4 - 0.8 - 1.2 i c (a) 0 (4) (5) (6) (7) (8) (9) (10) (1) (3) (2) v ce (v) 0 - 5 - 4 - 2 - 3 - 1 006aaa129 - 0.4 - 0.8 - 1.2 i c (a) 0 (1) (3) (4) (5) (6) (7) (8) (9) (10) (2)
9397 750 14023 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 05 21 february 2005 10 of 19 philips semiconductors bc807; bc807w; bc327 45 v, 500 ma pnp general-purpose transistors t amb = 25 c. (1) i b = - 12.0 ma. (2) i b = - 10.8 ma. (3) i b = - 9.6 ma. (4) i b = - 8.4 ma. (5) i b = - 7.2 ma. (6) i b = - 6.0 ma. (7) i b = - 4.8 ma. (8) i b = - 3.6 ma. (9) i b = - 2.4 ma. (10) i b = - 1.2 ma. fig 12. selection -40: collector current as a function of collector-emitter voltage; typical values. v ce (v) 0 - 5 - 4 - 2 - 3 - 1 006aaa130 - 0.4 - 0.8 - 1.2 i c (a) 0 (1) (2) (3) (4) (5) (6) (7) (8) (9) (10)
9397 750 14023 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 05 21 february 2005 11 of 19 philips semiconductors bc807; bc807w; bc327 45 v, 500 ma pnp general-purpose transistors 8. package outline fig 13. package outline sot23 (to-236ab). unit a 1 max. b p cd e e 1 h e l p qw v references outline version european projection issue date 99-09-13 04-11-04 iec jedec jeita mm 0.1 0.48 0.38 0.15 0.09 3.0 2.8 1.4 1.2 0.95 e 1.9 2.5 2.1 0.55 0.45 0.1 0.2 dimensions (mm are the original dimensions) 0.45 0.15 sot23 to-236ab b p d e 1 e a a 1 l p q detail x h e e w m v m a b a b 0 1 2 mm scale a 1.1 0.9 c x 12 3 plastic surface mounted package; 3 leads sot23
9397 750 14023 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 05 21 february 2005 12 of 19 philips semiconductors bc807; bc807w; bc327 45 v, 500 ma pnp general-purpose transistors fig 14. package outline sot323 (sc-70). unit a 1 max b p cd e e 1 h e l p qw v references outline version european projection issue date iec jedec jeita mm 0.1 1.1 0.8 0.4 0.3 0.25 0.10 2.2 1.8 1.35 1.15 0.65 e 1.3 2.2 2.0 0.23 0.13 0.2 0.2 dimensions (mm are the original dimensions) 0.45 0.15 sot323 sc-70 w m b p d e 1 e a b a 1 l p q detail x c h e e v m a a b y 0 1 2 mm scale a x 12 3 plastic surface mounted package; 3 leads sot323 97-02-28 04-11-04
9397 750 14023 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 05 21 february 2005 13 of 19 philips semiconductors bc807; bc807w; bc327 45 v, 500 ma pnp general-purpose transistors fig 15. package outline sot54 (sc-43a/to-92). unit a references outline version european projection issue date iec jedec jeita mm 5.2 5.0 b 0.48 0.40 c 0.45 0.38 d 4.8 4.4 d 1.7 1.4 e 4.2 3.6 l 14.5 12.7 e 2.54 e 1 1.27 l 1 (1) max. 2.5 b 1 0.66 0.55 dimensions (mm are the original dimensions) note 1. terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. sot54 to-92 sc-43a 04-06-28 04-11-16 a l 0 2.5 5 mm scale b c d b 1 l 1 d e plastic single-ended leaded (through hole) package; 3 leads sot54 e 1 e 1 2 3
9397 750 14023 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 05 21 february 2005 14 of 19 philips semiconductors bc807; bc807w; bc327 45 v, 500 ma pnp general-purpose transistors fig 16. package outline sot54a. unit a references outline version european projection issue date iec jedec jeita mm 5.2 5.0 b 0.48 0.40 c 0.45 0.38 d 4.8 4.4 d 1.7 1.4 e 4.2 3.6 l 14.5 12.7 3 2 e 5.08 e 1 l 2 2.54 l 1 (1) max. 3 b 1 0.66 0.55 dimensions (mm are the original dimensions) note 1. terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. sot54a 97-05-13 04-06-28 a l 0 2.5 5 mm scale b c d b 1 l 1 l 2 d e plastic single-ended leaded (through hole) package; 3 leads (wide pitch) sot54a e 1 e 1 2 3
9397 750 14023 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 05 21 february 2005 15 of 19 philips semiconductors bc807; bc807w; bc327 45 v, 500 ma pnp general-purpose transistors fig 17. package outline sot54 variant. unit a references outline version european projection issue date iec jedec jeita mm 5.2 5.0 b 0.48 0.40 c 0.45 0.38 d 4.8 4.4 d 1.7 1.4 e 4.2 3.6 l 14.5 12.7 e 2.54 e 1 1.27 l 1 (1) max l 2 max 2.5 2.5 b 1 0.66 0.55 dimensions (mm are the original dimensions) note 1. terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. sot54 variant a l 0 2.5 5 mm scale b c d b 1 l 1 d e plastic single-ended leaded (through hole) package; 3 leads (on-circle) sot54 variant 1 2 3 l 2 e 1 e e 1 04-06-28 05-01-10
9397 750 14023 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 05 21 february 2005 16 of 19 philips semiconductors bc807; bc807w; bc327 45 v, 500 ma pnp general-purpose transistors 9. packing information [1] for further information and the availability of packing methods, see section 14 . table 9: packing methods the indicated -xxx are the last three digits of the 12nc ordering code. [1] type number package description packing quantity 3000 5000 10000 bc807 sot23 4 mm pitch, 8 mm tape and reel -215 - -235 bc807w sot323 4 mm pitch, 8 mm tape and reel -115 - -135 bc327 sot54 bulk, straight leads - -412 - bc327 sot54a tape and reel, wide pitch - - -116 bc327 sot54a tape ammopack, wide pitch - - -126 bc327 sot 54 variant bulk, delta pinning (on-circle) - -112 -
9397 750 14023 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 05 21 february 2005 17 of 19 philips semiconductors bc807; bc807w; bc327 45 v, 500 ma pnp general-purpose transistors 10. revision history table 10: revision history document id release date data sheet status change notice doc. number supersedes bc807_bc807w_ bc327_5 20050221 product data sheet cpcn200302007f cpcn200405006f 9397 750 14023 bc807_4; bc807w_3; bc327_3 modi?cations: ? the format of the data sheet has been redesigned to comply with the new presentation and information standard of philips semiconductors. ? this data sheet is a combination of the previous data sheets bc807_4, bc807w_3 and bc327_3. ? t ab le 1 and 2 added ? t ab le 3 discrete pinning for sot54a and sot54 variant added ? t ab le 5 marking codes for bc327, bc327-16, bc327-25 and bc327-40 added ? t ab le 8 typical value for c c changed to 5 pf according to cpcn200302007f1 ? figure 1 , 2 and 3 amended ? figure 4 , 5 , 6 , 7 , 8 , 9 , 10 , 11 and 12 added ? figure 15 changed according to cpcn200405006f ? figure 16 and 17 added ? section 9 added bc807_4 20040116 product speci?cation - 9397 750 12393 bc807_3 bc807w_3 19990518 product speci?cation - 9397 750 05954 bc807w_808w_ cnv_2 bc327_3 19990415 product speci?cation - 9397 750 05675 bc327_2
philips semiconductors bc807; bc807w; bc327 45 v, 500 ma pnp general-purpose transistors 9397 750 14023 ? koninklijke philips electronics n.v. 2005. all rights reserved. product data sheet rev. 05 21 february 2005 18 of 19 11. data sheet status [1] please consult the most recently issued data sheet before initiating or completing a design. [2] the product status of the device(s) described in this data sheet may have changed since this data sheet was published. the l atest information is available on the internet at url http://www.semiconductors.philips.com. [3] for data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. 12. de?nitions short-form speci?cation the data in a short-form speci?cation is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values de?nition limiting values given are in accordance with the absolute maximum rating system (iec 60134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors make no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. 13. disclaimers life support these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips semiconductors for any damages resulting from such application. right to make changes philips semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. when the product is in full production (status production), relevant changes will be communicated via a customer product/process change noti?cation (cpcn). philips semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise speci?ed. 14. contact information for additional information, please visit: http://www.semiconductors.philips.com for sales of?ce addresses, send an email to: sales.addresses@www.semiconductors.philips.com level data sheet status [1] product status [2] [3] de?nition i objective data development this data sheet contains data from the objective speci?cation for product development. philips semiconductors reserves the right to change the speci?cation in any manner without notice. ii preliminary data quali?cation this data sheet contains data from the preliminary speci?cation. supplementary data will be published at a later date. philips semiconductors reserves the right to change the speci?cation without notice, in order to improve the design and supply the best possible product. iii product data production this data sheet contains data from the product speci?cation. philips semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. relevant changes will be communicated via a customer product/process change noti?cation (cpcn).
? koninklijke philips electronics n.v. 2005 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. date of release: 21 february 2005 document number: 9397 750 14023 published in the netherlands philips semiconductors bc807; bc807w; bc327 45 v, 500 ma pnp general-purpose transistors 15. contents 1 product pro?le . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 general description. . . . . . . . . . . . . . . . . . . . . . 1 1.2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.4 quick reference data. . . . . . . . . . . . . . . . . . . . . 1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 3 ordering information . . . . . . . . . . . . . . . . . . . . . 3 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 5 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 6 thermal characteristics. . . . . . . . . . . . . . . . . . . 4 7 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 8 package outline . . . . . . . . . . . . . . . . . . . . . . . . 11 9 packing information. . . . . . . . . . . . . . . . . . . . . 16 10 revision history . . . . . . . . . . . . . . . . . . . . . . . . 17 11 data sheet status . . . . . . . . . . . . . . . . . . . . . . . 18 12 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 13 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 14 contact information . . . . . . . . . . . . . . . . . . . . 18


▲Up To Search▲   

 
Price & Availability of C32725

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X