Part Number Hot Search : 
1H100 B2567 AT1312C SB206 LM267 GS711 1N4740 FMMTA20
Product Description
Full Text Search
 

To Download BZX84C43-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lead-free ds30370 rev. 5 - 2 1 of 3 bzx84c43 - bzx84c 51 www.diodes.co m ? diodes incorporated bzx84c 43 - bzx84c 51 350mw surface mo unt zener dio de features planar die construction 350mw power dissipation zener voltages from 43v - 51v ideally suited for automated assembly process es lead free /rohs co mpliant (note 3 ) mechanical data a e j l t o p v i e w m b c h g d k characteristic symbol value unit forward voltage @ i f = 10ma v f 0.9 v power dissipation (note 1) p d 300 mw power dissipation (note 2) p d 350 mw thermal resistance, j unction to ambient air (note 1) r q ja 417 c/w thermal resistance, j unction to ambient air (note 2) r q ja 357 c/w operating and storage temperature range t j , t stg -65 to +150 c notes: 1. device mounted on fr-4 pc board with recommended pad layout, which can be found on our webs ite at http :// www .diodes.com/ datasheets /ap02001. pdf . 2. valid provided the terminals are kept at ambient t emperature. 3. no purposefully added lead. maximum ratings @ t a = 25 c unless otherwise s pecified sot-23 dim min max a 0.37 0.51 b 1.20 1.40 c 2.30 2.50 d 0.89 1.03 e 0.45 0.60 g 1.78 2.05 h 2.80 3.00 j 0.013 0.10 k 0.903 1.10 l 0.45 0.61 m 0.085 0.180 a 0 8 all dimensions in m m case: sot-23 case material: molded pl astic. ul flamm ability classification rating 94v-0 moisture sensitivity: level 1 per j-std-020c terminals: solderable per mil-std-202, method 208 lead free plating (matte tin finish annealed over alloy 42 leadframe). please see order ing information, note 7, on page 3 polarity: see diagram marking: type code and date code, see page 3 type code: see table on page 2 weight: 0.008 grams (approximate) top view
ds30370 rev. 5 - 2 2 of 3 bzx84c43 - bzx84c 51 www.diodes.co m electri cal character isti cs @ t a = 25 c unless otherwise s pecified notes: 4. f = 1khz. 5. short duration t est pulse used to minimize s elf-heating ef fect. type number type code zener v oltage range (note 5) maximum ze ner impedance (note 4) maximum reverse current (note 5) typical temperat ure coefficient @ i zt mv/ c v z @ i zt i zt z zt @ i zt z zk @ i zk i r v r min max nom (v) min (v) max (v) (ma) ( w ) ( w ) (ma) ( m a) (v) bzx84c43 y15/ kyf 43 40.0 46.0 2.0 150 375 0.5 0.1 30.1 10.0 12.0 bzx84c47 y16/ kyg 47 44.0 50.0 2.0 170 375 0.5 0.1 32.9 10.0 12.0 bzx84c51 y17/ kyh 51 48.0 54.0 2.0 180 400 0.5 0.1 35.7 10.0 12.0 40 0 t , a m bi en t t em pe ra tu re , ( c ) a fi g. 1 p ow er d er at in g c ur ve p , p o w e r d i s s i p a t i o n ( m w ) d 20 0 10 0 30 0 0 50 0 0 10 0 20 0 no te 1 no te 2 0 2 4 6 8 1 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 i , z e n e r c u r r e n t ( m a ) z v , z e n e r v o l t a g e ( v ) z f ig . 2 z e n e r b re a kd o w n c h a ra ct e ri st ic s t = 25 c j t es t c ur re nt i z 2m a c4 3 c4 7 c5 1 c , t o t a l c a p a c i t a n c e ( p f ) t 1 1 0 1 0 0 1 0 0 1 0 v , n o m i n a l z e n e r v o l t a g e ( v ) z f i g . 3 t o t a l c a p a c i t a n c e v s n o m i n a l z e n e r v o l t a g e t = 2 5 c j f = 1 m h z v = 1 v r v = 2 v r
ds30370 rev. 5 - 2 3 of 3 bzx84c43 - bzx84c 51 www.diodes.co m notes: 6. for packaging details, go to our website at http :// www .diodes.com/ datasheets /ap02007. pdf . orderi ng inform ation (note 6) month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d date code key kxx = product type marking code (see page 2) ym = date code marking y = year ex: t = 2006 m = month ex: 9 = september k x x y m marking i nformat ion (thi s part may be m arked as figure a or b bel ow) year 2006 2007 2008 2009 2010 2011 2012 code t u v w x y z device packaging shipping (type number) -7-f sot-23 3000/tape & reel * add ?-7? to t he appropriate type number in table 1 (on page 2). example: 43v zener = BZX84C43-7-F. figure a month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d year 2006 2007 2008 2009 2010 2011 2012 code m n p r s t u date code key figure b y m x x xx = product type marking code (see page 2) ym = date code marking y = year ex: t = 2006 m = month ex: 9 = september i m p o r t a n t n o t i c e d i o d e s i n c o r p o r a t e d a n d i t s s u b s i d i a r i e s r e s e r v e t h e r i g h t t o m a k e m o d i f i c a t i o n s , e n h a n c e m e n t s , i m p r o v e m e n t s , c o r r e c t i o n s o r o t h e r c h a n g e s w i t h o u t f u r t h e r n o t i c e t o a n y p r o d u c t h e r e i n . d i o d e s i n c o r p o r a t e d d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g o u t o f t h e a p p l i c a t i o n o r u s e o f a n y p r o d u c t d e s c r i b e d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y l i c e n s e u n d e r i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f p r o d u c t s i n s u c h a p p l i c a t i o n s s h a l l a s s u m e a l l r i s k s o f s u c h u s e a n d w i l l a g r e e t o h o l d d i o d e s i n c o r p o r a t e d a n d a l l t h e c o m p a n i e s w h o s e p r o d u c t s a r e r e p r e s e n t e d o n o u r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s . l i f e s u p p o r t d i o d e s i n c o r p o r a t e d p r o d u c t s a r e n o t a u t h o r i z e d f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u p p o r t d e v i c e s o r s y s t e m s w i t h o u t t h e e x p r e s s e d w r i t t e n a p p r o v a l o f t h e p r e s i d e n t o f d i o d e s i n c o r p o r a t e d .


▲Up To Search▲   

 
Price & Availability of BZX84C43-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X